Part Number Hot Search : 
922320VS UPC2807A M37100M8 NCP16 2SA1429 2SB873 D1025 KK431
Product Description
Full Text Search
 

To Download ADM8660ARZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMOS Switched-Capacitor Voltage Converters ADM660/ADM8660
FEATURES ADM660: Inverts or Doubles Input Supply Voltage ADM8660: Inverts Input Supply Voltage 100 mA Output Current Shutdown Function (ADM8660) 2.2 F or 10 F Capacitors 0.3 V Drop at 30 mA Load +1.5 V to +7 V Supply Low Power CMOS: 600 A Quiescent Current Selectable Charge Pump Frequency (25 kHz/120 kHz) Pin Compatible Upgrade for MAX660, MAX665, ICL7660 Available in 16-Lead TSSOP Package APPLICATIONS Handheld Instruments Portable Computers Remote Data Acquisition Op Amp Power Supplies GENERAL DESCRIPTION TYPICAL CIRCUIT CONFIGURATIONS
+1.5V TO +7V INPUT
FC
V+
ADM660
OSC LV OUT C2 +10 F INVERTED NEGATIVE OUTPUT
CAP+ C1 + 10 F GND CAP-
Voltage Inverter Configuration (ADM660)
+1.5V TO +7V INPUT FC C1 + 10 F SHUTDOWN CONTROL
ADM8660
V+
CAP+ GND CAP- SD LV OUT C2 +10 F INVERTED NEGATIVE OUTPUT
The ADM660/ADM8660 is a charge-pump voltage converter that can be used to either invert the input supply voltage giving VOUT = -VIN or double it (ADM660 only) giving VOUT = 2 VIN. Input voltages ranging from +1.5 V to +7 V can be inverted into a negative -1.5 V to -7 V output supply. This inverting scheme is ideal for generating a negative rail in single power supply systems. Only two small external capacitors are needed for the charge pump. Output currents up to 50 mA with greater than 90% efficiency are achievable, while 100 mA achieves greater than 80% efficiency. A Frequency Control (FC) input pin is used to select either 25 kHz or 120 kHz charge-pump operation. This is used to optimize capacitor size and quiescent current. With 25 kHz selected, a 10 F external capacitor is suitable, while with 120 kHz the capacitor may be reduced to 2.2 F. The oscillator frequency on the ADM660 can also be controlled with an external capacitor connected to the OSC input or by driving this input with an external clock. In applications where a higher supply voltage is desired it is possible to use the ADM660 to double the input voltage. With input voltages from 2.5 V to 7 V, output voltages from 5 V to 14 V are achievable with up to 100 mA output current. The ADM8660 features a low power shutdown (SD) pin instead of the external oscillator (OSC) pin. This can be used to disable the device and reduce the quiescent current to 300 nA.
Voltage Inverter Configuration with Shutdown (ADM8660)
The ADM660 is a pin compatible upgrade for the MAX660, MAX665, ICL7660, and LTC1046. The ADM660/ADM8660 is available in 8-lead DIP and narrow-body SOIC. The ADM660 is also available in a 16-lead TSSOP package.
ADM660/ADM8660 Options
Option Inverting Mode Doubling Mode External Oscillator Shutdown Package Options R-8 N-8 RU-16
ADM660 Y Y Y N Y Y Y
ADM8660 Y N N Y Y Y N
REV. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2002 Analog Devices, Inc. All rights reserved.
(V+ = +5 noted.) ADM660/ADM8660-SPECIFICATIONS otherwise V, C1, C2 = 10
Parameter Input Voltage, V+ 3.5 1.5 2.5 Supply Current 0.6 2.5 Output Current Output Resistance (ADM660) Output Resistance (ADM8660) Output Resistance (ADM8660) Charge-Pump Frequency OSC Input Current Power Efficiency (FC = Open) (ADM660) Power Efficiency (FC = Open) (ADM8660) Power Efficiency (FC = Open) (ADM8660) Power Efficiency (FC = Open) (ADM660) Power Efficiency (FC = Open) (ADM8660) Power Efficiency (FC = Open) (ADM8660) Power Efficiency (FC = Open) Voltage Conversion Efficiency Shutdown Supply Current, ISHDN Shutdown Input Voltage, VSHDN Shutdown Exit Time
*C1 and C2 are low ESR (<0.2 W) electrolytic capacitors. High ESR degrade performance. Specifications subject to change without notice.
F,* TA = TMIN to TMAX, unless
Min
Typ
Max 7.0 7.0 7.0 1 4.5 15 15 16.5
Unit V V V mA mA mA W W W kHz kHz mA mA % % %
Test Conditions/Comments RL = 1 kW Inverting Mode, LV = Open Inverting Mode, LV = GND Doubling Mode, LV = OUT No Load FC = Open (ADM660), GND (ADM8660) FC = V+, LV = Open IL = 100 mA IL = 100 mA, TA = 25C IL = 100 mA, TA = -40C to +85C FC = Open (ADM660), GND (ADM8660) FC = V+ FC = Open (ADM660), GND (ADM8660) FC = V+ RL = 1 kW Connected from V+ to OUT RL = 1 kW Connected from V+ to OUT, TA = +25C RL = 1 kW Connected from V+ to OUT, TA = -40C to +85C RL = 500 W Connected from OUT to GND RL = 500 W Connected from OUT to GND, TA = +25C RL = 500 W Connected from OUT to GND, TA = -40C to +85C IL = 100 mA to GND No Load ADM8660, SHDN = V+ SHDN High = Disabled SHDN Low = Enabled IL = 100 mA
100 9 9 25 120 5 25 90 90 88.5 90 90 88.5 81.5 99 2.4 0.8 500 99.96 0.3 5 93 93 94 94
% % % % % mA V V ms
-2-
REV. B
ADM660/ADM8660
ABSOLUTE MAXIMUM RATINGS*
(TA = +25C, unless otherwise noted.)
Input Voltage (V+ to GND, GND to OUT) . . . . . . . . +7.5 V LV Input Voltage . . . . . . . . . . (OUT - 0.3 V) to (V+, +0.3 V) FC and OSC Input Voltage . . . . . . . . . . . (OUT - 0.3 V) or (V+, -6 V) to (V+, +0.3 V) OUT, V+ Output Current (Continuous) . . . . . . . . . . . 120 mA Output Short Circuit Duration to GND . . . . . . . . . . . 10 secs Power Dissipation, N-8 . . . . . . . . . . . . . . . . . . . . . . . 625 mW (Derate 8.3 mW/C above +50C) JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 120C/W Power Dissipation, R-8 . . . . . . . . . . . . . . . . . . . . . . . 450 mW (Derate 6 mW/C above +50C) JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 170C/W
Power Dissipation, RU-16 . . . . . . . . . . . . . . . . . . . . . 500 mW (Derate 6 mW/C above +50C) JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 158C/W Operating Temperature Range Industrial (A Version) . . . . . . . . . . . . . . . . - 40C to +85C Storage Temperature Range . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300C Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220C ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2000 V
*This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model ADM660AN ADM660AR ADM660ARU ADM8660AN ADM8660AR
Temperature Range -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C
Package Options* N-8 R-8 RU-16 N-8 R-8
*N = Plastic DIP; RU = Thin Shrink Small Outline; RN = Small Outline.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADM660/ADM8660 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
REV. B
-3-
ADM660/ADM8660
PIN CONNECTIONS 8-Lead
FC 1 CAP+ 2 8 V+ FC 1 CAP+ 2 8 V+
ADM660
7 OSC
TOP VIEW GND 3 (Not to Scale) 6 LV CAP- 4 5 OUT
7 SD TOP VIEW GND 3 (Not to Scale) 6 LV 5 OUT
ADM8660
CAP- 4
16-Lead
NC 1 NC 2 FC 3 CAP+ 4 GND 5 CAP- 6 NC 7 NC 8 16 NC 15 NC
ADM660
14 V+
TOP VIEW 13 OSC (Not to Scale) 12 LV 11 OUT 10 NC 9 NC
NC = NO CONNECT
PIN FUNCTION DESCRIPTIONS Inverter Configuration Doubler Configuration (ADM660 Only)
Mnemonic FC
Function Frequency Control Input for Internal Oscillator and Charge Pump. With FC = Open (ADM660) or connected to GND (ADM8660), fCP = 25 kHz; with FC = V+, fCP = 120 kHz. Positive Charge-Pump Capacitor Terminal. Power Supply Ground. Negative Charge-Pump Capacitor Terminal. Output, Negative Voltage. Low Voltage Operation Input. Connect to GND when input voltage is less than 3.5 V. Above 3.5 V, LV may be connected to GND or left unconnected. ADM660: Oscillator Control Input. OSC is connected to an internal 15 pF capacitor. An external capacitor may be connected to slow the oscillator. An external oscillator may also be used to overdrive OSC. The charge-pump frequency is equal to 1/2 the oscillator frequency. ADM8660: Shutdown Control Input. This input, when high, is used to disable the charge pump thereby reducing the power consumption. Positive Power Supply Input.
Mnemonic FC
Function Frequency Control Input for Internal Oscillator and Charge Pump. With FC = Open, fCP = 25 kHz; with FC = V+, fCP = 120 kHz. Positive Charge-Pump Capacitor Terminal. Positive Input Supply. Negative Charge-Pump Capacitor Terminal. Ground. Low Voltage Operation Input. Connect to OUT. Must be left unconnected in this mode. Doubled Positive Output.
CAP+ GND CAP- OUT LV OSC V+
CAP+ GND CAP- OUT LV
OSC
SD
V+
-4-
REV. B
Typical Performance Characteristics-ADM660/ADM8660
3.0
100 IL = 10mA 90
2.5
SUPPLY CURRENT - mA
POWER EFFICIENCY - %
VOLTAGE DOUBLER LV = OUT 2.0
80 70 60 50
IL = 1mA
1.5
IL = 50mA
1.0 LV = GND 0.5 LV = OPEN 0 1.5
IL = 80mA 40 30
3.5 7 5.5 SUPPLY VOLTAGE - Volts
.5
1k
10k 100k CHARGE-PUMP FREQUENCY - Hz
1M
TPC 1. Power Supply Current vs. Voltage
TPC 4. Efficiency vs. Charge-Pump Frequency
-3.0 EFFICIENCY -3.4
OUTPUT VOLTAGE - Volts
100
3.5 3.0
80
SUPPLY CURRENT - mA
2.5 2.0 LV = GND VOLTAGE DOUBLER 1.5 1.0 0.5
-3.8
60
-4.2 VOUT -4.6
40
20
LV = GND VOLTAGE INVERTER 1 100 10 CHARGE-PUMP FREQUENCY - kHz 1000
EFFICIENCY - %
-5.0 0 20 40 60 LOAD CURRENT - mA 80
0 100
0
TPC 2. Output Voltage and Efficiency vs. Load Current
TPC 5. Power Supply Current vs. Charge-Pump Frequency
120 V+ = +6.5V V+ = +5.5V V+ = +4.5V
1.6
OUTPUT VOLTAGE DROP FROM SUPPLY VOLTAGE - Volts
100 1.2 V+ = +3.5V
EFFICIENCY - %
80 V+ = +3.5V 60 V+ = +1.5V 40 V+ = +2.5V
V+ = +2.5V 0.8 V+ = +1.5V V+ = +5.5V 0.4
V+ = +4.5V
20
0
0
20
40 60 LOAD CURRENT - mA
80
100
0
0
20
40 60 LOAD CURRENT - mA
80
100
TPC 3. Output Voltage Drop vs. Load Current
TPC 6. Power Efficiency vs. Load Current
REV. B
-5-
ADM660/ADM8660
5.0 4.5 4.0 LOAD = 1mA LOAD = 10mA
35 30 25 20 15 10 5 0 -40 LV = GND FC = OPEN C1, C2 = 10 F
3.5 LOAD = 50mA 3.0 2.5 2.0 1.5 1.0 0.5 0 1 10 100 CHARGE-PUMP FREQUENCY - kHz 1000 LOAD = 80mA
CHARGE-PUMP FREQUENCY - kHz
OUTPUT VOLTAGE - Volts
-20
0
20 40 TEMPERATURE - C
60
80
TPC 7. Output Voltage vs. Charge-Pump Frequency
TPC 10. Charge-Pump Frequency vs. Temperature
30
1k
CHARGE-PUMP FREQUENCY - kHz
OUTPUT SOURCE RESISTANCE -
25
100
FC = V+ LV = GND
20
15
10
FC = OPEN LV = GND
10
1
5
0 1.5
2.5
3.5 4.5 SUPPLY VOLTAGE - Volts
5.5
6.5
0.1 1
10 100 CAPACITANCE - pF
1k
TPC 8. Output Source Resistance vs. Supply Voltage
TPC 11. Charge-Pump Frequency vs. External Capacitance
140
30
CHARGE-PUMP FREQUENCY - kHz
LV = GND LV = OPEN 20 FC = OPEN OSC = OPEN C1, C2 = 10 F 10
LV = GND
CHARGE-PUMP FREQUENCY - kHz
120 100 LV = OPEN 80 60 40 20 0 3 FC = V+ OSC = OPEN C1,C2 = 2.2 F
0 1.5
2.5
3.5 5.5 4.5 SUPPLY VOLTAGE - Volts
6.5
3.5
4
4.5 5 5.5 6 SUPPLY VOLTAGE - Volts
6.5
7
TPC 9. Charge-Pump Frequency vs. Supply Voltage
TPC 12. Charge-Pump Frequency vs. Supply Voltage
-6-
REV. B
ADM660/ADM8660
160 140
60
CHARGE-PUMP FREQUENCY - kHz
50
120 100 80 60 40 20 0 -40 LV = GND FC = V+ C1, C2 = 2.2 F
OUTPUT SOURCE RESISTANCE -
40
30
V+ = +1.5V
20 V+ = +3V 10 V+ = +5V
-20
0
20 40 60 TEMPERATURE - C
80
100
0 -40
-20
0
20 40 60 TEMPERATURE - C
80
100
TPC 13. Charge-Pump Frequency vs. Temperature
TPC 14. Output Resistance vs. Temperature
GENERAL INFORMATION
Switched Capacitor Theory of Operation
The ADM660/ADM8660 is a switched capacitor voltage converter that can be used to invert the input supply voltage. The ADM660 can also be used in a voltage doubling mode. The voltage conversion task is achieved using a switched capacitor technique using two external charge storage capacitors. An onboard oscillator and switching network transfers charge between the charge storage capacitors. The basic principle behind the voltage conversion scheme is illustrated in Figures 1 and 2.
S1 V+ S2 CAP+ S3
As already described, the charge pump on the ADM660/ADM8660 uses a switched capacitor technique in order to invert or double the input supply voltage. Basic switched capacitor theory is discussed below. A switched capacitor building block is illustrated in Figure 3. With the switch in position A, capacitor C1 will charge to voltage V1. The total charge stored on C1 is q1 = C1V1. The switch is then flipped to position B discharging C1 to voltage V2. The charge remaining on C1 is q2 = C1V2. The charge transferred to the output V2 is, therefore, the difference between q1 and q2, so q = q1-q2 = C1 (V1-V2).
V1 A B C2 RL V2
+
C1 S4
CAP- 1 2 +2 OSCILLATOR
+
OUT = -V+ C2
Figure 1. Voltage Inversion Principle
S1 V+ S2 CAP+ S3 VOUT = 2V+
C1
Figure 3. Switched Capacitor Building Block
+
V+ C2
+
C1 S4
CAP- 1 2 +2 OSCILLATOR
As the switch is toggled between A and B at a frequency f, the charge transfer per unit time or current is:
I = f (q) = f (C1)(V1 - V 2)
Therefore, I = (V1 - V 2)/(1 / fC1) = (V1 - V 2)/(R EQ ) where REQ = 1/fC1 The switched capacitor may, therefore, be replaced by an equivalent resistance whose value is dependent on both the capacitor size and the switching frequency. This explains why lower capacitor values may be used with higher switching frequencies. It should be remembered that as the switching frequency is increased the power consumption will increase due to some charge being lost at each switching cycle. As a result, at high frequencies, the power efficiency starts decreasing. Other losses include the resistance of the internal switches and the equivalent series resistance (ESR) of the charge storage capacitors.
REQ V1 C2 REQ = 1/fC1 RL V2
Figure 2. Voltage Doubling Principle
Figure 1 shows the voltage inverting configuration, while Figure 2 shows the configuration for voltage doubling. An oscillator generating antiphase signals 1 and 2 controls switches S1, S2, and S3, S4. During 1, switches S1 and S2 are closed charging C1 up to the voltage at V+. During 2, S1 and S2 open and S3 and S4 close. With the voltage inverter configuration during 2, the positive terminal of C1 is connected to GND via S3 and the negative terminal of C1 connects to VOUT via S4. The net result is voltage inversion at VOUT wrt GND. Charge on C1 is transferred to C2 during 2. Capacitor C2 maintains this voltage during 1. The charge transfer efficiency depends on the onresistance of the switches, the frequency at which they are being switched, and also on the equivalent series resistance (ESR) of the external capacitors. The reason for this is explained in the following section. For maximum efficiency, capacitors with low ESR are, therefore, recommended. The voltage doubling configuration reverses some of the connections, but the same principle applies. REV. B -7-
Figure 4. Switched Capacitor Equivalent Circuit
ADM660/ADM8660
Inverting Negative Voltage Generator Table II. ADM8660 Charge-Pump Frequency Selection
Figures 5 and 6 show the ADM660/ADM8660 configured to generate a negative output voltage. Input supply voltages from 1.5 V up to 7 V are allowable. For supply voltage less than 3 V, LV must be connected to GND. This bypasses the internal regulator circuitry and gives best performance in low voltage applications. With supply voltages greater than 3 V, LV may be either connected to GND or left open. Leaving it open facilitates direct substitution for the ICL7660.
+1.5V TO +7V INPUT FC C1 + 10 F CAP+ GND CAP-
FC GND V+ GND or V+ GND
OSC Open Open Ext Cap Ext CLK
Charge Pump
C1, C2
25 kHz 10 F 120 kHz 2.2 F See Typical Characteristics Ext CLK Frequency/2
+1.5V TO +7V INPUT
CLK OSC
FC
ADM660 ADM8660
V+ OSC LV OUT
CMOS GATE
ADM660
V+ OSC LV OUT C2 INVERTED NEGATIVE OUTPUT
+
C1
CAP+ GND CAP-
+
C2
INVERTED NEGATIVE OUTPUT
+10 F
Figure 5. ADM660 Voltage Inverter Configuration
+1.5V TO +7V INPUT FC C1 + 10 F SHUTDOWN CONTROL CAP+ GND CAP- SD LV OUT C2 +10 F INVERTED NEGATIVE OUTPUT
Figure 7. ADM660/ADM8660 External Oscillator
Voltage Doubling Configuration
ADM8660
V+
Figure 8 shows the ADM660 configured to generate increased output voltages. As in the inverting mode, only two external capacitors are required. The doubling function is achieved by reversing some connections to the device. The input voltage is applied to the GND pin and V+ is used as the output. Input voltages from 2.5 V to 7 V are allowable. In this configuration, pins LV, OUT must be connected to GND. The unloaded output voltage in this configuration is 2 (VIN). Output resistance and ripple are similar to the voltage inverting configuration. Note that the ADM8660 cannot be used in the voltage doubling configuration.
FC +2.5V TO +7V INPUT
Figure 6. ADM8660 Voltage Inverter Configuration
OSCILLATOR FREQUENCY
+
CAP+ 10 F GND CAP-
LV OUT
If a charge-pump frequency other than the two fixed values is desired, this is made possible by the OSC input, which can either have a capacitor connected to it or be overdriven by an external clock. Refer to the Typical Performance Characteristics, which shows the variation in charge-pump frequency versus capacitor size. The charge-pump frequency is one-half the oscillator frequency applied to the OSC pin. If an external clock is used to overdrive the oscillator, its levels should swing to within 100 mV of V+ and GND. A CMOS driver is, therefore, suitable. When OSC is overdriven, FC has no effect but LV must be grounded. Note that overdriving is permitted only in the voltage inverter configuration.
Table I. ADM660 Charge-Pump Frequency Selection
Figure 8. Voltage Doubler Configuration
Shutdown Input
The ADM8660 contains a shutdown input that can be used to disable the device and thus reduce the power consumption. A logic high level on the SD input shuts the device down reducing the quiescent current to 0.3 A. During shutdown, the output voltage goes to 0 V. Therefore, ground referenced loads are not powered during this state. When exiting shutdown, it takes several cycles (approximately 500 s) for the charge pump to reach its final value. If the shutdown function is not being used, then SD should be hardwired to GND.
Capacitor Selection
FC Open V+ Open or V+ Open
OSC Open Open Ext Cap Ext CLK
Charge Pump
C1, C2
25 kHz 10 F 120 kHz 2.2 F See Typical Characteristics Ext CLK Frequency/2 -8-
The optimum capacitor value selection depends the charge-pump frequency. With 25 kHz selected, 10 F capacitors are recommended, while with 120 kHz selected, 2.2 F capacitors may be used. Other frequencies allow other capacitor values to be used. For maximum efficiency in all cases, it is recommended that capacitors with low ESR are used for the charge-pump. Low ESR capacitors give both the lowest output resistance and lowest ripple voltage. High output resistance degrades the overall power efficiency and causes voltage drops, especially at high output
+
The internal charge-pump frequency may be selected to be either 25 kHz or 120 kHz using the Frequency Control (FC) input. With FC unconnected (ADM660) or connected to GND (ADM8660), the internal charge pump runs at 25 kHz while, if FC is connected to V+, the frequency is increased by a factor of five. Increasing the frequency allows smaller capacitors to be used for equivalent performance or, if the capacitor size is unchanged, it results in lower output impedance and ripple.
ADM660
V+ OSC
10 F
DOUBLED POSITIVE OUTPUT
REV. B
ADM660/ADM8660
current levels. The ADM660/ADM8660 is tested using low ESR, 10 F, capacitors for both C1 and C2. Smaller values of C1 increase the output resistance, while increasing C1 will reduce the output resistance. The output resistance is also dependent on the internal switches on resistance as well as the capacitors ESR, so the effect of increasing C1 becomes negligible past a certain point. Figure 9 shows how the output resistance varies with oscillator frequency for three different capacitor values. At low oscillator frequencies, the output impedance is dominated by the 1/fC term. This explains why the output impedance is higher for smaller capacitance values. At high oscillator frequencies, the 1/fC term becomes insignificant and the output impedance is dominated by the internal switches on resistance. From an output impedance viewpoint, therefore, there is no benefit to be gained from using excessively large capacitors.
500 C1 = C2 = 2.2 F 400
Capacitor C2
The output capacitor size C2 affects the output ripple. Increasing the capacitor size reduces the peak-to-peak ripple. The ESR affects both the output impedance and the output ripple. Reducing the ESR reduces the output impedance and ripple. For convenience it is recommended that both C1 and C2 be the same value.
Table III. Capacitor Selection
Charge-Pump Frequency 25 kHz 120 kHz
Capacitor C1, C2 10 F 2.2 F
Power Efficiency and Oscillator Frequency Trade-Off
OUTPUT RESISTANCE -
300 C1 = C2 = 1 F 200 C1 = C2 = 10 F 100
While higher switching frequencies allow smaller capacitors to be used for equivalent performance, or improved performance with the same capacitors, there is a trade-off to consider. As the oscillator frequency is increased, the quiescent current increases. This happens as a result of a finite charge being lost at each switching cycle. The charge loss per unit cycle at very high frequencies can be significant, thereby reducing the power efficiency. Since the power efficiency is also degraded at low oscillator frequencies due to an increase in output impedance, this means that there is an optimum frequency band for maximum power transfer. Refer to the Typical Performance Characteristics section.
Bypass Capacitor
0 0.1
1 10 OSCILLATOR FREQUENCY - kHz
100
Figure 9. Output Impedance vs. Oscillator Frequency
The ac impedance of the ADM660/ADM8660 may be reduced by using a bypass capacitor on the input supply. This capacitor should be connected between the input supply and GND. It will provide instantaneous current surges as required. Suitable capacitors of 0.1 F or greater may be used.
REV. B
-9-
ADM660/ADM8660
OUTLINE DIMENSIONS
8-Lead Plastic Dual-in-Line Package [PDIP] (N-8)
Dimensions shown in inches and (millimeters)
0.375 (9.53) 0.365 (9.27) 0.355 (9.02)
8 5
8-Lead Standard Small Outline Package [SOIC] Narrow Body (R-8)
Dimensions shown in millimeters and (inches)
5.00 (0.1968) 4.80 (0.1890)
1
4
0.295 (7.49) 0.285 (7.24) 0.275 (6.98)
8
5 4
0.100 (2.54) BSC
0.180 (4.57) MAX 0.015 (0.38) MIN SEATING PLANE 0.060 (1.52) 0.050 (1.27) 0.045 (1.14)
0.325 (8.26) 0.310 (7.87) 0.300 (7.62)
4.00 (0.1574) 3.80 (0.1497)
0.150 (3.81) 0.135 (3.43) 0.120 (3.05)
1
6.20 (0.2440) 5.80 (0.2284)
1.27 (0.0500) BSC 0.25 (0.0098) 0.10 (0.0040)
1.75 (0.0688) 1.35 (0.0532) 8 0.25 (0.0098) 0 0.19 (0.0075)
0.50 (0.0196) 0.25 (0.0099)
45
0.150 (3.81) 0.130 (3.30) 0.110 (2.79) 0.022 (0.56) 0.018 (0.46) 0.014 (0.36)
0.015 (0.38) 0.010 (0.25) 0.008 (0.20)
COPLANARITY SEATING 0.10 PLANE
0.51 (0.0201) 0.33 (0.0130)
1.27 (0.0500) 0.41 (0.0160)
COMPLIANT TO JEDEC STANDARDS MO-095AA CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-012AA CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
16-Lead Thin Shrink Small Outline Package [TSSOP] (RU-16)
Dimensions shown in millimeters
5.10 5.00 4.90
16
9
4.50 4.40 4.30
1 8
6.40 BSC
PIN 1 1.20 MAX 0.20 0.09 0.65 BSC 0.30 0.19 COPLANARITY 0.10 SEATING PLANE 8 0 0.75 0.60 0.45
0.15 0.05
COMPLIANT TO JEDEC STANDARDS MO-153AB
-10-
REV. B
ADM660/ADM8660 Revision History
Location 12/02--Data Sheet changed from REV. A to REV. B. Page
Renumbered TPCs and Figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . UNIVERSAL Edits to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Updated ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
REV. B
-11-
-12-
C00082-0-12/02(B)
PRINTED IN U.S.A.
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of ADM8660ARZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X