Part Number Hot Search : 
ST7271N5 MC3306 HU266R KBP301 W208D U6P01SL0 8344A SMB60A
Product Description
Full Text Search
 

To Download AD9022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Monolithic 12-Bit 20 MSPS A/D Converter Low Power Dissipation: 1.4 Watts On-Chip T/H and Reference High Spurious-Free Dynamic Range TTL Logic APPLICATIONS Radar Receivers Digital Communications Digital Instrumentation Electro-Optics
ANALOG INPUT
T/H
12-Bit 20 MSPS Monolithic A/D Converter AD9022
FUNCTIONAL BLOCK DIAGRAM
5-BIT ADC DIGITAL 12 ERROR CORRECTION TTL
AD9022
DAC 5-BIT ADC
ENCODE +5V
T/H
16
DAC 4-BIT ADC
-5.2V GND 8
+2V REF
PRODUCT DESCRIPTION
The AD9022 is a high speed, high performance, monolithic 12-bit analog-to-digital converter. All necessary functions, including track-and-hold (T/H) and reference, are included on-chip to provide a complete conversion solution. It is a companion unit to the AD9023; the primary difference between the two is that all logic for the AD9022 is TTL-compatible, while the AD9023 utilizes ECL logic for digital inputs and outputs. Pinouts for the two parts are nearly identical. Operating from +5 V and -5.2 V supplies, the AD9022 provides excellent dynamic performance. Sampling at 20 MSPS with AIN = 1 MHz, the spurious-free dynamic range (SFDR) is typically 76 dB; with AIN = 9.6 MHz, SFDR is 74 dB. SNR is typically 65 dB. The onboard T/H has a 110 MHz bandwidth and, more importantly, is designed to provide excellent dynamic performance for analog input frequencies above Nyquist. This feature is necessary in many undersampling signal processing applications, such as in direct IF-to-digital conversion. To maintain dynamic performance at higher IFs, monolithic RF track-and-holds (such as the AD9100 and AD9101 SamplifierTM) can be used with the AD9022 to process signals up to and beyond 70 MHz.
With DNL typically less than 0.5 LSB and 20 ns transient response settling time, the AD9022 provides excellent results when low-frequency analog inputs must be oversampled (such as CCD digitization). The full scale analog input is 1 V with a 300 input impedance. The analog input can be driven directly from the signal source, or can be buffered by the AD96xx series of low noise, low distortion buffer amplifiers. All timing is internal to the AD9022; the clock signal initiates the conversion cycle. For best results, the encode command should contain as little jitter as possible. High speed layout practices must be followed to ensure optimum A/D performance. The AD9022 is built on a trench isolated bipolar process and utilizes an innovative multipass architecture (see the block diagram). The unit is packaged in 28-lead ceramic DIPs and gullwing surface mount packages. The AD9022 is specified to operate over the industrial (-25C to +85C) and military (-55C to +125C) temperature ranges.
Samplifier is a trademark of Analog Devices, Inc.
REV. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1998
AD9022-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter (Conditions) RESOLUTION DC ACCURACY Differential Nonlinearity Integral Nonlinearity No Missing Codes Offset Error Gain Error Thermal Noise ANALOG INPUT Input Voltage Range Input Resistance Input Capacitance Analog Bandwidth SWITCHING PERFORMANCE 1 Minimum Conversion Rate Maximum Conversion Rate Aperture Delay (tA) Aperture Uncertainty (Jitter) Output Delay (tOD) ENCODE INPUT Logic Compatibility Logic "1" Voltage Logic "0" Voltage Logic "1" Current Logic "0" Current Input Capacitance Pulsewidth (High) Pulsewidth (Low) DYNAMIC PERFORMANCE Transient Response Overvoltage Recovery Time Harmonic Distortion Analog Input @ 1.2 MHz @ 1.2 MHz @ 4.3 MHz @ 9.6 MHz @ 9.6 MHz Signal-to-Noise Ratio 2 Analog Input @ 1.2 MHz @ 1.2 MHz @ 4.3 MHz @ 9.6 MHz @ 9.6 MHz Signal-to-Noise Ratio 2 (Without Harmonics) Analog Input @ 1.2 MHz @ 1.2 MHz @ 4.3 MHz @ 9.6 MHz @ 9.6 MHz +25C Full +25C Full Full +25C Full +25C Full +25C I VI I VI VI I VI I VI V Temp
(+VS = +5 V; -VS = -5.2 V; Encode = 20 MSPS, unless otherwise noted)
Test Level AD9022AQ/AZ Min Typ Max 12 0.75 1.0 1.3 2.5 1.6 3.0 Guaranteed 5 25 15 35 0.5 2.5 0.6 3.5 0.57 1.024 300 360 5 110 0.6 AD9022BQ/BZ Min Typ Max 12 0.5 1.0 1.3 2.0 1.6 3.0 Guaranteed 5 25 15 35 0.5 2.5 0.6 3.5 0.57 1.024 300 360 5 110 0.4 AD9022SQ/SZ Min Typ Max 12 0.75 1.0 1.3 2.5 1.6 3.0 Guaranteed 5 25 15 35 0.5 2.5 0.6 3.5 0.57 1.024 300 360 5 110 0.6 Units Bits LSB LSB LSB LSB mV mV % FS % FS LSB, rms V pF MHz MSPS MSPS ns ps, rms ns
Full +25C +25C +25C Full +25C +25C Full
IV V V IV VI IV V VI
240
240
240
4 20 0.55 0.71 0.85 6 15 27.5 TTL
4 20 0.55 0.71 0.85 6 15 27.5 TTL 2.0
4 20 0.55 0.71 0.85 6 15 27.5 TTL 2.0
Full Full Full Full +25C +25C +25C +25C +25C +25C Full +25C +25C Full +25C Full +25C +25C Full
VI VI VI VI V IV IV V V I V V I V I V V I V
2.0 8 8 6 22.5 20 20 20 65 73 70 73 72 68 64 63 64 63 62 0.8 20 20 125 125
8 8 6 22.5 20 20 20 70 75 72 75 74 72 66 65 66 65 63
0.8 20 20 125 125 22.5 20
8 8 6
0.8 20 20 125 125
V V A A pF ns ns ns ns dBc dBc dBc dBc dBc dB dB dB dB dB
20 20 65 73 70 73 72 68 64 63 64 63 62
63
69
63
62
64
62
61
63
61
+25C Full +25C +25C Full
I V V I V
63
62
66 64 66 65 63
65
64
67 66 66 66 65
63
62
66 64 66 65 63
dB dB dB dB dB
-2-
REV. B
AD9022
Parameter (Conditions) Two-Tone Intermodulation Distortion Rejection3 DIGITAL OUTPUTS1 Logic Compatibility Logic "1" Voltage Logic "0" Voltage Output Coding POWER SUPPLY +VS Supply Voltage +VS Supply Current -VS Supply Voltage -VS Supply Current Power Dissipation Power Supply Rejection Ratio (PSRR) 4 Temp +25C Test Level V AD9022AQ/AZ Min Typ Max 74 TTL Full Full VI VI 2.4 0.5 Offset Binary 4.75 5.0 100 -5.45 -5.2 180 1.4 32 2.4 0.5 Offset Binary 5.25 120 -4.95 220 1.9 AD9022BQ/BZ Min Typ Max 74 TTL 2.4 0.5 Offset Binary 4.75 5.0 100 -5.45 -5.2 180 1.4 32 5.25 120 -4.95 220 1.9 AD9022SQ/SZ Min Typ Max 74 TTL V V Units dBc
Full Full Full Full Full Full
VI VI VI VI VI V
5.25 4.75 5.0 120 100 -4.95 -5.45 -5.2 220 180 1.9 1.4 32
mA mA mA mA W mV/V
NOTES 1 AD9022 load is a single LS latch. 2 RMS signal-to-rms noise with analog input signal 1 dB below full scale at specified frequency. Tested at 55% duty cycle. 3 Intermodulation measured with analog input frequencies of 8.9 MHz and 9.8 MHz at 7 dB below full scale. 4 PSRR is sensitivity of offset error to power supply variations within the 5% limits shown. Specifications subject to change without notice.
N
ANALOG IN
ta t a = 0.7 TYPICAL
N+1
N+2 ENCODE
tOD tOD = 15-27.5 TYPICAL
DATA OUTPUT
N-3
N-2
N-1
N
AD9022 Timing Diagram
ABSOLUTE MAXIMUM RATINGS 1
ORDERING GUIDE
Model Temperature Range Package Description Package Option Q-28 Z-28 Q-28 Z-28
+VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6 V -VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-6 V Analog Input . . . . . . . . . . . . . . . . . . . . . . . . . -1.5 V to +1.5 V Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VS to 0 V Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Operating Temperature Range AD9022AQ/AZ/BQ/BZ . . . . . . . . . . . . . . . -25C to +85C AD9022SQ/SZ . . . . . . . . . . . . . . . . . . . . . -55C to +125C Maximum Junction Temperature2 . . . . . . . . . . . . . . . . +175C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300C Storage Temperature Range . . . . . . . . . . . . -65C to +150C
NOTES 1 Absolute maximum ratings are limiting values to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional operability is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability. 2 Typical thermal impedances: "Q" Package (Ceramic DIP): JC = 10C/W; JA = 35C/W. "Z" Package (Gullwing Surface Mount): JC = 13C/W; JA = 45C/W.
AD9022AQ/BQ -25C to +85C AD9022AZ/BZ -25C to +85C AD9022SQ AD9022SZ
28-Lead Ceramic DIP 28-Pin Ceramic Leaded Chip Carrier -55C to +125C 28-Lead Ceramic DIP -55C to +125C 28-Pin Ceramic Leaded Chip Carrier
REV. B
-3-
AD9022
EXPLANATION OF TEST LEVELS Test Level PIN FUNCTION DESCRIPTIONS Pin No. 1-3 4 5 6 7 8 Name D3-D1 D0 (LSB) NC +VS GND ENCODE Function Digital output bits of ADC; TTL compatible. Least significant bit of ADC output; TTL compatible. No Connection Internally +5 V Power Supply Ground Encode clock input to ADC. Internal T/H is placed in hold mode (ADC is encoding) on rising edge of encode signal. Ground +5 V Power Supply Ground Noninverting input to T/H amplifier. -5.2 V Power Supply +5 V Power Supply -5.2 V Power Supply Ground Should be connected to -V S through 0.1 F capacitor.
I
- 100% production tested.
II - 100% production tested at +25C, and sample tested at specified temperatures. AC testing done on sample basis. III - Sample tested only. IV - Parameter is guaranteed by design and characterization testing. V - Parameter is a typical value only. VI - All devices are 100% production tested at +25C. 100% production tested at temperature extremes for extended temperature devices; guaranteed by design and characterization testing for industrial devices.
9 DIE LAYOUT AND MECHANICAL INFORMATION 10 11 12 13 14 15 16 17 18 19-25 26 27 28
GND +VS GND AIN -VS +VS -VS GND COMP
Die Dimensions . . . . . . . . . . . . . . . . 205 x 228 x 21 ( 1) mils Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 x 4 mils Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -VS Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4,080 Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Oxynitride Bond Wire . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
D11 (MSB) Most significant bit of ADC output; TTL compatible. D10-D4 +VS -VS GND Digital output bits of ADC; TTL compatible. +5 V Power Supply -5.2 V Power Supply Ground
PIN DESIGNATIONS
D3 1 D2 2 D1 3 D0 (LSB) 4 NC 5 +VS
6 28 GND 27 -VS 26 +VS 25 D4 24 D5
AD9022
23 D6
TOP VIEW 22 D7 ENCODE 8 (Not to Scale) 21 D8 GND 7 GND 9 +VS 10 GND 11 AIN 12 -VS 13 +VS 14
20 D9 19 D10 18 D11(MSB) 17 COMP 16 GND 15 -VS
NC = NO CONNECT COMPENSATION (PIN 17) SHOULD BE CONNECTED TO -VS THROUGH 0.01 F
-4-
REV. B
AD9022
DEFINITIONS OF SPECIFICATIONS
+VS
Analog Bandwidth The analog input frequency at which the spectral power of the fundamental frequency (as determined by FFT analysis) is reduced by 3 dB.
Aperture Delay
+VS
The delay between the rising edge of the ENCODE command and the instant at which the analog input is sampled.
Aperture Uncertainty (Jitter)
ANALOG INPUT
180 120 10pF
The sample-to-sample variation in aperture delay.
Differential Nonlinearity
-VS
The deviation of any code from an ideal 1 LSB step.
Harmonic Distortion
Analog Input
+VS 100 ENCODE 900
The rms value of the fundamental divided by the rms value of the worst harmonic component.
Integral Nonlinearity
The deviation of the transfer function from a reference line measured in fractions of 1 LSB using a "best straight line" determined by a least square curve fit.
Minimum Conversion Rate
The encode rate at which the SNR of the lowest analog signal frequency tested drops by no more than 3 dB below the guaranteed limit.
Maximum Conversion Rate
-VS
Encode Input
COMPENSATION
The encode rate at which parametric testing is performed.
Output Propagation Delay
The delay between the 50% point of the rising edge of the ENCODE command and the time when all output data bits are within valid logic levels.
Overvoltage Recovery Time
50
-VS
The amount of time required for the converter to recover to 12-bit accuracy after an analog input signal 150% of full scale is reduced to the full-scale range of the converter.
Power Supply Rejection Ratio (PSRR)
20pF
-VS
The ratio of a change in input offset voltage to a change in power supply voltage.
Signal-to-Noise Ratio (SNR)
Compensation
+VS
The ratio of the rms signal amplitude to the rms value of "noise," which is defined as the sum of all other spectral components, including harmonics but excluding dc, with an analog input signal 1 dB below full scale.
Signal-to-Noise Ratio (Without Harmonics)
11k
12k
DIGITAL OUTPUT
The ratio of the rms signal amplitude to the rms value of "noise," which is defined as the sum of all other spectral components, excluding the first five harmonics and dc, with an analog input signal 1 dB below full scale.
Transient Response
-VS
The time required for the converter to achieve 12-bit accuracy when a step function is applied to the analog input.
Two-Tone Intermodulation Distortion (IMD) Rejection
Output Stage
Figure 1. Equivalent Circuits
The ratio of the power of either of two input signals to the power of the strongest third-order IMD signal.
REV. B
-5-
AD9022-Typical Performance Characteristics
-76 WORST CASE HARMONIC DISTORTION - dBc -75 -74 -73 +25 C ROOM 70 +25 C 65 60
-55 C
SNR - dB
-55 C -72 -71
55 50 45 +125 C
-70 +125 C -69 -68 0 1 2 3 4 5 6 7 8 ANALOG INPUT FREQUENCY - MHz 9 10 40 35 1.24 2.3
5.3
7.3
9.6
11.3
13.3
15.3
17.3
19.3
ANALOG INPUT FREQUENCY - MHz
Figure 2. Harmonic Distortion vs. Analog Input Frequency
Figure 5. Signal-to-Noise Ratio vs. Analog Input Frequency
85 AIN = 1.2MHz 80
90 80 70 AIN = 1.2MHz ENCODE = 20MHz SFDR 60 50 SNR 40 30 20
HARMONICS AND SNR - dB
75
70 SNR 65
60 10 55 5.0 0 -50
7.5
10.0
12.5 15.0 17.5 20.0 ENCODE RATE - MSPS
22.5
25.0
SFDR AND SNR - dB
WORST HARMONICS
-45
-40
-35
-30
-25
-20
-15
-10
-5
-1
INPUT LEVEL - dB
Figure 3. SNR and Harmonics vs. Encode Rate
Figure 6. SFDR and SNR vs. Analog Input Level
2.0
DIFFERENTIAL NONLINEARITY - LSBs
80
AIN = 1.2MHz FS = 20MSPS
1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 1024 2048 OUTPUT CODE
70 60
SFDR AND SNR - dB
AIN = 9.6MHz ENCODE = 20MHz
SFDR
50 SNR 40 30 20 10 0 -50
3072
4096
-45
-40
-35
-30
-25
-20
-15
-10
-5
-1
INPUT LEVEL - dB
Figure 4. Differential Nonlinearity vs. Output Code
Figure 7. SFDR and SNR vs. Analog Input Level
-6-
REV. B
AD9022
0 -10 -20 FULL SCALE - dB -30 -40 -50 -60 -70 -80 -90 -100 0 FREQUENCY - MHz 10 AIN = 1.2MHz AIN = -1.0dBFS SNR = 66.7dB THD = 77.51dB SFDR = 79.49dBFS
is present when the unit is strobed with an ENCODE command. The conversion process begins on the rising edge of this pulse, which should conform to the minimum and maximum pulsewidth requirements shown in the specifications. Operation below the recommended encode rate (4 MSPS) may result in excessive droop in the internal T/H devices-leading to large dc and ac errors. The held analog value of the first track-and-hold is applied to a 5-bit flash converter and a second T/H. The 5-bit flash converter resolves the most significant bits (MSBs) of the held analog voltage. These five bits are reconstructed via a 5-bit DAC and subtracted from the original T/H output signal to form a residue signal. A second T/H holds the amplified residue signal while it is encoded with a second 5-bit flash ADC. Again the five bits are reconstructed and subtracted from the second T/H output to form a residue signal. This residue is amplified and encoded with a 4-bit flash ADC to provide the three least significant bits (LSBs) of the digital output and one bit of error correction. Digital Error Correction logic aligns the data from the three flash converters and presents the result as a 12-bit parallel digital word. The output stage of the AD9022 is TTL. Output data may be strobed on the rising edge of the ENCODE command.
AD9022 IN RECEIVER APPLICATIONS
Figure 8. FFT Plot
0 -10 -20 FULL SCALE - dB -30 -40 -50 -60 -70 -80 -90 -100 0 FREQUENCY - MHz 10 AIN = 9.6MHz AIN = -1.0dBFS SNR = 66.05dB THD = 74.28dB SFDR = 75.32dBFS
Figure 9. FFT Plot
0 AIN1 = 8.9MHz AIN2 = 9.8MHz AIN1 = 7.0dBFS AIN2 = 7.0dBFS SFDR = 80.62dBFS
20
FULL SCALE - dB
40
Advances in semiconductor processes have resulted in low cost digital signal processing (DSP) and analog signal processing which can help create cost effective alternative receiver designs. Today, an all-digital receiver allows tuning, demodulation, and detection of receiver signals in the digital domain. By digitizing IF signals directly, and utilizing digital techniques, it becomes possible to make significant improvements in receiver design. For high frequency IFs, the ADC is the key to the receiver's performance. Unfortunately, the specifications frequently used by receiver designers and analog-to-digital (ADC) manufacturers are often very different. Noise Figure and Intercept Point are common measures of noise and linearity in analog RF system design. ADCs are more frequently specified in terms of SNR and harmonic distortion.
Noise
60
80
Noise figure (NF) is a measure of receiver sensitivity and is defined as the degradation of signal-to-noise ratio (SNR) as a signal passes through a device. In equation form: NF = SNR (in) - SNR (out) Noise figure is a bandwidth invariant parameter for reasonably narrow bandwidths in most devices. The system noise figure for a combination of amplifiers and mixers, for instance, can be analyzed without regard to the information bandwidth. Thermal noise contribution from the ADC behaves in a similar fashion; however, the spectral density of quantization noise is a function of the sample rate. In addition, the spectral density of the quantization noise is flat only in an ADC with perfect linearity, i.e., perfect 1 LSB step sizes. To analyze the system noise performance, ADC noise figure is calculated by normalizing the SNR of the ADC output to a 1 Hz bandwidth. This result is given by: SNR (/Hz) = SNR + 10 log10 (FS/2) where FS is the sample rate. -7-
100
120 0.0
2.0
4.0 6.0 FREQUENCY - MHz
8.0
10.0
Figure 10. Two-Tone FFT
THEORY OF OPERATION
Refer to the block diagram. The AD9022 employs a three-pass subranging architecture and digital error correction. This combination of design techniques ensures 12-bit accuracy at relatively low power. Analog input signals are immediately attenuated through a resistor divider and applied directly to the sampling bridge of the track-and-hold (T/H). The T/H holds whatever analog value REV. B
AD9022
This will be true only for converters in which perfect quantization noise dominates. There may be an upper sample rate, above which the thermal noise of the converter is the dominant source of noise. In this case, normalization would be based on the noise bandwidth of the ADC. For an AD9022 with a typical SNR of 64 dB and a sample rate of 20 MSPS, the normalized SNR is equal to 134 dB (64 + 70). Both thermal and quantization noise contribute to this number. The SNR of the input is assumed to be limited by the thermal noise of the input resistance, or -174 dBm/Hz. The input signal level is +10 dBm (2 V p-p into 50 ). Noise figure of the ADC can be calculated by: NF = SNR (in) - SNR (out) = [+10 - (174)] - 134 = 50 dB Most ADCs detect input voltage levels, not power. Consequently, the input SNR can be determined more accurately by determining the ratio of the signal voltage to the noise voltage of the terminating resistor. However, both the input signal and noise voltage delivered to the ADC are also a function of the source impedance. The dependence of NF on sample rate, linearity, source and terminating impedances, and the number of assumptions required, highlight the weakness of using NF as a figure of merit for an ADC. The rather large number that results bolsters this belief by indicating the ADC is often the weakest link in the signal processing path.
Linearity AD9022 NOISE PERFORMANCE
High speed, wide bandwidth ADCs such as the AD9022 are optimized for dynamic performance over a wide range of analog input frequencies. However, there are many applications (Imaging, Instrumentation, etc.) where dc precision is also important. Due to the wide input bandwidth of the AD9022 for a given input voltage, there will be a range of output codes which may occur. This is caused by unavoidable circuit noise within the wideband circuits in the ADC. If a dc signal is applied to the ADC and several thousand outputs are recorded, a distribution of codes such as that shown in the histogram below may result.
2.0
RELATIVE FREQUENCY OF OCCURRENCE
1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0
ONE STANDARD DEVIATION = RMS NOISE LEVEL
x-3
x-2
x-1
x
x+1
x+2
x+3
The Third Order intercept point for a linear device (with some nonlinearity) is a good way to predict 3rd order spurious signals as a function of input signal level. For an ADC, however, this in an invalid concept except with signals near full scale. As the input signal is reduced, the performance burden shifts from the input track-and-hold (T/H) to the encoder. This creates a nonlinear function, as contrasted with the third order intercept behavior, which predicts an improvement in dynamic range as the signal level is decreased. For signals near full scale, the intercept point is calculated the same as any device: Intercept Point = [Harmonic Suppression/(N -1)] + Input Power where N = the order of the IMD (3 in this case) AD9022 Intercept Point = 80/2 + 3 dBm (7 dBm below full scale) = 43 dBm For signals below this level, the spurious free dynamic range (SFDR) curves shown in the data sheet are a more accurate predictor of dynamic range. The SFDR curve is generated by measuring the ratio of the signal (either tone in the two-tone measurement) to the worst spurious signal, which is observed as the analog input signal amplitude is swept. The worst spurious signal is usually the second harmonic or 3rd order IMD. Actual results are shown on several plots. The straightline with a slope of one is constructed at the point where the worst SFDR touches the line. This line, extrapolated to full scale, gives the SFDR of the ADC. This value can then be used to predict the dynamic range by simply subtracting the input level from the SFDR. It should be noted that all SFDR lines are constructed to be valid only below a certain level below full scale. Above these points, the linearity of the device is dominated by the nonlinearities of the front end and best predicted by the intercept point.
OUTPUT CODE
Figure 11. ADC Equivalent Input Noise
The correct code appears most of the time, but adjacent codes also appear with reduced probability. If a normal probability density curve is fitted to this Gaussian distribution of codes, the standard deviation will be equal to the equivalent input rms noise of the ADC. The rms noise may also be approximated by converting the SNR, as measured by a low frequency FFT, to an equivalent input noise. This method is accurate only if the SNR performance is dominated by random thermal noise (the low frequency SNR without harmonics is the best measure). Sixty-three dB equates to 1 LSB rms for a 2 V p-p (0.707 V rms) input signal. The AD9022 has approximately 0.5 LSB of rms noise or a noise limited SNR of 69 dB, indicating that noise alone does not limit the SNR performance of the device (quantization noise and linearity are also major contributors). This thermal noise may come from several sources. The drive source impedance should be kept low to minimize resistor thermal noise. Some of the internal ADC noise is generated in the wideband T/H. Sampling ADCs generally have input bandwidths which exceed the Nyquist frequency of one-half the sampling rate. (The AD9022 has an input bandwidth of over 100 MHz, even though the sampling rate is limited to 20 MSPS.) Wide bandwidth is required to minimize gain and phase distortion and to permit adequate settling times in the internal amplifiers and T/Hs. But a certain amount of unavoidable noise is generated in the T/H and other wideband circuits within the ADC; this causes variation in output codes for dc inputs. Good layout, grounding and decoupling techniques are essential to prevent external noise from coupling into the ADC and further corrupting performance.
-8-
REV. B
AD9022
USING THE AD9022 Layout Information
Preserving the accuracy and dynamic performance of the AD9022 requires that designers pay special attention to the layout of the printed circuit board. Analog paths should be kept as short as possible and be properly terminated to avoid reflections. The analog input connection should be kept away from digital signal paths; this reduces the amount of digital switching noise, which is capacitively coupled into the analog section. Digital signal paths should also be kept short, and run lengths should be matched to avoid propagation delay mismatch. The AD9022 digital outputs should be buffered or latched close to the device (<2 cm). This prevents load transients that may feed back into the device. In high speed circuits, layout of the ground is critical. A single, low impedance ground plane on the component side of the board is recommended. Power supplies should be capacitively coupled to the ground plane with high quality 0.1 F chip capacitors to reduce noise in the circuit. All power pins of the AD9022 should be bypassed individually. The compensation pin (COMP Pin 17) should be bypassed directly to the -VS supply (Pin 15) as close to the part as possible using a 0.1 F chip capacitor. Multilayer boards allow designers to lay out signal traces without interrupting the ground plane, and provide low impedance ground planes. In systems with dedicated analog and digital grounds, all grounds for the AD9022 should be connected to the analog ground plane. In systems using multilayer boards, dedicated power planes are recommended to provide low impedance connections for device power. Sockets limit dynamic performance and are not recommended for use with the AD9022.
Timing
The duty cycle of the encode clock for the AD9022 is critical for obtaining rated performance of the ADC. Internal pulsewidths within the track-and-hold are established by the encode command pulsewidth; to ensure rated performance, minimum and maximum pulsewidth restrictions should be observed. Operation at 20 MSPS is optimized when the duty cycle is held at 55%. Analog Input The analog input (Pin 12) voltage range is nominally 1.024 volts. The range is set with an internal voltage reference and cannot be adjusted by the user. The input resistance is 300 and the analog bandwidth is 110 MHz, making the AD9022 useful in undersampling applications. The AD9022 should be driven from a low impedance source. The noise and distortion of the amplifier should be considered to preserve the dynamic range of the AD9022.
Power Supplies
The power supplies of the AD9022 should be isolated from the supplies used for noisy devices (digital logic especially) to reduce the amount of noise coupled into the ADC. For optimum performance, linear supplies ensure that switching noise from the supplies does not introduce distortion products during the encoding process. If switching supplies must be used, decoupling recommendations above are critically important. The PSRR of the AD9022 is a function of the ripple frequency present on the supplies. Clearly, power supplies with the lowest possible frequency should be selected.
AD9022 EVALUATION BOARD
Conversion by the AD9022 is initiated by the rising edge of the ENCODE clock (Pin 8). All required timing is generated internal to the ADC. Care should be taken to ensure that the encode clock to the AD9022 is free from jitter that can degrade dynamic performance. The clock driver should be compatible with TTL LS logic series devices. Drivers with excessive slew rate or overdrive will degrade the dynamic performance of the AD9022. Pulsewidth of the ADC encode clock must be controlled to ensure the best possible performance. Dynamic performance is guaranteed with a clock pulse HIGH minimum of 25 ns. Operation with narrower pulses will degrade SNR and dynamic performance. From a system perspective, this is generally not a problem, because a simple inverter can be used to generate a suitable clock if the system clock is less than 25 ns wide. The AD9022 provides latched data outputs. Data outputs are available two pipeline delays and one propagation delay after the rising edge of the encode clock (refer to the AD9022 Timing Diagram). The length of the output data lines and the loads placed on them should be minimized to reduce transients within the AD9022; these transients can detract from the converter's dynamic performance. Operation at encode rates less than 4 MSPS is not recommended. The internal track-and-hold saturates, causing erroneous conversions. This T/H saturation precludes clocking the AD9022 in a burst mode. -9-
The evaluation board for the AD9022 (AD9022/PCB) provides an easy and flexible method for evaluating the ADC's performance without (or prior to) developing a user-specific printed circuit board. The two-sided board includes a reconstruction DAC and digital output interface, and uses the layout and applications suggestions outlined above. It is available at nominal cost from Analog Devices, Inc.
Input/Output/Supply Information
Power supply, analog input, clock connections and reconstructed output (RC OUTPUT) are identified by labels on the evaluation board. Operation of the evaluation board will conform to the following characteristics:
Parameter Supply Current +5 V -5 V AIN Impedance Voltage Range CLOCK Impedance Frequency RC OUTPUT Impedance Voltage Range Typical 150 300 51 1.024 51 20 51 0 to -1 Units mA mA V MSPS V
REV. B
AD9022
Analog Input
Analog input signals can be directly fed into the device under test input (AIN). The AIN input is terminated at the device with a 62 resistor to give a parallel equivalent of 51 (62 300 ).
DAC Reconstruction
signal. The AD9713B is terminated into 51 to provide a 1 V p-p signal at the output (RC Output).
Output Data
The AD9022 evaluation board provides an onboard AD9713B reconstruction DAC for observing the digitized analog input
The output data bits are latched with two 74LS574 latches which drive a 40-pin connector (AMP p/n 102153-09). The data and clock signals are available at the connector per the pin assignments shown on the schematic of the evaluation board. Data is latched on the rising edge of the encode clock.
U3 74LS574
BNC J1 CLOCK R1 51
U2 AD9698R
5 6 9 12 11 CLK
E2 E1
2 3 4 5 6 7 8 9
1Q 1D 2Q 2D 3Q 3D 4Q 4D 5Q 5D 6Q 6D 7Q 7D 8Q 8D CK OE 11 1
19 18 17 16 15 14 13 12 D10 D9 D8 D7 19 18 17 16 15 14 13 12 D6 D5
D12
R8 R9 R10 R11 2 3 4 5 R12 R14 R15 R16 R17 R18 R19 R20 6 7 8 9 10 11 14 28 26
U5 AD9713P
D12 (LSB) D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 (MSB) LE R6 51 BNC J4 RC OUT IOUT IOUT RSET REFOUT R4 24 7.5k 20 R3 20
D11
+5V R2 5.1k
U2 AD9698R
4 3 16 13 14
U1 AD9022Q
D9 D10 D11 D12 LSB D8 D7 D6 D5 D4 D3 ENCODE AIN D2 MSB D1 COMP 25 24 23 22 21 20 19 18 17 2 3 4 5 6 7 8 9
U4 74LS574
1Q 1D 2Q 2D 3Q 3D 4Q 4D 5Q 5D 6Q 6D 7Q 7D 8Q 8D CK OE 11 1
19 CIN 18 COUT 17 REFIN
D4 D3 D2
C5 0.1 F -5.2V 16 14 R5 51
C1 0.1 F 1
CR1 AD589H
2 BNC J2 AIN R7 62
R21 100
9 10
8
8 12
U6 74AS32
D1
C4 0.1 F -5.2V
H40DMC J3 U6 74AS32
CLK D1 D2 D3 D4 D5 D6 D7 D8 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21
+5V C2 10 F 20% 35V C6 0.1 F C7 0.1 F C8 0.1 F C9 0.1 F C10 0.1 F C11 0.1 F C12 0.1 F C13 0.1 F C22 0.1 F J5 J6 J7 -5.2V C3 10 F 20% 35V C14 0.1 F C15 0.1 F C16 0.1 F C17 0.1 F C18 0.1 F C19 0.1 F C20 0.1 F C21 0.1 F -5.2V +5V GND
1 2
3
U6 74AS32
4 5 6
U6 74AS32
12 13 11 D9 D10 D11 D12
Figure 12. AD9022/PCB Evaluation Board Schematic
-10-
REV. B
AD9022
Figure 13. Top of Board, Viewed From Top
Figure 14. Center of Board, Viewed From Top
REV. B
-11-
AD9022
Figure 15. Bottom of Board, Viewed from Bottom
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Cerdip (Q-28)
0.005 (0.13) MIN
28
28-Pin Ceramic Leaded Chip Carrier (Z-28)
0.165 (4.191) MAX 0.012 (0.305) 0.009 (0.229) 0.73 (18.544) 0.71 (18.036)
0.100 (2.54) MAX
15
0.610 (15.49) 0.500 (12.70)
28
1 14
15
PIN 1 1.490 (37.85) MAX 0.225 (5.72) MAX
0.015 (0.38) MIN 0.150 (3.81) MIN 15 0
0.620 (15.75) 0.590 (14.99)
0.025 (0.635) MIN 0.765 (19.431) 0.745 (18.923) TOP VIEW 0.51 (12.954) 0.49 (12.446)
0.018 (0.46) 0.008 (0.20)
1
14
0.115 (2.921) MAX
0.050 (1.27) TYP
0.015 (0.381) MIN
-12-
REV. B
PRINTED IN U.S.A.
0.200 (5.08) 0.026 (0.66) 0.110 (2.79) 0.070 (1.78) SEATING 0.125 (3.18) 0.014 (0.36) 0.090 (2.29) 0.030 (0.76) PLANE
0.060 (1.524) 0.040 (1.016)
C1964a-0-1/98


▲Up To Search▲   

 
Price & Availability of AD9022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X