|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
4N22A 4N23A 4N24A JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS Mii OPTOELECTRONIC PRODUCTS DIVISION Features: * * * * * * Collector is electrically isolated from the case. Overall current gain...1.5 typical (4N24A) Base lead provided for conventional transistor biasing Rugged package High gain, high voltage transistor +1kV electrical isolation Applications: * * * * * Eliminate ground loops Level shifting Line receiver Switching power supplies Motor control DESCRIPTION Gallium Aluminum Arsenide (GaAlAs) infrared LED and a high gain N-P-N silicon phototransistor packaged in a hermetically sealed metal case. The 4N22A, 4N23A and 4N24A can be tested to customer specifications, as well as to MIL-PRF-19500 JAN, JANS, JANTX, and JANTXV quality levels. *ABSOLUTE MAXIMUM RATINGS Input to Output Voltage.............................................................................................................................................................1kV Emitter-Collector Voltage..............................................................................................................................................................4V Collector-Emitter Voltage............................................................................................................................................................35V Collector-Base Voltage ...............................................................................................................................................................35V Reverse Input Voltage .................................................................................................................................................................2V Input Diode Continuous Forward Current at (or below) 65C Free-Air Temperature (see note 1) ....................................... 40mA Peak Forward Input Current (Value applies for tw < 1s, PRR < 300 pps) .................................................................................1A Continuous Collector Current ................................................................................................................................................. 50mA Continuous Transistor Power Dissipation at (or below) 25C Free-Air Temperature (see Note 2) ................................... 300mW Storage Temperature............................................................................................................................................. -65C to +125C Operating Free-Air Temperature Range ............................................................................................................... -55C to +125C Lead Solder Temperature (1/16" (1.6mm) from case for 10 seconds) ..................................................................................240C Notes: 1. Derate linearly to 125C free-air temperature at the rate of 0.67 mA/C above 65C. 2. Derate linearly to 125C free-air temperature at the rate of 5 mW/C. Package Dimensions * JEDEC registered data Schematic Diagram 0.040 [1.02] MAX. 0.305 [7.75] 0.335 [8.51] 6 LEADS 5 6 7 2 1 C 3 0.016O [0.41] 0.019O [0.48] 0.500 [12.70] MIN. 0.155 [3.94] 0.185 [4.70] 0.022O [5.08] 3 0.045 [1.14] 0.029 [0.73] 5 A E 1 45 0.034 [0.864] 0.028 [0.711] TO5 7 K B 2 NOTE: ALL LINEAR DIMENSIONS ARE IN INCHES (MILLIMETERS) MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@microropac.com 3 - 10 4N22A, 4N23A, and 4N24A JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS *ELECTRICAL CHARACTERISTICS INPUT LED TA = 25C Unless otherwise specified PARAMETER SYMBOL MIN MAX UNITS Input Diode Static Reverse Current Input Diode Static Forward Voltage -55C +25C +125C IR VF 1 0.8 0.7 100 1.5 1.3 1.2 A V TEST CONDITIONS VR = 2V IF = 10mA NOTE *OUTPUT TRANSISTOR TA = 25C Unless otherwise specified PARAMETER SYMBOL MIN Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage V(BR)CBO V(BR)CEO V(BR)EBO 35 35 4 MAX UNITS V V V TEST CONDITIONS IC = 100A, IB = 0, IF = 0 IC = 1mA, IB = 0, IF = 0 IC = 0, IE = 100A, IF = 0 NOTE *COUPLED CHARACTERISTICS PARAMETER On State Collector Current TA = 25C Unless otherwise specified SYMBOL IC(ON) MIN 0.15 0.2 0.4 2.5 6 10 1 2.5 4 1 2.5 4 MAX UNITS mA TEST CONDITIONS VCE = 5V, IB = 0, IF = 2mA NOTE 4N22A 4N23A 4N24A 4N22A 4N23A 4N24A 4N22A 4N23A 4N24A 4N22A 4N23A 4N24A +25C +100C 4N22A 4N23A 4N24A On State Collector Current mA VCE = 5V, IB = 0, IF = 10mA mA VCE = 5V, IB = 0, IF = 10mA mA VCE = 5V, IB = 0, IF = 10mA 100 100 0.3 0.3 0.3 nA A IC(ON) On State Collector Current -55C On State Collector Current +100C Off State Collector Current Off State Collector Current IC(ON) IC(ON) IC(OFF) IC(OFF) VCE(SAT) VCE(SAT) VCE(SAT) RI-O CI-O VCE = 20V, IB = 0, IF = 0mA VCE = 20V, IB = 0, IF = 0mA IC = 2.5mA, IB = 0, IF = 20mA IC = 5mA, IB = 0, IF = 20mA IC = 10mA, IB = 0, IF = 20mA VIN-OUT = 1kV 1 1 Collector-Emitter Saturation Voltage V V V Input to Output Resistance Input to Output Capacitance Rise Time 4N22A 4N23A 4N24A 4N22A 4N23A 4N24A 10 11 5 15 15 20 15 15 20 pF s s s s s s F = 1MHz, VIN-OUT = 1kV VCC = 10V, IF = 10mA, RL = 100 tr tr tr tf tf tf Fall Time VCC =10V, IF = 10mA, RL = 100 NOTES: 1. These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together. MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@microropac.com 3 - 11 4N22A, 4N23A, and 4N24A JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS RECOMMENDED OPERATING CONDITIONS: PARAMETER Input Current, Low Level Input Current, High Level Supply Voltage PART NUMBER JAN4N22A JAN4N23A JAN4N24A JANTX4N22A JANTX4N23A JANTX4N24A JANTXV4N22A JANTXV4N23A JANTXV4N24A * JEDEC registered data SYMBOL IFL IFH VCE MIN 0 2 5 MAX 100 10 10 UNITS A mA V SELECTION GUIDE PART DESCRIPTION 4N22A Optocoupler, JAN Screening level 4N23A Optocoupler, JAN Screening level 4N24A Optocoupler, JAN Screening level 4N22A Optocoupler, JANTX Screening level 4N23A Optocoupler, JANTX Screening level 4N24A Optocoupler, JANTX Screening level 4N22A Optocoupler, JANTXV Screening level 4N23A Optocoupler, JANTXV Screening level 4N24A Optocoupler, JANTXV Screening level MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@microropac.com 3 - 12 |
Price & Availability of 4N23A |