Part Number Hot Search : 
6292BCRZ TB0400A P6KE250A UFS160G TB0400A TIP122TU A2755 S24C0
Product Description
Full Text Search
 

To Download 48CTQ060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-20545 rev. B 11/99
48CTQ060 48CTQ060S 48CTQ060-1
SCHOTTKY RECTIFIER 40 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 20 Apk, TJ = 125C (per leg) range 60 1000 0.58 V A V
Description/Features Units
A This center tap Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap configuration Low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability
Values
40
- 55 to 150
C
Case Styles 48CTQ060 48CTQ060S 48CTQ060-1
TO-220
D2PAK
TO-262
www.irf.com
1
48CTQ060, 48CTQ060S, 48CTQ060-1
PD-20545 rev. B 11/99
Voltage Ratings
Parameters
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V) 48CTQ060 48CTQ060S 48CTQ060-1 60
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 (Per Leg) (Per Device)
Values
20 40 1000 260 13 1.50
Units
A
Conditions
50% duty cycle @ TC = 111C, rectangular wave form Following any rated 5s Sine or 3s Rect. pulse load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied TJ = 25 C, IAS = 1.50 Amps, L = 11.5 mH Current decaying linearly to zero in 1 sec Frequency limited by T J max. VA = 1.5 x VR typical
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
A mJ A
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
Values
0.61 0.83 0.58 0.75 2 89 0.37 8.26 1220 8.0 10,000
Units
V V V V mA mA V
m
Conditions
@ 20A @ 40A @ 20A @ 40A TJ = 25 C TJ = 125 C
TJ = T J max.
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1)
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
pF nH V/ s
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Values
-55 to 150 -55 to 150 2.0 1.0 0.50 2 (0.07) Min. Max. 6 (5) 12 (10)
Units
C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque
C/W DC operation C/W DC operation C/W Mounting surface , smooth and greased (only for TO-220) g (oz.) Kg-cm (Ibf-in)
2
www.irf.com
48CTQ060, 48CTQ060S, 48CTQ060-1
PD-20545 rev. B 11/99
1000 1000 100 10 1 0.1 0.01 TJ = 150C TJ = 125C TJ = 25C 10000 10 Jun ction Capacitance - C T (pF) 0. 001 T J = 150C 125C 100C 75C 50C 25C
Instan taneous Forward Curren t - I F (A)
100
Reverse Curren t - I R (m A)
0
10
20
30
40
50
60
Reverse Voltage - V R (V)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
T J= 25C
1000
1
0
0.2 0. 4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
100
0
10
20
30
40
50
60
Forward Voltage Drop - V FM (V)
Reverse Voltage - VR (V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (PerLeg)
10 Thermal Impedance Z thJC (C/W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D D D D D
= 0.75 = 0.50 = 0.33 = 0.25 = 0.20
PDM
0.1 Notes: Single Pulse (Thermal Resistance) 0.01 0.00001 0.0001 0.001 0.01 0.1
t1 t2
1. Duty factor D = t 1/ t 2 2. Peak TJ = PDM x Z t hJC+ T C 1 10 100
t 1 , Rectangular Pulse Duration (Seconds)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
48CTQ060, 48CTQ060S, 48CTQ060-1
PD-20545 rev. B 11/99
150 Allowable Case Temperature - (C) Average Pow er Loss - ( Watts) 140 130 120 110 Square wave (D = 0.50) 80% Rated V R applied 100
see note (2)
20
DC
15
D D D D D
= = = = =
0.20 0.25 0.33 0.50 0.75 RMS Limit DC
10
5
90
0
5
10
15
20
25
30
0
0
5
10
15
20
25
30
Average Forward Current - I F(AV) (A)
Average Forward Curren t - I F(AV ) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non -Repetitive Surge Current - I FSM (A) 1 00 0
Fig. 6 - Forward Power Loss Characteristics (PerLeg)
At Any Rated Load Con dition And With Rated V RRM Applied Following Surge 10 0 10 10 0 1 00 0 10 0 00 Square Wave Pulse Duration - t p (m icrosec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-SPE ED SWITC H FREE-WHEEL D IOD E 40HFL40S02 + V d = 2 5 V olt
D UT
IRFP460 Rg = 25 ohm
C URRE NT MON ITOR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x R thJC ; Pd = Forward Power Loss = I F(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 10 V
4
www.irf.com
48CTQ060, 48CTQ060S, 48CTQ060-1
PD-20545 rev. B 11/99
Ordering Information Table
Device Code
48
1 1 2 3 4 5 6 -
C
2
T
3
Q
4
060
5
-1
6
Essential Part Number C = Common Cathode T = TO-220 Q = Schottky Q Series Voltage Rating 060 = 60V 1 = TO-262 S = D2Pak
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) DIA. 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 123 14.09 (0.55) 13.47 (0.53) 2.92 (0.11) 2.54 (0.10) TERM 2 6.48 (0.25) 6.23 (0.24) 2 1.32 (0.05) 1.22 (0.05)
3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 0.10 (0.004)
1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03)
2.89 (0.11) 2.64 (0.10)
BASE COMMON CATHODE 2
1
2
3
123 4.57 (0.18) 4.32 (0.17)
0.61 (0.02) MAX.
ANODE COMMON ANODE CATHODE 1 2
Conform to JEDEC outline TO-220AB Dimensions in millimeters and (inches)
5.08 (0.20) REF.
www.irf.com
5
48CTQ060, 48CTQ060S, 48CTQ060-1
PD-20545 rev. B 11/99
Outline Table
1 0 . 1 6 ( 0 .4 0 ) REF .
4 .6 9 (0 .1 8 ) 4 .2 0 ( 0 .1 6 )
1 .3 2 ( 0 .0 5)
6 .4 7 ( 0 .2 5 )
1 5 . 4 9 (0 . 6 1 )
1 .2 2 (0 .0 5 )
93
6 . 1 8 ( 0 .2 4 )
1 4 .7 3 (0 .5 8 )
2 .6 1 ( 0 .1 0 )
2 .3 2 ( 0 .0 9 ) 8 .8 9 ( 0 .3 5)
5 . 2 8 (0 . 2 1 ) 4 . 7 8 (0 . 1 9 )
0 .5 5 ( 0 .0 2 ) 0 .4 6 ( 0 .0 2 )
3X
BASE COMM ON CA TH ODE 2
1 . 4 0 (0 . 0 5 5 )
RE F.
0 .9 3 ( 0 .3 7) 0 .6 9 ( 0.2 7 )
1 .1 4 (0 .0 4 5 ) 2X
M IN IM U M R E C O M M E N D E D F OO T P R IN T
1 1 .4 3 ( 0 .4 5 )
1
1 2 3 AN OD E 2
3
4 .5 7 ( 0 .1 8)
AN OD E COMM ON CA TH ODE 1
4 .3 2 (0 .1 7 )
2 0 . 6 1 (0 . 0 2 ) M A X . 5 . 0 8 (0 . 2 0 ) R E F .
8 .8 9 ( 0 .3 5)
1 7 .7 8 ( 0 .7 0 )
3 .8 1 (0 .1 5 )
2 .0 8 (0 . 0 8 ) 2X
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
2 .5 4 ( 0 .1 0 ) 2X
Tape & Reel Information
TR R
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) F EE D D IR EC T ION
1.60 (0.063) D IA. 1.50 (0.059)
0.368 (0.014 5) 0.342 (0.013 5)
1.85 (0 .07 3) 1.65 (0 .06 5)
11 .60 (0.457) 11 .40 (0.449)
15.42 (0.6 09) 15.22 (0.6 01) 1.75 (0.06 9) D IA . 1.25 (0.04 9) 16 .10 (0.6 34) 15 .90 (0.6 26)
24 .30 (0 .957) 23 .90 (0 .941)
TR L
10 .90 (0.429) 10 .70 (0.421)
4.72 (0.18 6) 4.52 (0.17 8)
FE ED D IR E C TION
13.50 (0.5 32) 12.80 (0.5 04) D IA.
26.40 (1.0 39) 24.40 (0.9 61)
360 (1 4.173) D IA . M AX .
60 (2.36 2) D IA . M IN .
SM D -220 Tap e & R eel W hen ordering, indic ate th e part num ber, part orientation, and t he quantity. Qu antitie s are in multiples of 800 p iece s per reel fo r bo th T R L and T R R .
Dimensions in millimeters and (inches)
6
www.irf.com
48CTQ060, 48CTQ060S, 48CTQ060-1
PD-20545 rev. B 11/99
Outline Table
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
BASE COMMON CATHODE 2
1
2
3
ANODE COMMON ANODE CATHODE 1 2
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN: http://www.irf.com
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936. Data and specifications subject to change without notice.
Fax-On-Demand: +44 1883 733420
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 48CTQ060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X