|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SA1725 Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC4511) sAbsolute maximum ratings (Ta=25C) Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SA1725 -80 -80 -6 -6 -3 30(Tc=25C) 150 -55 to +150 Unit V V V A A W C C Application : Audio and General Purpose (Ta=25C) 2SA1725 -10max -10max -80min 50min -0.5max 20typ 150typ V MHz pF 13.0min sElectrical Characteristics Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=-80V VEB=-6V IC=-25mA VCE=-4V, IC=-2A IC=-2A, IB=-0.2A VCE=-12V, IE=0.5A VCB=-10V, f=1MHz External Dimensions FM20(TO220F) 4.00.2 10.10.2 4.20.2 2.8 c0.5 Unit A 16.90.3 V 8.40.2 A 1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2 hFE Rank O(50 to 100), P(70 to 140), Y(90 to 180) sTypical Switching Characteristics (Common Emitter) VCC (V) -30 RL () 10 IC (A) -3 VBB1 (V) -10 VBB2 (V) 5 IB1 (A) -0.3 IB2 (A) 0.3 ton (s) 0.18typ tstg (s) 1.10typ tf (s) 0.21typ 2.54 3.9 BCE 0.2 0.80.2 a b o3.30.2 Weight : Approx 2.0g a. Type No. b. Lot No. IC - VCE Characteristics (Typical) Collector-Emitter Saturation Voltage V C E (s at)( V ) -6 -2 m 00 A - 0 15 mA VCE( s a t ) - I B Characteristics (Typical) -3 IC - V BE Temperature Characteristics (Typical) -6 (V CE= -4V) -1 00 m A -5 Collector Current I C( A) -8 0m A Collector Current I C( A) -4 -50mA -2 -4 -3 -30mA p) Tem se (Ca se T -2 -1 IC=-6A -4A -2A 0 0 -0.5 -1.0 -1.5 -2 C I B= -10mA -1 125 (Ca 0 0 -1 -2 -3 -4 0 0 -0.5 -30C 25C (Cas -1 e Te -20mA emp mp) ) -1.5 Collector-Emitter Voltage V C E( V) Base Current I B( A) Base-Emittor Voltage V B E( V) (V C E= -4V) 300 D C Cur r ent Gai n h F E DC C urrent G ain h FE 300 125C 25C 100 -30C (V C E= -4V) j- a( C/W) h FE - IC Characteristics (Typical) h FE - I C Temperature Characteristics (Typical) j-a - t Characteristics 5 Typ 100 Transient Thermal Resistance 1 50 50 30 -0.02 -0.1 -0.5 -1 -5 -6 30 -0.02 0.5 0.4 1 10 100 Time t(ms) 1000 2000 -0.1 -0.5 -1 -5 -6 Collector Current I C( A) Collector Current I C( A) f T - IE Characteristics (Typical) (V C E= -12V) 30 -20 -10 Safe Operating Area (Single Pulse) 30 P c - T a Derating Typ Cut -off Fre quen cy f T( MH Z) -5 20 Collecto r Cur ren t I C( A) 100ms DC m s M aximum Po wer Dissipat io n P C( W) 10 W ith 20 In fin ite he -1 -0.5 at si nk 10 10 Without Heatsink Natural Cooling -0.1 0 0.02 -0.05 -3 Without Heatsink 2 -5 -10 -50 -100 0 0.05 0.1 0.5 1 56 0 25 50 75 100 125 150 Emitter Current I E( A) Collector-Emitter Voltage V C E( V) Ambient Temperature Ta(C) 30 |
Price & Availability of 2SA1725 |