Part Number Hot Search : 
SS8012G E2UEA WR300 A144T A1937 44H11 E2UEA GBU406
Product Description
Full Text Search
 

To Download 2N3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3903, 2N3904 NPN
Version 2004-01-20
Switching Transistors Si-Epitaxial PlanarTransistors NPN
Power dissipation - Verlustleistung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Standard Pinning 1=C 2=B 3=E
625 mW TO-92 (10D3) 0.18 g
Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings (TA = 25/C) Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Junction temp. - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open VCE0 VCE0 VEB0 Ptot IC Tj TS
Grenzwerte (TA = 25/C) 2N3903, 2N3904 40 V 60 V 6V 625 mW 1) 600 mA 150/C - 55...+ 150/C
Characteristics (Tj = 25/C) Min. Collector saturation volt. - Kollektor-Sattigungsspannung IC = 10 mA, IB = 1 mA IC = 50 mA, IB = 5 mA IC = 10 mA, IB = 1 mA IC = 50 mA, IB = 5 mA Collector cutoff current - Kollektorreststrom VCE = 30 V, VEB = 3 V Emitter cutoff current - Emitterreststrom VCE = 30 V, VEB = 3 V IEBV - ICEV - VCEsat VCEsat VBEsat VBEsat - - - -
Kennwerte (Tj = 25/C) Typ. - - - - - - Max. 200 mV 300 mV 850 mV 950 mV 50 nA 50 nA
Base saturation voltage - Basis-Sattigungsspannung
1
) Valid, if leads are kept at ambient temperature at a distance of 2 mm from case Gultig, wenn die Anschludrahte in 2 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden
30
General Purpose Transistors
2N3903, 2N3904
Characteristics (Tj = 25/C) Min. DC current gain - Kollektor-Basis-Stromverhaltnis VCE = 1 V, IC = 0.1 mA VCE = 1 V, IC = 1 mA VCE = 1 V, IC = 10 mA VCE = 1 V, IC = 50 mA VCE = 1 V, IC = 510 mA 2N3903 2N3904 2N3903 2N3904 2N3903 2N3904 2N3903 2N3904 2N3903 2N3904 2N3903 2N3904 hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE fT fT CCB0 CEB0 F F ton toff 20 40 35 70 50 100 30 60 15 30 250 MHz 300 MHz - - - - - - RthA
Kennwerte (Tj = 25/C) Typ. - - - - - - - - - - - - - - - - - - Max. - - - - 150 300 - - - - - - 4 pF 8 pF 6 dB 5 dB 70 250 200 K/W 1) 2N3905, 2N3906
Gain-Bandwidth Product - Transitfrequenz VCE = 20 V, IC = 10 mA, f = 100 MHz VCB = 5 V, IE = ie = 0, f = 100 kHz VEB = 0.5 V, IC = ic = 0, f = 100 kHz Noise figure - Rauschzahl VCE = 5 V, IC = 100 :A 2N3903 RG = 1 kS f = 10 Hz ...15.7 kHz 2N3904 Switching times - Schaltzeiten turn-on time turn-off time ICon = 10 mA, IBon = - IBoff = 1 mA
Collector-Base Capacitance - Kollektor-Basis-Kapazitat Emitter-Base Capacitance - Emitter-Basis-Kapazitat
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren
1
) Valid, if leads are kept at ambient temperature at a distance of 2 mm from case Gultig, wenn die Anschludrahte in 2 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden
31


▲Up To Search▲   

 
Price & Availability of 2N3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X