Part Number Hot Search : 
OHN3175U BM29F040 BD414 DS2109S MAZY18 P3100SB RF3336D AP2603Y
Product Description
Full Text Search
 

To Download 2N3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
2N3904
SMALL SIGNAL TRANSISTORS (NPN)
TO-92
0.181 (4.6) min. 0.492 (12.5) 0.181 (4.6) 0.142 (3.6)
FEATURES
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications. As complementary type, the PNP transistor 2N3906 is recommended. On special request, this transistor is also manufactured in the pin configuration TO-18. This transistor is also available in the SOT-23 case with the type designation MMBT3904.
C
max. AE 0.022 (0.55) 0.098 (2.5)
E
MECHANICAL DATA
Case: TO-92 Plastic Package Weight: approx. 0.18g
B
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNIT
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation at TA = 25C at TC = 25C Thermal Resistance Junction to Ambient Air Junction Temperature Storage Temperature Range
NOTES: (1) Valid provided that leads are kept at ambient temperature.
VCBO VCEO VEBO IC Ptot
60 40 6.0 200 625 1.5
V V V mA mW W C/W C C
RqJA Tj TS
250 (1) 150 65 to +150
1/5/99
2N3904
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified SYMBOL MIN. MAX. UNIT
Collector-Base Breakdown Voltage at IC = 10 mA, IE = 0 Collector-Emitter Breakdown Voltage at IC = 1 mA, IB = 0 Emitter-Base Breakdown Voltage at IE = 10 mA, IC = 0 Collector Saturation Voltage at IC = 10 mA, IB = 1 mA at IC = 50 mA, IB = 5 mA Base Saturation Voltage at IC = 10 mA, IB = 1 mA at IC = 50 mA, IB = 5 mA Collector-Emitter Cutoff Current VEB = 3 V, VCE = 30 V Emitter-Base Cutoff Current VEB = 3 V, VCE = 30 V DC Current Gain at VCE = 1 V, IC = 0.1 mA at VCE = 1 V, IC = 1 mA at VCE = 1 V, IC = 10 mA at VCE = 1 V, IC = 50 mA at VCE = 1 V, IC = 100 mA Input Impedance at VCE = 10 V, IC = 1 mA, f = 1 kHz Voltage Feedback Ratio at VCE = 10 V, IC = 1 mA, f = 1 kHz Gain-Bandwidth Product at VCE = 20 V, IC = 10 mA, f = 100 MHz Collector-Base Capacitance at VCB = 5 V, f = 100 kHz Emitter-Base Capacitance at VEB = 0.5 V, f = 100 kHz
V(BR)CBO V(BR)CEO V(BR)EBO VCEsat VCEsat VBEsat VBEsat ICEV IEBV hFE hFE hFE hFE hFE hie hre fT CCBO CEBO
60 40 6 40 70 100 60 30 1 0.5 a 104 300
0.2 0.3 0.85 0.95 50 50 300 10 8 a 104 4 8
V V V V V V V nA nA kW MHz pF pF
2N3904
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified SYMBOL MIN. MAX. UNIT
Small Signal Current Gain at VCE = 10 V, IC = 1 mA, f = 1 kHz Output Admittance at VCE = 1 V, IC = 1 mA, f = 1 kHz Noise Figure at VCE = 5 V, IC = 100 mA, RG = 1 kW, f = 10 E 15000 Hz Delay Time (see Fig. 1) at IB1 = 1 mA, IC = 10 mA Rise Time (see Fig. 1) at IB1 = 1 mA, IC = 10 mA Storage Time (see Fig. 2) at IB1 = IB2 = 1 mA, IC = 10 mA Fall Time (see Fig. 2) at IB1 = IB2 = 1 mA, IC = 10 mA
hfe
100
400
hoe
1
40
mS
NF
5
dB
td
35
ns
tr
35
ns
ts
200
ns
tf
50
ns
Fig. 1: Test circuit for delay and rise time * total shunt capacitance of test jig and connectors
Fig. 2: Test circuit for storage and fall time * total shunt capacitance of test jig and connectors


▲Up To Search▲   

 
Price & Availability of 2N3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X