Part Number Hot Search : 
SI4922DY DL4745 87C54 74HC36 ISL6605 JRC4558A SMAJ33 RH07DICE
Product Description
Full Text Search
 

To Download 2N3904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm (inches)
SEME
2N3904
GENERAL PURPOSE NPN TRANSISTOR FOR HIGH RELIABILITY APPLICATIONS
5.84 (0.230) 5.31 (0.209) 4.95 (0.195) 4.52 (0.178)
FEATURES
5.33 (0.210) 4.32 (0.170)
* SILICON PLANAR EPITAXIAL NPN TRANSISTOR * CECC SCREENING OPTIONS * HIGH SPEED SATURATED SWITCHING
0.48 (0.019) 0.41 (0.016) dia.
2.54 (0.100) Nom.
3 2
1
TO-18 METAL PACKAGE
PIN 1 - Emitter PIN 2 - Base PIN 3 - Collector
ABSOLUTE MAXIMUM RATINGS (TA = 25C unless otherwise stated)
VCBO VCEO VEBO IC PD RqJA TSTG , TJ Semelab plc. Collector - Base Voltage Collector - Emitter Voltage Emitter - Base Voltage Collector Current Total Device Dissipation Derate above 25C Thermal Resistance Junction - Ambient Operating and Storage Temperature Range @ TA =25C 60V 40V 6V 200mA 350mW 3.33mW / C 300C/W -55 to +175C
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
12.7 (0.500) min.
Prelim. 7/00
LAB
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise stated) Parameter Test Conditions
V(BR)CEO* V(BR)CBO V(BR)EBO IBL ICEX VCE(sat) VBE(sat)* Collector - Emitter Breakdown Voltage IC = 1mA Collector - Base Breakdown Voltage Emitter - Base Breakdown Voltage Base Cut-off Current Collector - Emitter Cut-off Current Collector - Emitter Saturation Voltage Base - Emitter Saturation Voltage IC = 10mA IE = 10mA VCE = 30V VEB = 3V IC = 10mA IC = 50mA IC = 10mA IC = 50mA IB = 1mA IB = 5mA IB = 1mA IB = 5mA IC = 0.1mA IC = 1mA hFE* DC Current Gain VCE = 1V IC = 10mA IC = 50mA * Pulse Test: tp 300ms, d 2%. IC = 100mA 40 70 100 60 30 300 -- 0.65 IB = 0 IE = 0 IC = 0
SEME
2N3904
Min.
40 60 6
Typ.
Max. Unit
V 50 50 0.2 0.3 0.85 0.95
nA V V
SMALL SIGNAL CHARACTERISTICS (TA = 25C unless otherwise stated) Parameter Test Conditions Min.
ft Cob Cib hie hoe hre hfe NF Current Gain Bandwidth Product Output Capacitance Input Capacitance Input Impedance Output Admittance Voltage Feedback Ratio Small Signal Current Gain Noise Figure VCE = 20V f = 100MHz VCB = 5V f = 1MHz VBE = 0.5V f = 1MHz VCE = 10V IC = 1mA f = 1kHz VCE = 5V f = 1kHz IC = 100mA RS = 1kW 1 1 0.5 100 IC = 0 IE = 0 IC = 10mA 300
Typ.
Max. Unit
MHz 4 8 10 40 8 400 5 pF pF
mhmos
x 10-4 -- dB
kW
SWITCHING CHARACTERISTICS (TA = 25C unless otherwise stated) Parameter Test Conditions
td tr ts tf Delay Time Rise Time Storage Time Fall Time VCC = 3V IC = 10mA VCC = 3V VBE = 0.5V IB1 = 1mA VBE = 0.5V
Min.
Typ.
Max. Unit
35 35 200 50
Prelim. 7/00
ns
IB1 = IB2 = 1mA
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk


▲Up To Search▲   

 
Price & Availability of 2N3904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X