|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
* 1N4614UR-1 THRU 1N4627UR-1 AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/435 1N4614UR-1 thru 1N4627UR-1 and CDLL4614 thru CDLL4627 * LEADLESS PACKAGE FOR SURFACE MOUNT * LOW CURRENT OPERATION AT 250 A * METALLURGICALLY BONDED MAXIMUM RATINGS Operating Temperatures: -65C to +175C DC Power Dissipation: 500mW @ TEC = +125C Power Derating: 10 mW / C above TEC = +125C Forward Voltage @ 200 mA: 1.1 Volts maximum ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise speci1/2ed. CDI TYPE NUMBER NOMINAL ZENER VOLTAGE V @I Z ZT (Note 1) VOLTS CDLL4614 CDLL4615 CDLL4616 CDLL4617 CDLL4618 CDLL4619 CDLL4620 CDLL4621 CDLL4622 CDLL4623 CDLL4624 CDLL4625 CDLL4626 CDLL4627 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 ZENER TEST CURRENT I ZT MAXIMUM ZENER IMPEDANCE Z @I ZT ZT (Note 2) MAXIMUM REVERSE LEAKAGE CURRENT 1 R @V R MAXIMUM DC ZENER CURRENT A 250 250 250 250 250 250 250 250 250 250 250 250 250 250 OHMS 1200 1250 1300 1400 1500 1600 1650 1700 1650 1600 1550 1500 1400 1200 A 7.5 5.0 4.0 2.0 1.0 0.8 7.5 7.5 5.0 4.0 10.0 10.0 10.0 10.0 VOLTS 1 1 1 1 1 1 1.5 2 2 2 3 3 4 5 mA 120 110 100 95 90 87 85 83 80 77 75 70 65 61 DIM D F G G1 S MILLIMETERS INCHES MIN MAX MIN MAX 1.60 1.70 0.063 0.067 0.41 0.55 0.016 0.022 3.30 3.70 .130 .146 2.54 REF. .100 REF. 0.03 MIN. .001 MIN. FIGURE 1 DESIGN DATA CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34) LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 100 C/W maximum at L = 0 inch THERMAL IMPEDANCE: (ZJX): 35 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device. NOTE 1 The CDI type numbers shown above have a Zener voltage tolerance of +5.0%. Nominal Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25C + 3C. "C" suffix denotes a + 2% tolerance and "D" suffix denotes a + 1% tolerance. Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to 10% of IZT. NOTE 2 6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com 123 CDLL4614 thru CDLL4627 FIGURE 2 Pd, Rated Power Dissipation (mW) 500 400 300 200 100 0 0 25 50 75 100 125 150 175 TEC , End cap temperature (C) POWER DERATING CURVE 1000 500 400 300 200 ZENER IMPEDANCE ZZT (OHMS) 100 50 40 30 20 10 5 4 3 2 1 .1 .2 .5 1 2 5 10 20 50 100 OPERATING CURRENT IZT (mA) 3.3 VOLT 5.1 VOLT 6.2 VOLT FIGURE 3 ZENER IMPEDANCE VS. OPERATING CURRENT 124 |
Price & Availability of 1N4619UR-1 |