Part Number Hot Search : 
DS9093A HC157 T7805CT K20103A LSO2812D 2SJ643 SMCJ1 TA144
Product Description
Full Text Search
 

To Download 1N4450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N914 THRU 1N4454
SILICON EPITAXIAL PLANAR DIODES
Features
Silicon Epitaxial Planar Diodes for general purpose and switching The types 1N4149, 1N4447 and 1N4449 are also available in glass case DO-34.
D IM E N S IO N S D IM A B C D IM E N S IO N S D IM A B C D in c h e s M in . 0 .6 3 0 M ax. 0 .11 4 0 .0 7 5 0 .0 1 7 M in . 1 6 .0 mm M ax. 2 .9 1 .9 0 .4 2 N o te D in c h e s M in . 1 .0 8 3 M ax. 0 .1 5 4 0 .0 7 5 0 .0 2 0 M in . 2 7 .5 0 mm M ax. 3 .9 1 .9 0 .5 2 N o te
Electrical Characteristics
Type Peak reverse voltage VRM V 1N914 1N4149
1)
Max. aver. rectified current IO mA 75 150 200 150 150 150
2)
Max. power dissip. at 25 Ptot mW 500 500 500 400 400 500 500 500 400 400 400 400
Max. junction temperature Tj 200 200 200 175 175 200 200 200 175 175 175 175
Max. forward voltage drop
Max. reverse current
Max. reverse recovery time
VF V 1.0 1.0 1.0 0.55 0.55 1.0 1.0 1.0 0.54 0.50 0.55 1.0
at IF mA 10 10 200 0.10 0.10 0.10 20 30 0.50 0.10 0.01 10
In nA 25 25 100 50 50 100 25 25 50 50 50 100
at VR V 20 20 50 30 50 25 20 20 30 30 20 50
trr nS Max. 4.0 Max. 4.0 Max. 4.0 Max. 2.0 Max. 2.0 Max. 2.0 Max. 4.0 Max. 4.0 Max. 4.0 Max. 10 Max. 4.0
Conditions IF=10mA, VR=6V, RL=100 IF=10mA, VR=6V, RL=100 , to IR=1mA , to IR=1mA
100 100 50 40 75 35 100 100 40 40 30 75
1N4150 1N4152 1N4153 1N4154 1N4447 1N4449
1) 1)
IF=IR=10 to 200 mA, to 0.1 IF IF=10mA, VR=6V, RL=100 IF=10mA, VR=6V, RL=100 IF=10mA, VR=6V, RL=100 IF=10mA, VR=6V, RL=100 IF=10mA, VR=6V, RL=100 IF=IR=10mA, to IR=1mA IF=IR=10mA, to IR=1mA IF=IR=10mA, to IR=1mA , to IR=1mA , to IR=1mA , to IR=1mA , to IR=1mA , to IR=1mA
150 150 150 150 150 150
1N4450 1N4451 1N4453 1N4454
Notes: (1) These diodes are also avaiable in glass case DO-34 (2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature Parameters for diodes in case DO-34: Ptot=300mW TS=-65 to +175 TJ=175 Rtha 0.4K/mW
1
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N4450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X