Part Number Hot Search : 
ON2947 NCP15 150TEA UM7500 74LVC2G BA6459P BUZ202 RSF014N
Product Description
Full Text Search
 

To Download X9438WP24-27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IGNS W DES F OR N E E ME N T DED OMMEN DED REPLAC nter at OT R E C N ME N rt Ce sc Data Suppo PRELIMINARY COM NO RE hnical Sheet rsil.com/t Tec te act our SIL or www.in cont TER 1-888-IN
(R)
X9438
Programmable Analog
March 11, 2005 FN8199.0
Dual Digitally Controlled Potentiometer (XDCPTM) with Operational Amplifier
FEATURES Two CMOS voltage operational amplifiers Two digitally controlled potentiometers Can be combined or used separately Amplifiers: --Low voltage operation --V+/V- = 2.7V to 5.5V --Rail-to-rail CMOS performance --1MHz gain bandwidth product * Digitally controlled potentiometers --Dual 64 tap potentiometers --Rtotal = 10k --2-wire serial interface --VCC = 2.7V to 5.5V * * * *
DESCRIPTION The X9438 is a monolithic CMOS IC that incorporates two operational amplifiers and two nonvolatile digitally controlled potentiometers. The amplifiers are CMOS differential input voltage operational amplifiers with near rail-to-rail outputs. All pins for the two amplifiers are brought out of the package to allow combining them with the potentiometers, or using them as complete stand-alone amplifiers. The digitally controlled potentiometers consist of a series string of 63 polycrystalline resistors that behave as standard integrated circuit resistors. The two-wire serial port, common to both pots, allows the user to program the connection of the wiper output to any of the resistor nodes in the series string. The wiper position is saved in the on board E2 memory to allow for nonvolatile restoration of the wiper position. A wide variety of applications can be implemented using the potentiometers and the amplifiers. A typical application is to implement the amplifier as a wiper buffer in circuits that use the potentiometer as a voltage reference. The potentiometer can also be combined with the amplifier yielding a digitally programmable gain amplifier or programmable current source.
BLOCK DIAGRAM
VCC RW0 RH0 RL0 V+
VNI0 SCL SDA A3 A2 A1 A0 WP Control and Memory WCR0 + - VOUT0 VINV0 VNI1 + WCR1 - VOUT1 VINV1
VSS
RW1
RL1 RH1
V-
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-352-6832 | Intersil (and design) is a registered trademark of Intersil Americas Inc. XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
X9438
PIN DESCRIPTIONS Host Interface Pins Serial Clock (SCL) The SCL input is used to clock data into and out of the X9438. Serial Data (SDA) SDA is a bidirectional pin used to transfer data into and out of the device. It is an open drain output and may be wire-ORed with any number of open drain or open collector outputs. An open drain output requires the use of a pull-up resistor. Device Address (A0 - A3) The address inputs are used to set the least significant 4 bits of the 8-bit slave address. A match in the slave address serial data stream must be made with the address input in order to initiate communication with the X9438. A maximum of 16 devices may share the same 2-wire serial bus. Potentiometer Pins(1) RH (RH0 - RH1), RL (RL0 - RL1) The RH and RL inputs are equivalent to the terminal connections on either end of a mechanical potentiometer. RW (RW0 - RW1) The wiper output is equivalent to the wiper output of a mechanical potentiometer. Amplifier and Device Pins Amplifier Input Voltage VNI(0,1) and VINV(0,1) VNI and VINV are inputs to the noninverting (+) and inverting (-) inputs of the operational amplifiers. Amplifier Output Voltage VOUT(0,1) VOUT is the voltage output pin of the operational amplifier. Hardware Write Protect Input WP The WP pin, when low, prevents non-volatile writes to the wiper counter registers.
Note: (1) Alternate designations for RH, RL, RW are VH, VL, VW
Analog Supplies V+, VThe analog supplies V+, V- are the supply voltages for the XDCP analog section and the operational amplifiers. System Supply VCC and Ground VSS. The system supply VCC and its reference VSS is used to bias the interface and control circuits. PIN CONFIGURATION
SOIC VCC RL0 RH0 RW0 A2 WP SDA A1 RL1 RH1 RW1 VSS 1 2 3 4 5 24 23 22 21 20 V+ NC 1 2 3 4 5 A0 VOUT0 VINV0 VNI0 VNI0 V
INV0
TSSOP 24 23 22 21 20 A3 SCL VINV1 VNI1 VOUT1 VVSS RW1 RH1 RL1 A1 SDA
6 19 X9438 7 18 8 17 9 16 10 11 12 15 14 13
A0 NC A3 SCL VINV1 VNI1 VOUT1 V-
VOUT0 V+ VCC RL0 RH0 RW0 A2 WR
6 19 X9438 7 18 8 17 9 16 10 11 12 15 14 13
PIN NAMES Symbol
SCL SDA A0 - A3 RH0 - RH1, RL0 - RL1 RW0 - RW1 VNI(0,1), VINV(0,1) VOUT0, VOUT1 WP V+,VVCC VSS NC Serial Data Device Address Potentiometers (terminal equivalent) Potentiometers (wiper equivalent) Amplifier Input Voltages Amplifier Outputs Hardware Write Protection Analog and Voltage Amplifier Supplies System/Digital Supply Voltage System Ground No Connection
Description
Serial Clock
2
FN8199.0 March 11, 2005
X9438
PRINCIPLES OF OPERATION The X9438 is an integrated microcircuit incorporating two resistor arrays, two operational amplifiers and their associated registers and counters; and the serial interface logic providing direct communication between the host and the digitally controlled potentiometers and operational amplifiers. Serial Interface The X9438 supports a bidirectional bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter and the receiving device as the receiver. The device controlling the transfer is a master and the device being controlled is the slave. The master will always initiate data transfers and provide the clock for both transmit and receive operations. Therefore, the X9438 will be considered a slave device in all applications. Clock and Data Conventions Data states on the SDA line can change only during SCL LOW periods (tLOW). SDA state changes during SCL HIGH are reserved for indicating start and stop conditions. Start Condition All commands to the X9438 are preceded by the start condition, which is a HIGH to LOW transition of SDA while SCL is HIGH (tHIGH). The X9438 continuously monitors the SDA and SCL lines for the start condition and will not respond to any command until this condition is met. Stop Condition All communications must be terminated by a stop condition, which is a LOW to HIGH transition of SDA while SCL is HIGH. Acknowledge Acknowledge is a software convention used to provide a positive handshake between the master and slave devices on the bus to indicate the successful receipt of data. The transmitting device, either the master or the slave, will release the SDA bus after transmitting eight bits. The master generates a ninth clock cycle and during this period the receiver pulls the SDA line LOW to acknowledge that it successfully received the eight bits of data. The X9438 will respond with an acknowledge after recognition of a start condition and its slave address and once again after successful receipt of the command byte. If the command is followed by a data byte the X9438 will respond with a final acknowledge. Operational Amplifier The voltage operational amplifiers are CMOS rail-torail output general purpose amplifiers. They are designed to operate from dual () power supplies. The amplifiers may be configured like any standard amplifier. All pins are externally available to allow connections with the potentiometers or as stand alone amplifiers. Potentiometer/Array Description The X9438 is comprised of two resistor arrays and two operational amplifiers. Each array contains 63 discrete resistive segments that are connected in series. The physical ends of each array are equivalent to the fixed terminals of a mechanical potentiometer (RH and RL inputs). At both ends of each array and between each resistor segment is a CMOS switch connected to the wiper (RW) output. Within each individual array only one switch may be turned on at a time. These switches are controlled by a volatile wiper counter register (WCR). The six bits of the WCR are decoded to select, and enable, one of sixty-four switches. The WCR may be written directly, or it can be changed by transferring the contents of one of four associated data registers into the WCR. These data registers and the WCR can be read and written by the host system. INSTRUCTIONS AND PROGRAMMING Device Addressing Following a start condition the master must output the address of the slave it is accessing. The most significant four bits of the slave address are the device type identifier (refer to Figure 1). For the X9438 this is fixed as 0101[B]. Figure 1. Address/Identification Byte Format
Device Type Identifier 0 1 0 1 A3 A2 A1 A0
Device Address
3
FN8199.0 March 11, 2005
X9438
The next four bits of the slave address are the device address. The physical device address is defined by the state of the A0 - A3 inputs. The X9438 compares the serial data stream with the address input state; a successful compare of all four address bits is required for the X9438 to respond with an acknowledge. The A0 - A3 inputs can be actively driven by CMOS input signals or tied to VCC or VSS. Acknowledge Polling The disabling of the inputs, during the internal non-volatile write operation, can be used to take advantage of the typical 5ms EEPROM write cycle time. Once the stop condition is issued to indicate the end of the nonvolatile write command the X9438 initiates the internal write cycle. ACK polling (Flow 1) can be initiated immediately. This involves issuing the start condition followed by the device slave address. If the X9438 is still busy with the write operation no ACK will be returned. If the X9438 has completed the write operation an ACK will be returned and the master can then proceed with the next operation. Flow 1. ACK Polling Sequence
Nonvolatile Write Command Completed Enter Ack Polling Issue START Issue Slave Address ACK Returned? Yes Further Operation? Yes Issue Instruction Issue STOP No No
Instruction Structure The byte following the address contains the instruction and register pointer information. The four most significant bits are the instruction. The next four bits point to one of the two pots and when applicable they point to one of the four WCRs associated data registers. The format is shown below in Figure 2. Figure 2. Instruction Byte Format
Register Select I3 I2 I1 I0 R1 R0 0 P0
Instructions
WCR Select
The four high order bits define the instruction. The next two bits (R1 and R0) select one of the two registers that is to be acted upon when a register oriented instruction is issued. The last bit (P0) selects which one of the two potentiometers is to be affected by the instruction. Four of the nine instructions end with the transmission of the instruction byte. The basic sequence is illustrated in Figure 3. These two-byte instructions exchange data between the wiper counter register and one of the data registers. A transfer from a data register to a wiper counter register is essentially a write to a static RAM. The response of the wiper to this action will be delayed tWRL. A transfer from the wiper counter register (current wiper position) to a data register is a write to non-volatile memory and takes a minimum of tWR to complete. The transfer can occur between one of the two potentiometers and one of its associated registers; or it may occur globally, wherein the transfer occurs between all of the potentiometers and one of their associated registers. Four instructions require a three-byte sequence to complete. The basic sequence is illustrated in Figure 4. These instructions transfer data between the host and the X9438; either between the host and one of the data registers or directly between the host and the wiper counter and analog control registers. These instructions are: 1) Read Wiper Counter Register or read the current wiper position of the selected pot, 2) Write Wiper Counter Register, i.e. change current wiper position of the selected pot; 3) Read Data Register, read the contents of the selected non-volatile register; 4) Write Data Register, write a new value to the selected data register. The bit structures of the instructions are shown in Figure 6.
Issue STOP
Prooceed
Prooceed
4
FN8199.0 March 11, 2005
X9438
Figure 3. Two-Byte Command Sequence
SCL
SDA S T A R T 0 1 0 1 A3 A2 A1 A0 A C K I3 I2 I1 I0 R1 R0 0 P0 A C K S T O P
Figure 4. Three-Byte Command Sequence
SCL SDA S T A R T 0 1 0 1 A3 A2 A1 A0 A C K I3 I2 I1 I0 0 P0 R1 R0 A C K D5 D4 D3 D2 D1 D0 A C K S T O P
The Increment/Decrement command is different from the other commands. Once the command is issued and the X9438 has responded with an acknowledge, the master can clock the selected wiper up and/or down in one segment steps; thereby, providing a fine tuning capability to the host. For each SCL clock pulse Figure 5. Increment/Decrement Command Sequence
SCL
(tHIGH) while SDA is HIGH, the selected wiper will move one resistor segment towards the VH terminal. Similarly, for each SCL clock pulse while SDA is LOW, the selected wiper will move one resistor segment towards the VL terminal. A detailed illustration of the sequence for this operation is shown in Figure 5.
SDA S T A R T 0 1 0 1 A3 A2 A1 A0 A C K I3 I2 I1 I0
X
X I N C 1 I N C 2 I N C n D E C 1 D E C n S T O P
P1 P0 R1 R0 A C K
5
FN8199.0 March 11, 2005
X9438
Figure 6. Instruction Set Read Wiper Counter Register (WCR) Read the contents of the Wiper Counter Register P0.
S device type device instruction WCR S T identifier addresses opcode addresses A A AAAAC P R0101 1001000 3210K 0 T register data S (sent by slave on SDA) A C DDDDDD K00543210 M A C K S T O P
P0: 0 - WCR0, 1 - WCR1 Write Wiper Counter Register (WCR) Write new value to the Wiper Counter Register P0.
S device type device instruction WCR S T identifier addresses opcode addresses A A C P R0101AAAA 1010000 3210K 0 T register data S (sent by master on SDA) A C DDDDDD K00543210 S A C K S T O P
P0: 0 - WCR0, 1 - WCR1 Read Data Register (DR) Read the contents of the Register pointed to by P0 and R1 - R0.
S device type device instruction WCR/DR S T identifier addresses opcode addresses A A C RR P R0101AAAA 1011 0 3210K 10 0 T register data S (sent by master on SDA) A C DDDDDD K00543210 M A C K S T O P
R1 R0:
00 - R0, 01 - R2,
10 - R1 11 - R3
Write Data Register (DR) Write new value to the Register pointed to by P0 and R1 - R0.
S device type device instruction S T identifier addresses opcode A A C R0101AAAA 1100 3210K T WCR/DR addresses R 1 R 0 0 register data S (sent by master on SDA) A PC DDDDDD 00 0K 543210 S A C K S T O P HIGH-VOLTAGE WRITE CYCLE
Definitions: SACK - Slave acknowledge, MACK - Master acknowledge, I/D - Increment/Decrement (1/0), R - Register, P - Potentiometer
6
FN8199.0 March 11, 2005
X9438
Figure 6. Instruction Set (continued) Transfer Data Register to Wiper Counter Register Transfer the contents of the Register pointed to by R1 - R0 to the WCR pointed to by P0.
S device type device T identifier addresses A R0101AAAA 3210 T instruction WCR/DR S opcode addresses A C RR P K11011000 S A C K S T O P
Transfer Wiper Counter Register to Data Register Transfer the contents of the WCR pointed to by P0 to the Register pointed to by R1 - R0.
S device type device T identifier addresses A R0101AAAA 3210 T instruction WCR/DR S opcode addresses A C RR P 1110 0 K 10 0 S A C K S T O P HIGH-VOLTAGE WRITE CYCLE
Global Transfer Data Register to Wiper Counter Register Transfer the contents of all four Data Registers pointed to by R1 - R0 to their respective WCR.
S device type device T identifier addresses A R0101AAAA 3210 T instruction DR S opcode addresses A C RR K00011000 S A C K S T O P
Global Transfer Wiper Counter Register to Data Register Transfer the contents of all WCRs to their respective data Registers pointed to by R1 - R0.
S device type device T identifier addresses A R0101AAAA 3210 T instruction DR S opcode addresses A C RR 1000 00 K 10 S A C K S T O P HIGH-VOLTAGE WRITE CYCLE
Increment/Decrement Wiper Counter Register Enable Increment/decrement of the WCR pointed to by P0.
S device type device T identifier addresses A R0101AAAA 3210 T instruction WCR S opcode addresses A C P K00100000 increment/decrement S (sent by master on SDA) A C I/ I/ I/ I/ KDD. . . .DD S T O P
P0: 0 or 1 only.
7
FN8199.0 March 11, 2005
X9438
REGISTER OPERATION Both digitally controlled potentiometers share the serial interface and share a common architecture. Each potentiometer is associated with a Wiper Counter Register (WCR), and four Data Registers. Figure 7 illustrates the control, registers, and system features of the device. Figure 7. System Block Diagram The wiper counter register is a volatile register; that is, its contents are lost when the X9438 is powered-down. Although the registers are automatically loaded with the value in R0 upon power-up, it should be noted this may be different from the value present at power-down. Data Registers (DR) Each potentiometer has four non-volatile data registers (DR). These can be read or written directly by the host and data can be transferred between any of the four data registers and the WCR. It should be noted all operations changing data in one of these registers is a nonvolatile operation and will take a maximum of 10ms. If the application does not require storage of multiple settings for the potentiometer, these registers can be used as regular memory locations that could store system parameters or user preference data. REGISTER DESCRIPTIONS AND MEMORY MAP Memory Map WCRO Wiper Counter (WCR) and Analog Control Registers (ACR) The X9438 contains two wiper counter registers, one for each XDCP. The wiper counter register is equivalent to a serial-in, parallel-out counter, with its outputs decoded to select one of sixty-four switches along its resistor array. The contents of the wiper counter register can be altered in four ways: it may be written directly by the host via the write WCR Instruction (serial load); it may be written indirectly by transferring the contents of one of four associated data registers (DR) via the XFR data register instruction (parallel load); it can be modified one step at a time by the increment/decrement instruction (WCR only). Finally, it is loaded with the contents of its data register zero (R0) upon power-up.
DR0 DR1 DR2 DR3
VH (0,1) (DR0-DR3)0,1 WP SCL SDA A0 A1 A2 A3 WCR0,1 VL (0,1) Interface and Control Circuitry + - VW (0,1) VINV (0,1) VNI (0,1)
VOUT (0,1)
WCR1
DR0 DR1 DR2 DR3
Wiper Counter Register (WCR) 0 0 WP5 WP4 WP3 WP2 WP1
(volatile)
WP0
(LSB)
WP0-WP5 identify wiper position. Data Registers (DR, R0 - R3)
Wiper Position or User Data (Nonvolatile)
8
FN8199.0 March 11, 2005
X9438
ABSOLUTE MAXIMUM RATINGS Temperature under bias .................... -65C to +135C Storage temperature ......................... -65C to +150C Voltage on SDA, SCL or any address input with respect to VSS ......................... -1V to +7V Voltage on any V+ (referenced to VSS) ................ +7V Voltage on any V- (referenced to VSS) .................. -7V (V+) - (V-) ............................................................. 10V Any RH ....................................................................V+ Any RL ......................................................................VLead temperature (soldering, 10 seconds) ........ 300C RECOMMENDED OPERATING CONDITIONS Temperature Commercial
Industrial
COMMENT Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Min. 0C
-40C
Max. +70C
+85C
Device X9438
X9438-2.7
Supply Voltage (VCC) Limits 5V 10%
2.7V to 5.5V
POTENTIOMETER CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.) Limits Symbol
RTOTAL IW RW Vv+ VvVTERM Power rating Wiper current Wiper resistance Voltage on V+ pin Voltage on V- pin X9438 X9438-2.7 X9438 X9438-2.7 Voltage on any RH or RL pin Noise Resolution (4) Absolute linearity (1) Relative linearity (2) Temperature coefficient of RTOTAL Ratiometric temperature coefficient -1 -0.2 300 20 +4.5 +2.7 -5.5 -5.5 V-100 1.6 +1 +0.2 -3 40 100
Parameter
End to end resistance
Min.
-20
Typ.
Max.
+20 50 +3 100 250 +5.5 +5.5 -4.5 -2.7 V+
Unit
% mW mA V V V dBv % MI(3) MI(3) ppm/C ppm/C Ref: 1V
Test Conditions
25C, each pot VCC = 5V, Wiper Current = 3mA VCC = 2.7, Wiper Current = 1mA
Vw(n)(actual) - Vw(n)(expected) Vw(n + 1) - [Vw(n) + MI]
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a potentiometer. (2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer. It is a measure of the error in step size. (3) MI = RTOT/63 or (RH - RL)/63, single pot ( = LSB) (4) Individual array resolutions
9
FN8199.0 March 11, 2005
X9438
AMPLIFIER ELECTRICAL CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.) Industrial Symbol
VOS TCVOS IB IOS CMRR PSRR VCM AV VO IO IS GB SR M
Commercial Min. Typ. Max.
1 -10 50 25 70 70 V+ V30 +0.1 50 -.15 50 30 3 1.5 3 1.5 1.0 1.5 80 V+ 2
Parameter
Input offset voltage Input offset voltage temp. coefficient Input bias current Input offset current Common mode rejection ratio Power supply rejection ratio Input common mode voltage range Large signal voltage gain Output voltage swing Output current Supply current Gain-bandwidth prod Slew rate Phase margin
Condition
V+/V- 3V to 5V V+/V- 3V to 5V V+/V- 3V to 5V V+/V- 3V to 5V VCM = -1V to +1V V+/V- 3V to 5V Tj = 25C VO = -1V to + 1V VV+ V+/V- = 5.5V V+/V- = 3.3V V+/V- = 5.0V V+/V- = 3.0V RL = 100k, CL = 50pf RL = 100k, CL = 50pf RL = 100k, CL = 50pf
Min. Typ. Max.
1 -10 50 25 70 70 V30 +0.1 -.15 50 30 50 3
Unit
mV V/C pA pA dB dB V V/mV V V mA mA mA mA MHz V/sec Deg.
1.0 1.5 80
V+ and V- (5V to 3V) are the amplifier power supplies. The amplifiers are specified with dual power supplies. VCC and VSS is the logic supply. All ratings are over the temperature range for the Industrial (-40 to + 85C) and Commercial (0 to 70C) versions of the part unless specified differently. SYSTEM/DIGITAL D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.) Limits Symbol
ICC ISB ILI ILO VIH VIL VOL
Parameter
VCC supply current (active) VCC current (standby) Input leakage current Output leakage current Input HIGH voltage Input LOW voltage Output LOW voltage
Min.
Typ.
Max.
400 1 10 10
Unit
A A A A V V V
Test Conditions
fSCL = 400kHz, SDA = Open, Other Inputs = VSS SCL = SDA = VCC, Addr. = VSS VIN = VSS to VCC VOUT = VSS to VCC
VCC x 0.7 -0.5
VCC + 0.5 VCC x 0.1 0.4
IOL = 3mA
10
FN8199.0 March 11, 2005
X9438
ENDURANCE AND DATA RETENTION Parameter
Minimum endurance Data retention
Min.
100,000 100
Unit
Data changes per bit per register Years
CAPACITANCE Symbol
CI/O CIN CL | CH | CW
Test
Input/output capacitance (SDA) Input capacitance (A0, A1, A2, A3, and SCL) Potentiometer capacitance
Typical
8 6 10/10/25
Unit
pF pF pF
Test Conditions
VI/O = 0V VIN = 0V See SPICE Model
POWER-UP TIMING AND SEQUENCE
Power-up sequence(1): (1) VCC (2) V+ and V-
Power-down sequence: no limitation
A.C. TEST CONDITIONS
Input pulse levels Input rise and fall times Input and output timing level
Note:
VCC x 0.1 to VCC x 0.9 10ns VCC x 0.5
(1) Applicable to recall and power consumption applications
EQUIVALENT A.C. LOAD CIRCUIT
5V 1533 SDA Output 100pF 100pF 2.7V
SPICE Macro Model
RTOTAL RH CH CW CL RL
RW
11
FN8199.0 March 11, 2005
X9438
TIMING DIAGRAMS START and STOP Timing
(START) tR SCL tSU:STA tHD:STA tR SDA tF tSU:STO tF (STOP)
Input Timing
tCYC SCL tLOW SDA tSU:DAT tHD:DAT tBUF tHIGH
Output Timing
SCL
SDA tAA tDH
DCP Timing (for All Load Instructions)
(STOP) SCL
SDA
LSB tWRL
VWx
12
FN8199.0 March 11, 2005
X9438
DCP Timing (for Increment/Decrement Instruction)
SCL
SDA
Wiper Register Address
Inc/Dec tWRID
Inc/Dec
VWx
Write Protect and Device Address Pins Timing
(START) SCL (STOP)
...
(Any Instruction)
...
SDA tSU:WPA WP A0, A1 A2, A3
...
tHD:WPA
13
FN8199.0 March 11, 2005
X9438
AC TIMING Symbol
fSCL tCYC tHIGH tLOW tSU:STA tHD:STA tSU:STO tSU:DAT tHD:DAT tR tF tAA tDH TI tBUF tSU:WPA tHD:WPA
Note:
(4)
Parameter
Clock frequency Clock cycle time Clock high time Clock low time Start setup time Start hold time Stop setup time SDA data input setup time SDA data input hold time SCL and SDA rise time SCL and SDA fall time SCL low to SDA data output valid time SDA data output hold time Noise suppression time constant at SCL and SDA inputs Bus free time (Prior to Any Transmission) WP, A0, A1, A2 and A3 setup time WP, A0, A1, A2 and A3 hold time
Min.
2500 600 1300 600 600 600 100 0/30
Max.
400
Unit
kHz ns ns ns ns ns ns ns ns
300 300 100 50 50 1300 0 0 900
ns ns ns ns ns ns ns ns
(4) VCC = 5V/2.7V
HIGH-VOLTAGE WRITE CYCLE TIMING Symbol
tWR
Parameter
High-voltage write cycle time (store instructions)
Typ.
5
Max.
10
Unit
ms
DCP TIMING Symbol
tWRL
Parameter
Wiper response time after instruction issued (All load instructions)
Min.
Max.
10
Unit
s
VCC RAMP (sample tester) Symbol
trVCC VCC Power-up rate
Parameter
Typ.
.2
Max.
50
Unit
V/ms
14
FN8199.0 March 11, 2005
X9438
BASIC APPLICATIONS
I to V Converter Attenuator
R3 R1 - + VO R2 VS R3 R4 R1 = R3 = R4 R2 = 2R1 R1 - + VO R2
VO/IS = -R3(1 + R2/R1) + R2 V O = G VS -1/2 G +1/2
Absolute Value Amplifier with Gain 2R R1 VS R - + A1 VO = |VS| R1 R R R - + A2 VO R1 C VS
Phase Shifter
R1 - + VO
R
VO/VS = 180 - 2tan-1wRC
Function Generator
C
- + } RA } RB
R2
R1 - +
frequency R1, R2, C amplitude RA, RB
15
FN8199.0 March 11, 2005
X9438
PACKAGING INFORMATION 24-Lead Plastic Small Outline Gull Wing Package Type S
0.290 (7.37) 0.393 (10.00) 0.299 (7.60) 0.420 (10.65) Pin 1 Index Pin 1
0.014 (0.35) 0.020 (0.50) 0.598 (15.20) 0.610 (15.49) (4X) 7 0.092 (2.35) 0.105 (2.65) 0.003 (0.10) 0.012 (0.30)
0.050 (1.27)
0.050" Typical 0.010 (0.25) X 45 0.020 (0.50) 0.050" Typical 0.009 (0.22) 0.013 (0.33) 0.015 (0.40) 0.050 (1.27) 0.420"
0 - 8
FOOTPRINT
0.030" Typical 24 Places
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
16
FN8199.0 March 11, 2005
X9438
PACKAGING INFORMATION 24-Lead Plastic, TSSOP Package Type V
.026 (.65) BSC
.169 (4.3) .252 (6.4) BSC .177 (4.5)
.303 (7.70) .311 (7.90)
.047 (1.20) .0075 (.19) .0118 (.30)
.002 (.06) .005 (.15)
.010 (.25) Gage Plane 0 - 8 .020 (.50) .030 (.75) Detail A (20X) (0.42) (0.65) .031 (.80) .041 (1.05) See Detail "A" ALL MEASUREMENTS ARE TYPICAL Seating Plane (1.78) (4.16) (7.72)
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
17
FN8199.0 March 11, 2005
X9438
Ordering Information X9438 Device Y P T V VCC Limits Blank = 5V 10% -2.7 = 2.7 to 5.5V Temperature Range Blank = Commercial = 0C to +70C I = Industrial = -40C to +85C Package P24 = 24-Lead Plastic DIP S24 = 24-Lead SOIC V24 = 24-Lead TSSOP Potentiometer Organization Pot 0 Pot 1 W= 10k 10k Y= 2.5k 2.5k
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 18
FN8199.0 March 11, 2005


▲Up To Search▲   

 
Price & Availability of X9438WP24-27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X