Part Number Hot Search : 
9240RPQE 30KP51CA CSD363O SXX18 HER30 1212E H103J BA5826
Product Description
Full Text Search
 

To Download VSM0805KAST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VSM0805
Vishay Foil Resistors
SURFACE MOUNT
Bulk Metal(R) Foil Technology Discrete Surface Mount Chip Resistors
FEATURES
* Nominal TCR: + 0.6ppm/C (0 to 25C) - 0.6ppm/C (+ 25C to + 60C) + 2.2ppm/C (- 55C to + 25C) - 1.8ppm/C (+ 25C to + 125C) * Absolute Tolerance: to 0.01% * Resistance Range: 5.5 to 12K * Load Life Stability: 0.025% (2000 hours @ 70C) * Shelf Life Stability: 0.005% Maximum R * Voltage Coefficient: < 0.00001%/volt (< 0.1ppm/V) * Current Noise: < - 40dB * Non Inductive: < 0.08H * Terminal Finishes Available: Lead (Pb)-free (Sn 99.3% Cu 0.7%) Tin/Lead Alloy (Sn 62% Pb 36% Ag 2%)
Product may not be to scale
The VSM0805 represents the latest addition and smallest size to the Precision Bulk Metal(R) Foil (BMF) technology surface mount chip resistor series. The VSM0805 has a conventional full wrap around termination. The BMF technology offers designers the lowest and most predictable absolute Temperature Coefficient Resistance available. The TCR is a process capability not a selection process and for the most part is independent of ohmic value and lot related variations. The availability of tight absolute tolerance provides a good cost solution for the variability of other components when compiling the total error budget. BMF offers the best stability available; and is an order of magnitude better than thin film technology. The noise generated by the resistor is non measurable and its design and construction make it well suited for high frequency applications. The BMF is the ultimate resistor component for analog applications.
TABLE 1 - TOLERANCE VERSUS RESISTANCE VALUE
VALUE () 250 to 12K 100 to < 250 50 to < 100 25 to < 50 10 to < 25 5.5 to <10 TIGHTEST TOLERANCE (%)* 0.01 0.02 0.05 0.1 0.25 0.5
FIGURE 1 - NOMINAL TCR CURVE
-55
-50 +500 +400 +300 +200 +100 -25 0
+25
+50
+75
+100
+125
*Tighter tolerances are available. Please contact Application Engineering. Soldering temperatures used during installation may cause resistance to shift up to 0.05%.
-5
+5
pp m
pp
m
Nominal Resistance/ Temperature (RT) Curve
TABLE 2 - TYPICAL PERFORMANCE SPECIFICATIONS
TEST MIL-PRF-55342G CHARACTERISTIC. E R LIMITS 0.10% 0.10% 0.10% 0.10% 0.20% 0.20% 0.50% VSM MAXIMUM R LIMITS* 0.02% 0.02% 0.02% 0.05% 0.05% 0.10% 0.025%
R R (ppm)
0
-100 -200 -300 -400 -500
Maximum Spread 2.3 ppm/C +2.2 ppm/C Nominal Chord Slope (TCR) -1.8 ppm/C Nominal Chord Slope (TCR) Standard Spread 2.0 ppm/C
Thermal Shock Low Temperature Operation Short Time Overload High Temperature Exposure Resistance to Bonding
-55C / +25C / +125C are the test points with +25C as the reference temperature
The TCR for values < 100 are influenced by the termination composition and result in a deviation from this curve. Contact our application engineering department for detailed specification on low values
Moisture Resistance Life 2000 hours @ + 70C
*As shown + 0.01 Ohms to allow for measurement errors at low values.
SALES * ISRAEL: foilsales.israel@vishay.com * FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com * AMERICAS: foilsales.usa@vishay.com * ASIA/JAPAN: foilsales.asia@vishay.com * UK/HOLLAND/SCANDANAVIA: foilsales.eunorth@vishay.com * GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
www.vishay.com 22
For technical questions in the Americas, contact foilsupport1@vishay.com Document Number: 63061 For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com Revision 17-Aug-04
VSM0805
Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
FIGURE 2 - POWER DERATING CURVE
Percent of Rated Power
125 100
(R)
Vishay Foil Resistors
SURFACE MOUNT
FIGURE 3 - RECOMMENDED MOUNTING
-55C
+70C Rated Power
25% to 85% of T
75 50 25 0 -75
-50
-25
0
+25
+50
+75
+100 +125 +150 +175
Ambient Temperature (C)
A low profile solder fillet is recommended to avoid unnecessary stresses along top edge of metallization. IR and vapor phase reflow are best. Avoid the use of cleaning agents which could attack epoxy resins, which form part of the resistor construction.
TABLE 3 - CHIP SIZES AND SPECIFICATIONS in inches (millimeters)
Top View
L
Bottom View
L
Recommended Land Pattern
X
T W T D W
Footprint
G Z
CHIP SIZE L W T D
POWER MAXIMUM RESISTANCE MAXIMUM + 70C VOLTAGE (mW) 50 (V) 22 RANGE () 5.5 - 12K WEIGHT (mG) 6 Z* G* X*
0.005 (0.13) 0.005 (0.13) MAXIMUM 0.005 (0.13)
0805 0.080 (2.03) 0.050 (1.27) 0.025 (0.64) 0.015 (0.38)
0.004 (0.10) 0.004 (0.10) 0.004 (0.10)
0.122 (3.10) 0.028 (0.70) 0.050 (1.27)
*Land Pattern Dimensions (Z, G, X) are per IPC-782A
TABLE 4 - ORDERING INFORMATION - VSM STYLE CHIP RESISTORS
MODEL VSM CHIP SIZE 0805 RESISTANCE VALUE RESISTANCE RANGE LETTER DESIGNATOR MULTIPLIER FACTOR x 1.0 x 103 TOLERANCE T 0.01% Q 0.02% A 0.05% B 0.1% C 0.25% D 0.5% F 1.0% TERMINATION S - Lead (Pb)-free B - Tin/Lead PACKAGING T = Tape and Reel W = Waffle PacK
5 to <1K R Example: 249R00 = 249 1K to 12K K Example: 10K000 = 10.0K
SALES * ISRAEL: foilsales.israel@vishay.com * FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com * AMERICAS: foilsales.usa@vishay.com * ASIA/JAPAN: foilsales.asia@vishay.com * UK/HOLLAND/SCANDANAVIA: foilsales.eunorth@vishay.com * GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
For technical questions in the Americas, contact foilsupport1@vishay.com Document Number: 63061 For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com Revision 17-Aug-04
www.vishay.com 23


▲Up To Search▲   

 
Price & Availability of VSM0805KAST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X