Part Number Hot Search : 
CPC1968 BCM5702 C107M D70F35 STBS016 221M16 FG900 ZMM56
Product Description
Full Text Search
 

To Download UTCLM556 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC LM556
DUAL TIMER
DESCRIPTION
LINEAR INTEGRATED CIRCUIT
The UTC LM556 dual monolithic circuit is a highly stable controller capable of producing accurate delays or oscillation. The UTC LM556 is the dual of UTC NE555; timing is provided an external resistor and capacitor for each function. The two timers operate independently of each other, sharing only Vcc and GND. The circuits may be triggered and reset on falling wave forms. The output structures may sink or source 200mA.
SOP-14
FEATURES
*High current driver capability(=200mA) *Adjustable duty cycle *Timing from Sec to Hours *Temperature stability of 0.005%/C *TTL compatible *Operates in both Astable and Monostable modes
DIP-14
APPLICATIONS
*Precision timing. *Pulse generator, shaping. *Time delay generator. *Sequential timing. *Pulse width modulation. *Traffic light control. *Touch tone encoder. *Tone burst generator.
BLOCK DIAGRAM
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R106-004,A
UTC LM556
PARAMETER
Supply Voltage Power Dissipation Lead Temperature(soldering 10 sec.) Operating Temperature Storage Temperature
LINEAR INTEGRATED CIRCUIT
SYMBOL
Vcc Pd Tlead Topr Tstg
ABSOLUTE MAXIMUM RATINGS(Ta=25C )
VALUE
16 600 300 -40~85 -65~150
UNIT
V mW C C C
ELECTRICAL CHARACTERISTICS
( Ta=25C ,Vcc=5 to 15V, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS
Supply voltage Supply Current(two timers) (low state), (Note 1) Timing Error(monostable) Initial Accuracy(Note 2) Vcc Icc Vcc=5V,RL= Vcc=15V,RL= RA=2K to 100K C=0.1F T=1.1RC
MIN
4.5
TYP
5 16 0.75
MAX
16 12 30
UNIT
V mA mA %
ACCUR
Drift with Temperature Drift with Supply Voltage Timing Error(astable) Initial Accuracy(Note 2)
t/T t/Vcc ACCUR RA=1K to 100K C=0.1F Vcc=15V
50 0.1 2.25
ppm/C %/V %
Drift with Temperature Drift with Supply Voltage Control Voltage Threshold Voltage Threshold Current(Note 3) Trigger Voltage Trigger Current Reset Voltage(Note 4) Reset Current Low Output Voltage
t/T t/Vcc Vc VTH ITH Vtr Itr Vrst Irst VOL
Vcc=15V Vcc=5V Vcc=15V Vcc=5V Vcc=5V Vcc=15V Vtr=0
9.0 2.6 8.8 2.4 1.1 4.5 0.4
Vcc=15V Isink=10mA Isink=50mA Isink=100mA Isink=200mA
150 0.3 10.0 3.33 10.0 3.33 30 1.6 5 0.01 0.6 0.03 0.1
11.0 4.0 11.2 4.2 250 2.2 5.6 2.0 1.0 0.6 0.25
ppm/C %/V V V V V nA V V A V mA V
0.4 2 2.5 Vcc=5V Isink=5mA Isink=8mA 0.15 0.25
0.75 3.2
V V V
0.25 0.35
V V
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R106-004,A
UTC LM556
PARAMETER
High Output Voltage
LINEAR INTEGRATED CIRCUIT
SYMBOL
VOH
TEST CONDITIONS
Vcc=15V Isource=200mA Isource=100mA
MIN
TYP
MAX
UNIT
12.75 Vcc=5V Isource=100mA 2.75 Rise Time of Output Fall Time of Output Discharge Leakage Current Matching Parameter Initial Accuracy(Note 5) tR tF ILKG ACCUR RA, RB=1K to 100K C=0.1F Vcc=15V
12.5 13.3
V V
3.3 100 100 20 1
300 300 100 2
V nSec nSec nA %
Drift with Temperature Drift with Supply Voltage
t/T t/Vcc
10 0.2
0.5
ppm/C %/V
Note 1: Supply current when output is high is typically 1mA less at Vcc 5V. Note 2: Tested at Vcc=5V and Vcc=15V. Note 3: This will determine the maximum value of RA+RB for 15V operation, The maximum total is R=20M, and for 5V operation the maximum total is R=6.6M. Note 4: As reset voltage lower, timing is inhibited and then the output goes low. Note 5: Matching parameters refer to the difference between performance parameters of each timer section in the monostable mode.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R106-004,A


▲Up To Search▲   

 
Price & Availability of UTCLM556

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X