Part Number Hot Search : 
LN251CAL FC250R TUP110 CD471260 LM217K SFH405 PS430 500011V
Product Description
Full Text Search
 

To Download USB0815 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
DESCRIPTION (500 watt)
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
USB0803 THRU USB0824
TVSarrayTM Series TM
This TRANSIENT VOLTAGE SUPPRESSOR (TVS) array is packaged in an SO-8 configuration giving protection to 2 Unidirectional data or interface lines. It is designed for use in applications where protection is required at the board level from voltage transients caused by electrostatic discharge (ESD) as defined in IEC 1000-4-2, electrical fast transients (EFT) per IEC 1000-4-4 and effects of secondary lighting. These TVS arrays have a peak power rating of 500 watts for an 8/20sec pulse. This array is suitable for protection of sensitive circuitry consisting of TTL, CMOS DRAM's, SRAM's, HCMOS, HSIC microprocessors, UNIVERSAL SERIAL BUS (USB) and I/O transceivers. The USB08XX product provides board level protection from static electricity and other induced voltage surges that can damage or upset sensitive circuitry.
FEATURES
* * * * * * Protects up to 2 unidirectional lines Surge protection Per IEC 1000-4-2, IEC 1000-4-4 Provides electrically isolated protection SO-8 Packaging ULTRA LOW CAPACITANCE 3 pF per line pair ULTRA LOW LEAKAGE
MECHANICAL
* * * * Molded SO-8 Surface Mount Weight: 0.066 grams (approximate) Marking: Logo, device number, date code Pin #1 defined by DOT on top of package
MAXIMUM RATINGS
* * * * Operating Temperatures: -550C to +1500C Storage Temperature: -550C to +1500C Peak Pulse Power: 500 Watts (8/20 sec, Figure 1) Pulse Repetition Rate: <.01%
PACKAGING
* * * Tape & Reel EIA Standard 481-1-A 13 inch reel 2,500, pieces (OPTIONAL) Carrier tubes 95 pcs per (STANDARD)
ELECTRICAL CHARACTERISTICS PER LINE @ 250C Unless otherwise specified
STAND OFF VOLTAGE VWM VOLTS BREAKDOWN VOLTAGE VBR @1 mA VOLTS MIN USB0803 USB0805 USB0812 USB0815 USB0824 3.3 5.0 12.0 15.0 24.0 4 6.0 13.3 16.7 26.7 CLAMPING VOLTAGE VC @ 1 Amp (FIGURE 2) VOLTS MAX 8 10.8 19 25 44 CLAMPING VOLTAGE VC @ 5 Amp (FIGURE 2) VOLTS MAX 11 13 26 32 57 LEAKAGE CURRENT ID @ VWM A MAX 200 20 1 1 1 CAPACITANCE (f=1 MHz) @0V C pF TYP 5 5 5 5 5 TEMPERATURE COEFFICIENT OF VBR aVBR mV/C MAX -5 1 8 11 28
PART NUMBER
DEVICE MARKING
NOTE: TVS product is normally selected based on its stand off Voltage VWM. Product selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected. Application: The USB08XX product is designed for transient voltage suppression protection of ESD sensitive components at the board level. It is an ideal product to be used for protection of I/O Transceivers.
www.mccsemi.com
USB0803 thru USB0824
WAVE FORMS
100
MCC
Peak Value -- Ipp 8 X 20 Waveform
50
Half-Value -- Ipp 2
0
0
t
10
td
20
30
I
t -- Time in microsec
FIGURE 1 Peak Pulse Power Vs Pulse Time
p
p
FIGURE 2 Pulse Wave Form
MOUNTING PAD SO-8
0.045.005
CIRCUIT DIAGRAM
0.245 MIN
.160.005
.030.005 .050 TYP
SO-8 PACKAGE
INCHES DIM A B C D F G J K L P MIN 0.188 0.150 0.053 0.011 0.016 0.050 BSC 0.006 0.004 0.189 0.228 0.010 0.008 0.206 0.244 MAX 0.197 0.158 0.069 0.021 0.050
MILLIMETERS MIN 4.77 3.81 1.35 0.28 0.41 1.27 BSC 0.15 0.10 4.80 5.79 0.25 0.20 5.23 6.19 MAX 5.00 4.01 1.75 0.53 1.27
www.mccsemi.com
GROUND SIDE
SIGNAL SIDE


▲Up To Search▲   

 
Price & Availability of USB0815

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X