Part Number Hot Search : 
U12JZ47 AO4268 32ECT LL5242B MB3882 C200A MPZ1005 LS709
Product Description
Full Text Search
 

To Download TSH22I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSH22
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
s HIGH GAIN BANDWIDTH PRODUCT :
25MHz
s HIGH SLEW RATE : 15V/s s SINGLE OR DUAL SUPPLY OPERATION :
3V TO 30V (1.5V to 15V)
s LOW VOLTAGE NOISE : 14nV/Hz s NO PHASE INVERSION s ESD TOLERANCE : 2kV s LATCH-UP IMMUNITY s SPICE MACROMODEL INCLUDED IN THIS
SPECIFICATION
D SO8 (Plastic Micropackage) N DIP8 (Plastic Package)
DESCRIPTION TheTSH22 is a dual bipolar operational amplifier offering a single supply operation from 3V to 30V with very good performances : medium speed (25MHz), unity gain stability and low noise. The TSH22 is therefore an enhanced replacement of standard dual operational amplifiers.
ORDER CODE
Package Part Number Temperature Range N TSH22I -40C, +125C * D *
N = Dual in Line Package (DIP) D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Output 1 Inverting input 1 Non-inverting input 1 V CC -
1 2 3 4
+ +
8 7 6 5
VCC + Output 2 Inverting input 2 Non-inverting input 2
November 2001
1/11
TSH22
SCHEMATIC DIAGRAM (1/2 TSH22)
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vid Vi Toper Tj Tstg ptot
1. 2.
Parameter Supply Voltage Differential Input Voltage
1)
Value 18 to 36 36 18
Unit V V V C C C mW
Input Voltage (see note 1) Output Short-circuit Duration
2)
Infinite -40 to +125 +150 -65 to +150 500
Operating Free-Air Temperature Range Maximum Junction Temperature Storage Temperature Range Maximum Power Dissipation (see note 2)
Either or both input voltages must not exceed the magnitude of VCC+ or VCCPower dissipation must be considered to ensure maximum junction temperature (T j) is not exceeded
OPERATING CONDITIONS
Symbol VCC Supply Voltage Parameter Value 3 to 30 Unit V
2/11
TSH22
ELECTRICAL CHARACTERISTICS VCC+ = 15V, V cc- = -15V, Tamb = 25C (unless otherwise specified)
Symbol Parameter Input Offset Voltage (Vic = 0V, Vo = 0V) Vio Vio Iio Iib Vicm Avd Vcc+ = +15V, Vcc- = -15V Tmin Tamb Tmax Vcc+ = +5V, Vcc- = 0V Input Offset Voltage Drift (Vic = 0V, Vo = 0V) Input Offset Current (Vic = 0V, Vo = 0V) Input Bias Current (Vic = 0V, Vo = 0V) Common Mode Input Voltage Range Large Signal Voltage Gain (RL = 2k, Vo = 0V to +10V Tmin Tamb Tmax Output Voltage Swing (Vid = 1V) Vcc+ = +15V, Vcc- = -15V RL = 2k VOH VOL RL =10k VOH VOL Vcc+=+5V, Vcc-=0V Output Short Circuit Current (Vid = 1V, Vo = 0V) RL = 2k VOH VOL 2 3 100 Vcc- to Vcc+-1.8V 65 650 2.5 3.5 2.5 V/C nA nA V Min. Typ. Max. Unit mV
32 20
100
V/mV
V 13.4 13.4 3.7 0.15 0.2 mA 25 25 80 90 37 37 100 105 mA 2.15 2.75 3 2.75 V/s 8 17 15 25 5 50 40 14 120 0.003 MHz MHz Degrees nV ----------Hz dB % dB dB 13.9 -13.9 14 -14.7 -13.5 -14.1
Vopp
Io CMR SVR
Source Sink Common Mode Rejection Ratio (Vic = -15V to +13.2V)
Supply Voltage Rejection Ratio Vcc+/Vcc- = +15V/-15V to +5V/-5V Supply Current (Vo = 0V, no load, each amplifier) Vcc+ = +15V, Vcc- = -15V Tmin Tamb Tmax Vcc+=+5V, Vcc-=0V Slew Rate (Vi = -10V to +10V, CL = 100pF, RL = 2k, AV = +1) Gain Bandwith Product (f = 100kHz, RL = 2k, CL = 100pF) Unity Gain Bandwith (Open loop) Phase Margin RL = 2k RL = 2k, CL = 100pF
Icc
SR GBP B m en Vo1/Vo2 THD
Equivalent Input Noise Voltage (Rs = 100, f = 1kHz) Channel Separation (f = 20Hz to 20kHz) Total Harmonic Distortion (Vcc = 15V, f = 1kHz, AVCL = 20dB, RL = 600, Vo = 3Vrms)
3/11
TSH22
MACROMODEL ** Standard Linear Ics Macromodels, 1993. CONNECTIONS : * 1 INVERTING INPUT * 2 NON-INVERTING INPUT * 3 OUTPUT * 4 POSITIVE POWER SUPPLY * 5 NEGATIVE POWER SUPPLY .SUBCKT TSH22 1 3 2 4 5 (analog) ******************************************************** * .MODEL MDTH D IS=1E-8 KF=7.976636E-15 CJO=10F * INPUT STAGE CIP 2 5 1.200000E-11 CIN 1 5 1.200000E-11 EIP 10 5 2 5 1 EIN 16 5 1 5 1 RIP 10 11 1.083333E+00 RIN 15 16 1.083333E+00 RIS 11 15 8.942641E+00 DIP 11 12 MDTH 400E-12 DIN 15 14 MDTH 400E-12 VOFP 12 13 DC 0 VOFN 13 14 DC 0 IPOL 13 5 2.400000E-04 CPS 11 15 10.5E-09 DINN 17 13 MDTH 400E-12 VIN 17 5 -0.200000e+00 DINR 15 18 MDTH 400E-12 VIP 4 18 1.800000E+00 FCP 4 5 VOFP 7.750000E+00 FCN 5 4 VOFN 7.750000E+00 FIBP 2 5 VOFN 5.000000E-04 FIBN 5 1 VOFP 5.000000E-04 ELECTRICAL CHARACTERISTICS Vcc = 15V, Tamb = 25C (unless otherwise specified)
Symbol Vid Avd Icc Vicm VOH VOL Isink Isource GBP SR m m 4/11 RL = 2k No load, per operator RL = 2k RL = 2k Vo = 0V Vo = 0V RL = 2k, CL = 100pF RL = 2k, CL = 100pF RL = 2k, CL = 100pF RL = 2k, CL = 300pF Conditions Value 0 100 2 -15.2 to 13.8 +13.9 -13.9 40 40 34 10 36 26 Unit mV dB mA V V V mA mA MHz V/s Degrees Degrees
* AMPLIFYING STAGE FIP 5 19 VOFP 6.708333E+02 FIN 5 19 VOFN 6.708333E+02 GVNEG 5 19 5 13 1.395908E-05 GVPOS 5 19 4 13 1.395908E-05 RG1 19 5 8.056996E+04 RG2 19 4 8.056996E+04 CC 19 29 1.100000E-08 HZTP 30 29 VOFP 6.545046E+01 HZTN 5 30 VOFN 6.545046E+01 DOPM 19 22 MDTH 400E-12 DONM 21 19 MDTH 400E-12 HOPM 22 28 VOUT 4.054054E+03 VIPM 28 4 1.500000E+02 HONM 21 27 VOUT 4.054054E+03 VINM 5 27 1.500000E+02 RPM1 5 80 1E+06 RPM2 4 80 1E+06 GAVPH 5 82 19 80 6.00E-07 RAVPHGH 82 4 3333222 RAVPHGB 82 5 3333222 RAVPHDH 82 83 1000000 RAVPHDB 82 84 1000000 CAVPHH 4 83 0.12243E-12 CAVPHB 5 84 0.12243E-12 EOUT 26 23 82 5 1 VOUT 23 5 0 ROUT 26 3 2.472597E+01 COUT 3 5 1.000000E-12 DOP 19 25 MDTH 400E-12 VOP 4 25 1.824860E+00 DON 24 19 MDTH 400E-12 VON 24 5 1.824860E+00 .ENDS
TSH22
APPLICATIONS INFORMATION
TSH22 IN COMPARATOR APPLICATION The TSH22 is a dual high performances operational amplifier featuring speed of 30MHz and single supply operation from 3V to 30V. Most of operational amplifiers are not suited for comparator use because of low transition speed, output signal incompatible with standard logics level and mainly, phase inversion. The phase inversion occures when a strong differential signal is applied to the device inputs. The output level is then inverted and shows a wrong logic state. TSH22 does not present this problematic behaviour. Figure 1 : Basic comparator application Displayed curves below show the device response in standard comparator configuration without external components. Transition speed : Typical transition speed under a single 5V supply voltage is about 2s from 50mV overdrive. VOH min. is 3.7V and V OL max. is 0.2V (2k load) making it compatible with standard logic families. Figures 3 & 4 show output signal transition for a 50mV and 250mV input signal overdrive respectively of 3s and 1s. Figure 2 : Operating conditions
+5V
Vin+ TSH22 Vref 2kW Vout
Figure 3 : Transition speed@ 50mV overdrive
Figure 4 : Transition speed@ 250mV overdrive
5/11
TSH22
PHASE INVERSION At high differential input voltage, the TSH22 keeps the right output level thanks to its specific input structures. The advantage is obvious on the following figures and can be also an advantage in linear use when saturation might occure. Figure 5 : Behaviour with TSH22 Figure 5 & 6 show the behaviour in follower stage with saturation output of TSH22 versus 15MHz standard operational amplifier.
Figure 6 : Saturation behaviour with 15MHz standard operational amplifier
Input & Ouput Voltages, Vid (V), Vo (V) 8 6 4 2 0 -2 -4 -6 -8 Time (50s/div) Vo
Vid
6/11
TSH22
INPUT OFFSET VOLTAGE DRIFT VERSUS TEMPERATURE
0.4 0.3 Input Offset Voltage, Vio (mV) 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -50 -25 0 25 50 75 100 125 Temperature, Tamb (C)
SUPPLY CURRENT VERSUS SUPPLY VOLTAGE (BOTH OP-AMPS)
SINK CURRENT
SOURCE CURRENT
50 Output Sink Current, Isink (mA) 45 40 35 30 25 20 15 10 5 0 -15 -12 -9 -6 -3 0 3 6 Applied Output Voltage, Vo (V) 9 12 15 Tamb = 25C Vcc = 15V Vid = 1V
SLEW RATE @ 30V
20 15 Output Voltage, Vo (V) 10 5 0 -5 -10 -15 -20 Time (0.5s/div)
SLEW RATE @ 3V
0.8
Output Voltage, Vo (V)
Tamb = 25C Vcc = 15V Av = +1 RL = 2k CL = 100pF
0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 Time (0.2s/div)
Tamb = 25C Vcc = +2V/-1V Av = +1 RL = 2k CL = 100pF
7/11
TSH22
LARGE SIGNAL VOLTAGE GAIN @NO LOAD
20 15 Output Voltage, Vo (V) 10 5 0 -5 -10 -15 -20 -0.4 -0.3 -0.2 -0.1 0 0.1 0.2 0.3 0.4 Differential Input Voltage, Vid (mV) Tamb = 25C Vcc = 15V No Load
LARGE SIGNAL VOLTAGE GAIN @ LOAD
SMALL SIGNAL RESPONSE @ 30V
SMALL SIGNAL RESPONSE @ 3V
UNITY GAIN BANDWITH @ 30V
UNITY GAIN BANDWITH @ 3V
45 40 35 30 Voltage Gain (dB) 25 Gain 20 15 10 Phase 5 0 -5 10k 100k 1M Frequency, F (Hz) 10M 150 180 60 90 120 Tamb = 25C Vcc = +2V/-1V AVCL = 100 RL = 2k CL = 100pF
0 Phase (degrees) 30
8/11
TSH22
CLOSED LOOP BANDWITH @ 30V
21 18 15 12 Voltage Gain (dB) 9 AVCL = +2 6 3 0 -3 -6 -9 100k 1M Frequency, F (Hz) 10M AVCL = +1 AVCL = +5 Tamb = 25C Vcc = 15V AVCL = 5,2,1 RL = 2k CL = 100pF
CLOSED LOOP BANDWITH @ 3V
21 18 15 12 Voltage Gain (dB) 9 AVCL = +2 6 3 0 -3 -6 -9 100k 1M Frequency, F (Hz) 10M AVCL = +1 AVCL = +5 Tamb = 25C Vcc = +2V/-1V AVCL = 5,2,1 RL = 2k CL = 100pF
9/11
TSH22
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC DIP
Millimeters Dim. Min. A a1 B b b1 D E e e3 e4 F i L Z 0.51 1.15 0.356 0.204 7.95 2.54 7.62 7.62 6.6 5.08 3.81 1.52 Typ. 3.32 1.65 0.55 0.304 10.92 9.75 0.020 0.045 0.014 0.008 0.313 Max. Min.
Inches Typ. 0.131 0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060 Max.
3.18
0.125
10/11
TSH22
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
L
C a3
c1
a2
A
s e3 E
D M
8
5
F
1
4
Millimeters Dim. Min. A a1 a2 a3 b b1 C c1 D E e e3 F L M S 0.1 0.65 0.35 0.19 0.25 4.8 5.8 1.27 3.81 3.8 0.4 4.0 1.27 0.6 8 (max.) 0.150 0.016 Typ. Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2 0.189 0.228 Min. 0.004 0.026 0.014 0.007 0.010
a1
b
Inches Typ. Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244 0.050 0.150 0.157 0.050 0.024
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States (c) http://www.st.com
11/11
b1


▲Up To Search▲   

 
Price & Availability of TSH22I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X