Part Number Hot Search : 
TLP1032 RH105 M29LV M3529XR AZV39309 MM74C42 THC63L HL1566AF
Product Description
Full Text Search
 

To Download TQ2SA-L-15V-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TESTING
LOW-PROFILE SURFACE-MOUNT RELAY
TQ-SMD RELAYS
FEATURES
14 .551 9 .354 5.6 .220
mm inch
* Low-profile: 6 mm .236 inch in height comforming to EIA standards (Tape height: max. 6.5 mm .256 inch ) * Tape and reel package is available as standard packing style * Surge withstand between contacts and coil: 2,500 V * Breakdown voltage between contacts and coil: 1,500 V * High capacity: 2 A * High sensitivity: 2 Form C; 140 mW power consumption (Single side stable type)
SPECIFICATIONS
Contact
Arrangement Initial contact resistance, max. (By voltage drop 6 V DC 1 A) Contact material Nominal switching capacity (resistive load) Max. switching power (resistive load) Rating Max. switching voltage Max. switching current Min. switching capacity f1 Single side stable Nominal operating power 1 coil latching 2 coil latching Mechanical (at 180 cpm) 2 A 30 V DC resistive Electrical 1 A 30 V DC (at 20 cpm) resistive 0.5 A 125 V AC resistive 2 Form C 75 m Gold-clad silver alloy 2 A 30 V DC, 0.5 A 125 V AC 60 W, 62.5 VA 220 V DC, 125 V AC 2A 10 A 10 mV DC 140 mW (1.5 to 12 V DC) 200 mW (24 V DC) 300 mW (48 V DC) 70 mW (1.5 to 12 V DC) 100 mW (24 V DC) 140 mW (1.5 to 12 V DC) 200 mW (24 V DC) 108 105 Vibration resistance 2x105 105 Destructive Conditions for oper- Ambient ation, transport and temperature storage*8 (Not freezing and condensing Humidity at low temperature) Unit weight Initial breakdown voltage
Characteristics
Initial insulation resistance*1 Between open contacts Between contact sets Min. 1,000 M (at 500 V DC) 1,000 Vrms for 1 min. (Detection current: 10 mA) 1,500 Vrms for 1 min. (Detection current: 10 mA) 1,500 Vrms for 1 min. (Detection current: 10 mA) 1,500 V (FCC Part 68) 2,500 V (Bellcore) Max. 50C Max. 4 ms (Approx. 2 ms) [Max. 4 ms (Approx. 2 ms)] Max. 4 ms (Approx. 1 ms) [Max. 4 ms (Approx. 2 ms)] Min. 750 m/s2 {75 G} Min. 1,000 m/s2 {100 G} 200 m/s2 {20G}, 10 to 55 Hz at double amplitude of 3.3 mm 294 m/s2 {30G}, 10 to 55 Hz at double amplitude of 5 mm -40C to +85C*3 -40F to +185F 5 to 85% R.H. Approx. 2 g .071 oz
Between contact and coil Between open contacts Initial surge (10x160 s) voltage Between contacts and coil (2x10 s) Temperature rise*2 (at 20C) Operate time [Set time]*3 (at 20C) Release time [Reset time]*4 (at 20C) Functional*5 Shock resistance Destructive*6 Functional*7
Expected life (min. operations)
Note:
f1This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load.
Remarks
* Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Initial breakdown voltage" section. *2 By resistive method, nominal voltage applied to the coil; contact carrying current: 2 A. *3 Nominal voltage applied to the coil, excluding contact bounce time. *4 Nominal voltage applied to the coil, excluding contact bounce time without diode. *5 Half-wave pulse of sine wave: 6 ms; detection time: 10 s *6 Half-wave pulse of sine wave: 6 ms *7 Detection time: 10 s *8 Refer to 4. Conditions for operation, transport and storage mentioned in Cautions for use (Page 178).
140
TQ-SMD
ORDERING INFORMATION
Ex. TQ Contact arrangement 2: 2 Form C 2 SA
-
L
-
3V
-
Z Packing style Nil: Tube packing Z: Tape and reel packing (picked from the 6/7/8/9/10-pin side)
Surface-mount availability SA: Standard surface-mount SA: terminal type SL : High connection reliability SA: surface-mount terminal type SS: Space saving surfaceSA: mount terminal type
Operating function Nil: Single side stable L: 1 coil latching L2: 2 coil latching
Coil voltage (DC) 1.5, 3, 4.5, 5, 6, 9, 12, 24, 48* V
*48 V coil type: Single side stable only Notes: 1. Tape and reel (picked from 1/2/3/4/5-pin side) is also available by request. Part No. suffix "-X" is needed when ordering. (ex.) TQ2SA-3V-X 2. Tape and reel packing symbol "-Z" or "-X" are not marked on the relay.
Surface-mount terminal variation
Variation Terminal style Ambient environment Normal environments Drastic temperature fluctuations (indoor) (outdoor)
SA type (Standard surface-mount terminal type)
4.9 .193 7.62 .300 11.50.5 .453.020
0.25 .010
Recommended
--
SL type (Highly connection reliability surface-mount terminal type)
4.9 .193 7.62 .300 11.50.5 .453.020
0.25 .010
Recommended
Recommended
SS type (Space saving surface-mount terminal type)
4.9 .193 7.62 .300 9.30.5 .020
0.25 .010
Recommended
Recommended
TYPES
1. Single side stable
Part No. TQ2Sr-1.5 V TQ2Sr-3 V TQ2Sr-4.5 V TQ2Sr-5 V TQ2Sr-6 V TQ2Sr-9 V TQ2Sr-12 V TQ2Sr-24 V TQ2Sr-48 V Nominal voltage, V DC 1.5 3 4.5 5 6 9 12 24 48 Pick-up voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 36 Drop-out voltage, V DC (min.) 0.15 0.3 0.45 0.5 0.6 0.9 1.2 2.4 4.8 Nominal operating current, mA (10%) 93.8 46.7 31 28.1 23.3 15.5 11.7 8.3 6.3 Coil resistance, (10%) 16 64.3 145 178 257 579 1,028 2,880 7,680 Nominal operating power, mW 140 140 140 140 140 140 140 200 300 Max. allowable voltage, V DC 2.2 4.5 6.7 7.5 9 13.5 18 36 57.6
2. 1 coil latching
Part No. TQ2Sr-L-1.5 V TQ2Sr-L-3 V TQ2Sr-L-4.5 V TQ2Sr-L-5 V TQ2Sr-L-6 V TQ2Sr-L-9 V TQ2Sr-L-12 V TQ2Sr-L-24 V Nominal voltage, V DC 1.5 3 4.5 5 6 9 12 24 Set voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Reset voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Nominal operating current, mA (10%) 46.9 23.3 15.6 14 11.7 7.8 5.8 4.2 Coil resistance, (10%) 32 128.6 289.3 357 514 1,157 2,057 5,760 Nominal operating power, mW 70 70 70 70 70 70 70 100 Max. allowable voltage, V DC 2.2 4.5 6.7 7.5 9 13.5 18 36
141
TQ-SMD
3. 2 coil latching
Part No. TQ2Sr-L2-1.5 V TQ2Sr-L2-3 V TQ2Sr-L2-4.5 V TQ2Sr-L2-5 V TQ2Sr-L2-6 V TQ2Sr-L2-9 V TQ2Sr-L2-12 V TQ2Sr-L2-24 V Nominal voltage, V DC 1.5 3 4.5 5 6 9 12 24 Set voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Reset voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Nominal operating current, mA (10%) 93.8 46.7 31 28.1 23.3 15.5 11.7 8.3 Coil resistance, (10%) 16 64.3 145 178 257 579 1,028 2,880 Nominal operating power, mW 140 140 140 140 140 140 140 200 Max. allowable voltage, V DC 2.2 4.5 6.7 7.5 9 13.5 18 36
r: For each surface-mounted terminal variation, input the following letter. SA type: A, SL type: L, SS type: S Notes: 1. Specified value of the pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse. 2. Standard packing: Tube: 50 pcs.; Case; 1,000 pcs.; Tape and reel: 500 pcs./reel 3. In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.
DIMENSIONS
SA type
14 .551 5.6 .220 2.54 .100 0.5 .020 0.2 .008 4.9 .193 7.62 .300 11.50.5 .453.020 9 .354 0.25 .010
mm inch
Recommendable mounting pad (Top view) SA type
1 .039 2.94 .116 2.54 .100 2 .079 9.56 .376
Schematic (Top view)
*Single side stable (Deenergized condition)
- +
1 2 3 4 5 10 9 8 7 6
Direction indication* *Orientation stripe located on top of relay.
SL type
14 .551 Max. 7.5 .295 2.54 .100 0.5 .020 4.9 .193 7.62 .300 11.50.5 .453.020 2.94 .116 14 .551 Max. 7.5 .295 2.54 .100 0.5 .020 4.9 .193 7.62 .300 9.30.5 .020 9 .354 0.25 .010 9.56 .376 9 .354 0.25 .010 0.3 .012
For glue-pad
14 .551
*1-coil latching (Reset condition)
+ -
1 2 3 4 5 10 9 8 7 6
SL type
1 .039 2.54 .100
SS type
Direction indication* *Orientation stripe located on top of relay.
*2-coil latching (Reset condition)
SS type
1 .039 1.84 .072 8.46 .333 2.54 .100
10 9
8
7
6
+ +
1 2 3 4
- -
5
General tolerance: 0.3 .012
Direction indication* *Orientation stripe located on top of relay.
Tolerance: 0.1 .004
REFERENCE DATA
1. Maximum switching capacity 2. Life curve 3. Mechanical life (mounting by IRS method)
Tested sample: TQ2SA-12V, 10 pcs.
3.0 Switching current, A 2.0 DC resistive load No. of operations, x 104 100 50 30 20 10 125V AC resistive load 30V DC resistive load Ratio against the rated voltage, %V 100 90 80 70 60 50 40 30 20 10 0 20 30 50 100 200 300 Contact voltage, V 0 1.0 2.0 Switching current, A 0 IRS 1 Min. Drop-out voltage Max. Pick-up voltage Max. Min.
1.0 AC resistive load
0.5 0.4 0.3 0.2
10 100 1,000 10,000 4 No. of operations, x10
142
TQ-SMD
4.-(1) Electrical life (2 A 30 V DC resistive load)
Tested sample: TQ2SA-12V, 6 pcs. Operating frequency: 20 cpm Change of pick-up and drop-out voltage (mounting by IRS method)
100 Ratio against the rated voltage, %V 90 80 70 60 50 40 30 20 10 0 IRS 1 2 Max. Min. 3 4 5 6 7 8 9 10 No. of operations, x104 Drop-out voltage Pick-up voltage Max. Min.
4.-(2) Electrical life (0.5 A 125 V AC resistive load)
Change of contact resistance (mounting by IRS method)
100 Ratio against the rated voltage, %V Contact resistance, m 90 80 70 60 50 40 30 20 10 0 IRS 1 2 3 4 5 6 7 8 9 10 No. of operations, x104 Min. Max.
Tested sample: TQ2SA-12V, 6 pcs Operating frequency: 20 cpm Change of pick-up and drop-out voltage (mounting by IRS method)
100 90 80 70 60 50 40 30 20 10 0 IRS 1 2 3 4 5 6 7 8 9 10 No. of operations, x104 Drop-out voltage Max. Min. Pick-up voltage Max. Min.
5. Coil temperature rise
Change of contact resistance (mounting by IRS method)
100 90 Contact resistance, m 80 70 60 50 40 30 20 10 0 IRS 1 2 3 4 5 6 7 8
4
6. Operate/release time
Tested sample: TQ2SA-12V, 6 pcs.
Tested sample: TQ2SA-12V, 6 pcs. Point measured: Inside the coil Ambient temperature: 25C 77F
70 Temperature rise, C 60 50 40 30 20 10 0 100 110 120 130 140 150 Coil applied voltage, %V 2A 0A Coil voltage DC 12V type DC 48V type 2A
5 Operate and release time, ms Operate time Release time 4 Max. Min.
0A
3
Max. Min.
2 Max. Min.
1 0
9 10
70
80
No. of operations, x10
90 100 110 120 Coil applied voltage, %V
7. Distribution of pick-up and drop out voltage
Tested sample: TQ2SA-12V, 50 pcs.
8. Distribution of set and reset voltage
Tested sample: TQ2SA-L-12V, 30 pcs.
30
9. Ambient temperature characteristics
Tested sample: TQ2SA-12V, 5 pcs.
Rate of change, %
,,
,PPPPP P@@@@@ @,,,,, PP P P @@ @ @ ,, , ,
30
Pick-up voltage
Set voltage Reset voltage
40 Pick-up voltage x
,,
25 Quantity 20
10. Distribution of contact resistance
Tested sample: TQ2SA-5V, 30 pcs. (30 x 4 contacts)
50
10 9 8 7 6
,, ,
12345
Isolation, dB
(TOP VIEW)
Quantity
100
30
Terminal Nos. 2-3, 8-9
Insertion loass, dB
40
,,,,,,,, ,,,
,, , , PP P P @@ @ @ ,, , , PP P P @@ @ @ ,, , , PP P P @@ @ @ ,, , , PP P P @@ @ @ ,, , , ,PPPPP ,,,,,, P@@@@@ @,,,,, ,PPPPP P@@@@@ @,,,,, ,PPPPP P@@@@@ @,,,,, ,PPPPP P@@@@@ @,,,,,
Drop-out voltage 20 10 0 Terminal Nos. 3-4, 7-8 20 10 0 20
Quantity
20
10 5
,,,, ,, , ,,,,,
15
,,,,, ,, , , ,,,,
0 10 100 Frequency, MHz
-40 -20
0
Drop-out voltage 20 40 60 80 Ambient temperature, C -20
-40
10 20 30 40 50 60 70 80 90 100 Ratio against the rated voltage, %V
10 20 30 40 50 60 70 80 90 100 Ratio against the rated voltage, %V
11.-(1) High-frequency characteristics
Isolation characteristics
11.-(2) High-frequency characteristics
Insertion loss characteristics
- +
,,,,,,,, ,,,,,,
,
1.0 0.8 0.6 0.4 0.2
50
30 40 50 Contact resistance, m
1,000
10
100 Frequency, MHz
1,000
143
TQ-SMD
12.-(1) Malfunctional shock (single side stable)
Tested sample: TQ2SA-12V, 6 pcs
Z' Y Y' ZX X' Y 1000m/s 2 Deenergized condition Energized condition Z' 1000m/s 2
12.-(2) Malfunctional shock (latching)
Tested sample: TQ2SA-L2-12V, 6 pcs.
Z' Y Y' ZX X' Y 1000m/s 2 Reset condition Set condition Z' 1000m/s 2
X 1000m/s2
X 1000m/s2
1000m/s 2 Z 1000m/s 2 Y'
1000m/s 2 X'
1000m/s 2 Z 1000m/s 2 Y'
1000m/s 2 X'
13.-(1) Influence of adjacent mounting
Tested sample: TQ2SA-12V, 5 pcs.
Rate of change, % 10 Pick-up voltage 0 -10 ON ON ON
13.-(2) Influence of adjacent mounting
Tested sample: TQ2SA-12V, 6 pcs.
Rate of change, % 10 Pick-up voltage 0 ON -10 ON 10 0 -10 OFF 0 1 23 45 6 .039 .079 .118 .157 .197 .236 Inter-relay distance , mm inch Drop-out voltage OFF OFF ON
13.-(3) Influence of adjacent mounting
Tested sample: TQ2SA-12V, 6 pcs.
Rate of change, % 10 Pick-up voltage 0 -10
ON ON ON ON
Rate of change, %
Rate of change, %
10 Drop-out voltage 0 -10 0
OFF OFF
Rate of change, %
10 0 -10 0
OFF Drop-out voltage OFF OFF OFF 1 23 45 6 .039 .079 .118 .157 .197 .236 Inter-relay distance , mm inch
OFF 1 23 45 6 .039 .079 .118 .157 .197 .236 Inter-relay distance , mm inch
14. Pulse dialing test
Tested sample: TQ2SA-12V, 6 pcs. (35 mA 48 V DC wire spring relay load) Change of pick-up and drop-out voltage (mounting by IRS method)
Ratio against the rated voltage, %V 100 90 Contact resistance, m 80 70 60 50 40 30 20 10 0 IRS 10 20 30 40 No. of operations, x104 50 Drop-out voltage Pick-up voltage Max. Min.
Change of contact resistance (mounting by IRS method)
100 90 80 70 60 50 40 30 20 10 0 IRS 10 20 30 40 No. of operations, x104 50 Max. Min.
Circuit
+
0.08 F 48 V DC
458 0.08 F TQ-SMD 3 relay 2
-
458 Wire spring relay
Max. Min.
For Cautions for Use, see Page 178 and 179.
144 9/1/2000
All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of TQ2SA-L-15V-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X