Part Number Hot Search : 
78M12 31300 RBV5010 MAX2406 74HCT373 N4XJL IPW60R STPS745M
Product Description
Full Text Search
 

To Download TISP4240F3LM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH V SC AV ER OM AI SIO PL LA N IA BL S NT E
TISP4072F3LM THRU TISP4082F3LM, TISP4125F3LM THRU TISP4180F3LM, TISP4240F3LM THRU TISP4380F3LM BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
*R
TISP4xxxF3LM Overvoltage Protector Series
Ion-Implanted Breakdown Region Precise and Stable Voltage Low Voltage Overshoot under Surge
LM Package (Top View)
Device `4072 `4082 `4125 `4150 `4180 `4240 `4260 `4290 `4320 `4380
VDRM V 58 66 100 120 145 180 200 220 240 270
V(BO) V 72 82 125 150 180 240 260 290 320 380
T(A) NC R(B)
1 2 3
MD4XAT
NC - No internal connection on pin 2
LMF Package (LM Package with Formed Leads) (Top View)
T(A) NC R(B)
1 2 3
MD4XAKB
Rated for International Surge Wave Shapes
NC - No internal connection on pin 2
Waveshape 10/160 s 0.5/700 s 10/700 s 10/560 s 10/1000 s
Standard FCC Part 68 I3124 ITU-T K.20/21 FCC Part 68 REA PE-60
ITSP A 60 38 50 45 35
Device Symbol
T
.............................................. UL Recognized Component
R
SD4XAA
Terminals T and R correspond to the alternative line designators of A and B
Description
These devices are designed to limit overvoltages on the telephone line. Overvoltages are normally caused by a.c. power system or lightning flash disturbances which are induced or conducted on to the telephone line. A single device provides 2-point protection and is typically used for the protection of 2-wire telecommunication equipment (e.g. between the Ring to Tip wires for telephones and modems). Combinations of devices can be used for multi-point protection (e.g. 3-point protection between Ring, Tip and Ground). The protector consists of a symmetrical voltage-triggered bidirectional thyristor. Overvoltages are initially clipped by breakdown clamping until the voltage rises to the breakover level, which causes the device to crowbar into a low-voltage on state. This low-voltage on state causes the current resulting from the overvoltage to be safely diverted through the device. The high crowbar holding current prevents d.c. latchup as the diverted current subsides.
How To Order
For Standard Termination Finish Order As TISP4xxxF3LM TISP4xxxF3LMR For Lead Free Termination Finish Order As TISP4xxxF3LM-S TISP4xxxF3LMR-S TISP4xxxF3LMFRS
Device TISP4xxxF3LM
Package Straight Lead DO-92 (LM)
Carrier Bulk Pack Tape and Reeled
Formed Lead DO-92 (LMF) Tape and Reeled TISP4xxxF3LMFR Insert xxx value corresponding to protection voltages of 072, 082, 125 etc.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex NOVEMBER 1997 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
TISP4xxxF3LM Overvoltage Protector Series
Description (continued)
This TISP4xxxF3LM range consists of ten voltage variants to meet various maximum system voltage levels (58 V to 270 V). They are guaranteed to voltage limit and withstand the listed international lightning surges in both polarities. These protection devices are supplied in a DO-92 (LM) cylindrical plastic package. The TISP4xxxF3LM is a straight lead DO-92 supplied in bulk pack and on tape and reeled. The TISP4xxxF3LMF is a formed lead DO-92 supplied only on tape and reeled.
Absolute Maximum Ratings, TA = 25 C (Unless Otherwise Noted)
Rating `4072 `4082 `4125 `4150 `4180 `4240 `4260 `4290 `4320 `4380 Symbol Value 58 66 100 120 145 180 200 220 240 270 175 120 60 50 38 38 50 45 35 80 70 4 250 -40 to +150 -55 to +150 Unit
Repetitive peak off-state voltage (0 C < TJ < 70 C)
VDRM
V
Non-repetitive peak on-state pulse current (see Notes 1, 2 and 3) 2/10 s (FCC Part 68, 2/10 s voltage wave shape) excluding `4072 - `4082 8/20 s (ANSI C62.41, 1.2/50 s voltage wave shape) excluding `4072 - `4082 10/160 s (FCC Part 68, 10/160 s voltage wave shape) 5/200 s (VDE 0433, 2 kV, 10/700 s voltage wave shape) 0.2/310 s (I3124, 1.5 kV, 0.5/700 s voltage wave shape) 5/310 s (ITU-T K.20/21, 1.5 kV, 10/700 s voltage wave shape) 5/310 s (FTZ R12, 2 kV, 10/700 s voltage wave shape) 10/560 s (FCC Part 68, 10/560 s voltage wave shape) 10/1000 s (REA PE-60, 10/1000 s voltage wave shape) 2/10 s (FCC Part 68, 2/10 s voltage wave shape) `4072 - `4082 only 8/20 s (ANSI C62.41, 1.2/50 s voltage wave shape) `4072 - `4082 only Non-repetitive peak on-state current (see Notes 2 and 3) 50/60 Hz, 1 s Initial rate of rise of on-state current, Linear current ramp, Maximum ramp value < 38 A Junction temperature Storage temperature range NOTES: 1. Initially the TISP must be in thermal equilibrium with 0 C < TJ < 70 C. 2. The surge may be repeated after the TISP returns to its initial conditions. 3. Above 70 C, derate linearly to zero at 150 C lead temperature.
ITSP
A
ITSM diT/dt TJ Tstg
A A/s C C
NOVEMBER 1997 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
TISP4xxxF3LM Overvoltage Protector Series
Electrical Characteristics for R and T Terminals, TJ = 25 C (Unless Otherwise Noted)
Parameter Repetitive peak offstate current Test Conditions VD = V DRM, 0 C < TJ < 70 C `4072 `4082 `4125 `4150 `4180 `4240 `4260 `4290 `4320 `4380 `4072 `4082 `4125 `4150 `4180 `4240 `4260 `4290 `4320 `4380 0.15 0.15 5 10 108 74 74 40 25 20 Min Typ Max 10 72 82 125 150 180 240 260 290 320 380 86 96 143 168 198 267 287 317 347 407 0.6 3 Unit A
IDRM
V(BO)
Breakover voltage
dv/dt = 250 V/ms, RSOURCE = 300
V
V(BO)
Impulse breakover voltage
dv/dt = 1000 V/s, RSOURCE = 50 di/dt < 20 A/s
V
I(BO) VT IH dv/dt ID
Breakover current On-state voltage Holding current Critical rate of rise of off-state voltage Off-state current
dv/dt = 250 V/ms, RSOURCE = 300 IT = 5 A, tW = 100 s IT = 5 A, di/dt = - /+ 30 mA/ms Linear voltage ramp, Maximum ramp value < 0.85VDRM VD = 50 V f = 100 kHz, Vd = 1 V r.m.s., VD = 0,
A V A kV/s A
Coff
Off-state capacitance
f = 100 kHz, Vd = 1 V r.m.s., VD = -50 V
`4072 - `4082 `4125 - `4180 `4240 - `4380 `4072 - `4082 `4125 - `4180 `4240 - `4380
63 43 44 25 15 11
pF
Thermal Characteristics
Parameter RJA Junction to free air thermal resistance Test Conditions EIA/JESD51-3 PCB mounted in an EIA/ JESD51-2 enclosure Min Typ Max 120 Unit C/W
NOVEMBER 1997 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
TISP4xxxF3LM Overvoltage Protector Series
Parameter Measurement Information
+i ITSP Quadrant I Switching Characteristic
ITSM IT VT IH IDRM -v VDRM IDRM IH VD ID ID VD VDRM +v
V(BO)
I(BO)
I(BO)
V(BO)
VT IT ITSM
Quadrant III Switching Characteristic ITSP -i
PMXXAAB
Figure 1. Voltage- Current Characteristic for R and T Terminals All Measurements are Referenced to the T Terminal
NOVEMBER 1997 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
TISP4xxxF3LM Overvoltage Protector Series
Typical Characteristics
OFF-STATE CURRENT vs JUNCTION TEMPERATURE VDRM DERATING FACTOR vs MINIMUM AMBIENT TEMPERATURE
100
TC4XAA
1.00
TC4XAB
10
ID - Off-State Current - A
0.99
Derating Factor
1
0.98
'4072 AND '4082
'4125 THRU '4180
VD = 50 V VD = -50 V
0*1
0.97
0*01
0.96 '4240 THRU '4380 -35 -30 -25 -20 -15 -10 -5 TAMIN - Minimum Ambient Temperature - C 0
0*001 -25 0 25 50 75 100 125 TJ - Junction Temperature - C 150
0.95 -40
Figure 2.
Figure 3.
100
NORMALIZED V(BO) vs AMBIENT TEMPERATURE
TC3MAL TC4XAC
2.0
NORMALIZED HOLDING CURRENT vs JUNCTION TEMPERATURE
TC4XAD
V(BO) Normalized Curren t - A I - On-State to 25 C Value
1.1
Normalized Holding Current
'4125 THRU '4180
'4072 AND '4082
1.5
1.0 0.9 0.8 0.7 0.6 0.5
10 '4240 THRU 1.0 '4380
'4240 THRU '4380
T
25C '4072 150C AND '4082 1 -25 -40C
0.91
0.4 2 13 4 5 7 0 25 50 75 100 6 125 8 9 150 TA -VT - On-State Voltage - -V Ambient Temperature C -25 0 25 50 75 100 125 150 TJ - Junction Temperature - C
Figure 4.
NOVEMBER 1997 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Figure 5.
TISP4xxxF3LM Overvoltage Protector Series
Typical Characteristics
NORMALIZED BREAKOVER VOLTAGE vs RATE OF RISE OF PRINCIPLE CURRENT NORMALIZED BREAKOVER VOLTAGE vs RATE OF RISE OF PRINCIPLE CURRENT
1.3 POSITIVE POLARITY
TC4XAE
1.3 NEGATIVE POLARITY
TC4XAF
'4072 AND '4082
Normalized Breakover Voltage
Normalized Breakover Voltage
'4072 AND '4082 '4125 THRU '4180 '4240 THRU '4380
1.2 '4240 THRU '4380 1.1
1.2
1.1
'4125 THRU '4180 1.0 0*001 0*01 0*1 1 10 100 1.0 0*001 0*01 0*1 1 10 100
di/dt - Rate of Rise of Principal Current - A/s
di/dt - Rate of Rise of Principal Current - A/s
Figure 6.
Figure 7.
OFF-STATE CAPACITANCE vs TERMINAL VOLTAGE
TC4XAG
OFF-STATE CAPACITANCE vs TERMINAL VOLTAGE
TC4XAH
100 90 80 70
Off-State Capacitance - pF
POSITIVE POLARITY
100 90 80 70
Off-State Capacitance - pF
NEGATIVE POLARITY '4072 AND '4082
60 50 40 30
'4072 AND '4082
60 50 40 30
20
'4125 THRU '4180
20
'4240 THRU '4380 50 10 0*1
'4125 THRU '4180
'4240 THRU '4380 50
10 0*1
1 10 Terminal Voltage - V
1 10 Terminal Voltage - V
Figure 8.
Figure 9.
NOVEMBER 1997 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
TISP4xxxF3LM Overvoltage Protector Series
Typical Characteristics
NON-REPETITIVE PEAK ON-STATE CURRENT vs CURRENT DURATION TI4LAAA
ITSM(t) - Non-Repetitive Peak On-State Current - A
10 9 8 7 6 5 4 3
VGEN = 600 Vrms, 50/60 Hz RGEN(t) = 1.4*VGEN / ITSM(t)
2
1 0*1
1
10 100 t - Current Duration - s
1000
Figure 10.
NOVEMBER 1997 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
TISP4xxxF3LM Overvoltage Protector Series
MECHANICAL DATA
Device Symbolization Code
Devices will be coded as below.
Device TISP4072F3 TISP4082F3 TISP4125F3 TISP4150F3 TISP4180F3 TISP4240F3 TISP4260F3 TISP4290F3 TISP4320F3 TISP4380F3
Symbolization Code 4072F3 4082F3 4125F3 4150F3 4180F3 4240F3 4260F3 4290F3 4320F3 4380F3
Carrier Information
Devices are shipped in one of the carriers below. A reel contains 2,000 devices.
Package Type Straight Lead DO-92 Straight Lead DO-92 Formed Lead DO-92
For Standard For Lead Free Termination Finish Termination Finish Carrier Order As Order As TISP4xxxF3LM-S Bulk Pack TISP4xxxF3LM Tape and Reeled TISP4xxxF3LMR TISP4xxxF3LMR-S Tape and Reeled TISP4xxxF3LMFR TISP4xxxF3LMFRS
NOVEMBER 1997 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
TISP4xxxF3LM Overvoltage Protector Series
MECHANICAL DATA
LM002 (DO-92) 2-Pin Cylindrical Plastic Package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
LM002 Package (DO-92)
4.44 - 5.21 (.175 - .205) 3.43 MIN. (.135) 2.03 - 2.67 (.080 - .105) 3.17 - 4.19 (.125 - .165)
2.03 - 2.67 (.080 - .105)
4.32 - 5.34 (.170 - .210)
MAX.
2.20 (.086)
2
A
2
MIN.
12.7 (0.5)
0.40 - 0.56 (.016 - .022)
1
3
3 VIEW A
1
1.14 - 1.40 (.045 - .055)
0.35 - 0.41 (.014 - .016)
2.41 - 2.67 (.095 - .105)
DIMENSIONS ARE:
METRIC (INCHES) MD4XARA
NOVEMBER 1997 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
TISP4xxxF3LM Overvoltage Protector Series
MECHANICAL DATA
LM002 (DO-92) - Formed Leads Version - 2-Pin Cylindrical Plastic Package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
LMF002 (DO-92) - Formed Leads Version of LM002
4.44 - 5.21 (.175 - .205) 3.43 MIN. (.135) 2.03 - 2.67 (.080 - .105) 3.17 - 4.19 (.125 - .165)
2.03 - 2.67 (.080 - .105)
4.32 - 5.34 (.170 - .210)
MAX.
2.20 (.086)
MAX.
4.00 (.157)
2
A
2
0.40 - 0.56 (.016 - .022)
1
3
3 VIEW A
2.40 - 2.90 (.094 - .114) 0.35 - 0.41 (.014 - .016)
1
2.40 - 2.90 (.094 - .114)
DIMRNSIONS ARE:
METRIC (INCHES) MD4XASA
NOVEMBER 1997 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
TISP4xxxF3LM Overvoltage Protector Series
MECHANICAL DATA
Tape Dimensions
LMF002 Package (Formed Lead DO-92) Tape
11.70 - 13.70 (.461 - .539)
LMF002 Tape Dimensions Conform to the Requirements of EIA-468-B
Body Indent Visible
23.00 - 32.00 (.906 - 1.260) 17.66 - 27.68 (.695 -1.090) 15.50 - 16.53 (.610 - .650)
2.50 MIN. (.098)
0.00 - 0.50 (0.00 - .020)
8.50 - 11.00 (.335 - .433)
8.50 - 9.75 (.335 - .384)
5.50 - 19.00 (.217 - .748)
17.50 - 19.00 (.689 - .748)
4.88 - 5.28 (.192 - .208)
o
Adhesive Tape on Reverse Side - Shown Dashed
3.41 - 4.21 (.134 - .166) 12.40 - 13.00 (.488 - .512)
VIEW A
3.70 - 4.30 (.146 - .169)
Tape Section Shown in View A
Flat of DO-92 Body Towards Reel Axis Direction of Feed
METRIC (INCHES) MD4XAQC
DIMENSIONS ARE:
"TISP" is a trademark of Bourns, Ltd., a Bourns Company, and is Registered in U.S. Patent and Trademark Office. "Bourns" is a registered trademark of Bourns, Inc. in the U.S. and other countries.
NOVEMBER 1997 - REVISED FEBRUARY 2005 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of TISP4240F3LM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X