Part Number Hot Search : 
KAD1512D DP90S18 17BZC HYS64 AT216 A986A 10K3DCB0 IDTQS3
Product Description
Full Text Search
 

To Download TDA1015T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA1015T 0,5 W audio power amplifier
Product specification File under Integrated Circuits, ICO1 March 1986
Philips Semiconductors
Product specification
0,5 W audio power amplifier
GENERAL DESCRIPTION
TDA1015T
The TDA1015T is a low-cost audio amplifier which can deliver up to 0,5 W output power into a 16 load impedance at a supply voltage of 9 V. The amplifier is specially designed for portable applications such as radios and recorders. The IC has a very low supply voltage requirement (3,6 V min.). Features * High input impedance * Separated preamplifier and power amplifier * Limited noise behaviour at radio frequencies * Short-circuit protected * Miniature encapsulation. QUICK REFERENCE DATA Supply voltage range Peak output current Output power Voltage gain power amplifier Voltage gain preamplifier Total quiescent current Operating ambient temperature range Storage temperature range VP IOM Po GV1 GV2 Itot Tamb Tstg 3,6 to 12 V max. typ. typ. typ. max. 1A 0,5 W 29 dB 23 dB 22 mA
-25 to +150 C -55 to + 150 C
PACKAGE OUTLINE 8-lead mini-pack; plastic (SO8; SOT96A); SOT96-1; 1996 July 23.
March 1986
2
Philips Semiconductors
Product specification
0,5 W audio power amplifier
TDA1015T
Fig.1 Block diagram.
RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134) Supply voltage Peak output current Total power dissipation Storage temperature range A.C. short-circuit duration of load during sine-wave drive at VP = 9 V tsc VP IOM max. max. 12 V 1A
see derating curve Fig.2 -55 to + 150 C max. 1 hour
Fig.2 Power derating curve.
March 1986
3
Philips Semiconductors
Product specification
0,5 W audio power amplifier
CHARACTERISTICS Tamb = 25 C; VP = 9 V; RL = 16 ; f = 1 kHz; see Fig.3; unless otherwise specified SYMBOL VP IORM Itot Po Po Gv1 Gv2 Gtot B |Zi1| |Zi2| |Zo2| Vo2(rms) Vn(rms) Vn(rms) Vn(rms) RR Supply voltage Repetitive peak output current Total quiescent current A.F. output power at dtot = 10%; note 1 VP = 9 V; RL = 16 VP = 6 V; RL = 8 Voltage gain power amplifier Voltage gain preamplifier (note 2) Total voltage gain Frequency response at -3 dB (note 3) Input impedance power amplifier Input impedance preamplifier (note 4) Output impedance preamplifier Output voltage preamplifier (r.m.s. value) dtot < 1% (note 2) Noise output voltage (r.m.s. value); note 5 RS = 0 RS = 10 k Noise output voltage (r.m.s. value) f = 500 kHz; B = 5 kHz; RS = 0 Ripple rejection at f = 100 Hz; C2 = 1 F (note 6) - 38 - - 8 - - - 0,2 0,5 - - - 0,7 - - - - - 49 - - 100 0,5 0,5 0,3 29 23 52 20 200 1 - - - - 55 - - 1,5 PARAMETER 3,6 - - MIN. 9 - 12 TYP. 12 1 22
TDA1015T
MAX. V A mA W W dB dB dB Hz k k k V mV mV V dB
UNIT
60 to 15 000 -
Notes to the characteristics 1. Output power is measured with an ideal coupling capacitor to the speaker load. 2. Measured with a load resistance of 20 k. 3. The frequency response is mainly determined by the capacitors, C1, C3 (low frequency) and C4 (high frequency). 4. Independent of load impedance of preamplifier. 5. Effective unweighted r.m.s. noise voltage measured in a bandwidth from 60 Hz to 15 kHz (slopes 12 dB/octave). 6. Ripple rejection measured with a source impedance between 0 and 2 k (maximum ripple amplitude of 2 V).
March 1986
4
Philips Semiconductors
Product specification
0,5 W audio power amplifier
APPLICATION INFORMATION
TDA1015T
Fig.3 Test circuit.
______ measured in Fig.3 - - - - measured with a 1,5 M resistor connected between pins 7 and 2.
Fig.4
Total quiescent current as a function of supply voltage.
Fig.5
Output power as a function of supply voltage; dtot = 10%; f = 1 kHz.
March 1986
5
Philips Semiconductors
Product specification
0,5 W audio power amplifier
TDA1015T
______ measured in Fig.3 - - - - measured with a 1,5 M resistor connected between pins 7 and 2.
Fig.6 Total distortion as a function of output power; VP = 9 V; RL = 16 ; f = kHz.
Fig.7 Application circuit for power stage only and battery power supply; Gv1 = 29 dB; |Zi1| = 20 k.
March 1986
6
Philips Semiconductors
Product specification
0,5 W audio power amplifier
TDA1015T
Fig.8
Application circuit for preamplifier and power amplifier stages and battery power supply; Gv tot = 52 dB; |Zi2| = 200 k.
March 1986
7
Philips Semiconductors
Product specification
0,5 W audio power amplifier
PACKAGE OUTLINE SO8: plastic small outline package; 8 leads; body width 3.9 mm
TDA1015T
SOT96-1
D
E
A X
c y HE vMA
Z 8 5
Q A2 A1 pin 1 index Lp 1 e bp 4 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 5.0 4.8 0.20 0.19 E (2) 4.0 3.8 0.16 0.15 e 1.27 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.057 0.069 0.004 0.049
0.019 0.0100 0.014 0.0075
0.244 0.039 0.028 0.050 0.041 0.228 0.016 0.024
0.028 0.004 0.012
8 0o
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT96-1 REFERENCES IEC 076E03S JEDEC MS-012AA EIAJ EUROPEAN PROJECTION
ISSUE DATE 95-02-04 97-05-22
March 1986
8
Philips Semiconductors
Product specification
0,5 W audio power amplifier
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). Reflow soldering Reflow soldering techniques are suitable for all SO packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. Wave soldering Wave soldering techniques can be used for all SO packages if the following conditions are observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream end.
TDA1015T
During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Repairing soldered joints Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
March 1986
9
Philips Semiconductors
Product specification
0,5 W audio power amplifier
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
TDA1015T
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
March 1986
10


▲Up To Search▲   

 
Price & Availability of TDA1015T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X