|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
First Edition O PTREX LCD Module Technical Specification T-51382D064-FW-P-AB Oct 17, 2001 Final Revision ****** Checked by (Quality Assurance Div.) Checked by (Design Engineering Div.) Prepared by (Production Div.) Table of Contents 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. Applications ................................................................................................................................................. 2 Features........................................................................................................................................................... 2 Mechanical Specifications................................................................................................................ 2 Mechanical Drawing TFT LCD Module............................................................................ 3 Input / Output Terminals................................................................................................................. 5 Absolute Maximum Ratings ............................................................................................................ 6 Electrical Characteristics.....................................................................................................................6 Power Sequence ............................................................................................................................... 12 Optical Characteristics ..................................................................................................................... 13 Reliability TEST .................................................................................................................................. 16 Block Diagram......................................................................................................................................... 17 Revision History Rev. Date Page Comment T-51382D064-FW-P-AB OPTREX CORPORATION Page 1/17 1. Application This product applies computer peripheral, industrial meter, image communication, web-pad, e-boobs and multi-media. 2. Features . Pixel in stripe configuration . Slim and compact . Display Colors*F 262,144 colors . Viewing Direction*F 6 o'clock . Slim module design for mobile electronics device application 3. Mechanical Specifications Parameter Screen Size Display Format Active Area Dot Pitch Pixel Pitch Pixel Configuration Outline Dimension Weight Specifications 6.4 (diagonal) 640*~ G, B*~ R, 480 129.6(H)*~ 97.44 (V) 0.0675 (H)*~ 0.203 (V) 0.203 (H)*~ 0.203 (V) Stripe See Mechanical Drawing 16510 Unit inch dot mm mm mm mm g T-51382D064-FW-P-AB OPTREX CORPORATION Page 2/17 4.Mechanical Drawing of TFT-LCD Module T-51382D064-FW-P-AB OPTREX CORPORATION Page 3/17 T-51382D064-FW-P-AB OPTREX CORPORATION Page 4/17 5.Input / Output Terminals 5-1) TFT-LCD Panel Driving Connector(1) type : ELCO , 6210-30PIN Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 Symbol CLK Hsync Vsync GND R0 R1 R2 R3 R4 R5 GND G0 G1 G2 G3 G4 G5 GND B0 B1 B2 B3 B4 B5 GND NC VCC VCC NC NC Function Clock Signal for Sampling Image Digital Data Horizontal Synchronous Signal Vertical Synchronous Signal Ground (0V) Red Image Data Signal (LSB) Red Image Data Signal Red Image Data Signal Red Image Data Signal Red Image Data Signal Red Image Data Signal (MSB) Ground (0V) Green Image Data Signal (LSB) Green Image Data Signal Green Image Data Signal Green Image Data Signal Green Image Data Signal Green Image Data Signal (MSB) Ground (0V) Blue Image Data Signal (LSB) Blue Image Data Signal Blue Image Data Signal Blue Image Data Signal Blue Image Data Signal Blue Image Data Signal (MSB) Ground (0V) No connection DC +3.3V Power Supply DC +3.3V Power Supply No connection No connection Remark 5-2) Backlight driving Pin No 1 2 3 Symbol VL1 NC VL2 Description Input terminal (Hi voltage side) No Connection Input terminal (Low voltage side) Remark Wire color : Pink Wire Color : White Note 5-1 Note 5-1 : Low voltage side of backlight inverter connects with ground of inverter circuits. T-51382D064-FW-P-AB OPTREX CORPORATION Page 5/17 5-3) Input / Output Connector A) LCD module connector ELCO , 6210-30PIN Down Connector Pin No.*F 30 Pitch*F mm 0.5 B) Backlight Connector JST BHR-03VS-1 Pin No.*F 3 Pitch*Fmm 4 Red: High Voltage White: Low Voltage 6.Absolute Maximum Ratings: Parameters Symbo MIN. MAX. l +3.3V Supply Voltage VCC -0.3 +4.0 V Input Signals Voltage Vsig -0.3 VCC+0.3 V Note 6-1 Storage Temperature Tstg -20 +70 Note 6-2 Operating Temperature Topa -0 +60 Note 6-1: Input signals include CLK, Hsync, Vsync, R[0:5], G[0:5] and B[0:5]. Note 6-2: Humidity : 95% RH Max. at Ta *... 40C. Maximum wet-bulb temperature is at 39 C or less at Ta > 40 C. No condensation. GND=0V, Ta=25C Unit Remark 7. Electrical Characteristics 7-1) Recommended Operating Conditions: A) Driving for TFT-LCD panel Parameters Supply Voltage Symbol VCC VCCRP VIH VIL +3.3 V Min. +3.15 +3.0 - Typ. +3.3 +3.3 0 GND = 0V*CTa = 25 C Max. Unit Remark +3.6 V 0.1 +3.6 +0.3 Vp-p V V VCC=+3.3V Supply Input Ripple Voltage Input Signals Voltage (High) Input Signals Voltage (Low) B) Driving for backlight Item Lamp Current Lamp Voltage Oscillation Lamp Life Time Symbol IL VL PL Vs Vs Min. 3 320 45 - Typ. 5 350 64 20,000 845 1,045 Max. 7 380 80 1,050 1,250 Kick-off voltage(25 ) Kick-off voltage(0 ) Unit mA Vrms KHz Hr Vrms Vrms Ta = 25 C Remark T-51382D064-FW-P-AB OPTREX CORPORATION Page 6/17 7-2) Power Consumption Parameters +3.3V Current Dissipation Input Signals Current (High) Input Signals Current (Low) LCD Panel Power Consumption Backlight Power Consumption Symbol ICC IIH IIL Typ. 290 Max. 330 100 100 Unit Remark mA A VIH =+3.3V VIL =0V A W Note 7-1 W Note 7-2 0.96 1.75 2.66 Note 7-1 : The power consumption of backlight is not included. Note 7-2 : Backlight lamp power consumption is calculated by IL*~ VL. 7-3) Input / Output signal timing chart Parameters Frequency Clock High Time Low Time Periodic = Line Symbol Fc=1/Tc Tckh Tckl Thp Min. Typ. 25.17 5 Max. Unit MHz ns ns s Note Note 73 10 10 31.77 8 800 2 2 515 1 1 10 10 2 640 10 1 96 49 525 2 33 Hsync Pulse Width Back Porch Thpw Thbp 1024 200 64 1024 clock clock clock line line line ns ns clock clock clock ns clock Note 73 Note 73 Note 73 Pulse Width Back Porch Data Setup Time Hold Time Periodic = Line Pulse Width (H) Horizontal Display Periodic Hsync-CLK Phase Difference Vsync-Hsync Phase Difference Vsync Tvpw Tvbp Tds Tdh Tep Tepw Thd Thc Tvh 64 800 640 640 1024 800 640 Tc-10 Thp-1 Note 7-3 : Tc is the period of sampling clock. In case of low-frequency, the imageflicker may occur. T-51382D064-FW-P-AB OPTREX CORPORATION Page 7/17 7-4) Display Time Range (1) Vertical Timing : Tvpw Tvbp Vsync Tvp Hsync Vsync (Negative) (Positive) Tvh Hsync (2) Horizontal Timing : R0~R5 G0~G5 B0~B5 CLK Tckh Tc Tckl Tds Tdh Thpw Thbp Thp Hsync CLK Tep Hsync (Negative) (Positive) CLK Thc T-51382D064-FW-P-AB OPTREX CORPORATION Page 8/17 (3). Detail of Horizontal Timing : A B E C D Reset Horizontal Counter to Zero Item A B C D E Description Horizontal Width Horizontal B-Porch Horizontal Display Horizontal F-Porch Horizontal Total Clock Cycles 96 49 640 16 800 Time 3.813 1.907 25.422 0.636 31.778 s s s s s (4). Detail of Vertical Timing : A B E C D Reset Vertical Counter to Zero Item A B C D E Description Vertical Width Vertical B-Porch Vertical Display Vertical F-Porch Vertical Total Horizontal Lines 2 33 480 10 525 Time 63.5 s 1.049 ms 15.253 ms 317.8 s 16.683 ms T-51382D064-FW-P-AB OPTREX CORPORATION Page 9/17 7-5) Pixel Arrangement The LCD module pixel arrangement is the stripe. R G B R G B R G B 1st Line R G B R G B 2 nd Line R G B 3rd Line 1 st Pixel 1 Pixel = R G B RGB RGB RGB 640 th Pixel RGB 478 th Line 479 th Line 480 th Line RGB RGB RGB RGBRGB RGBRGBRGB T-51382D064-FW-P-AB OPTREX CORPORATION Page 10/17 7-6) Display Color and Gray Scale Reference Input Color Data Green Color Red Blue R5 R4 R3 R2 R1 R0 G5 G4 G3 G2 G1 G0 B5 B4 B3 B2 B1 B0 Basic Colors Red Green Blue Black 000000000000000000 Red (63) 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 Green 000000111111000000 (63) Blue (63) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 Cyan 000000111111111111 Magenta 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 Yellow 111111111111000000 White 111111111111111111 Red (00) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Red (01) 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 Red (02) 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 Darker * * * * * * * * * * * * * * * * * * * Brighter Red (61) 1 1 1 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 Red (62) 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 Red (63) 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 Green 000000000000000000 (00) Green 000000000001000000 (01) Green 000000000010000000 (02) Darker * * * * * * * * * * * * * * * * * * * Brighter Green 000000111101000000 (61) Green 000000111110000000 (62) Green 000000111111000000 (63) Blue (00) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Blue (01) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 Blue (02) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 Darker * * * * * * * * * * * * * * * * * * * Brighter Blue (61) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 1 Blue (62) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 0 Blue (63) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 T-51382D064-FW-P-AB OPTREX CORPORATION Page 11/17 8. Power On Sequence 3.0 V 0 s< t <35 ms 3.0 V 0 s< t <35 ms VCC Signal 35ms 0<17ms Backlight 1. The supply voltage for input signals should be same as VCC. 2. When the power is off , please keep whole signals (Hsync, Vsync, CLK, Data) low level or high impedance T-51382D064-FW-P-AB OPTREX CORPORATION Page 12/17 9. Optical Characteristics 9-1) Specification: Parameter Horizontal Viewing Angle Vertical Ta=25C Remarks Note 9-3 Contrast Ratio Rise Response time Fall Brightness Luminance Uniformity Lamp Life Time White Chromaticity Cross Talk Symbol Condition MIN. TYP. MAX. Unit 35 45 deg AE AE (to 12 10 15 deg o'clock) CR*10 AE (to 6 30 35 deg o'clock) CR 150 180 Tr 15 30 ms AE =0* Tf 25 50 ms 120 AE =0/O =0 80 cd/u U 55 80 % 20,000 hr x 0.230 0.280 0.330 y 0.270 0.320 0.370 3 % AE =0* Note 9-1 Note 9-4 Note 9-2 Note 9-6 Note 9-5 All the optical measurement shall be executed 30 minutes afterbacklight being turn-on. The optical characteristics shall be measured in dark room (ambient illumination on panel surface less than 1 Lux). The measuring configuration shows as following figure. Photometer (TOPCON BM-5A or BM-7 fast) T-51382D064-FW-P-AB 500 mm +/- 50 mm Field = 2 TFT-LCD module DC/AC Inverter Optical characteristics measuring configuration OPTREX CORPORATION Page 13/17 Note 9-1*F = Luminance when LCD is White CR Luminance when LCD is Black Contrast Ratio is measured in optimum common electrode voltage. Note 9-2*F Topcon BM-7(fast) luminance meter 2*field of view is used in the testing (after 20~30 minutes' operation). Note 9-3*F The definitions of viewing angle diagrams: Note 9-4: Definition of Response Time Tr and Tf: White 100% 90% Brightness Black White 10% 0% Tr Tf T-51382D064-FW-P-AB OPTREX CORPORATION Page 14/17 Note 9-5: Cross Talk (CTK) = 1/2YA-YB1/2 YA *~ 100% YA: Brightness of Pattern A YB: Brightness of Pattern B Pattern A (Gray Level 31) YA 1/3 1/3 1/3 1/3 : Testing Point (A and B are at the same point.) Note 9-6: The uniformity of LCD is defined as The Minimum Brightness of the 9 testing Points The Maximum Brightness of the 9 testing Points Luminance meter : BM-5A or BM-7 fast(TOPCON) Measurement distance : 500 mm +/- 50 mm Ambient illumination : < 1 Lux Measuring direction : Perpendicular to the surface of module 1/3 1/3 Black (Gray Level 0) Pattern B (Gray Level 31, central black box exclusive) YB U= The test pattern is white (Gray Level 63). 25% 50% 75% 25% 50% 75% T-51382D064-FW-P-AB OPTREX CORPORATION Page 15/17 10. Reliability Test No 1 2 3 4 5 6 Test Item High Temperature Storage Test Low Temperature Storage Test High Temperature Operation Test Low Temperature Operation Test High Temperature & High Humidity Operation Test Thermal Cycling Test (non-operating)) Vibration Test (non-operating) Test Condition Ta = +70 C, 240 hrs Ta = -20 C, 240 hrs Ta = +60 C, 240 hrs Ta = 0 C, 240 hrs Ta = +40 C, 95%RH, 240 hrs -25C *+25C *+70C*C 200 Cycles 30 min 5min 30min Frequency*F ~ 57 HZ /Vibration Width :0.075mm 10 7 58-500 HZ/ Gravity :9.8m/s Sweep time: 11 minutes Test period: 3 hrs for each direction of X, Y, Z 8 Shock Test (non-operating) Electrostatic Discharge Test (non-operating) Ta: ambient temperature Gravity :490m/s Direction: *}X, *}Y, *}Z Pulse Width :11ms,half sine wave 150pF*C 330 Air : 15KV*G Contact : 8KV 10 times/point*C point/panel face 9 9 [Judgement Criteria] Under the display quality test conditions with normal operation state , there should be no change which may affect practical display function. T-51382D064-FW-P-AB OPTREX CORPORATION Page 16/17 11. Block Diagram IC V1 1 23 1 2 3 IC V2 IC V3 IC V4 IC V5 1920 HSYNC IC H1 VSYNC Control Board CLK R[5:0] G[5:0] B[5:0] TFT-LCD Display Area GND T-51382D064-FW-P-AB IC H2 478 479 480 VL Backlight OPTREX CORPORATION Page 17/17 |
Price & Availability of T-51382D064-FW-P-AB |