Part Number Hot Search : 
PRODUCT CBM103B 24632 150CA D2410 5KP90A H6842 TDA2611
Product Description
Full Text Search
 

To Download SXI100-05S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Power Supplies
SXI Series
Features
Boxed Power Supplies with Screw Terminal Block Single- and Triple Output Models EMI Compliance with EN 55022 and FCC Part 15, Level B Short Cirquit Protection Overvoltage Protection High Efficiency Industrial Grade Components 2 Year Product Warranty
15 - 150 Watt
The SXI-series are very compact switching power supplies for cost critical applications. They deliver 15 to 150 W of continuous power. Use of high quality components and good thermal dissipation make them a very reliable product with a calculated MTBF up to 200'000 h.
Models with Single Output
Ordercode SXI SXI SXI SXI SXI SXI SXI SXI SXI SXI SXI SXI 15-03S 15-05S 15-12S 15-24S 30-03S 30-05S 30-12S 30-24S 50-03S 50-05S 50-12S 50-24S Output Power, max Output Voltage 3.3 5 12 24 3.3 5 12 24 3.3 5 12 24 VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC Output Current max. 3.0 3.0 1.3 0.7 6.0 6.0 2.6 1.4 10.0 9.5 4.2 2.2 A A A A A A A A A A A A
15 Watt
30 Watt
50 Watt
SXI 100-05S SXI 100-12S SXI 100-24S SXI 150-05S SXI 150-12S SXI 150-24S
100 Watt
5 VDC 12 VDC 24 VDC 5 VDC 12 VDC 24 VDC
20.0 A 8.4 A 4.4 A 30.0 A 12.5 A 6.5 A
150 Watt
http://www.tracopower.com
Page 1
Switching Power Supplies
SXI Series 15 - 150 Watt
Models with Multioutput
Ordercode SXI 15-0522T SXI 15-0533T SXI 30-0522T SXI 30-0533T SXI 50-0522T SXI 50-0522T Output Power Output1 (floating) 5 VDC/ 1.5 A 5 VDC/ 1.5 A 5 VDC/ 4.0 A 5 VDC/ 4.0 A 5 VDC/ 6.0 A 5 VDC/ 6.0 A Output 2 +12 VDC/ 0.6 A +15 VDC/ 0.5 A +12 VDC/ 1.2 A +15 VDC/ 1.0 A +12 VDC/ 1.5 A +15 VDC/ 1.2 A Output 3 -12 VDC /0.4 A -15 VDC /0.3 A -12 VDC /0.6 A -15 VDC /0.5 A -12 VDC /0.8 A -15 VDC /0.7 A
15 Watt 30 Watt 50 Watt
Input Specifications
Input voltage range Input frequency Input current (at full load) SXI SXI SXI SXI SXI 15 30 50 100 150 170 - 264 VAC 47 - 63 Hz 0.24 0.46 0.75 0.65 1.00 A A A A A typ. typ. typ. typ. typ.
Inrush current at 25C (< 2ms)
SXI 15/30 SXI 50 SXI 100/150
20 A typ. 28 A typ. 15 A typ. 100 ms max.
Start-up time
Output Specifications
Output voltage adjustment range - Single output models - Mulioutput models (Output 1) (Output 2 & 3) - Input variation - Load variation (10 - 90 %) 10 % 5% 5 % (Factory set/ fixed) 0.2 % max. 0.5 % max. 80 mV pk-pk max. 120 - 140 % Inom. constant current 110 - 130 % Vout nom. 10'000 F
Regulation Ripple and noise (20Mhz Bandwidth) Output current limitation Overload protection mode
Over voltage protection (only ooutput 1) Capacitive load
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2
Switching Power Supplies
SXI Series 15 - 150 Watt
General Specifications
Temperature ranges - Operating - Derating above 50C - Storage (non operating) - 10 C...+ 60 C ambient temp. max. - 4% /C - 20 C...+ 85 C 0.01 % / C 70 - 80 % (depending on model) 85 % rel max. 100 kHz typ. (Puls width modulation PWM) 50 ms typ. - Input/ Output - Input/ Case - Output/ Case 3`000 VAC 1`500 VAC 500 VAC > 200`000 h @ 25C EN 55022, class B, FCC part 15, level B IEC 60950, EN 60950 Stainless steel
Temperature coefficient Efficiency Humidity (non condensing) Switching frequency Hold-up time Isolation voltage
Reliability /calculated MTBF (MIL-HDBK-217E) ELectromagnetic compatibility (EMC), Emissions - Conducted RI suppression Safety standards Case material
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 3
Switching Power Supplies
SXI Series 15 - 150 Watt
Outline Dimensions mm (inches)
9.8 (0.39) 15 max.
(0.59)
84 1 (3.31 0.04)
69 1 (2.72 0.04)
60.8 (2.39)
54.8
(2.16)
SXI 15 Single output
M3 thread (bottom)
30 1
(1.18 0.04)
8.5
(0.33)
70.5 0.5 (2.78 0.02) M3 thread
(1.34 0.04)
(0.79)
34 1
20
(1.38)
+ Vout - Vout AC Ground AC Live AC Neutral
35
7
(0.28)
(2.01 0.02)
51 0.5
Weight: 180 g (0.40 lb)
10.2
(0.40)
15 max.
(0.59)
104 1 (4.09 0.04)
(2.72 0.04)
(2.39)
69 1
60.8
54.8
(1.22 0.04)
M3 thread
(1.38 0.04)
(0.71)
35 1
18
8
(0.41)
(0.31)
31 1
10.5
85 0.5 (3.35 0.02)
55 0.5 (2.10 0.02)
(2.16)
SXI 30 Single output
M3 thread (bottom)
+ Vout - Vout AC Ground AC Live AC Neutral
7
(0.28)
88.5 0.5
(3.48 0.02)
Weight: 200 g (0.44 lb)
10.5
(0.41)
15 max.
(0.59)
85 1 (3.35 0.04)
SXI 50 Single output
119 1 (4.69 0.04)
M3 thread (bottom)
+ Vout - Vout AC Ground AC Live AC Neutral 33 1
(1.30 0.04)
65.5
56.5
(0.24)
M3 thread
(1.46 0.04)
37 1
(0.71)
18
(0.29)
7.5
6
105 0.5 (4.13 0.02)
70.5
0.5 (2.78 0.02)
(2.58)
(2.22)
9.5
(0.37)
79 0.5
(3.11 0.02)
Weight: 290 g (0.64 lb)
Specifications can be changed without notice http://www.tracopower.com Page 4
Switching Power Supplies
SXI Series 15 - 150 Watt
Outline Dimensions mm (inches)
12.5
(0.49)
19 max.
(0.75)
(3.66 0.04)
SXI 100 Single output
160 1 (6.30 0.04)
+ Sense + Vout - Vout - Sense AC Ground AC Live AC Neutral 36.5 1
(1.44 0.04)
M4 thread (bottom)
93 1
(3.41)
82.5
88
(3.19)
37
(1.46)
115 0.5
(4.53 0.02)
M4 thread
(1.56 0.04)
39.5 1
(1.65)
42
Weight: 550 g (1.21 lb)
10
(0.39)
142 0.5 (5.59 0.02)
14.4
(0.57)
19 max.
(0.75)
175 1
(6.89 0.04)
(3.66 0.04)
SXI 150 Single output
M4 thread (bottom)
+ Sense + Vout - Vout - Sense AC Ground AC Live AC Neutral 44 1
(1.73 0.04)
(3.41)
93 1
86.5
81 (3.19)
33
(1.30)
134.5 0.5
(5.30 0.02)
(0.59) (0.79 0.02)
15 20 0.5
48 1 (1.89 0.04)
(0.98)
M4 thread
(1.73)
44
(0.75)
19
Weight: 650 g (1.43 lb)
25
10
(0.39)
132 0.5 (5.20 0.02) 12 max.
(0.47)
10.2
(0.4)
83 1 (3.27 0.04)
SXI 15 Triple output
119 1 (4.69 0.04) M3 thread (bottom)
+ Vout 1 - Vout 1 + Vout 2 Common 2/3 - Vout 3 AC Ground AC Live AC Neutral 34 1
(1.34 0.04)
71.7 (2.82)
39
(1.54)
73 0.5 (2.87 0.02) M3 thread
(1.98)
(0.34)
34
13
Specifications can be changed without notice http://www.tracopower.com
(0.51)
73 0.5 (2.87 0.02)
Weight: 220 g (0.49 lb)
25
(0.63)
16
Page 5
Switching Power Supplies
SXI Series 15 - 150 Watt
Outline Dimensions mm (inches)
10.2 12 max.
(0.47)
(0.4)
129 1 (5.08 0.04)
(3.31 0.04)
SXI 30 Triple output
M3 thread (bottom)
35 1
(1.38 0.04)
10.5
(0.41)
110 0.5 (4.33 0.02) 5
(0.2)
M3 thread
(1.02)
26
(0.71)
18
(0.28)
7
+ Vout 1 - Vout 1 + Vout 2 Common 2/3 - Vout 3 AC Ground AC Live AC Neutral
84 1
71.7 (2.82)
65 0.5 (2.56 0.02)
78
(3.07)
7
(0.28)
110 0.5
(4.33 0.02)
Weight: 280 g (0.62 lb)
12
(0.47)
12 max.
(0.47)
151.5 1 (5.96 0.04) M3 thread (bottom)
108 1 (4.25 0.04)
SXI 50 Triple output
+ Vout 1 - Vout 1 + Vout 2 Common 2/3 - Vout 3 AC Ground AC Live AC Neutral 39 1
(1.54 0.04)
(3.09)
72.5 (2.85)
78.5
32.5
(1.28)
111 0.5
(4.37 0.02)
5
(0.2)
M3 thread
(1.77)
45
Weight: 490 g (1.08 lb)
(1.19)
30
7
(0.28)
103 0.5
(4.05 0.02)
Specifications can be changed without notice
Rev. 02/01
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch * internet: http://www.tracopower.com
(0.75)
19
Page 6


▲Up To Search▲   

 
Price & Availability of SXI100-05S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X