|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
N-CHANNEL 150V - 0.045 - 5A SO-8 LOW GATE CHARGE STripFETTM POWER MOSFET TARGET DATA TYPE STS5N150 s s s STS5N150 VDSS 150 V RDS(on) <0.06 ID 5A TYPICAL RDS(on) = 0.045 EXTREMELY HIGH dv/dt CAPABILITY EXTREMELY LOW GATE CHARGE DESCRIPTION This MOSFET series realized with STMicroelectronics unique STripFET process has specifically been designed to minimize input capacitance and gate charge. It is therefore suitable as primary switch in advanced highefficiency, high-frequency isolated DC-DC converters for Telecom and Computer applications. It is also intended for any applications with low gate drive requirements. SO-8 APPLICATIONS s HIGH-EFFICIENCY DC-DC CONVERTERS s UPS AND MOTOR CONTROL INTERNAL SCHEMATIC DIAGRAM Ordering Information SALES TYPE STS5N150 MARKING S5N150 PACKAGE SO-8 PACKAGING TAPE & REEL ABSOLUTE MAXIMUM RATINGS Symbol VDS VDGR VGS ID ID IDM(*) Ptot Tstg Tj Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Storage Temperature Operating Junction Temperature Value 150 150 20 5 3 20 2.5 -55 to 150 Unit V V V A A A W C (*) Pulse width limited by safe operating area. June 2003 This is preliminary information on a new product forseen to be developped. Details are subject to change without notice 1/6 STS5N150 THERMAL DATA Rthj-amb (*)Thermal Resistance Junction-ambient [ Max 50 C/W (*) When Mounted on 1 inch2 FR-4 board, 2 oz of Cu and t 10 sec. ELECTRICAL CHARACTERISTICS (Tcase = 25 C unless otherwise specified) OFF Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating TC = 125C VGS = 20 V Min. 150 1 10 100 Typ. Max. Unit V A A nA ON (*) Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS VGS = 10 V ID = 250 A ID = 2.5 A Min. 2 0.045 0.06 Typ. Max. Unit V DYNAMIC Symbol gfs (*) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS = 75 V ID = 5 A Min. Typ. TBD TBD TBD TBD Max. Unit S pF pF pF VDS = 25V, f = 1 MHz, VGS = 0 2/6 STS5N150 ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions ID = 2.5 A VDD = 75 V RG = 4.7 VGS = 10 V (Resistive Load, Figure 1) VDD= 120V ID= 5A VGS= 10V (see test circuit, Figure 2) Min. Typ. TBD TBD TBD TBD TBD 28 Max. Unit ns ns nC nC nC SWITCHING OFF Symbol td(off) tf Parameter Turn-off Delay Time Fall Time Test Conditions ID = 2.5 A VDD = 75 V RG = 4.7, VGS = 10 V (Resistive Load, Figure 1) Min. Typ. TBD TBD Max. Unit ns ns SOURCE DRAIN DIODE Symbol ISD ISDM (*) VSD (*) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 5 A VGS = 0 TBD TBD TBD Test Conditions Min. Typ. Max. 5 20 1.2 Unit A A V ns nC A di/dt = 100A/s ISD = 5 A VDD = 50 V Tj = 150C (see test circuit, Figure 3) (*)Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. (*)Pulse width limited by safe operating area. 3/6 STS5N150 Fig. 1: Switching Times Test Circuits For Resistive Load Fig. 2: Gate Charge test Circuit Fig. 3: Test Circuit For Diode Recovery Behaviour 4/6 STS5N150 SO-8 MECHANICAL DATA DIM. MIN. A a1 a2 a3 b b1 C c1 D E e e3 F L M S 3.8 0.4 4.8 5.8 1.27 3.81 4.0 1.27 0.6 8 (max.) 0.14 0.015 5.0 6.2 0.65 0.35 0.19 0.25 0.1 mm TYP. MAX. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 0.188 0.228 0.050 0.150 0.157 0.050 0.023 0.196 0.244 0.025 0.013 0.007 0.010 0.003 MIN. inch TYP. MAX. 0.068 0.009 0.064 0.033 0.018 0.010 0.019 0016023 5/6 STS5N150 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics (R) 2003 STMicroelectronics - All Rights Reserved All other names are the property of their respective owners. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 6/6 |
Price & Availability of STS5N150 |