Part Number Hot Search : 
MN5206 MMBZ5256 ANTXV HZ4BLL AP560 MMBZ5256 SEMIX302 DDZX9705
Product Description
Full Text Search
 

To Download SP0610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SP 0610T
SIPMOS (R) Small-Signal Transistor * P channel * Enhancement mode * Logic Level
* VGS(th) = -1.0..-2.0V
Pin 1 G
Pin 2 S
Pin 3 D
Type SP 0610T Type SP 0610T
VDS
-60 V
ID
-0.13 A
RDS(on)
10
Package SOT-23
Marking sSF
Ordering Code Q67000-S088
Tape and Reel Information E6327
Maximum Ratings Parameter Drain source voltage Drain-gate voltage Symbol Values -60 -60 Unit V
VDS V
DGR
RGS = 20 k
Gate source voltage Continuous drain current
VGS ID
20 A -0.13
TA = 36 C
DC drain current, pulsed
IDpuls
-0.52
TA = 25 C
Power dissipation
Ptot
0.36
W
TA = 25 C
Semiconductor Group
1
Sep-13-1996
SP 0610T
Maximum Ratings Parameter Chip or operating temperature Storage temperature Thermal resistance, chip to ambient air DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
1) For package mounted on aluminium 15 mm x 16.7 mm x 0.7 mm
Symbol
Values -55 ... + 150 -55 ... + 150 350 285 E 55 / 150 / 56
Unit C K/W
Tj Tstg RthJA
Therminal resistance, chip-substrate- reverse side 1)RthJSR
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
-60 -1.5 -0.1 -2 -1 7 -2
V
VGS = 0 V, ID = -0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
-1
VGS=VDS, ID = -1 mA
Zero gate voltage drain current
IDSS
-1 -60
A
VDS = -60 V, VGS = 0 V, Tj = 25 C VDS = -60 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
-10
nA 10
VGS = -20 V, VDS = 0 V
Drain-Source on-state resistance
RDS(on)
VGS = -10 V, ID = -0.5 A
Semiconductor Group
2
Sep-13-1996
SP 0610T
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
0.08 0.13 30 17 8 -
S pF 40 25 12 ns 7 10
VDS 2 * ID * RDS(on)max, ID = -0.5 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = -25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = -25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = -30 V, VGS = -10 V, ID = -0.27 A RGS = 50
Rise time
tr
12 18
VDD = -30 V, VGS = -10 V, ID = -0.27 A RGS = 50
Turn-off delay time
td(off)
10 13
VDD = -30 V, VGS = -10 V, ID = -0.27 A RGS = 50
Fall time
tf
20 27
VDD = -30 V, VGS = -10 V, ID = -0.27 A RGS = 50
Semiconductor Group
3
Sep-13-1996
SP 0610T
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS A -0.85 -0.13 -0.52 V -1.2 Values typ. max. Unit
TA = 25 C
Inverse diode direct current,pulsed
ISM
-
TA = 25 C
Inverse diode forward voltage
VSD
VGS = 0 V, IF = -0.18 A, Tj = 25 C
Semiconductor Group
4
Sep-13-1996
SP 0610T
Power dissipation Ptot = (TA)
Drain current ID = (TA) parameter: VGS -10 V
-0.14 A -0.12
0.40 W
Ptot
0.32 0.28 0.24
ID
-0.11 -0.10 -0.09 -0.08
0.20 0.16 0.12 0.08 0.04 0.00 0 20 40 60 80 100 120 C 160
-0.07 -0.06 -0.05 -0.04 -0.03 -0.02 -0.01 0.00 0 20 40 60 80 100 120 C 160
TA
TA
Safe operating area ID=f(VDS) parameter : D = 0.01, TC=25C
Drain-source breakdown voltage V(BR)DSS = (Tj)
-71 V -68 V(BR)DSS -66
-64 -62 -60
-58 -56 -54 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
5
Sep-13-1996
SP 0610T
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
-0.30 A -0.26
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
32
Ptot = 0W
lkj i h
VGS [V]
a b -2.0 -2.5 -3.0 -3.5 -4.0 -4.5 -5.0 -6.0 -7.0 -8.0 -9.0
RDS (on)
24
ab
c
d
e
f
g
ID
-0.24 -0.22 -0.20 -0.18 -0.16 -0.14 -0.12 -0.10 -0.08 -0.06
c e g
c d e
20
ff
g h i j k
16
12
h
d l -10.0
8
i j l k
-0.04 -0.02 0.00 0.0 -1.0 -2.0 -3.0 -4.0
b a
4 VGS [V] =
a b c d e f -2.0 -2.5 -3.0 -3.5 -4.0 -4.5 g h i j -5.0 -6.0 -7.0 -8.0 k l -9.0 -10.0
0 V -6.0 0.00 -0.04 -0.08 -0.12 -0.16 A -0.24
VDS
ID
Typ. transfer characteristics ID = f(VGS) parameter: tp = 80 s
Typ. forward transconductance gfs = f (ID) parameter: tp = 80 s,
-0.65 A -0.55
0.16
S
ID
-0.50 -0.45 -0.40 -0.35
gfs
0.12
0.10
0.08 -0.30 -0.25 -0.20 -0.15 -0.10 -0.05 0.00 0 -1 -2 -3 -4 -5 -6 -7 -8 V -10 0.00 0.00 -0.10 -0.20 -0.30 -0.40 A ID -0.55 0.04 0.06
0.02
VGS
Semiconductor Group
6
Sep-13-1996
SP 0610T
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = -0.5 A, VGS = -10 V
24
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = -1 mA
-4.6 V -4.0
20
RDS (on)
18 16 14 12 10
VGS(th)
-3.6 -3.2 -2.8
98%
-2.4
98%
-2.0
typ
8 6 4 2 0 -60 -20 20 60 100 C 160 -1.6 -1.2 -0.8 -0.4 0.0 -60 -20 20
typ 2%
60
100
C
160
Tj
Tj
Typ. capacitances C = f (VDS) parameter:VGS=0V, f = 1 MHz
10 3
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
-10 0
pF C 10 2
A
IF
-10 -1
Ciss Coss
10 1 -10 -2
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 0 0
-5
-10
-15
-20
-25
-30
V VDS
-40
-10 -3 0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
V
-3.0
VSD
Semiconductor Group
7
Sep-13-1996
SP 0610T
Package outlines SOT-23 Dimensions in mm
Semiconductor Group
8
Sep-13-1996


▲Up To Search▲   

 
Price & Availability of SP0610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X