Part Number Hot Search : 
OM7634NM 22101 30120 KTB1151 NCE20N50 CO66505 NCP1652A W102J2
Product Description
Full Text Search
 

To Download SMF12C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMF05C, SMF12C, SMF15C, SMF24C 5-Line Transient Voltage Suppressor Array
This 5-line voltage transient suppressor array is designed for application requiring transient voltage protection capability. It is intended for use in over-transient voltage and ESD sensitive equipment such as computers, printers, automotive electronics, networking communication and other applications. This device features a monolithic common anode design which protects five independent lines in a single SC-88 package.
Features http://onsemi.com
SC-88 FIVE TRANSIENT VOLTAGE SUPPRESSOR 100 W PEAK POWER
MARKING DIAGRAM
SC-88 CASE 419B STYLE 24
* Protects up to 5-Line in a Single SC-88 Package * Peak Power Dissipation - 100 W (8 x 20 ms Waveform) * ESD Rating of Class 3B (Exceeding 8 kV) per Human Body Model * * * * * * * *
and Class C (Exceeding 400 V) per Machine Model. Compliance with IEC 61000-4-2 (ESD) 15 kV (Air), 8 kV (Contact) Flammability Rating of UL 94 V-0 Pb-Free Package is Available
DEVM
1
Applications
6J 6K 6L 6M M
= SMF05C = SMF12C = SMF15C = SMF24C = Date Code
Hand-Held Portable Applications Networking and Telecom Automotive Electronics Serial and Parallel Ports Notebooks, Desktops, Servers
PIN ASSIGNMENT
1 2 3 6 5 4 PIN 1. CATHODE 2. ANODE 3 CATHODE 4. CATHODE 5. CATHODE 6. CATHODE
MAXIMUM RATINGS (TJ=25C unless otherwise specified)
Symbol PPK 1 Rating Peak Power Dissipation 8 x 20 ms Double Exponential Waveform (Note 1) Operating Junction Temperature Range Storage Temperature Range Lead Solder Temperature (10 s) Human Body Model (HBM) Machine Model (MM) IEC 61000-4-2 Air (ESD) IEC 61000-4-2 Contact (ESD) Value 100 Unit W
ORDERING INFORMATION
Device Package SC-88 SC-88 SC-88 (Pb-Free) SC-88 SC-88 SC-88 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
TJ TSTG TL ESD
-40 to 125 -55 to 150 260 16000 400 15000 15000
C C C V
SMF05CT1 SMF05CT2* SMF05CT2G* SMF12CT1 SMF15CT1 SMF24CT1
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Nonrepetitive current pulse per Figure 3.
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. *The "T2" suffix refers to an alternate tape & reel orientation.
(c) Semiconductor Components Industries, LLC, 2004
1
June, 2004 - Rev. 1
Publication Order Number: SMF05C/D
SMF05C, SMF12C, SMF15C, SMF24C
SMF05C ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise specified)
Parameter Reverse Working Voltage Breakdown Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Maximum Peak Pulse Current Capacitance Symbol VRWM VBR IR VC VC IPP CJ (Note 2) IT = 1 mA, (Note 3) VRWM = 5 V IPP = 5 A (8 x 20 ms Waveform) IPP = 8 A (8 x 20 ms Waveform) 8 x 20 ms Waveform VR = 0 V, f = 1 MHz (Line to GND) 80 6.2 0.07 Conditions Min Typ Max 5.0 7.2 5.0 9.8 12.5 8.0 130 Unit V V mA V V A pF
SMF12C ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise specified)
Parameter Reverse Working Voltage Breakdown Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Maximum Peak Pulse Current Capacitance Symbol VRWM VBR IR VC VC IPP CJ (Note 2) IT = 1 mA, (Note 3) VRWM = 12 V IPP = 3 A (8 x 20 ms Waveform) IPP = 6 A (8 x 20 ms Waveform) 8 x 20 ms Waveform VR = 0 V, f = 1 MHz (Line to GND) 40 13.3 0.01 Conditions Min Typ Max 12 15 1.0 21 23 6.0 60 Unit V V mA V V A pF
SMF15C ELECTRICAL CHARACTERISTICS (TJ = 25C, unless otherwise specified)
Parameter Reverse Working Voltage Breakdown Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Maximum Peak Pulse Current Capacitance Symbol VRWM VBR IR VC VC IPP CJ (Note 2) IT = 1 mA, (Note 3) VRWM = 15 V IPP = 1 A (8 x 20 ms Waveform) IPP = 5 A (8 x 20 ms Waveform) 8 x 20 ms Waveform VR = 0 V, f = 1 MHz (Line to GND) 33 17 0.01 Conditions Min Typ Max 15 19 1.0 23 29 5.0 45 Unit V V mA V V A pF
SMF24C ELECTRICAL CHARACTERISTICS (TJ = 25C, unless otherwise specified)
Parameter Reverse Working Voltage Breakdown Voltage Reverse Leakage Current Clamping Voltage Clamping Voltage Maximum Peak Pulse Current Capacitance Symbol VRWM VBR IR VC VC IPP CJ (Note 2) IT = 1 mA, (Note 3) VRWM = 24 V IPP = 1 A (8 x 20 ms Waveform) IPP = 2.5 A (8 x 20 ms Waveform) 8 x 20 ms Waveform VR = 0 V, f = 1 MHz (Line to GND) 21 26.7 0.01 Conditions Min Typ Max 24 32 1.0 40 44 2.5 25 Unit V V mA V V A pF
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC or continuous peak operating voltage level. 3. VBR is measured at pulse test current IT.
http://onsemi.com
2
SMF05C, SMF12C, SMF15C, SMF24C
TYPICAL PERFORMANCE CURVES
(TJ = 25C unless otherwise specified) 100 PEAK POWER DISSIPATION (%) % OF PEAK PULSE CURRENT 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 150 175 200 100 90 80 70 60 50 40 30 20 10 0 0 20 40 t, TIME (ms) 60 80 tP PEAK VALUE IRSM @ 8 ms PULSE WIDTH (tP) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAY = 8 ms HALF VALUE IRSM/2 @ 20 ms
tr
TA, AMBIENT TEMPERATURE (C)
Figure 1. Pulse Derating Curve
100 VCLAMP, CLAMPING VOLTAGE (V) JUNCTION CAPACITANCE (pF) SMF24C SMF15C SMF12C SMF05C 10 100
Figure 2. 8 x 20 ms Pulse Waveform
SMF05C SMF12C SMF15C 10 SMF24C
1
0
5
10
15
1
0
5
10
15
20
25
IPP, PEAK PULSE CURRENT (A)
VBR, REVERSE VOLTAGE (V)
Figure 3. Clamping Voltage vs Peak Pulse Current
Figure 4. Junction Capacitance vs Reverse Voltage
http://onsemi.com
3
SMF05C, SMF12C, SMF15C, SMF24C
PACKAGE DIMENSIONS
SC-88/SC70-6/SOT-363 CASE 419B-02 ISSUE 02U
A G
DIM A B C D G H J K N S M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419B-01 OBSOLETE, NEW STANDARD 419B-02. INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
6
5
4
S
1 2 3
-B-
D 6 PL 0.2 (0.008) B N J C
M
STYLE 24: PIN 1. CATHODE 2. ANODE 3. CATHODE 4. CATHODE 5. CATHODE 6. CATHODE
H
K
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
1.9 0.0748
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
SMF05C/D


▲Up To Search▲   

 
Price & Availability of SMF12C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X