Part Number Hot Search : 
H3545 TFS300A 2N3369 BZV55B24 QI2NA90 BZV55B24 AMDL190J 1N5819
Product Description
Full Text Search
 

To Download SMCJ36A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l l l l l l l l l l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SMCJ5.0 THRU SMCJ170CA
Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
DO-214AB (SMCJ) (LEAD FRAME)
G
For surface mount application in order to optimize board space Low inductance Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Repetition Rate( duty cycle): 0.05% Fast response time: typical less than 1ps from 0V to BV min Typical ID less than 1uA above 10V High temperature soldering: 260 C/10 seconds at terminals Plastic package has Underwrites Laboratory Flammability Classification 94V-O
o
H
Mechanical Data
l
D
CASE: JEDEC DO-214AB molded plastic body over passivated junction
E
A
C
B F
DIMENSIONS INCHES MIN .079 .108 .002 .006 .030 ..305 .260 .220 MM MIN 2.00 2.75 0.051 0.152 0.76 7.75 6.60 5.59
l l
Terminals: solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end( cathode) except Bi-directional types.
DIM A B C D E F G H
l l
Standard packaging: 16mm tape per ( EIA 481). Weight: 0.007 ounce, 0.21 gram
Maximum Ratings @ 25oC Unless Otherwise Specified Peak Pulse Current on IPPM See Table 1 Amps 10/1000us waveform(Note1, Fig3) Peak Pulse Power PPPM Minimum Watts Disspation on 10/1000us 1500 waveform(Note1,2,Fig1) Peak forward surge IFSM) 200.0 Amps current (JEDEC Method) (Note 2,3) Operation And Storage TJ , -55o C to Temperature Range TSTG +150o C
MAX .103 .128 .008 .012 .050 .320 .280 .245
MAX 2.62 3.25 0.203 0.305 1.27 8.13 7.11 6.22
NOTE
SUGGESTED SOLDER PAD LAYOUT
0.185
0.121"
0.060"
NOTES: o 1. Non-repetitive current pulse per Fig.3 and derated above TA=25 C per Fig.2. 2 2. Mounted on 8.0mm copper pads to each terminal. 3. 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per. Minutes maximum.
Version: 3
www.mccsemi.com
2003/01/01
SMCJ5.0 THRU SMCJ170CA
PEAK PULSE POWER(pppm) OR CURRENT (Ipp)DERATING IN PERCENTAGE %
100
MCC
PPPM , PEAK PULSE POWER, KW
100 NON-REPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 3 TA = 25J
75
10
50
1.0
2 MOUNTED ON 5.0mm COPPER LAND AREAS
25
0.1 0.1 gs
1.0 gs
10 gs
100 gs
1.0ms
10ms
0 0 25 50 75 100 125 150 175 200
td, PULSE WIDTH, SEC TA , AMBIENT TEMPERATURE, J
Fig. 1-PEAK PULSE POWER RATING CURVE
150
Fig. 2-PULSE DERATING CURVE
20,000
Ippm, PEAK PULSE CURRENT, %
TA = 25J tf = 10gsec Peak Value Ippm 100 Half Value-Ipp 2 Pulse Width(td) is Defined as the Point Where the Peak Current Decays to 50% of lpp
10,000
MEASURED AT ZERO BIAS
CJ, CAPACITANCE, pF
1,000
TJ = 25J f = 1.0MHz Vsig = 50mVp-p MEASURED AT STAND-OFF VOLTAGE(VMW)
50
10/1000 gsec Waveform as Defined by R.E.A. e-kt
100
0 0
td 1.0 2.0 3.0 10 1.0 2.0 10 20 200 400
t, TIME , ms
Fig. 3-PULSE WAVEFORM
V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
400
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
200 100 70
TJ = TJ max 8.3ms SINGLE HALF SINCE-WAVE JEDEC METHOD
0 1 2 4 6 8 10 20 60 80 100
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
Version: 3
www.mccsemi.com
2003/01/01
MCC
SMCJ5.0 THRU SMCJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
PEAK PULSE CURRENT IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMCJ5.0 SMCJ5.0A SMCJ6.0 SMCJ6.0A SMCJ6.5 SMCJ6.5A SMCJ7.0 SMCJ7.0A SMCJ7.5 SMCJ7.5A SMCJ8.0 SMCJ8.0A SMCJ8.5 SMCJ8.5A SMCJ9.0 SMCJ9.0A SMCJ10 SMCJ10A SMCJ11 SMCJ11A SMCJ12 SMCJ12A SMCJ13 SMCJ13A SMCJ14 SMCJ14A SMCJ15 SMCJ15A SMCJ16 SMCJ16A SMCJ17 SMCJ17A SMCJ18 SMCJ18A SMCJ20 SMCJ20A SMCJ22 SMCJ22A SMCJ24 SMCJ24A SMCJ26 SMCJ26A
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9
10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1
156.2 163.0 131.6 145.6 122.0 133.9 112.8 125.0 104.9 116.3 100.0 110.3 94.3 104.2 88.7 97.4 79.8 88.2 74.6 82.4 68.2 75.3 63.0 69.7 58.1 64.7 55.8 61.5 52.1 57.7 49.2 53.3 46.6 51.4 41.9 46.3 38.1 42.2 34.9 38.6 32.2 35.6
1000 1000 1000 1000 500 500 200 200 100 100 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
GDD GDE GDF GDG GDH GDK GDL GDM GDN GDP GDQ GDR GDS GDT GDU GDV GDW GDX GDY GDZ GED GEE GEF GEG GEH GEK GEL GEM GEN GEP GEQ GER GES GET GEU GEV GEW GEX GEY GEZ GFD GFE
Version: 3
www.mccsemi.com
2003/01/01
MCC
SMCJ5.0 THRU SMCJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID BREAKDOWN VOLTAGE V (BR) @IT (VOLTS) MAXIMUM CLAMPING VOLTAGE@IPP PEAK PULSE CURRENT IPP
MCC PART NUMBER
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMCJ28 SMCJ28A SMCJ30 SMCJ30A SMCJ33 SMCJ33A SMCJ36 SMCJ36A SMCJ40 SMCJ40A SMCJ43 SMCJ43A SMCJ45 SMCJ45A SMCJ48 SMCJ48A SMCJ51 SMCJ51A SMCJ54 SMCJ54A SMCJ58 SMCJ58A SMCJ60 SMCJ60A SMCJ64 SMCJ64A SMCJ70 SMCJ70A SMCJ75 SMCJ75A SMCJ78 SMCJ78A SMCJ85 SMCJ85A SMCJ90 SMCJ90A SMCJ100 SMCJ100A SMCJ110 SMCJ110A SMCJ120 SMCJ120A
28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120
31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133
38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193
30.0 33.0 28.0 31.0 25.2 28.1 23.3 25.8 21.0 23.2 19.6 21.6 18.7 20.6 17.5 19.4 18.5 18.2 15.6 17.2 14.6 16.0 14.0 15.5 13.2 14.6 12.0 13.3 11.2 12.4 10.8 11.4 9.9 10.4 9.4 10.3 8.4 9.3 7.7 8.4 7.0 7.8
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
GFF GFG GFH GFK GFL GFM GFN GFP GFQ GFR GFS GFT GFU GFV GFW GFX GFY GFZ GGD GGE GGF GGG GGH GGK GGL GGM GGN GGP GGQ GGR GGS GGT GGU GGV GGW GGX GGY GGZ GHD GHE GHF GHG
Version: 3
www.mccsemi.com
2003/01/01
MCC
SMCJ5.0 THRU SMCJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
PEAK PULSE CURRENT IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMCJ130 SMCJ130A SMCJ150 SMCJ150A SMCJ160 SMCJ160A SMCJ170 SMCJ170A
130 130 150 150 160 160 170 170
144 144 167 167 178 178 189 189
176 159 204 185 218 197 231 209
1 1 1 1 1 1 1 1
231 209 268 243 287 259 304 275
6.5 7.2 5.6 6.2 5.2 5.8 4.9 5.5
5 5 5 5 5 5 5 5
GHH GHK GHL GHM GHN GHP GHQ GHR
Version: 3
www.mccsemi.com
2003/01/01
MCC
SMCJ5.0 THRU SMCJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
PEAK PULSE CURRENT IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMCJ5.0 C SMCJ5.0 CA SMCJ6.0 C SMCJ6.0 CA SMCJ6.5 C SMCJ6.5 CA SMCJ7.0 C SMCJ7.0 CA SMCJ7.5 C SMCJ7.5 CA SMCJ8.0 C SMCJ8.0 CA SMCJ8.5 C SMCJ8.5 CA SMCJ9.0 C SMCJ9.0 CA SMCJ10 C SMCJ10 CA SMCJ11 C SMCJ11 CA SMCJ12 C SMCJ12 CA SMCJ1 3C SMCJ13 CA SMCJ14 C SMCJ14 CA SMCJ15 C SMCJ15 CA SMCJ16C SMCJ16 CA SMCJ17 C SMCJ17 CA SMCJ18 C SMCJ18 CA SMCJ20 C SMCJ20 CA SMCJ22 C SMCJ22 CA SMCJ24 C SMCJ24 CA SMCJ26 C SMCJ26 CA
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9
10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1
156.2 163.0 131.6 145.6 122.0 133.9 112.8 125.0 104.9 116.3 100.0 110.3 94.3 104.2 88.7 97.4 79.8 88.2 74.6 82.4 68.2 75.3 63.0 69.7 58.1 64.7 55.8 61.5 52.1 57.7 49.2 53.3 46.6 51.4 41.9 46.3 38.1 42.2 34.9 38.6 32.2 35.6
2000 2000 2000 2000 1000 1000 400 400 200 200 100 100 20 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
BDD BDE BDF BDG BDH BDK BDL BDM BDN BDP BDQ BDR BDS BDT BDU BDV BDW BDX BDY BDZ BED BEE BEF BEG BEH BEK BEL BEM BEN BEP BEQ BER BES BET BEU BEV BEW BEX BEY BEZ BFD BFE
Version: 3
www.mccsemi.com
2003/01/01
MCC
SMCJ5.0 THRU SMCJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID BREAKDOWN VOLTAGE V (BR) @IT (VOLTS) MAXIMUM CLAMPING VOLTAGE@IPP PEAK PULSE CURRENT IPP
MCC PART NUMBER
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMCJ28C SMCJ28CA SMCJ30C SMCJ30CA SMCJ33C SMCJ33CA SMCJ36C SMCJ36CA SMCJ40C SMCJ40CA SMCJ43C SMCJ43CA SMCJ45C SMCJ45CA SMCJ48C SMCJ48CA SMCJ51C SMCJ51CA SMCJ54C SMCJ54CA SMCJ58C SMCJ58CA SMCJ60C SMCJ60CA SMCJ64C SMCJ64CA SMCJ70C SMCJ70CA SMCJ75C SMCJ75CA SMCJ78C SMCJ78CA SMCJ85C SMCJ85CA SMCJ90C SMCJ90CA SMCJ100C SMCJ100CA SMCJ110C SMCJ110CA SMCJ120C SMCJ120CA
28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120
31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133
38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193
30.0 33.0 28.0 31.0 25.2 28.1 23.3 25.8 21.0 23.2 19.6 21.6 18.7 20.6 17.5 19.4 18.5 18.2 15.6 17.2 14.6 16.0 14.0 15.5 13.2 14.6 12.0 13.3 11.2 12.4 10.8 11.4 9.9 10.4 9.4 10.3 8.4 9.3 7.7 8.4 7.0 7.8
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
BFF BFG BFH BFK BFL BFM BFN BFP BFQ BFR BFS BFT BFU BFV BFW BFX BFY BFZ BGD BGE BGF BGG BGH BGK BGL BGM BGN BGP BGQ BGR BGS BGT BGU BGV BGW BGX BGY BGZ BHD BHE BHF BHG
Version: 3
www.mccsemi.com
2003/01/01
MCC
SMCJ5.0 THRU SMCJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
PEAK PULSE CURRENT IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMCJ130C SMCJ130CA SMCJ150C SMCJ150CA SMCJ160C SMCJ160CA SMCJ170C SMCJ170CA
130 130 150 150 160 160 170 170
144 144 167 167 178 178 189 189
176 159 204 185 218 197 231 209
1 1 1 1 1 1 1 1
231 209 268 243 287 259 304 275
6.5 7.2 5.6 6.2 5.2 5.8 4.9 5.5
5 5 5 5 5 5 5 5
BHH BHK BHL BHM BHN BHP BHQ BHR
Version: 3
www.mccsemi.com
2003/01/01


▲Up To Search▲   

 
Price & Availability of SMCJ36A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X