Part Number Hot Search : 
5630D7 LT1232 12030 K525CSEM ST5870 MR100 KE200 GRM18
Product Description
Full Text Search
 

To Download SMBJ13C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMBJ 5.0C - 170CA
VBR : 6.8 - 200 Volts PPK : 600 Watts
FEATURES :
* 600W surge capability at 1ms * Excellent clamping capability * Low inductance * Response Time Typically < 1ns * Typical IR less then 1A above 10V
BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SMB (DO-214AA)
1.1 ? 0.3
0.15
5.4
4.8
0.15
2.0 ? 0.1 3.6 ? 0.15 2.3 ? 0.2
0.22 ? 0.07
MECHANICAL DATA
* Case : SMB Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Mounting position : Any * Weight : 0.109 gram Dimensions in millimeter
MAXIMUM RATINGS
Rating at Ta = 25 ?C ambient temperature unless otherwise specified.
Rating
Peak Pulse Power Dissipation on 10/1000s (1)
Symbol
PPPM
Value
Minimum 600
Units
Watts
waveform (Notes 1, 2, Fig. 4) Peak Pulse Current on 10/1000s IPPM waveform (Note 1, Fig. 3) Operating Junction and Storage Temperature Range Note :
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25 ?C per Fig. 1 (2) Mounted on 5.0mm2 (0.013mm) land areas.
See Table
Amps
TJ, TSTG
- 55 to + 150
?C
UPDATE : MAY 10, 2000
ELECTRICAL CHARACTERISTICS
Rating at Ta = 25 ?C ambient temperature unless otherwise specified Breakdown Voltage @ IT ( Note 1 ) VBR (V) Min. SMBJ5.0C SMBJ5.0CA SMBJ6.0C SMBJ6.0CA SMBJ6.5C SMBJ6.5CA SMBJ7.0C SMBJ7.0CA SMBJ7.5C SMBJ7.5CA SMBJ8.0C SMBJ8.0CA SMBJ8.5C SMBJ8.5CA SMBJ9.0C SMBJ9.0CA SMBJ10C SMBJ10CA SMBJ11C SMBJ11CA SMBJ12C SMBJ12CA SMBJ13C SMBJ13CA SMBJ14C SMBJ14CA SMBJ15C SMBJ15CA SMBJ16C SMBJ16CA SMBJ17C SMBJ17CA SMBJ18C SMBJ18CA SMBJ20C SMBJ20CA SMBJ22C SMBJ22CA SMBJ24C SMBJ24CA SMBJ26C SMBJ26CA SMBJ28C SMBJ28CA SMBJ30C SMBJ30CA 606I 656I 607C 657C 607I 657I 608E 658E 609A 659A 609G 659G 6010 6510 6011 6511 6012 6512 6013 6513 6014 6514 6015 6515 6017 6517 6018 6518 6019 6519 6020 6520 6022 6522 6024 6524 6026 6526 6029 6529 6031 6531 6033 6533 6036 6536 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.1 Max. 7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.67 9.58 11.3 10.23 11.92 10.82 12.6 11.5 14.1 12.8 15.4 14.0 16.9 15.3 18.2 16.5 19.8 17.9 21.1 19.2 22.6 20.5 23.9 21.7 25.3 23.3 28.1 25.5 30.9 28.0 33.8 30.7 36.6 33.2 39.4 35.8 42.2 38.3 IT (mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Reverse Stand-off Voltage VWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 Maximum Reverse Leakage @ VWM ID (A) 1600 1600 1600 1600 1000 1000 400 400 200 200 100 100 20 20 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Peak Pulse Surge Current (See Fig. 3) IPPM (A) 62.5 65.2 52.6 58.3 48.7 53.6 45.1 50.0 42.0 46.5 40.0 44.1 37.7 41.7 35.5 39.0 31.9 35.3 29.9 33.0 27.3 30.2 25.2 27.9 23.3 25.8 22.3 24.0 20.8 23.1 19.7 21.7 18.6 20.5 16.7 18.5 15.2 16.9 14.0 15.4 12.4 14.2 12.0 13.2 11.2 12.4 Maximum Clamping Voltage @ IPPM VC (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 46.6
TYPE
Marking Code
TYPE
Marking Code
Breakdown Voltage @ IT ( Note 1 ) VBR (V) Min. Max. 46.5 42.2 50.7 46.0 56.3 51.1 60.5 54.9 63.3 57.5 67.5 61.3 71.8 65.2 76.0 69.0 81.6 74.1 84.5 76.7 90.1 81.8 98.6 89.5 105.7 95.8 109.8 99.7 119.2 108.2 126.5 115.5 141.0 128.0 154.5 140.5 169.0 153.0 182.5 165.5 211.5 192.5 226.0 205.0 239.5 217.5 IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Reverse Stand-off Voltage VWM (V) 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170
Maximum Reverse Leakage @ VWM ID (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Peak Pulse Surge Current (See Fig. 3) IPPM (A) 10.2 11.3 9.3 10.3 8.4 9.3 7.8 8.6 7.5 8.3 7.0 7.7 6.6 7.3 6.2 6.9 5.8 6.4 5.6 6.2 5.3 5.8 4.8 5.3 4.5 4.9 4.3 4.7 3.9 4.4 3.8 4.1 3.4 3.7 3.0 3.4 2.8 3.1 2.6 2.9 2.2 2.5 2.1 2.3 2.0 2.2
Maximum Clamping Voltage @ IPPM VC (V) 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275
SMBJ33C SMBJ33CA SMBJ36C SMBJ36CA SMBJ40C SMBJ40CA SMBJ43C SMBJ43CA SMBJ45C SMBJ45CA SMBJ48C SMBJ48CA SMBJ51C SMBJ51CA SMBJ54C SMBJ54CA SMBJ58C SMBJ58CA SMBJ60C SMBJ60CA SMBJ64C SMBJ64CA SMBJ70C SMBJ70CA SMBJ75C SMBJ75CA SMBJ78C SMBJ78CA SMBJ85C SMBJ85CA SMBJ90C SMBJ90CA SMBJ100C SMBJ100CA SMBJ110C SMBJ110CA SMBJ120C SMBJ120CA SMBJ130C SMBJ130CA SMBJ150C SMBJ150CA SMBJ160C SMBJ160CA SMBJ170C SMBJ170CA
6040 6540 6043 6543 6048 6548 6051 6551 6054 6554 6057 6557 6061 6561 6065 6565 6070 6570 6072 6572 6076 6576 6084 6584 6090 6590 6093 6593 60B0 65B0 60B1 65B1 60B2 65B2 60B3 65B3 60B4 65B4 60B5 65B5 60B8 65B8 60B9 65B9 60D0 65D0
36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189
Note: ( 1 ) VBR measured after IT applied for 300 s., IT = square wave pulse or equivalent. ( 2 ) Surge Current Waveform per Fig. 3 and Derate per Fig. 1. ( 3 ) A TransZorb TVS is normally selected according to the reverse "Stand Off Voltage" (VWM) which should be equal to or greater than the DC or continuous peak operating voltage level.
RATING AND CHARACTERISTIC CURVES ( SMBJ5.0C - SMBJ170CA )
FIG.1 - PULSE DERATING CURVE
6,000
FIG.2 - TYPICAL JUNCTION CAPACITANCE
PEAK PULSE POWER OR CURRENT DERATING IN PERCENTAGE
120 VR Measured @ Zero Basic (0V) 100
CJ, CAPACITANCE, pF
1,000
80
VR Measured @ Stand-off Voltage 100 TJ = 25?C f = 1.0 MHz Vsig = 50 mVP-P 10 1 2 10 20 100 200
60
40
20 0 0 25 50 75 100 125 150 175
Ta, AMBIENT TEMPERATURE, ( ?C)
VWM, REVERSE STAND-OFF VOLTAGE,VOLTS
FIG.3 - PULSE WAVEFORM IPPM, PEAK PULSE CURRENT, %
tf = 10s 100 Peak Value IPPM Ta=25 ?C Pulse Width (td) is defined as that point where the peak current decays to 50% of IPPM 100
FIG.4 - PEAK PULSE POWER RATING CURVE
PPPM,PEAK POWER (kW)
NON-REPETITIVE PULSE WAVEFORM SHOWN IN FIG. 3 ,Ta=25?C 10
50
Half Value - IPPM 2
1.0
td 0 0 1.0 2.0 3.0 4.0 0.1 0.1s 1.0s 10s 100s 1.0ms 10ms
t, TIME(ms)
td, PULSE WIDTH, SEC FIG.5 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
200 TJ = TJ max 8.3 ms Single half sine-wave JEDEC Method
100
50
10 1 5 10 50 100
NUMBER OF CYCLES AT 60 Hz


▲Up To Search▲   

 
Price & Availability of SMBJ13C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X