Part Number Hot Search : 
MES12 2N6967 USTOM AON6204 4810B PVR1301 D5160AJ 64001
Product Description
Full Text Search
 

To Download SBC18-11EGWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 45mm (1.8INCH) SINGLE DIGIT NUMERIC DISPLAYS
SA18-11EWA/GWA/YWA/SRWA SC18-11EWA/GWA/YWA/SRWA SBA18-11EGWA SBC18-11EGWA
Features
1.8 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MULTICOLOR AVAILABLE. CATEGORIZED FOR LUMINOUS INTENSITY, YELLOW AND GREEN CATEGORIZED FOR COLOR. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT.
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change whitout notice.
SPEC NO: CDA0857 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 1 OF 5
Selection Guide
P ar t N o . SA18-11EWA SC18-11EWA SA18-11GWA SC18-11GWA SA18-11YWA SC18-11YWA SA18-11SRWA SC18-11SRWA SBA18-11EGWA SBC18-11EGWA Dic e Iv (u c d ) @ 10 m A Min . HIGH EFFICIENCY RED (GaAsP/GaP) GREEN (GaP) YELLOW (GaAsP/GaP) SUPER BRIGHT RED (GaAlAs) HIGH EFFICIENCY RED (GaAsP/GaP) GREEN (GaP) 8 0 00 12000 3000 26000 8000 12000 Ty p . 24000 2600 0 800 0 7500 0 18000 2600 0
D es c r i p t i o n Common Anode, Rt. Hand Decimal Common Cathode, Rt Hand Decimal Common Anode, Rt. Hand Decimal Common Cathode, Rt Hand Decimal Common Anode, Rt. Hand Decimal Common Cathode, Rt Hand Decimal Common Anode, Rt. Hand Decimal Common Cathode, Rt Hand Decimal Common Anode, Rt. Hand Decimal Common Cathode, Rt Hand Decimal
Electrical / Optical Characteristics at T)=25C
Sy m b o l Par am et er D ev i c e High Efficiency Red Green Yellow Super Bright Red High Efficiency Red Green Yellow Super Bright Red Ty p . 627 565 590 660 625 568 588 640 45 30 35 20 15 15 20 45 2.0 2.2 2.1 1.85 2.5 2.5 2.5 2.5 10 Max . Un it s Tes t Co n d it io n s
peak
Peak Wavelength
nm
IF=20mA
D
Dominate Wavelength
nm
IF=20mA
1/2
High Efficiency Red Spectral Line Halfwidth Green Yellow Super Bright Red Capacitance High Efficiency Red Green Yellow Super Bright Red High Efficiency Red Green Yellow Super Bright Red All
nm
IF=20mA
C
pF
VF=0V;f=1MHz
VF IR
Forward Voltage
V
IF=20mA
Reverse Current
uA
V R = 5V
SPEC NO: CDA0857 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 2 OF 5
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
H i g h E f f i c i en c y R ed 105 30 160 5
Gr een 105 25 140 5
Yello w 105 30 140 5 -40C To +85C 260C For 5 Seconds
S u p er B r i g h t R ed 100 30 155 5
Un it s mW mA mA V
High Efficiency Red
SPEC NO: CDA0857 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 3 OF 5
Green
Yellow
SPEC NO: CDA0857 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 4 OF 5
Super Bright Red
SPEC NO: CDA0857 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: NOV/18/2001 DRAWN: S.H.CHEN
PAGE: 5 OF 5


▲Up To Search▲   

 
Price & Availability of SBC18-11EGWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X