Part Number Hot Search : 
S2020 EMC1102 DM74A C3843 AZ358C CYW2330 MBR20 92MHZ
Product Description
Full Text Search
 

To Download SB290 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB220 THRU SB2B0
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 2.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 utilizing Flame retardant epoxy molding compound 2.0 ampere operation at TL=75 with no thermal runaway For use in low voltage, high frequency inverters free wheeling, and polarity protection applications
Mechanical Data
Case: Molded plastic, DO-15 Terminals: Axial leads, solderable per MIL-STD-202, method 208 Polarity: Color band denotes cathode Mounting Position: Any Weight: 0.014 ounce, 0.39 gram
DIM ENSIONS DIM A B C D inches Min. 0.228 0.102 0.028 1.000 Max. 0.299 0.142 0.034 Min. 5.8 2.6 0.71 25.40 mm Max. 7.6 3.6 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
Symbols
SB220
SB230
SB240
SB250
SB260
SB270
SB280
SB290 SB2B0
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TL=75 Peak forward surge current, IFM (surge): 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum forward voltage at 2.0A Maximum full load reverse current, full cycle average at TA=75 Maximum DC reverse current at rated DC blocking voltage TA=25 TA=100
VRRM VRMS VDC I(AV) IFSM VF IR(AV) IR CJ R
JA
20 14 20
30 21 30
40 28 40
50 35 50
60 42 60 2.0 50.0
70 49 70
80 56 80
90 63 90
100 70 100
Volts Volts Volts Amps Amps
0.55
0.70 30.0 2.0 20.0 170.0 35.0 -50 to +125
0.85
Volts mA mA F /W
Typical junction capacitance (Note 1) Typical thermal resistance (Note 2) Operating and storage temperature range
TJ, TSTG
Notes: (1) Measured at 1.0MHz and applied reverse voltage of 4.0 VDC (2) Thermal resistance junction to ambient
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of SB290

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X