Part Number Hot Search : 
02KFG V613ME11 IRFL4310 BCR19 IRF9540N 02K61F HGAAM D74LVC
Product Description
Full Text Search
 

To Download SB230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB220 - SB2B0
PRV : 20 - 100 Volts IO : 2.0 Amperes
FEATURES :
* * * * * * * High current capability High surge current capability High reliability High efficiency Low power loss Low cost Low forward voltage drop
SCHOTTKY BARRIER RECTIFIER DIODES
D2
0.161 (4.1) 0.154 (3.9)
1.00 (25.4) MIN.
0.284 (7.2) 0.268 (6.8)
MECHANICAL DATA :
* Case : D2 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.465 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375", 9.5mm Lead Length See Fig.1 Peak Forward Surge Current, 8.3ms single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 2.0 Amps. (Note 1) Maximum Reverse Current at Rated DC Blocking Voltage (Note 1) Junction Temperature Range Storage Temperature Range
SYMBOL
VRRM VRMS VDC IF(AV)
SB SB SB SB SB SB SB SB SB UNIT 220 230 240 250 260 270 280 290 2B0
20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 2.0 70 49 70 80 56 80 90 63 90 100 70 100 Volts Volts Volts Amps.
IFSM VF IR TJ TSTG - 65 to + 125 0.5
60 0.74 0.5 - 65 to + 150 - 65 to + 150 0.79
Amps. Volt. mA C C
Notes :
(1) Pulse Test : Pulse Width = 300 s, Duty Cycle = 2%.
UPDATE : SEPTEMBER 12, 1998
RATING AND CHARACTERISTIC CURVES ( SB220 - SB2B0 )
FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
2.5 SB250 THRU SB2B0 SB220 SB230 SB240
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
75
PEAK FORWARD SURGE CURRENT, AMPERES
150 175
2.0
60
1.5
45
1.0
30
0.5
15
0
0
25
50
75
100
125
0
1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
20
FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MILLIAMPERES
FORWARD CURRENT, AMPERES
10 TJ = 100 C
10
SB220 SB230 SB240
SB280 SB290 SB2B0
1.0
1.0
SB250 SB260 SB270
0.1
TJ = 25 C
TJ = 25 C PULSE WIDTH = 300s DUTY CYCLE = 2% 0.1 0.1
0.01 0 20 40 60 80 100 120 140
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
PERCENT OF RATED REVERSE VOLTAGE, (%)
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of SB230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X