Part Number Hot Search : 
SMBJ26 NDUCTOR S08A30PT SQ644 1S133M 214AA WFP650 C32R4MN
Product Description
Full Text Search
 

To Download RTVY-124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT TEMPERATURE COMPENSATED VOLTAGE CONTROLLED OSCILLATOR- TCVCXO FEATURES
Ultra Miniature Package Excellent frequency stability over temperature Low Voltage
RTVY-124 Series
SPECIFICATIONS
FREQUENCY RANGE FREQUENCY STABILITY OVER TEMPERATURE RANGE OPERATING TEMPERATURE RANGE FREQUENCY STABILITY VS SUPPLY VOLTAGE VARIATION AGING SUPPLY VOLTAGE CURRENT CONSUPTION OUTPUT LEVEL OUTPUT LOAD CONTROL VOLTAGE RANGE FREQUENCY CONTROL RANGE PHASE NOISE 12.80 MHz TO 19.68 MHz AND 26.00 MHz 2.0 PPM MAXIMUM -30C TO +85C 0.3 PPM MAXIMUM 1.0 PPM PER YEAR MAXIMUM +3.0V10% AND 2.7V5% (OPTIONAL) 2.0 mA MAXIMUM 0.8 Vp-p MININUM 10k // 10pF 10% 0.5V TO 2.5V 5PPM TO 12 PPM -110dBc TYP. AT 100Hz OFFSET
OUTLINE DRAWING
5.00.2 .197.008 mm Scale none Dimension in inch
CARRIER TAPE DIMENSIONS
.126.008
3.20.2
Marking Area
3 2
4 1
Top View
Bottom View
.040
1.0
3.8 .150
.067 MAX
1.7 MAX
.055 MIN
1.4 MIN
#1 #2 #3 #4
: : : :
Vc GND OUT Vdd
.102
2.6
1.5 .059
PACKAGING 178 mm REEL DIAMETER, 12mm TAPE WIDTH, 8mm PITCH QUANTITY: 1000 PIECES PER REEL
REFLOW SOLDERING PROFILE
PART NUMBERING SYSTEM
TYPE RTV REVISION Y 124 SERIES STABILITY TEMPERATURE RANGE VOLTAGE FREQUENCY CONTROL O:5PPM TO 12 PPM S:CLIPPED SINE W AVEFORM IN MHz FREQUENCY TR TAPE AND REEL D:2.0 PPM 27: +2.7V F3:-30C TO +80C E:2.5 PPM 3: +3.0V
Example: RTVY-124DF327O-S-13.000-TR
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http: //www.raltron.com


▲Up To Search▲   

 
Price & Availability of RTVY-124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X