Part Number Hot Search : 
10106 M317LZ BPC250 410022 LB1927 ATMEGA48 PRODUCTS BPC250
Product Description
Full Text Search
 

To Download RSD-0524DH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
RSD-xxxxDH Series, 1 Watt, 3kVDC Isolation, SMD (Dual Output) Selection Guide
Part Number SMD RSD-XX1.8DH RSD-XX3.3DH RSD-XX05DH RSD-XX09DH RSD-XX12DH RSD-XX15DH RSD-XX24DH Input Voltage (VDC) 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 Output Voltage (VDC) 1.8 3.3 5 9 12 15 24 Output Current (mA) 278 152 100 56 42 33 21 Efficiency (%) 70 70 70 78 80 82 82
Features

3kVDC Isolation Efficiency to 70% UL 94V-0 Package Material Toroidal Magnetics Internal SMD Construction
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Output Voltage (at Vin = 5VDC, Io = full load) Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Ripple and Noise (20MHz BW) Efficiency at Full Load Operating Frequency Isolation Voltage Short Circuit Protection Operating Temperature Storage Temperature 1.8V, 3.3V output types 5V output type 9V, 12V, 15V, 24V output types 10% 5% 1,2% typ./1% of Vin
Output Power (Watts) 2.0 1.5 1.0 Safe Operating Area 0.5 0 -40 0 50 100 125 150 85 Operating Temperature C
20% max. 15% max. 10% max. 100mVp-p max. 70% min. 50kHz min. 3.000VDC min. 1 Second
-40C to +85C* (see Graph) -55C to +125
Package Style and Pinning (mm)
2.54
RSD-0505DH 200mA RECOM
0.500.5 10 12.70 12 45 1.20 15.24 14.84 9.30 9.00
Pin Connections
7
3rd angle projection
1.80
7.05
0.20 2.54x4 8.60 10.00 11.80
Pin # Dual 1 -Vin 2 +Vin 4 Com 5 -Vout 7 +Vout 10 NC NC = No Connection
1.65
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
August 2002
EC 17


▲Up To Search▲   

 
Price & Availability of RSD-0524DH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X