Part Number Hot Search : 
2SK2601 0603L020 C4006 PE97632 BR1000 GP1S09 PE97632 1937525
Product Description
Full Text Search
 

To Download Q68000-A8787 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs MMIC
CGY 62
________________________________________________________________________________________________________
Datasheet
* Two-stage microwave broadband amplifier IC * 50 input / output * Operating voltage range: 2.7 to 5 V * High gain and output power (typ.: G=20 dB, P-1dB =17,5 dBm @ 4.5V, 1GHz ) * Frequency range 200 MHz ... 2.5 GHz
IN GND GND
4
5
6
3 2
Interstage
ESD:
Electrostatic discharge sensitive device, observe handling precautions!
1
OUT
GND
Type
Marking
Ordering code (taped)
Package 1)
CGY 62
Y6s
Q68000-A8787
MW-6
Maximum ratings Drain voltage Channel temperature Storage temperature range Total power dissipation (TS < 70C) 2) Thermal resistance Channel-soldering point (GND) Junction-ambient 3)
Symbol
Unit 6 150 -55...+150 800 V C C mW
VD TCh Tstg Ptot
RthChS RthJA
< 100 < 180
K/W K/W
1) Dimensions see chapter Package Outlines 2) Please care for sufficient heat dissipation on the pcb! 3) Package mounted on alumina 15 mm x 16.7 mm x 0.7 mm
Siemens Aktiengesellschaft
pg. 1/5
15.01.96 HL EH PD 21
GaAs MMIC
Electrical characteristics
CGY 62
________________________________________________________________________________________________________
TA = 25C
VD = 4,5 V
RS = RL = 50
unless otherwise specified
Characteristics Drain current Power Gain
f = 200 MHz to 1800 MHz f = 2500 MHz
Symbol
min -
typ 130
max 175
Unit mA dB
ID G
18 G -
19 15 2
3.5 dB dB
Gain flatness
f = 200 MHz to 1800 MHz
Noise figure
f = 200 MHz to 1800 MHz
F
3.5 8 15 13 4.0
Input return loss
f = 200 MHz to 500 MHz f = 500 MHz to 2500 MHz
RLin
dB 10 10 dB dBm 30 -
Output return loss
f = 200 MHz to 2500 MHz
RLout IP3
Third order intercept point two-tone intermodulation test
f 1= 806 MHz f2 = 810 MHz Po = -10 dBm (both carriers)
Output power at 1dB gain compression
f = 200 MHz to 1800 MHz
P-1dB
dBm 17.5 -
Siemens Aktiengesellschaft
pg. 2/5
15.01.96 HL EH PD 21
GaAs MMIC
CGY 62
________________________________________________________________________________________________________
Electrical characteristics
at TA = 25C VD = 4.5 V RS = RL = 50
unless otherwise specified
Noise figure F=f(f) VS = 4.5V
5 F [dB] 4 typ. 3 12 2 8 1 G [dB] 20 24
Power gain G=f(f) VS = 4.5V
16 typ.
4
0 0.1 0.6 1.1 1.6 2.1 f [GHz] 2.6
0 0.1 0.6 1.1 1.6 2.1 f [GHz] 2.6
Siemens Aktiengesellschaft
pg. 3/5
15.01.96 HL EH PD 21
GaAs MMIC
CGY 62
________________________________________________________________________________________________________
Typical S-Parameters ( VD = 4.5 V
f/GHz MAG 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 0.81 0.41 0.28 0.21 0.17 0.13 0.11 0.08 0.06 0.04 0.03 0.05 0.07 0.09 0.11 0.14 0.16 0.18 0.18 0.19 S11 ANG -42 -84 -105 -118 -124 -128 -129 -131 -134 -141 -141 -172 163 152 149 149 150 150 151 156 MAG 6.64 10.06 10.75 10.82 10.66 10.37 9.95 9.41 8.80 8.10 7.29 6.61 6.04 5.46 4.92 4.45 4.00 3.61 3.21 2.84 S21 ANG 48 4 -19 -38 -54 -71 -86 -101 -116 -130 -143 -155 -166 -178 172 161 152 142 132 126 MAG 0.006 0.010 0.011 0.011 0.012 0.013 0.013 0.014 0.015 0.015 0.015 0.016 0.018 0.019 0.021 0.022 0.024 0.026 0.027 0.028
VG = 0 V
Zo = 50 )
S12 ANG 107.0 40.0 30.0 31.0 30.0 31.0 33.0 33.0 34.0 33.0 39.0 42.0 44.0 44.0 45.0 45.0 45.0 44.0 44.0 43.0 S22 MAG ANG 0.29 0.21 0.18 0.17 0.17 0.17 0.16 0.16 0.17 0.19 0.20 0.20 0.19 0.19 0.18 0.17 0.16 0.15 0.16 0.17 -19 -31 -34 -32 -32 -29 -24 -17 -9 -2 -3 0 3 4 4 1 -4 -10 -17 -29
Siemens Aktiengesellschaft
pg. 4/5
15.01.96 HL EH PD 21
GaAs MMIC
CGY 62
________________________________________________________________________________________________________
Application Circuit f = 800 MHz to 1800 MHz
1 nF Vs 27 nH 3 100 pF 4 39 nH Output 50 Ohm
Input 50 Ohm
Interstage 1
100 pF
CGY62
IN OUT GND 2,5,6
50 Ohm Microstripline
Pin assignment: Pin 1 OUT Pin 2 GND Pin 3 Interstage Pin 4 IN Pin 5 GND Pin 6 GND
Siemens Aktiengesellschaft
pg. 5/5
15.01.96 HL EH PD 21


▲Up To Search▲   

 
Price & Availability of Q68000-A8787

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X