Part Number Hot Search : 
11024 TC124 1N825A 20681JL BZG04 MM1572F TC124 7C42X1
Product Description
Full Text Search
 

To Download Q62703-Q3825 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5 mm (T1 3/4) LED, Diffused Wide-Angle LED
LS 5380, LY 5380, LG 5380
Besondere Merkmale
q q q q q
eingefarbtes, diffuses "Low Profile"-Gehause als optischer Indikator einsetzbar Lotspiee ohne Aufsetzebene gegurtet lieferbar Storimpulsfest nach DIN 40839
VEX06715
Features
q q q q q
colored, diffused "Low Profile"-package for use as optical indicator solder leads without stand-off available taped on reel load dump resistant acc. to DIN 40839
Typ Type
Emissionsfarbe Color of Emission
Gehausefarbe Color of Package
Lichtstarke Luminous Intensity IF = 10 mA IV (mcd) 1.0 1.6 2.5 4.0 2.5 1.6 2.5 4.0 6.3 2.5 1.6 2.5 4.0 6.3 2.5 ... 8.0 ... 3.2 ... 5.0 ... 8.0 ... 20.0 ... 12.5 ... 5.0 ... 8.0 ... 12.5 ... 20.0 ... 12.5 ... 5.0 ... 8.0 ... 12.5 ... 20.0
Bestellnummer Ordering Code
LS 5380-FJ LS 5380-G LS 5380-H LS 5380-J LS 5380-HL LY 5380-GK LY 5380-H LY 5380-J LY 5380-K LY 5380-HL LG 5380-GK LG 5380-H LG 5380-J LG 5380-K LG 5380-HL
super-red
red diffused
Q62703-Q1452 Q62703-Q1740 Q62703-Q1453 Q62703-Q1454 Q62703-Q1455 Q62703-Q2002 Q62703-Q1457 Q62703-Q2319 Q62703-Q3909 Q62703-Q2003 Q62703-Q1463 Q62703-Q2032 Q62703-Q2016 Q62703-Q3189 Q62703-Q3825
yellow
yellow diffused
green
green diffused
Streuung der Lichtstarke in einer Verpackungseinheit IV max / IV min 2.0. Luminous intensity ratio in one packaging unit IV max / IV min 2.0.
Semiconductor Group
1
11.96
LS 5380, LY 5380, LG 5380
Grenzwerte Maximum Ratings Bezeichnung Parameter Betriebstemperatur Operating temperature range Lagertemperatur Storage temperature range Sperrschichttemperatur Junction temperature Durchlastrom Forward current Stostrom Surge current t 10 s, D = 0.005 Sperrspannung Reverse voltage Verlustleistung Power dissipation TA 25 C Warmewiderstand Thermal resistance Sperrschicht / Luft Junction / air Symbol Symbol Werte Values - 55 ... + 100 - 55 ... + 100 + 100 40 0.5 Einheit Unit C C C mA A
Top Tstg Tj IF IFM
VR Ptot
5 140
V mW
Rth JA
400
K/W
Semiconductor Group
2
LS 5380, LY 5380, LG 5380
Kennwerte (TA = 25 C) Characteristics Bezeichnung Parameter Symbol Symbol LS Wellenlange des emittierten Lichtes (typ.) peak Wavelength at peak emission (typ.) IF = 20 mA Dominantwellenlange Dominant wavelength IF = 20 mA (typ.) dom (typ.) 635 Werte Values LY 586 LG 565 nm Einheit Unit
628
590
570
nm
Spektrale Bandbreite bei 50 % Irel max (typ.) Spectral bandwidth at 50 % Irel max (typ.) IF = 20 mA Abstrahlwinkel bei 50 % IV (Vollwinkel) Viewing angle at 50 % IV Durchlaspannung Forward voltage IF = 10 mA Sperrstrom Reverse current VR = 5 V Kapazitat Capacitance VR = 0 V, = 1 MHz Schaltzeiten: Switching times: IV from 10 % to 90 % IV from 90 % to 10 % IF = 100 mA, tP = 10 s, RL = 50 2
45
45
25
nm
140 2.0 2.6 0.01 10 12
140 2.0 2.6 0.01 10 10
140 2.0 2.6 0.01 10 15
Grad deg. V V A A pF
(typ.) VF (max.) VF (typ.) IR (max.) IR (typ.) C0
(typ.) tr (typ.) tf
300 150
300 150
450 200
ns ns
Semiconductor Group
3
LS 5380, LY 5380, LG 5380
Relative spektrale Emission Irel = f (), TA = 25 C, IF = 20 mA Relative spectral emission V () = spektrale Augenempfindlichkeit Standard eye response curve
Abstrahlcharakteristik Irel = f () Radiation characteristic
Semiconductor Group
4
LS 5380, LY 5380, LG 5380
Durchlastrom IF = f (VF) Forward current TA = 25 C
Relative Lichtstarke IV/IV(10 mA) = f (IF) Relative luminous intensity TA = 25 C
Zulassige Impulsbelastbarkeit IF = f (tP) Permissible pulse handling capability Duty cycle D = parameter, TA = 25 C
Maximal zulassiger Durchlastrom Max. permissible forward current IF = f (TA)
Semiconductor Group
5
LS 5380, LY 5380, LG 5380
Wellenlange der Strahlung peak = f (TA) Wavelength at peak emission IF = 20 mA
Dominantwellenlange dom = f (TA) Dominant wavelength IF = 20 mA
Durchlaspannung VF = f (TA) Forward voltage IF = 10 mA
Relative Lichtstarke IV/IV(25 C) = f (TA) Relative luminous intensity IF = 10 mA
Semiconductor Group
6
LS 5380, LY 5380, LG 5380
Mazeichnung Package Outlines
(Mae in mm, wenn nicht anders angegeben) (Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung: Kurzerer Lotspie Cathode mark: Short solder lead
Semiconductor Group
7
GEX06715


▲Up To Search▲   

 
Price & Availability of Q62703-Q3825

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X