Part Number Hot Search : 
PMBT5551 UVG20C 23C5V1 A25H2501 PGA301 ADV7195 LM337T IDT72421
Product Description
Full Text Search
 

To Download Q62702-B599 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BBY 52 Silicon Tuning Diode
* High Q hyperabrupt dual tuning diode * Designed for low tuning voltage operation * For VCO's in mobile communications equipment
Type BBY 52
Marking Ordering Code S5s Q62702-B599
Pin Configuration 1 = A1 2 = A2
Package 3 = C1/2 SOT-23
Maximum Ratings Parameter Diode reverse voltage Forward current Operating temperature range Storage temperature Symbol Values 7 20 - 55 ... + 150 - 55 ... + 150 Unit V mA C
VR IF Top Tstg
Semiconductor Group
1
Jul-04-1996
BBY 52
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol min. DC characteristics Reverse current Values typ. max. Unit
IR
10 200
nA
VR = 6 V, TA = 25 C VR = 6 V, TA = 65 C
AC characteristics Diode capacitance
CT
1.4 0.85 1.85 1.5 1.35 1.15 1.6 0.9 0.12 2 2.2 1.45
pF
VR = 1 V, f = 1 MHz VR = 2 V, f = 1 MHz VR = 3 V, f = 1 MHz VR = 4 V, f = 1 MHz
Capacitance ratio
CT1/CT4
1.1 2.1
1.8 pF nH -
VR = 1 V, VR = 4 V, f = 1 MHz
Series resistance
rs CC Ls
VR = 1 V, f = 1 GHz
Case capacitance
f = 1 MHz
Series inductance chip to ground
Semiconductor Group
2
Jul-04-1996
BBY 52
Diode capacitance CT = f (VR) f = 1MHz
2.4 pF
CD
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 1.0
1.5
2.0
2.5
3.0
V
4.0
VR
Package
Semiconductor Group
3
Jul-04-1996


▲Up To Search▲   

 
Price & Availability of Q62702-B599

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X