Part Number Hot Search : 
ASM3P SHJD3316 BCM1250 RB103K B2403 A4400 041661 A4400
Product Description
Full Text Search
 

To Download PM55L-048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Minebea-Matsushita Motor Corporation www.DataSheetLIST.com
Reference Characteristics
Motor Size PM55L-048 Number of Steps per Rotation 48(7.5 /Step) Drive Method 2-2 PHASE Drive Circuit UNIPOLAR CONST. VOLT. BIPOLAR CHOPPER Drive Voltage 24[V] 24[V] Current/Phase 800[mA] Coil Resistance/Phase 30 [ ] 5.5[] Drive IC 2SC3346 UDN2916B-V Magnet Material Ferrite plastic magnet (MSPL)
w
w
a D . w
aS t
ee h
4U t
om .c
PM55L-048
Polar anisotropy ferrite sintered magnet (MS50)
Nd-Fe-Bbonded
PM Type
Insulation Resistance Dielectric Strength Class of Insulation Operating Temp. Storage Temp. Operating Hum. 100M[ ] MIN AC 500[V] 1[min] CLASS E -10[] ~ 50[] -30[] ~ 80[] 20[%] RH ~ 90[%] RH
Applications
OA Equipment : Printers / Scanners Industrial equipment : Flow control valves Toys : Slot machines
Home automation appliances : Sewing machines
Torque Characteristics PM55L-048 UNI-CONST. V (at 24[V],30[])
2500 2000
] m 1500 . N 41 1000 X[ e u qr o 500 T MSPL Pull-out MSPL Pull-in MS50 Pull-out MS50 Pull-in MS70 Pull-out MS70 Pull-in
0
0
100
200
300
Frequency [PPS]
These torque values are reference only. Heat radiation conditions and temperature rise effect by duty are different on each equipment, therefore please select motors after considering the heat conditions in the actual equipment.
Dimensions
w
w
w
t a .D
400 500
S a
600
e h
1800 1500
] 1200 m . N 400 1 X[ e 600 uq r o T 300
PM55L-048 BI-CHOPPER (at 24[V],5.5[],800[mA])
MSPL Pull-out MSPL Pull-in MS50 Pull-out MS50 Pull-in MS70 Pull-out MS70 Pull-in
U t4 e
900
.c
m o
PM Motor
magnet (MS70)
0
0
200
400
600
800
1000
1200
Frequency [PPS]
W
10 15 . 8 3
S0.5 12.7 X A .5 M 5
2R5
H 2-
5 5
1. 0 01 .0 0 3 0-
1. D 1 1 P0.2
If you would like to know this Dimensions(D,S,W,
2.3
1.6
25.7MAX
),Please
see Standerd Dimensions in our Home Page.
w
w
w
.D
a
aS t
ee h
4U t
om .c
1MAX
Copyright 2004, Minebea Co., Ltd.


▲Up To Search▲   

 
Price & Availability of PM55L-048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X