Part Number Hot Search : 
BUK762 N3011S 101J8 13156020 29GL512 MAF08018 ADD8708 1008T
Product Description
Full Text Search
 

To Download NTE599 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE599 Silicon Rectifier Ultra Fast, 200V, 15A
Description: The NTE599 is a silicon rectifier in a 2-Lead TO220 type package designed for use in switching power supplies, inverters and as free wheeling diodes. Features: D Ultrafast 35ns Recovery Time D 175C Operating Junction Temperature D Popular TO220 Package D Voltage Capacity to 200V D Low Forward Voltage Drop D Low Leakage Current Specified at TC = +150C D Current Derating Specified at Both Case and Ambient Temperature Absolute Maximum Ratings; Peak Repetitive Reverse Voltage, VRRM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V Working Peak Reverse Voltage, VRWM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V DC Blocking Voltage, VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V Average Rectified Forward Current (TC = +150C), IF(AV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15A Peak Repetitive Forward Current (Square Wave, 20kHz, TC = +150C), IFM . . . . . . . . . . . . . . . 30A Non-Repetitive Peak Surge Current, IFSM (Surge applied at rated load conditions halfwave, single phase, 60Hz) . . . . . . . . . . . . . 200A Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +175C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +175C Maximum Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5C/W Electrical Characteristics:
Parameter Instantaneous Forward Voltage Instantaneous Reverse Current Reverse Recovery Time Symbol VF iR trr Test Conditions iF = 15A, TC = +150C, Note 1 iF = 15A, TC = +25C, Note 1 VR = 200V, TC = +150C, Note 1 VR = 200V, TC = +25C, Note 1 IF = 1A, di/dt = 50A/s Min - - - - - Typ - - - - - Max 0.85 1.05 500 10 35 Unit V V A A ns
Note 1. Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%
.147 (3.75) Dia Max .120 (3.04) .405 (10.3)
.190 (4.82) .055 (1.4) .255 (6.48)
K .620 (15.74) .050 (1.27) K A
.562 (14.28)
.210 (5.33)
.022 (0.58)
Note: All dimensions are Max.


▲Up To Search▲   

 
Price & Availability of NTE599

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X