Part Number Hot Search : 
1N414 STS3402 MMBD4448 MMBD4448 A1512 05B2228 500EA 118CS
Product Description
Full Text Search
 

To Download NTE5906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
Features: D D D D High Surge Current Capability High Voltage Available Designed for a Wide Range of Applications Available in Anode-to-Case or Cathode-to-Case Style
Ratings and Characteristics: Average Forward Current (TC = +140C Max), IF(AV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40A Maximum Forward Surge Current, IFSM 50Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 480A 60Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500A Fusing Current, I2t 50Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1150A2s 60Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1050A2s Fusing Current, I2pt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16000A2ps Maximum Reverse Recovery Voltage Range, VRRM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 1600V Voltage Ratings:
NTE Type Number Cathode to Case Anode to Case VRRM-Max Repetitive Peak Reverse Volt. (V) TJ = -65 to +150C VRSM-Max Non-Repetitive Peak Reverse Voltage (V) tp < 5ms TJ = +25 to +150C VR-Max. Direct Reverse Voltage (V) TJ = -65 to +150C VR(SR) Minimum Avalanche Voltage (V) TJ = +25C IRM-Max Reverse Current Rated VRRM
(mA)
TJ = +150C
5980 5982 5986 5988 5990 5992 5994 5998 6002 5906 6004
5981 5983 5987 5989 5991 5993 5995 5999 6003 5907 6005
50 100 200 300 400 500 600 800 1000 1200 1600
100 200 300 450 500 600 720 960 1200 1400 1700
50 100 200 300 400 500 600 800 1000 1200 1600
- - - - 500 600 725 960 1150 1350 1700
15 15 15 15 15 9 9 9 9 9 9
Electrical Specifications:
Parameter Maximum Average Forward Current Maximum Peak One-Cycle Non-Repetitive Surge Current Symbol IF (AV) IFSM Test Conditions 180 sinusoidal condition, TC = +140C Max Half cycle 50Hz sine wave Following any rated or 8ms rectangular pulse load condition and Half cycle 60Hz sine wave with rated VRRM applied at 5ms rectangular pulse Half cycle 50Hz sine wave Following any rated or 6ms rectangular pulse load condition and Half cycle 60Hz sine wave with VRRM applied following surge = 0 at 3ms rectangular pulse Maximum I2t for Fusing I2t t = 10ms t = 8.3ms Maximum I2t for Individual Device Fusing Maximum I2pt Maximum Peak Forward Voltage Maximum Value of Threshold Voltage Maximum Value of Forward Slope Resistance I2pt VFM VM (TO) rt t = 10ms t = 8.3ms With rated VRRM applied following surge With VRRM = 0 following surge Rating 40 480 500 570 586 1150 1050 1600 1450 16000 1.30 0.69 3.79 Unit A A A A A A2s A2s A2s A2s A2pt V V m
t = 0.1 to 10ms, VRRM = 0 following surge IF (AV) = 40A (125 peak), TJ = +25C TJ = +100C TJ = +100C
Thermal-Mechanical Specifications:
Parameter Maximum Operation Junction Temperature Maximum Storage Temperature Maximum Internal Thermal Resistance Junction-to-Case Thermal Resistance, Case-to-Sink Mounting Torque Approximate Weight Symbol TJ Tstg RthJC RthCS T wt DC operation Mounting surface flat, smooth and greased Non-lubricated threads Test Conditions Rating -65 to + 190 -65 to + 190 1.00 0.25 2.3 - 3.4 (20 - 30) 17 (0.8) Unit C C K/W K/W m*N (in*lb) g (oz)
.687 (17.4) Max
.667 (16.9) Dia Max .375 (9.55) Max
1.288 (32.71) Max
.140 (3.65) Dia Max
.450 (11.4) Max .200 (5.08) Max
.453 (11.5) Max
1/4-28 UNF-2A


▲Up To Search▲   

 
Price & Availability of NTE5906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X