Part Number Hot Search : 
2SB118 BAV10 AX3842P AN1438 PQ05RF2V 12030 45DB32 SMCJ18CA
Product Description
Full Text Search
 

To Download NTE3071 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE3068 thru NTE3071 0.4" Single Digit Numeric Display Seven Segment, RHDP
Description: The NTE3068 through NTE3071 are 0.4 inch (10.16mm) height single digit displays. The NTE3068 and NTE3069 devices utilize LED chips which are made from GaP on a transparent GaP substrate. The NTE3070 and NTE3071 devices utilize chips which are made from GaAsP on a transparent GaP substrate. Features: D 0.4 Inch (10.16mm) Digit Height D Continuous Uniform Segments D Choice of Two Bright Colors: Red - NTE3068, NTE3069 Orange - NTE3070, NTE3071 D Low Power Requirement D Excellent Characters Appearance D Catagorized for Luminous Intensity D IC Compatible D Easy Mounting on PC Board or Socket Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Power Dissipation (Per Segment), PT NTE3068, NTE3069 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55mW NTE3070, NTE3071 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75mW Peak Forward Current (Per Segment, 1/10 Duty Cycle, 0.1ms Pulse Width), IFpeak NTE3068, NTE3069 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160mA NTE3070, NTE3071 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA Continuous Forward Current (Per Segment), IF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA Derate Linearly from 25C (Per Segment) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.30mA/C Reverse Voltage (Per Segment), VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25 to +85C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25 to +85C Lead Temperatue (During Solder, 1/16" Below Seating Plane, 3sec max), TL . . . . . . . . . . . . +260C
Electrical/Optical Characteristics: (TA = +25C unless otherwise specified)
Parameter Average Luminous Intensity NTE3068, NTE3069 NTE3070, NTE3071 Peak Emission Wavelength NTE3068, NTE3069 NTE3070, NTE3071 Spectral Line Half-Width NTE3068, NTE3069 NTE3070, NTE3071 Forward Voltage, Any Segment or D.P. NTE3068, NTE3069 NTE3070, NTE3071 Reverse Current, Any Segment or D.P. Luminous Intensity Matching Ratio IR Iv-m VR = 5V IF = 20mA VF IF = 20mA IF = 20mA P IF = 20mA Symbol Iv Test Conditions IF = 10mA Min 200 850 - - - - - - - - Typ 500 2200 655 630 24 40 1.7 2.1 - - Max - - - - - - 2.0 2.8 100 2:1 Unit cd cd nm nm nm nm V V A
Pin Connection Diagram NTE3068, NTE3070 Cathode A 1 Cathode F 2 Common Anode 3 No Pin 4 N.C. 6 Cathode E 7 F G B No Pin 5 E A 14 Common Anode 13 Cathode B 12 No Pin 11 Cathode G C 10 Cathode C D D.P. 9 Cathode D.P. 8 Cathode D
NTE3069, NTE3071 Anode F 1 Anode G 2 No Pin 3 Common Cathode 4 Anode E 6 Anode D 7 F G B No Pin 5 E A 14 Anode A 13 Anode B 12 Common Cathode 11 N.C. C 10 No Pin D D.P. 9 Anode D.P. 8 Anode C
.188 (4.78) 10
1 .380 (9.65)
14
.400 (10.16)
.738 (18.75) 7 8 .100 (2.54) Typ .010 (.254) x .020 (.508) .386 (9.8)


▲Up To Search▲   

 
Price & Availability of NTE3071

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X