|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NJU6673 25-common x 100-segment BITMAP LCD DRIVER GENERAL DESCRIPTION The NJU6673 is a 25-common x 100-segment bit map LCD driver to display graphics or characters. It contains 2,500 bits display data RAM, microprocessor interface circuits, instruction decoder, and common and segment drivers. An image data from MPU through the serial or 8-bit parallel interface are stored into the 2,500 bits internal displayed on the LCD panel through the commons and segments drivers. The NJU6673 displays 25 x 100 dots graphics or 7-character 2-line by 12 x 13 dots character. The NJU6673 contains a built-in OSC circuit for reducing external components. And it features an electrical variable resistor. As result, it reduces the operating current. The operating voltage from 2.4V to 5.5V and low operating current are suitable for small size battery operation items. FEATURES Direct Correspondence of Display Data RAM to LCD Pixel Display Data RAM 2,500 bits LCD Drivers 25-common and 100-segment Selectable Duty and Bias Ratio ; 1/25 Duty 1/6 Bias or 1/15 Duty 1/5 Bias Direct connection to 8-bit Microprocessor interface for both of 68 and 80 type MPU Serial Interface (SI, SCL, A0, CS) Useful instruction set Display ON/OFF, Display Start Line Set, Page Address Set, Column Address Set, Status Read, Write Display Data, Read Display Data, Normal or Inverse ON/OFF Set, Static Drive ON/Normal Display, EVR Register Set, Read Modify Write, End, Reset, Internal Power Supply ON/OFF, Driver Output ON/OFF, Power Save and ADC select. Power Supply Circuits for LCD; Available attractive operation for small LCD panel without external capacitors for bias stabilization. Booster Circuits(3 times maximum, Voltage boosting polarity : Negative (VDD Common)), Regulator, Voltage Follower(x 4) Precision Electrical Variable Resistance (16 Steps) Low Power Consumption Operating Voltage 2.4V to 5.5V LCD Driving Voltage 4.0V to 10.0V Package Outline Bumped Chip C-MOS Technology (Substrate : N) PACKAGE OUTLINE NJU6673CL Ver.2003-04-08 -1- NJU6673 DUMMY13 DUMMY14 C0 C1 PAD LOCATION C13 C14 ALI_B1 DUMMY15 S0 S1 X Y ALI_A2 DUMMY12 DUMMY11 V1 V1 V1 V2 V2 V2 V3 V3 V3 V4 V4 V4 V5 V5 V5 VR VR VR DUMMY10 VDD VDD VDD VOUT VOUT VOUT C2C2C2C2+ C2+ C2+ C1C1C1C1+ C1+ C1+ DUMMY9 DUMMY8 VSS VSS VSS DUMMY7 D7 D6 D5 D4 D3 D2 D1 D0 DUMMY6 DUMMY5 DUMMY4 DUMMY3 CDIR DUTY RD WR A0 CS OSC T1 T2 VSS VSS VSS SEL68 P/S VDD VDD VDD RES DUMMY2 DUMMY1 S98 S99 DUMMY16 ALI_B2 DUMMY18 DUMMY17 C15 Chip Center : X=0m, Y=0m Chip Size : X=7.54mm, Y=2.09mm Chip Thickness : 400m30m Bump Size : 78.16m x 48.10m Pad Pitch : 70m(Min.) Bump Height : 15m(Typ.) Bump Material : Au Voltage boosting polarity : Negative Voltage(VDD Common) Substrate :N C23 C24 ALI_A1 -2- Ver.2003-04-08 NJU6673 TERMINAL DESCRIPTION PAD No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 Terminal DUMMY1 DUMMY2 RES VDD VDD VDD P/S SEL68 VSS VSS VSS T2 T1 OSC1 CS A0 WR RD DUTY CDIR DUMMY3 DUMMY4 DUMMY5 DUMMY6 D0 D1 D2 D3 D4 D5 D6(SCL) D7(SI) DUMMY7 VSS VSS VSS DUMMY8 DUMMY9 + C1 + C1 + C1 C1 C1 C1 + C2 + C2 + C2 C2 C2 C2 X= m -3536 -3466 -3396 -3326 -3256 -3186 -3116 -3046 -2976 -2906 -2836 -2766 -2696 -2626 -2556 -2486 -2416 -2346 -2276 -2206 -2136 -2066 -1996 -1926 -1715 -1435 -1155 -875 -595 -315 -35 245 455 525 595 665 735 805 875 945 1015 1085 1155 1225 1295 1365 1435 1505 1575 1645 Chip Size 7.54x2.09mm(Chip Center X=0m, Y=0m) PAD No. Terminal Y= m X= m Y= m -891 51 VOUT 1715 -891 -891 52 VOUT 1786 -891 -891 53 VOUT 1856 -891 -891 54 VDD 1926 -891 -891 55 VDD 1996 -891 -891 56 VDD 2066 -891 -891 57 DUMMY10 2136 -891 -891 58 VR 2206 -891 -891 59 VR 2276 -891 -891 60 VR 2346 -891 -891 61 V5 2416 -891 -891 62 V5 2486 -891 -891 63 V5 2556 -891 -891 64 V4 2626 -891 -891 65 V4 2696 -891 -891 66 V4 2766 -891 -891 67 V3 2836 -891 -891 68 V3 2906 -891 -891 69 V3 2976 -891 -891 70 V2 3046 -891 -891 71 V2 3116 -891 -891 72 V2 3186 -891 -891 73 V1 3256 -891 -891 74 V1 3326 -891 -891 75 V1 3396 -891 -891 76 DUMMY11 3466 -891 -891 77 DUMMY12 3536 -891 -891 78 ALI_A2 3616 -891 -891 79 DUMMY13 3616 -745 -891 80 DUMMY14 3616 -675 -891 81 C0 3616 -605 -891 82 C1 3616 -535 -891 83 C2 3616 -465 -891 84 C3 3616 -395 -891 85 C4 3616 -325 -891 86 C5 3616 -255 -891 87 C6 3616 -185 -891 88 C7 3616 -115 -891 89 C8 3616 -45 -891 90 C9 3616 25 -891 91 C10 3616 95 -891 92 C11 3616 166 -891 93 C12 3616 236 -891 94 C13 3616 306 -891 95 C14 3616 376 -891 96 ALI_B1 3616 873 -891 97 DUMMY15 3536 891 -891 98 S0 3466 891 -891 99 S1 3396 891 -891 100 S2 3326 891 Ver.2003-04-08 -3- NJU6673 PAD No. 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 Terminal S3 S4 S5 S6 S7 S8 S9 S10 S11 S12 S13 S14 S15 S16 S17 S18 S19 S20 S21 S22 S23 S24 S25 S26 S27 S28 S29 S30 S31 S32 S33 S34 S35 S36 S37 S38 S39 S40 S41 S42 S43 S44 S45 S46 S47 S48 S49 S50 S51 S52 X= m 3256 3186 3116 3046 2976 2906 2836 2766 2696 2626 2556 2486 2416 2346 2276 2206 2136 2066 1996 1926 1856 1786 1715 1645 1575 1505 1435 1365 1295 1225 1155 1085 1015 945 875 805 735 665 595 525 455 385 315 245 175 105 35 -35 -105 -175 Y= m 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 PAD No. 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 Terminal S53 S54 S55 S56 S57 S58 S59 S60 S61 S62 S63 S64 S65 S66 S67 S68 S69 S70 S71 S72 S73 S74 S75 S76 S77 S78 S79 S80 S81 S82 S83 S84 S85 S86 S87 S88 S89 S90 S91 S92 S93 S94 S95 S96 S97 S98 S99 DUMMY16 ALI_B2 C24 X= m -245 -315 -385 -455 -525 -595 -665 -735 -805 -875 -945 -1015 -1085 -1155 -1225 -1295 -1365 -1435 -1505 -1575 -1645 -1715 -1786 -1856 -1926 -1996 -2066 -2136 -2206 -2276 -2346 -2416 -2486 -2556 -2626 -2696 -2766 -2836 -2906 -2976 -3046 -3116 -3186 -3256 -3326 -3396 -3466 -3536 -3616 -3616 Y= m 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 891 873 25 -4- Ver.2003-04-08 NJU6673 PAD No. 201 202 203 204 205 206 207 208 209 210 211 212 Terminal C23 C22 C21 C20 C19 C18 C17 C16 C15 DUMMY17 DUMMY18 ALI_A1 X= m -3616 -3616 -3616 -3616 -3616 -3616 -3616 -3616 -3616 -3616 -3616 -3616 Y= m -45 -115 -185 -255 -325 -395 -465 -535 -605 -675 -745 -891 * Alignment marks 110.34m 70.38m 70.38m ALI_B1, ALI_B2 Note) Alignment Marks are not contains window. 70.38m ALI_A1, ALI_A2 Ver.2003-04-08 -5- NJU6673 BLOCK DIAGRAM C0 Vss VDD C14 S0 S99 C24 C15 V1 to V5 5 COM Driver SEG Driver COM Driver COM, SEG Timing Generator CDIR C 1+ C 1Voltage Generator Output Assignment Register Shift Shift Register Register C 2+ C 2- Display Data Latch 100 Row Address Decoder Line Address Decoder T1 T2 Start Line Register Line Counter Display Data RAM 100 x 25 bit VR Page Address Register Column Address Decoder Display Timing Generator DUTY Column Address Counter 8bit Column Address Register 8bit Multiplexer OSC. OSC Reset RES I/O Buffer Status Instruction Decoder BF Bus Holder Internal Bus CPU interface CS A0 RD WR SEL68 P/S D0 to D5 D6(SCL) D7(SI) -6- Ver.2003-04-08 NJU6673 TERMINAL DESCRIPTION No. 1, 2, 2124, 33, 37, 38, 57, 76, 77, 79, 80, 97, 198, 210, 211 4,5,6, 54-56 9-11, 34-36 73-75 70-72 67-69 64-66 61-63 Symbol DUMMY1 DUMMY2 DUMMY3 DUMMY6 DUMMY7 DUMMY8 DUMMY9 DUMMY10 DUMMY11 DUMMY12 DUMMY13 DUMMY14 DUMMY15 DUMMY16 DUMMY17 DUMMY18 VDD VSS V1 V2 V3 V4 V5 Power I/O Function Dummy Terminal. These are open terminals electrically. Power GND Power supply terminal. (+2.4 to +5.5V) Ground terminal. (0V) LCD Driving Voltage Supplying Terminals. In case of external power supply operation without internal power supply operation, each level of LCD driving voltage is supplied from outside fitting with following relation. VDDV1V2V3V4V5VOUT In case of internal power supply, LCD driving voltages V1 to V4 depending on the bias selection are supplied as shown in follows; Duty Bias V1 V2 V3 V4 1/15 Duty 1/5 Bias V5+4/5 VLCD V5+3/5 VLCD V5+2/5 VLCD V5+1/5 VLCD 1/25 Duty 1/6 Bias V5+5/6 VLCD V5+4/6 VLCD V5+2/6 VLCD V5+1/6 VLCD VLCD=VDD-V5 Condenser connecting terminals for internal Voltage Booster. Boosting time is selected by each connected condenser. In case of 3-time boost operation, connect the condenser between C1+ and C1-, C2+ and C2-. In case of 2-time boost operation, connect the condenser between C2+ and C2-, connect C2+ to C1+, and C1- should be open. Boosted voltage output terminal. Connects the capacitor between VOUT terminal and VSS. VLCD voltage adjustment terminal. The gain of VLCD setup circuit for V5 level is adjusted by external resistor. LCD bias voltage control terminals. Voltage T1 T2 Voltage adjustor V/F circuit booster circuit L H/L Available Available Available H L Not available Available Available H H Not available Not available Available Data input / output terminals. In parallel interface Mode (P/S="H") I/O terminals of 8-bit bus. In Serial interface Mode(P/S="L") D7:Input terminal of serial data (SI). D6:Input terminal of serial data clock (SCL). D5 to D0 terminals are High impedance. When CS="H" , D0 to D7 terminals are high-impedance. 39-41 42-44 45-47 48-50 C 1+ C 1C 2+ C 2- O 51-53 58-60 13 12 VOUT VR T 1, T2 O I I 25 26 27 28 29 30 31 32 D0 D1 D2 D3 D4 D5 D6(SCL) D7(SI) I/O Ver.2003-04-08 -7- NJU6673 No. 16 Symbol A0 I/O I Function Data discremination signal input terminal. The signal from MPU discreminates transmitted data between Display data and Instruction. A0 H L Discremination Display Data Instruction Reset terminal. Reset operation is executing during "L" state of RES. Chip select signal input terminal. Data Input/Output are available during CS ="L". RD(80 type) or E(68 type) signal input terminal. 3 15 18 RES CS RD (E) I I I 17 WR(R/W) I 8 SEL68 I 7 P/S I 14 OSC O In case of the serial interface (P/S="L") RAM data and status read operation do not work in mode of the serial interface. RD and WR terminals must fix to "H" or "L". D0 to D5 terminals are high impedance. Maker Testing Clock output terminal. The terminal is recommended to open. -8- Ver.2003-04-08 NJU6673 No. 81-95 Symbol C0-C14 I/O O Function LCD driving signal output terminals. Common output terminals :C0 to C24 Segment output terminals :S0 to S99 * Common Output Terminal Following output voltages is selected by the combination of alternating(FR) signal and Common scanning data. Scan data FR Output Voltage H V5 H L VDD H V1 L L V4 * 98-197 S0-S99 O 200-209 C24-C15 O Segment output terminal Following output voltages is selected by the combination of alternating(FR) signal and display data in the DD RAM. Output Voltage RAM data FR Normal Reverse H VDD V2 H L V5 V3 H V2 VDD L L V3 V5 Bias 1/5 1/6 19 DUTY I Duty and Bias selection terminal. DUTY Duty H 1/15 L 1/25 20 CDIR I Common Driver Assignment selection terminal. CDIR Common Output terminals H Reverse (C24C0) L Normal (C0C24) Ver.2003-04-08 -9- NJU6673 FUNCTIONAL DESCRIPTION (1) Description for each blocks (1-1) Busy Flag (BF) The Busy Flag (BF) is set to logical "1" in busy of internal execution by an instruction, and any instruction excepting for the "Status Read" is disable at this time. Busy Flag is outputted through D 7 terminal by "Status Read" instruction. Although another instructions should be inputted after check of Busy Flag, no need to check Busy flag if the system cycle time (tCYC) as shown in s BUS TIMING CHARACTERISTICS is secured completely. (1-2) Display Start Line Register The Display Start Line Register is a register to set a display data RAM address corresponding to the COM0 display line (the top line normally) for the vertical scroll on the LCD, Page address change and so forth. The Display Start Line Address set instruction sets the 8-bit display start address into this register. (1-3) Line Counter Line Counter is reset when the internal FR signal is switched and outputs the line address of the display data RAM by count up operation synchronizing with common cycle of NJU6673. (1-4) Column Address Counter Column Address Counter is the 8-bit preset-able counter to point the column address of the display data RAM (DD RAM) as shown in Fig. 1. The counter is incremented automatically after the display data read/write instructions execution. When the Column address counter reaches to the maximum existing address by the increment operations, the count up operation (increment) is frozen. However, when new address is set to the column address counter again, it restarts the count up operation from a set address. The operation of Column Address Counter is independent against Page Address Register. By the address inverse instruction (ADC select) as shown in Fig. 1, Column Address Decoder reverses the correspondence between Column address and Segment output of display data RAM. (1-5) Page Address Register Page Address Register assigns the page address of the display data RAM as shown in Fig. 1. In case of accessing from the MPU with changing the page address, Page Address Set instruction is required. (1-6) Display Data RAM The Display data RAM (DD RAM) is the bit map RAM consisting of 2,500 bits to store the display data corresponding to the LCD pixel on LCD panel. In Normal Display : "1" Turn-On Display, "0"=Turn-Off Display In Reveres Display : "1" Turn-Off Display, "0"=Turn-On Display DD RAM output 100 bits parallel data addressed by line address counter then the data latched in the display data latch. Asynchronous data access to the DD RAM is available due to the access to the DD RAM from the MPU and latch to the display data latch operation are done independently. (1-7) Common Driver Assignment The scanning order can be assigned by set Common Driver Assignment selection terminal as shown on Table 1. Table 1 Common Driver Order Assignment COM Outputs Terminals PAD No. 81 95 200 209 Pin name C0 C14 C24 C15 COM Driver Assignment "L" COM0 COM14 COM24 COM15 selection terminal "H" COM24 COM10 COM0 COM9 The duty ratio setting and output assignment register are so controlled to operate independently that duty ratio setting required to corresponding duty ratio for output assignment. - 10 - Ver.2003-04-08 NJU6673 Page Address Data D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 D0 Display Pattern Line Address 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11 12 13 14 15 16 17 18 62 01 63 00 COM output example 1 C17 C18 C19 C20 C21 C22 COM output C23 example 2 C24 C0 C0 C1 C1 C2 C2 C3 C3 C4 C4 C5 C5 C6 C6 C7 C7 C8 C8 C9 C9 C10 C10 C11 C11 C12 C12 C13 C13 C14 C14 C15 C16 D 1, D 0 (0, 0) Page 0 D 1, D 0 (0, 1) Page 1 D 1, D 0 (1, 0) Page 2 D1, D0(1, 1) D0=0 00 01 02 03 04 05 Column Address(ADC) D0=1 63 62 61 60 5F 5E Segment output S0 Page 3 S1 S2 S3 S4 S5 S98 S99 COM output example1 : 1/25Duty, set Display Start Line 08H COM output example2 : 1/15Duty, set Display Start Line 08H Fig.1 Correspondence with Display Data RAM Address Ver.2003-04-08 - 11 - NJU6673 (1-8) Reset Circuit Reset circuit operates the following initializations when the condition of RES terminal goes to "L" level. * Initialization 1. Display Off 2. Normal Display (Non-inverse display) 3. ADC Select : Normal (ADC Instruction D0="0") 4. Read Modify Write Mode Off 5. Voltage Booster off, Voltage Regulator off, Voltage follower off 6. Clear the serial interface register 7. Driver Output Off 8. Set the Display Start Line Register to 00H 9. Set the Column Address Counter to 00H 10. Set the Page Address Register to page "0" 11. Set the EVR register to 00H The RES terminal connects to the reset terminal of the MPU synchronization with the MPU initialization as shown in "the MPU interface" in the Application Circuit section. The "L" level input signal as reset signal must keep the period over than 10s as shown in DC Characteristics. The NJU6673 takes 1s for the reset operation after the rising edge of the RES signal. The reset operation by RES ="L" initializes each resister setting as above reset status, but the internal oscillation circuit and output terminals (D0 to D7) are not affected. To avoid the lock-up, the reset operation by the RES terminal must be required every time when power terns on. The reset operation by the reset instruction, function 8 to 11 operations mentioned above is performed. The RES terminal must be keep "L" level when the power terns on in not use of the built-in LCD power supply circuit for no affect to the internal execution. (1-9) LCD Driving (a) LCD Driving Circuits LCD driver is 125 sets of multiplexer consisting of 100 segments and 25 commons drivers to output LCD driving voltage. The common driver outputs the common scan signals formed with the shift register. The segment driver outputs the segment driving signal determined by a combination of display data in the DD RAM, common timing, FR signal, and alternating signal for LCD. The output wave forms of segment/common are shown in s LCD DRIVING WAVEFORM. (b) Display Data Latch Circuits Display Data Latch Circuit latches the 100 bits display data outputted from the DD RAM addressed by the Line address counter to LCD driver at every common signal cycle temporarily. The original data in the DD RAM is not changed because of the Normal/Reverse display, Display On/Off, Static drive On/Off instruction processes only stored data in this Display Data Latch Circuit. (c) Line Counter and Latch signal of Latch Circuits The count clock to Line Counter and the latch clock to Display Data Latch Circuit are formed using the internal display clock (CL). The display data of 100 bits from Display Data RAM pointed by the line address synchronizing with the internal display clock are latched into the Display Data Latch Circuit and are outputted to LCD driving circuits. The display data read out operation from DD RAM to the LCD Driver Circuit is completely independent operation with an access to the display data RAM from MPU. - 12 - Ver.2003-04-08 NJU6673 (d) Display Timing Generaton Circuit The display timing generation circuit generates the internal timing of the display system by the master clock and the internal FR signal. As for it, the internal FR signal and the LCD alternating signal generate the wave form of 2-frame alternating drive wave form or the n-line inverse drive method for the LCD Driving circuit. (e) Common Timing Generation The Common Timing Generator generates the common timing signal from the display clock (CL). 24 25 1 CL 2 3 4 56 78 23 24 25 1 2 3 4 56 7 FR VDD V1 V4 V5 VDD V1 V4 V5 C0 C1 RAM DATA Sn VDD V2 V3 V5 Fig. .2 (f) Oscillation Circuit The Oscillation Circuit is a low power type CR oscillator using an internal resistor and capacitor. The oscillator output is using for the display timing clock and for the voltage booster circuit. And the display clock(CL) is generated from this oscillator output frequency by dividing. Table 2 The relation between duty and divide Duty Divide 1/15 1/10 1/25 1/6 Ver.2003-04-08 - 13 - NJU6673 (g) Power Supply Circuit The internal power supply circuit generates the voltage for driving LCD. It consists of voltage booster circuits (3-Time maximum), voltage regulator circuits, and voltage followers. The operation of internal Power Supply Circuits is controlled by the Internal Power Supply On/Off Instruction. When the Internal Power Supply Off Instruction is executed, all of the voltage booster circuits, regulator circuits, voltage follower circuits are turned off. In this time, the bias voltage of V1, V2, V3, V4, V5 and VOUT for the LCD should be supplied from outside, terminals C1+, C1-, C2+, C2- and VR should be open. The status of internal power supply is selected by T1 and T2 terminals. Furthermore the external power supply operates with some of internal power supply function. Table3 T1 L H H T2 L/H L H The Relation Between Power Supply Circuit And T1, T2 Terminal Ext.Power C1+, C1-, Voltage Voltage Adj. Buffer(V/F) Supply Booster C2+, C2ON ON ON OFF ON ON VOUT Open OFF OFF ON V5, VOUT Open VR Term. Open When (T1, T2)=(H, L), C1+, C1-, C2+, C2- terminals for voltage booster circuits are open because the voltage booster circuits doesn't operate. Therefore LCD driving voltage to the VOUT terminal should be supplied from outside. When (T1, T2)=(H, H), terminals for voltage booster circuits and VR are open, because the voltage booster circuits and Voltage adjust circuits do not operate. The internal power supply Circuits is designed specially for a small-size LCD like as normal cellular phone size LCD panel. When NJU6673 apply to the large size LCD panel application (large capacitive load), external power supply is required to keep good display condition. The external capacitors to V1 to V5 for Bias voltage stabilization may be removed in use of small size LCD panel. The equivalent load of LCD panel may be changed depending on display patterns. Therefore, it require display quality check on various display patterns actually without external capacitors. If the display quality is not so good, external capacitors should connects as show in (3-4)LCD Driving Voltage Generation Circuits -Fig. 4. (If no need external capacitors as result of experiment, the application patterns (wiring) should be prepared for recovery.) - 14 - Ver.2003-04-08 NJU6673 Power Supply applications (1) Internal power supply example. All of the Internal Booster, Voltage Regulator, Voltage Follower using. Internal power supply ON (instruction) (T1, T2)=(L, L) (2) Only VOUT Supply from outside Example. Internal Voltage Regulator, Voltage Follower using Internal power supply ON (Instruction) (T1, T2)=(H, L) VDD T1 T2 VDD T1 T2 NJU6673 + + + + + + V1 V2 V3 V4 V5 VOUT VSS VDD C 1+ C 1C 2+ C 2- + + + + V1 V2 V3 V4 V5 VOUT VSS + + + VR V5 VDD NJU6673 VR V5 T1 T2 (3) VOUT and V5 supply from outside Example. Internal Voltage Follower using. Internal power supply (Instruction) (T1, T2)=(H, H) (4) External Power Supply Example. All of V1 to V5 and VOUT supply from outside Internal power supply (Instruction) (T1, T2)=(H, H) VDD T1 T2 VDD NJU6673 + + + + V1 V2 V3 V4 V5 VOUT VSS V1 V1 V3 V3 V5 VOUT VSS : These switches should be open during the power save mode. Ver.2003-04-08 NJU6673 - 15 - NJU6673 (2) Instruction The NJU6673 distinguishes the signal on the data bus D0 to D7 as an Instruction by combination of A0 , RD and WR(R/W). The decode of the instruction and execution performs with only high speed Internal timing without relation to the external clock. Therefore no busy flag check required normally. In case of serial interface, the data input as MSB(D7) first serially. The Table. 4 shows the instruction codes of the NJU6673. Table 4 Instruction (a) Display ON/OFF (b) Display Start Line Set Instruction Code (*:Don't Care) Code A0 RD WR D7 0 0 0 0 0 0 1 1 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 0 1 0 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 0 1 1 1 1 0 0 0 1 1 1 0 0 0 0 0 1 1 0 1 1 1 1 1 1 1 1 1 0 1 0 0 D6 D5 D4 D3 D2 D1 0 1 0 0 0 1 * 1 0 0 1 1 0 0 Write Data Read Data 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 1 0 0 0 0 1 1 1 0 0 1 1 1 D0 0/1 Description LCD Display ON/OFF D0=0:OFF D0=1:ON Determine the Display Line of RAM to COM 0 Set the page of DD RAM to the Page Address Register Set the Higher order 3 bits Column Address to the Reg. Set the Lower order 4 bits Column Address to the Reg. Read out the internal Status Start address * 0 * Page Address High Order Column Lower Order Column Add (c) Page Address Set Column Address Set High Order 3bits (d) Column Address Set Lower Order 4bits (e) Status Read (f) Write Display Data (g) Read Display Data (h) Normal or Inverse of ON/OFF Set Static Drive ON (i) /Normal Display (j) EVR Register Set (k) Read Modify Write (l) End (m) Reset Internal Power Supply ON/OFF Driver Outputs (o) ON/OFF (n) (p) Power Save (Complex command) (q) ADC Select Status 0 0 0 Write the data into the Display Data RAM Read the data from the Display Data RAM Inverse the ON and OFF 0/1 Display Whole Display Turns ON 0/1 D0=0: Normal D0=1: Whole Disp. ON Set the V5 output level to the EVR register Increment the Column Address Register when writing but no-change when reading Release from the Read Modify write Mode Initialize the Internal Circuits Setting Data 0 1 0 1 0 1 1 0 0 1 1 0 1 1 0 0 0 0 0 0/1 0:Int. Power Supply OFF 1:Int. Power Supply ON D0=0: LCD Driver Outputs OFF 0/1 D0=1: LCD Driver Outputs ON Set the Power Save Mode 0 (LCD Display OFF + Static 1 Drive ON) Set the DD RAM vs Segment 0/1 D0=0 :Normal D0= 1:Inverse - 16 - Ver.2003-04-08 NJU6673 (2-1) Explanation of Instruction Code (a) Display On/Off It executes the On/Off control of the whole display without relation to the DD RAM or any internal conditions. A0 0 RD 1 D WR D7 0 1 0: Display Off 1: Display On D6 0 D5 1 D4 0 D3 1 D2 1 D1 1 D0 D (b) Display Start Line It sets the DD RAM line address corresponding to the COM0 terminal (normally assigned to the top display line). In this instruction execution, the display area is automatically set by the lines that correspond to the display duty ratio to the upward direction of the line address. Changing the line address by this instruction performs smooth scrolling to a vertical direction. In this time, the DD RAM data are unchanged. A0 0 A4 0 0 RD 1 A3 0 0 WR 0 A2 0 0 : : 0 D7 0 A1 0 0 D6 1 D5 * A0 0 1 D4 A4 D3 A3 D2 A2 D1 A1 D0 A0 1 1 0 0 Line Address(HEX) 00 01 : : 18 (c) Page Address Set When MPU accesses to the DD RAM, a page address is set by page Address Set instruction before writing the data (Note:the change of page address is not affected to the display). A0 0 RD 1 A1 0 0 1 1 WR 0 D7 1 D6 0 A0 0 1 0 1 D5 1 D4 1 D3 * D2 * Page 0 1 2 3 D1 A1 D0 A0 *:Don't Care Ver.2003-04-08 - 17 - NJU6673 (d) Column Address When MPU accesses to the DD RAM, row address set by Page Address Set instruction is required with the column address before writing the data. The column address set requires twice address set which are higher order 3 bits address set and lower order 4 bits. When the MPU accesses to the DDRAM continuously, the column address increments automatically from the set address after each data access. Therefore, the MPU can transmit only the Data continuously without setting the column address at every transmission time. The increment of the column address is stopped at the maximum column address plus 1 limited by each display mode. When the column address count up is stopped, the row address is not changed. A0 0 0 A6 0 0 RD 1 1 A5 0 0 A4 0 0 WR 0 0 A3 0 0 : : 0 D7 0 0 A2 0 0 D6 0 0 A1 0 0 D5 0 0 A0 0 1 D4 1 0 D3 0 A3 D2 A6 A2 D1 A5 A1 D0 A4 A0 Higher Order Lower Order 1 (e) Status Read 1 0 0 1 1 Column Address (HEX) 00 01 : : 63 This instruction reads out the internal status of "BUSY", "ADC", "ON/OFF" and "RESET" as follows. A0 0 RD 0 WR 1 D6 D5 D4 D7 BUSY ADC ON/OFF RESET D3 0 D2 0 D1 0 D0 0 BUSY:BUSY=1 indicate the operating or the Reset cycle. The instruction can be input after the BUSY status change to "0". ADC : Indicate the output correspondence of column (segment) address and segment driver. 0: Counterclockwise Output (Inverse) 1: Clockwise Output (Normal) Note) The data "0=Inverse" and "1=Normal" of ADC status is inverted with the ADC select Instruction of "1=Inverse" and "0=Normal". ON/OFF: Indicate the whole display On/Off status. 0: Whole Display "On" 1: Whole Display "Off" Note) The data "0=On" and "1=Off" of Display On/Off status is inverted with the Display On/Off instruction data of "1=On" and "0=Off". RESET :Indicate the initializing by RES signal or reset instruction. 0: Not Reset status 1: In the Reset status (f) Write Display Data It writes the data on the data bus into the DD RAM column address increments automatically after data writing, therefore, the MPU can write the data into the DD RAM continuosly without the address setting at every writing time once the starting address is set. A0 1 RD 1 WR 0 D7 D6 D5 D4 D3 Write Data D2 D1 D0 - 18 - Ver.2003-04-08 NJU6673 (g) Read Display Data This instruction reads out the 8-bit data from DD RAM addressed by the column and the page address.The column address automatically increments after the 8-bit read out, therefore, the MPU can read the data from the DD RAM continuously without the address setting at every reading time once the starting address is set. Note that the dummy read is required just after setting the column address (see"(4-4)Access to the DD RAM and the Internal Register"). In the serial interface mode, the display data is unable to read out. A0 1 RD 0 WR 1 D7 D6 D5 D4 D3 Read Data D2 D1 D0 (h) Normal or Inverse On/Off Set It changes the display condition of normal or reverse for entire display area. The execution of this instruction does not change the display data in the DD RAM. A0 0 RD 1 D WR 0 D7 1 D6 0 D5 1 D4 0 D3 0 D2 1 D1 1 D0 D 0: Normal 1: Inverse RAM data "1" correspond to "On" RAM data "0" correspond to "On" (i) Static Drive This instruction turns all the pixels ON regardless the data stored in the DD RAM. In this time, the data in DD RAM are remained and unchanged. This instruction is executed prior to the "Normal or Inverse On/Off Set" instruction. A0 RD WR D7 D6 D5 D4 D3 D2 D1 D0 0 1 0 1 0 1 0 0 1 0 D D 0: Normal Display 1: Whole Display turns On (j) EVR Register Set It controls the voltage regulator circuit of the internal LCD power supply to adjust the LCD display contrast by changing the LCD driving voltage "V5". By data setting into the EVR register, the LCD driving voltage "V5" selects out of 16 steps of regulated voltage. The voltage adjustable range of "D5" is fixed by the external resistors. For details, refer the section"(3-2) Voltage Adjust Circuits". A0 0 A3 0 RD 1 WR 0 A2 0 : : 1 1 1 1 D7 1 A1 0 D6 0 D5 0 A0 0 D4 0 D3 A3 D2 A2 VLCD Low : : High VLCD=VDD-V5 When EVR doesn't use, set the EVR register to (0,0,0,0). D1 A1 D0 A0 Ver.2003-04-08 - 19 - NJU6673 (k) Read Modify Write This instruction sets the Read Modify Write controlling the page address increment. In this mode, the Column Address only increments when execute the display data "Write instruction; but no change when the display data "Read " Instruction. This status is continued until the End instruction execution. When the End instruction is executed, the Column Address goes back to the start address before the execution of this "Read Modify Write" instruction. This function reduces the load of MPU for repeating display data change of the fixed area (ex. cursor blink) A0 0 RD 1 WR 0 D7 1 D6 1 D5 1 D4 0 D3 0 D2 0 D1 0 D0 0 "Column Note) In this "Read Modify Write" mode, out of display data "Read"/"Write", any instructions except Address Set" can be executed. The Example of Read Modify Write Sequence Page Address Set Column Address Set Set to the Start Address of Curs or Display Read Modify Write Start to the Read Modify Write The data is ignored Dummy Read Column Counter doesn't increase Data Read Column Counter doesn't increase Data Write Dummy Read Data Read Data Write Dummy Read Data Read Data Write Data inverse by MPU Column Counter increase Column Counter doesn't increase Column Counter doesn't increase Column Counter increase Column Counter doesn't increase Column Counter doesn't increase Column Counter increase End End the Read Modify Write No Finish? Yes - 20 - Ver.2003-04-08 NJU6673 (l) End This instruction releases the Read Modify Write mode and the column address back to the address where the read modify write mode setting. A0 0 RD 1 WR 0 D7 1 D6 1 D5 1 D4 0 D3 1 D2 1 D1 1 D0 0 Return Column Address N N+1 N+2 N+3 N+m N End Read Modify write set (m) Reset This instruction executes the following initialization. The reset by the reset signal input to the RES terminal (hardware reset) is required when power turns on. This reset instruction does not use instead of this hardware reset when power turns on. Initialization 1) Set the Display Start Line Register to 00H. 2) Set the Column Address Counter to 00H. 3) Set the page Page Address Register to page "0". 4) Set the EVR Register to 0H. The DD RAM is not affected of this initialization. A0 0 RD 1 WR 0 D7 1 D6 1 D5 1 D4 0 D3 0 D2 0 D1 1 D0 0 (n) Internal Power Supply ON/OFF This instruction control ON and OFF for the internal Voltage Converter, Voltage Regulator and Voltage Follower circuits. For the Booster circuits operation, the oscillation circuits must be in operation. A0 0 RD 1 D WR D7 D6 D5 D4 0 0 0 1 0 0: Internal Power Supply Off 1: Internal Power Supply On D3 0 D2 1 D1 0 D0 D The internal Power Supply must be Off when external power supply using. *1 The set up period of internal power supply On depends on the step up capacitors, voltage stabilizer capacitors, VDD and VLCD. Therefore it requires the actual evaluation using the LCD module to get the correct time.(Refer to the (3-4) Fig.4) Ver.2003-04-08 - 21 - NJU6673 (o) Driver Outputs ON/OFF This instruction controlls ON/OFF of the LCD Driver Outputs. A0 0 RD 1 D WR D7 D6 D5 D4 D3 0 1 0 1 0 1 0: LCD driving waveform output Off 1: LCD driving waveform output On D2 0 D1 1 D0 D The NJU6673 implements low power LCD driving voltage generator circuit and requires the following Power supply ON/OFF sequence. LCD Driving power supply ON/OFF sequences The sequences below are required when the power supply turns ON/OFF.For the power supply turning on operation after the power-save mode, refer the "power save release sequence" mentioned after. Turn ON sequence Turn OFF sequence Display OFF E.V.R. Register set Internal Power Supply ON or External Power supply ON Whole Display ON (Wait Time) *1 Driving Outputs ON Internal Power Supply OFF or External Power supply OFF (Wait Time) *1 NJU6673 Power OFF *1 : The Internal Power Supply rise time is depending on the condition of the Supply Voltage, VLCD=VDD-V5 External Capacitor of Booster, and External Capacitor connected to V1 to V5. To know the rise time correctly, test by using the actual LCD module. - 22 - Ver.2003-04-08 NJU6673 (p) Power Save(complex command) When Static Drive ON at the Display OFF status(inverse order also same), the internal circuits goes to the Power Save Mode and the operating current is dramatically reduced, almost same as the standby current. The internal status in the Power Save Mode is shown as follows; 1: The Oscillation Circuits and the Internal Power Supply Circuits stop the operation. 2: LCD driving is stopped. Segment and Common drivers output VDD level voltage. 3: The display data and the internal operating condition are remained and kept as just before enter the Power Save Mode. 4: All the LCD driving bias voltage(V1 to V5) is fixed to the VDD level. The power save and its release perform according to the following sequences. Power Save Sequence Display OFF Power Save Release Sequence (Static Drive ON) Normal Display Static Drive ON Display ON Driver Outputs OFF (Wait Time) Driver Outputs ON The NJU6673 constantly spends the current without the execution of the Driver Outputs OFF instruction. The LCD drive waveform is not output until the Driver Outputs ON instruction is executed. *1 : In the Power Save sequence, the Power Save Mode starts after the Static Drive ON bcommand is executed. *2 : In the Power Save Release sequence, the Power Save Mode releases just after the Static Drive OFF instruction execution. The Display ON instruction is allowed to execute at any time after the Static Drive OFF instruction is completed. *3 : The Internal Power Supply rise time is depending on the condition of the Supply Voltage, VLCD=VDD-V5 , External Capacitor of Booster, and External Capacitor connected to V1 to V5. To know the rise time correctry, test by using the actual LCD module. *4 : LCD driving waveform is output after the exection of the Driver Outputs ON instruction execution. *5 : In case of the external power supply operation, the external power supply should be turned off before the Power Save Mode and connected to the VDD for fixing the voltage of VOUT terminal. In this time, VOUT terminal also should be made codition like as disconection to the lowest voltage of the system. (q) ADC Select This instruction determines the correspondence of Column in the DD RAM with the Segment Driver Outputs. Segment Driver Outout order is inverse when this instruction executes, therefore, the placement the NJU6673 against the LCD panel becomes easy. A0 0 RD 1 D D6 D5 D4 D3 WR D7 0 1 0 1 0 0 0: Clokwise Output(Normal) 1: Counterclockwise Output(Inverse) D2 0 D1 0 D0 0/1 Ver.2003-04-08 - 23 - NJU6673 (3) Internal Power Supply (3-1) Voltage tripler The 3-time voltage booster circuit outputs the negative Voltage(VDD Common) boosted 3 times of VDD-VSS from the VOUT terminal with connecting the five capacitors between C1+ and C1-, C2+ and C2-, and VSS and VOUT. In case of the 2-time voltage booster operation, connect the two capacitor between C2+ and C2-, VSS and VOUT, then connect the C1+ and C2+ terminals. Voltage Booster circuits requires the clock signals from internal oscillation circuit or the external clock signal. therefore, the internal oscillation circuits or the external clock supplier must be operating when the voltage booster is in operation. The boosted voltage of VDD-VOUT must be 10V or less. The boost voltage and the capacitor connection are shown below. The boosted voltage and VDD, VSS VDD=+3V VSS=0V VOUT=-3V VOUT=-6V 2 time voltage 3 time voltage (3-2) Voltage Adjust Circuits The boosted voltage of VOUT outputs V5 for LCD driving through the voltage adjust circuits. The output voltage of V5 is adjusted by Ra and Rb within the range of |V5| < |VOUT|. The output is calculated by the following formula(1). (1) VLCD = VDD-V5 = (1+Rb/Ra)VREG The VREG voltage is a reference voltage generated by the built-in bleeder registance. VREG is adjustable by EVR functions (see section 3-3). For minor adjustment of V5, it is recommended that the Ra and Rb is composed of R2 as variable resistor and R1 and R3 as fixed resistors, constant should be connected to VDD terminal,VR and V5 ,as shown below. VDD VREG Ra R1 VR R2 R3 + VOUT V5 Rb Fig-3 Voltage Adjust Circuit - 24 - Ver.2003-04-08 NJU6673 (3-3) Contrast Adjustment by the EVR function The EVR selects the VREG voltage out of the following 16 conditions by setting 4-bit data into the EVR register. With the EVR function, VREG is controlled, and the LCD display contrast is adjusted. The EVR controls the voltage of VREG by instruction and changes the voltage of V5. A step with EVR is set like table shown below. EVR register VREG [V] VLCD 0H (0, 0, 0, 0) (135/150)(VDD-VSS) Low 1H (0, 0, 0, 1) (136/150)(VDD-VSS) : 2H (0, 0, 1, 0) (137/150)(VDD-VSS) : : : : : : : : : EH (1, 1, 1, 0) (149/150)(VDD-VSS) : FH (1, 1, 1, 1) (150/150)(VDD-VSS) High In use of the EVR function, the voltage adjustment circuit must turn on by the power supply instruction. * Adjustable range of the LCD driving voltage by EVR function The adjustable range is decided by the power supply voltage VDD and the ratio of external resistors Ra and Rb. [ Design example for the adjustable range / Reference ] - Condition VDD =3.0V, VSS=0V Ra=1M, Rb=1M ( Ra:Rb=1:1 ) The adjustable range and the step voltage are calculated as follows in the above condition. In case of setting 00H in the EVR register, VLCD = ((Ra+Rb)/Ra) VREG = (2/1)[(135/150)3.0] = 5.4V In case of setting 0FH in the EVR register, VLCD = ((Ra+Rb)/Ra) VREG = (2/1)[(150/150)3.0] = 6.0V (min.)0H 5.4 40 (max.)F H 6.0 [V] [mV] Adjustable Range Step Voltage Ver.2003-04-08 - 25 - NJU6673 (3-4) LCD Driving Voltage Generation Circuits The LCD driving bias voltage of V1,V2,V3,V4 are generated by dividing the V5 voltage with the internal bleeder resistance and is supplied to the LCD driving circuits after the impedence conversion by the voltage follower. The external capacitors to V1 to V5 for Bias voltage stabilization may be removed in use of small size LCD panel. The equivalent load of LCD panel may be changed depending on display patterns. Therefore, it require display quality check on various display patterns actually without external capacitors. If the display quality is not so good, external capacitors should connects as show in Fig. 4. (If no need external capacitors as result of experiment, the application patterns (wiring) should be prepared for recovery.) Using the internal Power Supply Using the external Power Supply VSS + + VSS C 1+ C 1C 2+ C 22 VOUT V5 VR NJU6673 C 1+ C 1C 2+ C 2VOUT COUT + C1 C2 R3 V5 1 R2 R1 VDD C3 C4 C5 C6 C7 VR NJU6673 VDD + + + + + V1 V2 V3 V4 V5 External Voltage Generator V1 V2 V3 V4 V5 Fig.4 . Reference set up value VLCD=VDD- V5=6.2-9.3V . 1 Short wiring or sealed wiring to the VR terminal is required due to the high impedance of VR terminal. 2 Following connection of VOUT is required when external power supply using. When VSS>V5, VOUT=V5 When VSSV5, VOUT=VSS COUT C 1, C 2 C3-C7 R1 R2 R3 to 1.0F to 1.0F 0.1 to 0.47 F 1M 500k 1.6M - 26 - Ver.2003-04-08 NJU6673 (4) MPU Interface (4-1) Interface type selection Two MPU interface types are available in the NJU6673: by 1) 8-bit bi-directional data bus (D7 to D0), 2) serial data input (SI:D7). The interface type (the 8 bit parallel or serial interface) is determined by the condition of the P/S terminals connecting to "H" or "L" level as shown in Table 5. In case of the serial interface, neither the status read-out nor the RAM data read-out operation is allowed.. Table 5 RD RD - P/S H L I/F type Parallel Serial CS CS CS A0 A0 A0 WR WR - SEL68 SEL68 - D7 D7 SI D6 D6 SCL D5-D0 D5-D0 Hi-Z Parallel Interface The NJU6673 interfaces the 68- or 80-type MPU directly if the parallel interface (P/S="H" is selected. The 68-type or 80-type MPU is selected by connecting the SEL68 terminal to "H" or "L" as shown in table 6. Table 6 CS A0 CS CS A0 A0 SEL68 H L Type 68 type MPU 80 type MPU RD E RD WR R/W WR D7-D0 D7-D0 D7-D0 (4-2) Discrimination of Data Bus Signal The NJU6673 discriminates the mean of signal on the data bus by the combination of A0, E, R/W, and (RD, WR) signals as shown in Table 7. Table 7 80 type Function RD WR L H Read Display Data H L Write Display Data L H Status Read H L Write into the Register(Instruction) common A0 H H L L 68 type R/W H L H L Ver.2003-04-08 - 27 - NJU6673 (4-3) Serial Interface.(P/S="L") The serial interface of the NJU6673 consists of the 8-bit shift register and 3-bit counter. In case the chip is selected (CS=L), the input to D7(SI) and D6(SCL) becomes available, and in case that the chip isn't selected, the shift register and the counter are reset to the initial condition. The data input from the terminal(SI) is MSB first like as the order of D7, D6,------ D0, by a serial interface, it is entered into with rise edge of serial clock(SCL). The data converted into parallel data of 8-bit with the rise edge of 8th serial clock and processed. It discriminates display data or instructions by A0 input terminal. A0 is read with rise edge of (8 X n)th of serial clock (SCL), it is recognized display data by A0="H" and instruction by A0="L" A0 input is read in the rise edge of (8 X n)th of serial clock (SCL) after chip select and distinguished. However,in case of RES="H" to "L" or CS="L" to "H" with trasfered data does not fill 8 bit, attention is necessary because it will processed as there was command input. Always, input the data of (8 X n) style. The SCL signal must be careful of the termination reflection by the wiring length and the external noise and confirmation by the actual machine is recommended by it. CS SI SCL 1 A0 Fig.5 2 3 4 7 8 9 10 D7 D6 D5 D4 D1 D0 D7 D6 - 28 - Ver.2003-04-08 NJU6673 (4-4) Access to the Display Data RAM and Internal Register. The NJU6673 transfers data to the MPU through the bus holder with the internal data bus. In case of reading out the display data contents in the DD RAM, the data which was read in the first data read cycle (= the dummy read ) is memorized in the bus holder. Then the data is read out to the system bus from the bus holder in the next data read cycle. Also, In case that the MPU writes into DD RAM, the data is temporarily stored in the bus holder and is then written into DD RAM by the next data write cycle. Therefore, the limitation of the access to NJU6673 from MPU side is not access time (tACC,tDS) of Display Data RAM and the cycle time becomes dominant. With this, speed-up of the data transfer with the MPU becomes possible. In case of cycle time isn't met, the MPU inserts NOP operation only and becomes an equivalent to an execution of wait operation on the satisfy condition in MPU. When setting an address, the data of the specified address isn't output immediately by the read operation after setting an address, and the data of the specified address is output at the 2nd data read operation. Therefore, the dummy read is always necessary once after the address set and the write cycle. (See Fig. 6) The example of Read Modify Write operation is mentioned in (2-1)Instruction -k)The sequence of Inverse Display. Write Operation MPU WR DATA Internal timing I/O Buffer WR N N N+1 N+ 1 N+2 N+ 2 N+3 N+ 3 Read Operation MPU WR RD DATA WR RD Internal timing Column Address I/O Buffer N N N Address set N N Dummy Read n Data Read n n+1 Data Read n+1 N+1 n n+1 N+2 n+2 Fig.6 (4-5) Chip Select CS is Chip Select terminal. In case of CS="L". the interface with MPU is available. In case of CS="H", the D0 to D7 are high impedance and A0, RD, WR, SI and SCL inputs are ignored. If the serial interface is selected when CS="H" the shift register and counter are reset. However, the reset is always operated in any conditions of CS. Ver.2003-04-08 - 29 - NJU6673 ABSOLUTE MAXIMUM RATINGS PARAMETER Supply Voltage(1) Supply Voltage(2) Supply Voltage(3) Input Voltage Operating Temperature Strage temperature SYMBOL VDD V5 V1,V2,V3,V4 VIN Topr Tstg RATINGS -0.3 - +7.0 -0.3 -+3.6(Used Tripler) VDD-11.0 - VDD+0.3 V5-VDD+0.3 -0.3-VDD+0.3 -30-+80 -55-+125 UNIT V V V V C C VDD VSS VDD V5 Note 1) All voltage values are specified as VSS=0V. Note 2) The relation of VDD>V1>V2>V3>V4>V5>VOUT; VDD>VSS>VOUT must be maintained. In case of inputting external LCD driving voltage , the LCD drive voltage should start supplying to NJU6673 at the mean time of turning on VDD power supply or after turned on VDD . In use of the voltage boost circuit, the condition that the supply voltage: 11.0V> VDD -VOUT is necessary. Note 3) If the LSI are used on condition beyond the absolute maximum rating, the LSI may be destroyed. Using LSI within electrical characteristics is strongly recommended for normal operation. Use beyond the erectric characteristics conditions will cause malfunction and poor reliability. Note 4) Decoupling capacitor should be connected between VDD and VSS due to the stabilized operation for the voltage converter. - 30 - Ver.2003-04-08 NJU6673 ELECTRICAL CHARACTERISTICS PARAMETER SYMBOL Operating Recommend VDD voltage(1) Available Recommend Operating Available voltage(2) Available Available High Level Input Voltage Low Level High Level Output Voltage Low Level Input Leagage Current Driver On-resistance V5 V1,V2 V3,V4 VIHC VILC VOHC VOLC ILI IL0 RON (VDD=2.4V-3.6V, VSS=0V, Ta=-20 to 75C) MIN TYP MAX UNIT 2.4 3.0 3.6 V 2.4 5.5 VDD-10.0 VDD-4.0 VDD-10.0 V VDD-0.6VLCD VDD VLCD=VDD-V5 VDD-0.4VLCD V5 0.8VDD VDD A0, D0-D7, RD, WR, RES, CS V P/S, SEL68, DUTY, CDIR Terminal VSS 0.2VDD IOH=-0.5mA 0.8VDD VDD D0-D7 V Terminal VSS 0.2VDD IOL= 0.5mA All input terminals -1.0 1.0 A D0 to D7 terminals, Hi-Z state -3.0 3.0 CONDITIONS Ta=25C, VLCD=8.0V During Power Save Mode Ta=25C VDD= 3.0V Ta =25C RES terminal 9.3 1.0 10 2.4 2.4 -6.6 1600 VDD-10.0V VDD-10.0V 50 16 5.5 3.3 -5.5 2600 VDD-4.0V VDD-4.0V 3.0 105 25 3.0 0.05 10 11.4 13.5 4.5 5.0 k A pF kHz s s V V V V % A A NOTE 1 2 3 4 5 6 IDDQ Stand-by Current Input Terminal CIN Capacitance fOSC Oscillation Frequency tR Reset Time Reset "L" tRW level pulse Width Input voltage Output voltage On-resistance VDD1 VDD2 VOUT1 RTRI 3-times boost 3-times boost,VDD=3.0V 3-times boost, VDD=3.0V, COUT=1.0F Voltage boost operation off Voltage adjustment circuit "OFF" VDD=3.0V; Ta =25C VDD=3.0V, VLCD=8V, Display Checkerd pattern 7 Operating Current Ver.2003-04-08 Voltage booster Adjustment range f VOUT2 LCD driving oltage V5 Voltage Follower VREG% Voltage Regulator 8 IOUT1 IOUT2 9 Note 1) Although the NJU6673 can operate in wide range of the operating voltage, it shall not be guaranteed in a sudden voltage fluctuation during the access with MPU. Note 2) RON is the resistance values in supplying 0.1V voltage-difference beteen power supply terminals (V1,V2,V3,V4) and each output terminals (common/ segment). This is specified within the range of Operating Voltage(2). Note 3) Apply no access from MPU. Note 4) Apply A0, D0 to D7,RD,WR,CS,RES,SEL68,P/S,T1,T2,DUTY,CDIR terminals. Note 5) tR ( Reset Time ) refers to the reset completion time of the internal circuits from the rise edge of the RES signal. Note 6) Apply minimum pulse width of the RES signal. To reset, the "L" pulse over tRW shall be input. . Note 7) Apply to the VDD when using 3-times boost. Note 8) The voltage adjustment circuit controls V5 within the range of the voltage follower operating voltage. - 31 - NJU6673 Note 9) Each operating current shall be defined as being measured in the following condition. External Voltage Oprating Condition Status Supply SYMBOL Voltage Voltage Voltage T2 T1 (Input terminal) booster adjustment Follower IOUT1 L L/H Unuse Validity Validity Validity IOUT2 H H Use (VOUT,V5) Invalidity Invalidity Invalidity LCD output terminal Open. Display on, Display checered pattern, No access from MPU Set VLCD=8V Internal Oscillator : Validity MEASUREMENT BLOCK DIAGRAM : IOUT1 1M 500k 1.6M VDD A VSS VR NJU6673 C 1+ + V5 T1 VOUT T2 C 1- C 2+ C 2+ 1F + 1F 1F : IOUT2 -5V 10k 10k 10k 10k 10k VDD A VDD V1 V2 V3 V4 V5 VOUT T1 T2 NJU6673 VSS C 1+ C 1C 2+ C 2- - 32 - Ver.2003-04-08 NJU6673 BUS TIMING CHARACTERISTICS * Read/Write operation sequence(80 type MPU) tCYC8 A0, CS tr tAW8 tf tAH8 tCCL tDH8 tDS8 tCCH WR, RD D0-D7 (Write) tACC8 D0-D7 (Read) tOH8 PARAMETER Address Hold Time Address Setup Time System Cycle Time WR, "L" Control Pulse Width RD, "L" "H" Data Setup Time Data Hold Time RD Access Time Output Disable Time Rise Time, Fall Time SYMBOL tAH8 tAW8 tCYC8 tCCL(W) tCCL(R) tCCH tDS8 tDH8 tACC8 tOH8 tr, tf SIGNAL A0, CS WR, RD DD-D7 (VDD=2.4V to 3.6V, Ta=-20 to 75C) CONDITION MIN TYP MAX UNIT 32 0 560 75 250 275 ns 150 30 175 CL=100pF 0 44 15 CS,WR,RD A0, D0-D7 Note 1) All timing based on 20% and 80% of VDD voltage level. Ver.2003-04-08 - 33 - NJU6673 Read/Write operation sequence(68 type MPU) tCYC6 E tr tEWH R/W tAW6 A0, CS tDH6 tAH6 tf tEWL tDS6 D0-D7 (Write) tACC6 D0-D7 (Read) tOH6 PARAMETER Address Hold Time Address Setup Time System Cycle Time READ Enable Pulse Width WRITE Data Setup Time Data Hold Time Access Time Output Disable Time Rise Time, Fall Time SYMBOL tAH6 tAW6 tCYC6 tEWH tDS6 tDH6 tACC6 tOH6 tr, tf SIGNAL A0,CS R/W E E D0-D7 E, R/W, A0, D0-D7 (VDD=2.4V to 3.6V, Ta=-20 to 75C) CONDITION MIN TYP MAX UNIT 32 32 560 250 62 ns 150 50 0 175 CL=100pF 0 56 15 Note 1) All timing based on 20% and 80% of VDD voltage level. Note 2) tCYC6 shows the cycle of the E signal in active CS. - 34 - Ver.2003-04-08 NJU6673 Write operation sequence(Serial Interface) tCSS CS tSAS A0 tSCYC1 SCL tf tSLW tr tSDS tSDH tSHW tSAH tCSH SI PARAMETER Serial Clock cycle SCL "H" Pulse width SCL "L" Pulse width Address Setup Time Address Hold Time Data Setup Time Data Hold Time CS-SCL Time Rise time, Fall Time SYMBOL tSCYC tSHW tSLW tSAS tSAH tSDS tSDH tCSS tCSH tf, tr SIGNAL SCL A0 SI CS CS, SCL SI, A0 (VDD=2.4V-3.6V, Ta=-20 to 75C) CONDITION MIN TYP MAX UNIT 1000 300 300 250 400 ns 250 100 60 800 15 Note 1) All timing are based on 20% and 80% of VDD voltage level. Ver.2003-04-08 - 35 - NJU6673 LCD DRIVING WAVERORM VDD VSS VDD V1 V2 V3 V4 V5 VDD V1 V2 V3 V4 V5 VDD V1 V2 V3 V4 V5 VDD V1 V2 V3 V4 V5 VDD V1 V2 V3 V4 V5 V5 V4 V3 V2 V1 VDD -V1 -V2 -V3 -V4 -V5 V5 V4 V3 V2 V1 VDD -V1 -V2 -V3 -V4 -V5 FR C0 C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 C12 C13 C14 C15 C0 C1 C2 S0 S4 S3 S2 S1 S0 S1 C0-S0 C0-S1 - 36 - Ver.2003-04-08 NJU6673 APPLICATION CIRCUIT Microprocessor Interface Example The NJU6673 is connectable to 80-type MPU or 68-type. In use of Serial Interface, it is possible to be controlled by the signal line with the more small being. *:SEL68 terminal shall be connected to VDD or VSS. 80 type MPU VCC MPU A0 A1-A7 IORQ D0-D7 RD WR RES RESET A0 Decoder CS D0-D7 VDD SEL68 NJU6673 VDD GND RD WR RES VSS P/S 68 type MPU VDD VCC A0 A1-A15 VMA D0-D7 E R/W RES RESET A0 Decoder CS VDD SEL68 NJU6673 MPU D0-D7 E R/W RES VDD P/S GND VSS Serial Interface VCC A0 A1-A7 Decoder A0 CS VDD SEL68 MPU Port 1 Port 2 GND RES NJU6673 D7(SI) D6(SCL) RES RESET VSS P/S Ver.2003-04-08 - 37 - NJU6673 MEMO [CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights. - 38 - Ver.2003-04-08 |
Price & Availability of NJU6673 |