Part Number Hot Search : 
CDB89712 RLZ13B HMC462 RK45B GBU808 2203161 HT95AXXX DTA124E
Product Description
Full Text Search
 

To Download NJL1302D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJL3281D (NPN) NJL1302D (PNP) Product Preview Complementary ThermalTrakTM Transistors
The ThermalTrak family of devices has been designed to eliminate thermal equilibrium lag time and bias trimming in audio amplifier applications. They can also be used in other applications as transistor die protection devices.
Features http://onsemi.com
BIPOLAR POWER TRANSISTORS 15 A, 230 V, 200 W
* * * *
Thermally Matched Bias Diode Instant Thermal Bias Tracking Absolute Thermal Integrity High Safe Operating Area
Benefits
* Eliminates Thermal Equilibrium Lag Time and Bias Trimming * Superior Sound Quality Through Improved Dynamic Temperature * * *
Response Significantly Improved Bias Stability Simplified Assembly Reduced Labor Costs Reduced Component Count High Reliability
TO-264, 5 LEAD CASE 340AA STYLE 1
MARKING DIAGRAM
SCHEMATIC
Applications
* High-End Consumer Audio Products *
Home Amplifiers Home Receivers Professional Audio Amplifiers Theater and Stadium Sound Systems Public Address Systems (PAs)
NJLxxxxD AYYWW
xxxx A YY WW
= Specific Device Code = Assembly Location = Year = Work Week
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
This document contains information on a product under development. ON Semiconductor reserves the right to change or discontinue this product without notice.
(c) Semiconductor Components Industries, LLC, 2004
1
December, 2004 - Rev. P1
Publication Order Number: NJL3281D/D
NJL3281D (NPN) NJL1302D (PNP)
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector-Emitter Voltage - 1.5 V Collector Current Base Current - Continuous Total Power Dissipation @ TC = 25C Derate Above 25C Operating and Storage Junction Temperature Range DC Blocking Voltage Average Rectified Forward Current - Continuous - Peak (Note 1) Symbol VCEO VCBO VEBO VCEX IC IB PD TJ, Tstg VR IF(AV) Value 230 230 5 230 15 25 1.5 200 1.43 - 65 to +150 200 1.0 Unit Vdc Vdc Vdc Vdc Adc Adc W W/C C V A
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction-to-Case Symbol RqJC Max 0.625 Unit C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. Pulse Test: Pulse Width = 5 ms, Duty Cycle < 10%.
ATTRIBUTES
Characteristic ESD Protection Flammability Rating Human Body Model Machine Model Value >8000 V > 400 V UL 94 V-0 @ 0.125 in
ORDERING INFORMATION
Device NJL3281D NJL1302D Package TO-264 TO-264 Shipping 25 Units / Rail 25 Units / Rail
http://onsemi.com
2
NJL3281D (NPN) NJL1302D (PNP)
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector-Emitter Sustaining Voltage (IC = 100 mAdc, IB = 0) Collector Cutoff Current (VCB = 230 Vdc, IE = 0) Emitter Cutoff Current (VEB = 5 Vdc, IC = 0) ON CHARACTERISTICS DC Current Gain (IC = 100 mAdc, VCE = 5 Vdc) (IC = 1 Adc, VCE = 5 Vdc) (IC = 3 Adc, VCE = 5 Vdc) (IC = 5 Adc, VCE = 5 Vdc) (IC = 7 Adc, VCE = 5 Vdc) (IC = 8 Adc, VCE = 5 Vdc) (IC = 15 Adc, VCE = 5 Vdc) Collector-Emitter Saturation Voltage (IC = 10 Adc, IB = 1 Adc) DYNAMIC CHARACTERISTICS Current-Gain - Bandwidth Product (IC = 1 Adc, VCE = 5 Vdc, ftest = 1 MHz) Output Capacitance (VCB = 10 Vdc, IE = 0, ftest = 1 MHz) Maximum Instantaneous Forward Voltage (Note 2) (iF = 1.0 A, TJ = 25C) (iF = 1.0 A, TJ = 150C) Maximum Instantaneous Reverse Current (Note 2) (Rated dc Voltage, TJ = 25C) (Rated dc Voltage, TJ = 150C) Maximum Reverse Recovery Time (iF = 1.0 A, di/dt = 50 A/ms) 2. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%. fT 30 Cob - vF 1.0 0.83 iR 10 100 trr 100 ns mA 600 V - pF MHz hFE 60 60 60 60 60 45 12 VCE(sat) - 3 175 175 175 175 175 - - Vdc VCEO(sus) 230 ICBO - IEBO - 5 50 mAdc - mAdc Vdc Symbol Min Max Unit
http://onsemi.com
3
NJL3281D (NPN) NJL1302D (PNP)
TYPICAL CHARACTERISTICS
PNP NJL1302D
f T, CURRENT BANDWIDTH PRODUCT (MHz) 50 VCE = 10 V 40 30 20 10 0 TJ = 25C ftest = 1 MHz 0.1 1.0 IC, COLLECTOR CURRENT (AMPS) 10 5V f T, CURRENT BANDWIDTH PRODUCT (MHz) 60 50 40 30 20 10 0 0.1 TJ = 25C ftest = 1 MHz 1.0 IC, COLLECTOR CURRENT (AMPS) 10
NPN NJL3281D
VCE = 10 V 5V
Figure 1. Typical Current Gain Bandwidth Product PNP NJL1302D
1000 1000
Figure 2. Typical Current Gain Bandwidth Product NPN NJL3281D
hFE , DC CURRENT GAIN
h FE , DC CURRENT GAIN
25C TJ = 100C 100 -25 C
TJ = 100C 100 -25 C
25C
10
VCE = 20 V 0.1 1.0 10 IC, COLLECTOR CURRENT (AMPS) 100
VCE = 20 V 10 0.1 1.0 10 IC, COLLECTOR CURRENT (AMPS) 100
Figure 3. DC Current Gain, VCE = 20 V PNP NJL1302D
1000 1000
Figure 4. DC Current Gain, VCE = 20 V NPN NJL3281D
h FE , DC CURRENT GAIN
h FE , DC CURRENT GAIN
25C TJ = 100C 100 -25 C
TJ = 100C 100 25C -25 C
10
VCE = 5 V 0.1 1.0 10 IC, COLLECTOR CURRENT (AMPS) 100
VCE = 5 V 10 0.1 1.0 10 100
IC, COLLECTOR CURRENT (AMPS)
Figure 5. DC Current Gain, VCE = 5 V
Figure 6. DC Current Gain, VCE = 5 V
http://onsemi.com
4
NJL3281D (NPN) NJL1302D (PNP)
TYPICAL CHARACTERISTICS
PNP NJL1302D
45 40 IC , COLLECTOR CURRENT (A) 35 30 25 20 15 10 5.0 0 0 TJ = 25C 5.0 10 15 20 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 25 1.5 A IB = 2 A IC , COLLECTOR CURRENT (A) 45 40 35 30 25 20 15 10 5.0 0 0 TJ = 25C 5.0 10 15 20 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS) 25
NPN NJL3281D
1.5 A IB = 2 A 1A 0.5 A
1A 0.5 A
Figure 7. Typical Output Characteristics PNP NJL1302D
3.0 SATURATION VOLTAGE (VOLTS) SATURATION VOLTAGE (VOLTS) 2.5 2.0 1.5 1.0 0.5 0 0.1 TJ = 25C IC/IB = 10 VBE(sat) 2.5 2.0 1.5
Figure 8. Typical Output Characteristics NPN NJL3281D
TJ = 25C IC/IB = 10
VBE(sat) 1.0 0.5 0
VCE(sat) 1.0 10 IC, COLLECTOR CURRENT (AMPS) 100 0.1
VCE(sat) 1.0 10 IC, COLLECTOR CURRENT (AMPS) 100
Figure 9. Typical Saturation Voltages PNP NJL1302D
VBE(on) , BASE-EMITTER VOLTAGE (VOLTS) TJ = 25C VBE(on) , BASE-EMITTER VOLTAGE (VOLTS) 10 10
Figure 10. Typical Saturation Voltages NPN NJL3281D
TJ = 25C VCE = 5 V (DASHED) 1.0 VCE = 20 V (SOLID)
VCE = 5 V (DASHED) 1.0 VCE = 20 V (SOLID)
0.1
0.1
1.0 10 IC, COLLECTOR CURRENT (AMPS)
100
0.1
0.1
1.0 10 IC, COLLECTOR CURRENT (AMPS)
100
Figure 11. Typical Base-Emitter Voltage
Figure 12. Typical Base-Emitter Voltage
http://onsemi.com
5
NJL3281D (NPN) NJL1302D (PNP)
TYPICAL CHARACTERISTICS
100
10 ms 10 1 sec 1.0 250 ms 0.1 50 ms
There are two limitations on the power handling ability of a transistor; average junction temperature and secondary breakdown. Safe operating area curves indicate IC - VCE limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate. The data of Figure 13 is based on TJ(pk) = 150C; TC is variable depending on conditions. At high case temperatures, thermal limitations will reduce the power than can be handled to values less than the limitations imposed by second breakdown.
1000
IC , COLLECTOR CURRENT (AMPS)
1.0
10
100
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 13. Active Region Safe Operating Area
PNP NJL1302D
10000 Cib 10000
NPN NJL3281D
Cib
C, CAPACITANCE (pF)
1000
Cob
C, CAPACITANCE (pF)
1000 Cob
TJ = 25C ftest = 1 MHz 100 0.1 1.0 10 100 100 0.1
TJ = 25C ftest = 1 MHz 1.0 10 100
VR, REVERSE VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
Figure 14. NJL1302D Typical Capacitance
Figure 15. NJL3281D Typical Capacitance
100 IR, REVERSE CURRENT (mA) TJ = 175C 10
IF, INSTANTANEOUS FORWARD CURRENT (A)
10 TC = 175C 100C 25C 1
1
TJ = 100C
0.1 TJ = 25C
0.1
0.01
0.001 0 20 40 60 80 100 120 140 160 180 200 VR, REVERSE VOLTAGE (VOLTS)
0.01 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 VF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 16. Typical Reverse Current
Figure 17. Typical Forward Voltage
http://onsemi.com
6
NJL3281D (NPN) NJL1302D (PNP)
PACKAGE DIMENSIONS
TO-264, 5 LEAD CASE 340AA-01 ISSUE O
-T- Y -B- Q 0.25 (0.010) U N A R
1 2 34 5 M
TB
M
C E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. MILLIMETERS INCHES DIM MIN NOM MAX MIN NOM MAX A 25.857 25.984 26.111 1.018 1.023 1.028 B 19.761 19.888 20.015 0.778 0.783 0.788 C 4.928 5.055 5.182 0.194 0.199 0.204 0.0480 BSC D 1.219 BSC E 2.032 2.108 2.184 0.0800 0.0830 0.0860 1.981 BSC 0.0780 BSC F 0.150 BSC G 3.81 BSC H 2.667 2.718 2.769 0.1050 0.1070 0.1090 0.0230 BSC J 0.584 BSC K 20.422 20.549 20.676 0.804 0.809 0.814 0.444 REF L 11.28 REF --- 7_ 0_ 7_ 0 _ --- M 0.180 REF N 4.57 REF P 2.259 2.386 2.513 0.0889 0.0939 0.0989 0.1370 BSC Q 3.480 BSC 0.100 REF R 2.54 REF --- S 0 _ --- 8_ 0_ 8_ 0.243 REF U 6.17 REF --- 0 _ --- 6_ 0_ 6_ W 0.0940 BSC Y 2.388 BSC STYLE 1: PIN 1. BASE 2. EMITTER 3. COLLECTOR 4. ANODE 5. CATHODE
L
W
S
P K
M F 5 PL
G D 5 PL 0.25 (0.010) W
M
J H TB
S
S
http://onsemi.com
7
NJL3281D (NPN) NJL1302D (PNP)
ThermalTrak is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
NJL3281D/D


▲Up To Search▲   

 
Price & Availability of NJL1302D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X