Part Number Hot Search : 
SR306 AD558J MC78L MMBZ5235 945ETTS SI9958DY 8M000 SH7619
Product Description
Full Text Search
 

To Download MBR1535CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1535CT THRU MBR15100CT
15.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 35 to 100 Volts Current 15.0 Amperes
Features
a a a a a a a a Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for transient protection High temperature soldering guaranteed: 260oC/10 seconds,0.25"(6.35mm)from case
TO-220
Mechanical Data
a a a a a Cases: JEDEC TO-220 molded plastic body Terminals: Leads solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
a
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25+ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBR MBR Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC=105oC Peak Repetitive Forward Current (Rated VR, Square Wave, 20KHz) at Tc=105oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at (Note 2) IF=7.5A, Tc=25OC IF=7.5A, Tc=125OC IF=15A, Tc=25OC IF=15A, Tc=125OC Maximum Instantaneous Reverse Current @ Tc=25+ at Rated DC Blocking Voltage (Note 2) @ Tc=125 + Voltage Rate of Change (Rated VR) Maximum Thermal Resistance Per Leg (Note 3)
MBR
50 35 50 15
MBR
60 42 60
MBR
90 63 90
MBR
100 70 100
Units
V V V A A A
1535CT 1545CT 1550CT 1560CT 1590CT 15100CT
35 24 35 45 31 45
VRRM VRMS VDC I(AV) IFRM IFSM IRRM VF IR dV/dt
R JA R JC TJ TSTG
15.0 150 1.0
0.57 0.84 0.72 0.75 0.65 - -
0.5
0.92 0.82 - -
A
V mA mA V/uS +/W + +
0.1 15.0
1.0 50.0 1,000 60.0 3.0 -65 to +150 -65 to +175
0.1 -
Operating Junction Temperature Range Storage Temperature Range
Notes: 1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case and Thermal Resistance from Junction to Ambient
- 58 -
REV.1 Oct.-2003
RATINGS AND CHARACTERISTIC CURVES (MBR1535CT THRU MBR15100CT)
FIG.1- FORWARD CURRENT DERATING CURVE
25 300
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD 20
250
200 150
15
10
100
5
50
0 0 50 CASE TEMPERATURE. ( C)
o
100
150
0 1 10 NUMBER OF CYCLES AT 60Hz 100
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
40
50
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=125 0C 10
10
Pulse Width=300 s 1% Duty Cycle
INSTANTANEOUS REVERSE CURRENT. (mA)
Tj=125 0C 1
1 Tj=25 0C
0.1
Tj=75 0C
0.1 MBR1535CT-MBR1545CT MBR1550CT-MBR1560CT MBR1590CT-MBR15100CT
0.01
MBR1535CT-MBR1545CT MBR1550CT-MBR15100CT
Tj=25 0C 0.01 0 0.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.1
0.2
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS PER LEG
100
1,000
TRANSIENT THERMAL IMPEDANCE ( OC/W)
JUNCTION CAPACITANCE.(pF)
10.0
100
1
40 MBR1535CT-MBR1545CT MBR1550CT-MBR1560CT MBR1590CT-MBR15100CT 0.1 1.0 10 REVERSE VOLTAGE. (V) 100
0.1 0.01
0.1
1
10
100
T, PULSE DURATION. (sec)
- 59 -


▲Up To Search▲   

 
Price & Availability of MBR1535CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X