Part Number Hot Search : 
F1002 2560G APC77156 PD610 5KE40 VSC872 44200 GN202K
Product Description
Full Text Search
 

To Download LN881RPX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Square Type
1.0 mm x 2.0 mm Series
2 Max. NOT SOLDERED
1.0 0.2 1.2 0.2
Unit: mm
0.1 2.0 0.2
Conventional Part No.
Global Prat No.
Lighting Color
3.2 0.1 0.2
4.0 0.2
1.5
2.0 0.06 0.2
LN281RPX **************** LNG281RKR ************ Red LN381GPX *************** LNG381GKG *********** Green LN481YPX *************** LNG481YKX *********** Amber LN881RPX **************** LNG881RKD ************ Orange s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Red 70 25 150 4 Green 90 30 150 4 Amber 90 30 150 4 3 Orange 90 30 150
IFP
2 - 0.6 Max 2 - 0.45 0.1
1.0 3.3 0.3 26.5 1.0
0.45 0.1
Topr(C) -25 +85 -25 +85 -25 +85 -25 +85
Tstg(C) -30 +100 -30 +100 -30 +100 -30 +100
1
2
1.5
2.54
duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
1: Anode 2: Cathode
s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LN281RPX LN381GPX LN481YPX LN881RPX Unit
10
LN 88 L 1R LN N4 PX 38 81Y 1G PX PX
Lighting Color Red Green Amber Orange -
Lens Color Red Diffused Green Diffused Amber Diffused Red Diffused -
100
IO Typ 0.8 1.0 1.5 2.5 mcd Min 0.3 0.4 0.6 0.9 mcd IF 15 20 20 20 mA Typ 2.2 2.2 2.2 2.1 V
VF Max 2.8 2.8 2.8 2.8 V
P Typ 700 565 590 630 nm
Typ 100 30 30 40 nm
IR IF 20 20 20 20 mA Max 5 10 10 10 A VR 4 4 4 3 V
IO IF
5 50
IF VF
Relative Luminous Intensity
500 300
IO Ta
Luminous Intensity
Forward Current
3
30
1 0.5 0.3
LN 28 1R PX
10 5 3
100 50 30
0.1 1
3
5
10
30
50
100
1
88 1R PX 481 YP X LN LN3281RPX 81G PX
LN38 LN88 1GPX 1RPX LN LN48 281 1 RPX YPX
LN
LN
1.6
1.8
2.0
2.2
2.4
10 -20
0
20
40
60
80
100
Forward Current
Forward Voltage
Ambient Temperature
Relative Luminous Intensity Wavelength Characteristics
Relative Luminous Intensity
100 80 30 40 60 40 20 0 500 LN881RPX 600 700 LN281RPX 50 60 60 70 80 800 90 100 80 60 40 20 40 20 0 20 40 60 80 60 70 80 90 100 80
IF Ta
50
Directive Characteristics
20 10 0 10 20 30 40 50
Forward Current
LN381GPX LN481YPX
40
30
20
10
L L N3 LN N48 81G 88 1Y PX 1R PX LN PX 28 1R PX
0
0
20
40
60
80
100
Wavelength
Relative Luminous Intensity
Ambient Temperature
221


▲Up To Search▲   

 
Price & Availability of LN881RPX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X