Part Number Hot Search : 
DC110 4LS37 K1274 S12BDMV4 N1N2980 4FCT2 4S15W 1N5405GM
Product Description
Full Text Search
 

To Download KBPC5000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC5000 - KBPC5010
PRV : 50 - 1000 Volts Io : 50 Amperes
FEATURES :
* * * * * * * High case dielectric strength High surge current capability High reliability High efficiency Low reverse current Low forward voltage drop Pb / RoHS Free
SILICON BRIDGE RECTIFIERS BR50-M
0.728(18.50) 0.688(17.40)
0.570(14.50) 0.530(13.40)
0.685(16.7 1.130(28.70) 1.120(28.40) 0)
0.658(16.70) 0 618(15 70) 0.032(0.81) 0.028(0.71)
0.210(5.30 ) 0.252(6.40 ) 0.100(2.50 ) 0.905(23.0) 0.826(21.0)
MECHANICAL DATA :
Case : Metal Case Epoxy : UL94V-O rate flame retardant Terminals : plated .25" (6.35 mm). Faston Polarity : Polarity symbols marked on case Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * Weight : 17.1 grams * * * * *
0.310(7.87) 0.280(7.11)
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specifie. Single phase, half wave, 60 Hz, resistive or inductive load For capacitive load, derate current by 20%
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc 55C = Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode at IF= 25A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C
SYMBOL
KBPC 5000 50 35 50
KBPC 5001 100 70 100
KBPC 5002 200 140 200
KBPC 5004 400 280 400 50 400 660 1.1 10 500 2.0 - 40 to + 150 - 40 to + 150
KBPC 5006 600 420 600
KBPC 5008 800 560 800
KBPC 5010 1000 700 1000
UNIT V V V A A AS
V
2
VRRM VRMS VDC IF(AV) IFSM It VF IR IR(H) RJC TJ TSTG
2
A A C/W C C
Note : ( 1 ) Thermal resistance from Junction to Case with units mounted on a 9"x5"x4.6" (22.9x12.7x11.7 cm) Al-Finned Heatsink.
Page 1 of 2
Rev. 01 : August 25, 2005
RATING AND CHARACTERISTIC CURVES (KBPC50005 - KBPC5010 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
60 HEAT-SINK MOUNTING, Tc 9" x 5" x 4.6" THK. 5 5 5 (22.9 x 12.7 x 11.7cm) Al.-Finned .
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
600
50
PEAK FORWARD SURGE CURRENT, AMPERES
TJ = 50 C
500
AVERAGE FORWARD OUTPUT CURRENT AMPERES
40
400
30
300 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
20
200
10
100
0
0
25
50
75
100
125
150
175
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER DIODE
10
TJ = 100 C
FORWARD CURRENT, AMPERES
REVERSE CURRENT, MICROAMPERES
10 Pulse Width = 300 s 1 % Duty Cycle 1.0
1.0
0.1
TJ = 25 C
TJ = 25 C
0.1 0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 01 : August 25, 2005


▲Up To Search▲   

 
Price & Availability of KBPC5000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X