Part Number Hot Search : 
1P7460 BU2520 812H12 MAX4827 1N5081 C74VHC1 PSMN013 PA153
Product Description
Full Text Search
 

To Download JZC-22F2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JZC-22F JZC-22F2 JZC-22F3
CH0050402--2000
20.3x16.8x20.2 JZC-22F 22.5x16.8x20.2 JZC-22F2 20.0x16.0x20.3 JZC-22F3
VDE
40001299
E158859
R9452085
Features
Small size, light weight .Low coil power consumption. Switching capacity can reach 20A. PC board mounting. Suitable for household electrical appliance, automation system, electronic equipment, instrument and meter application. TV-5fTV-8 Remote control TV receivers, monitor display, audio equipment high and rushing current application.
Ordering Information
JZC-22F S
C 5 D DC12V
4 Contact Rating7A,12A,15A/120VAC 28DC 6A,7A/220VAC6A/250VAC TV-5 JZC-22F220A/125VAC 28VDC10A/220VAC JZC-22F320A/125VAC 28VDC16A/277VAC TV-8 5 Coil power consumptionL:0.36WD:0.45W 6 Coil rated Voltage(V)DC:3,6,9,12,24,48
1 2 3 4 5 6 1 Part numberJZC-22F JZC-22F2 JZC-22F3 2 EnclosureS: Sealed typeF: Dust cover 3 Contact arrangementA:1AB:1BC:1C
Contact Data
Contact Arrangement Contact Material Contact Rating 1A SPSTNO f1B SPSTNC f1C SPDT(B-M) Ag CdO Ag SnO2 resistive:5A,12A,15A,20A/120VAC,28VDC; 3A;6A,7A,10A/220VAC ; inductive:10A/250VAC; 15A/28VDC (rushing current 80A) (JZC-22FT only) lamp:TV-5 note:1) 20A/125VDC,28VDC &10A/220VAC JZC-22F2 only 2) 20A/125V,28VDC,16A/277VAC&TV-8 JZC-22F3 only 420W 1800VA 110VDC 380VAC Max. Switching Current:20A rushing current 80A 100m item 3.12 of IEC255-7 105 item 3.30 of IEC255-7 107 item 3.31 of IEC255-7
Max. Switching Power Max. Switching Voltage Contact Resistance & Voltage drop Operation Electrical life Mechanical
Coil Parameter
Coil voltage VDC Rated 003-360 006-360 009-360 012-360 024-360 048-360 003-450 006-450 009-450 012-450 024-450 048-450 3 6 9 12 24 48 3 6 9 12 24 48 Max. 3.9 7.8 11.7 15.6 31.2 62.4 3.9 7.8 11.7 15.6 31.2 62.4 25 100 225 400 1600 6400 20 80 180 320 1280 5120 Pickup voltage VDC(max) (75%of rated voltage ) 2.25 4.50 6.75 9.00 18.0 36.0 2.25 4.50 6.75 9.00 18.0 36.0 release voltage VDC(min) (10% of rated voltage) 0.3 0.6 0.9 1.2 2.4 4.8 0.3 0.6 0.9 1.2 2.4 4.8 Coil power consumption W Operate Time ms Release Time ms
Dash numbers
Coil resistance 10%
0.36
15
5
0.45
15
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
93
www.dblectro.com
JZC-22F JZC-22F2 JZC-22F3
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca 50Hz 750V JZC-22F3 :1000V 50Hz 1500V 50Hz 2500V JZC-22F2 &JZC-22F3 100m/s2 11ms 10~55Hz double amplitude 1.5mm 10N 235x2 3x0.5s -40~70 JZC-22F3 :85 85% (at 40) 13g . 16g(JZC-22F2) 10g(JZC-22F3)
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Safety approvals Safety approval
Load
UL&CUR
15A/125VAC,28VDCTV-5
VDE 10A/250VAC 28VDC
TuV
6A/250VAC
CCEE 6A/250VAC
Dimensions (Unit: mm) mm 0.4 0.5 0.7 1.0 1.3 2.0 2.55 3.5 4.5 6.0 12.0 12.2 16.8 20.2 20.3 22.5 inch 0.016 0.020 0.027 0.039 0.051 0.079 0.100 0.138 0.177 0.236 0.472 0.480 0.661 0.795 0.799 0.866
Mounting (Bottom views)
Wiring diagram (Bottom views) Dimensions
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Reference Data
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of JZC-22F2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X