Part Number Hot Search : 
F1430 F1430 00EP14DT 103H5210 3362M101 D102K 74HCT244 74AUP2G
Product Description
Full Text Search
 

To Download IRFR430A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94356A
SMPS MOSFET
IRFR430A IRFU430A
HEXFET(R) Power MOSFET
Applications Switch Mode Power Supply (SMPS) l Uninterruptible Power Supply l High speed power switching
l
VDSS
500V
RDS(on) max
1.7
ID
5.0A
Benefits Low Gate Charge Qg results in Simple Drive Requirement l Improved Gate, Avalanche and dynamic dv/dt Ruggedness l Fully Characterized Capacitance and Avalanche Voltage and Current l Effective COSS specified (See AN 1001)
l
D-Pak IRFR430A
I-Pak IRFU430A
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds
Max.
5.0 3.2 20 110 0.91 30 3.0 -55 to + 150 300 (1.6mm from case )
Units
A W W/C V V/ns
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
130 5.0 11
Units
mJ A mJ
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Typ.
--- 0.50 ---
Max.
1.1 --- 62
Units
C/W
www.irf.com
1
02/26/002
IRFR430A/IRFU430A
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) Static Drain-to-Source On-Resistance VGS(th) Gate Threshold Voltage V(BR)DSS IDSS IGSS Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Min. 500 --- --- 2.0 --- --- --- --- Typ. --- 0.60 --- --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 1.7 VGS = 10V, ID = 3.0A 4.5 V VDS = VGS, ID = 250A 25 VDS = 500V, VGS = 0V A 250 VDS = 400V, VGS = 0V, TJ = 125C 100 VGS = 30V nA -100 VGS = -30V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 2.3 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- --- --- --- 8.7 27 17 16 490 75 4.5 750 25 51 Max. Units Conditions --- S VDS = 50V, ID = 3.0A 24 ID = 5.0A 6.5 nC VDS = 400V 13 VGS = 10V, See Fig. 6 and 13 --- VDD = 250V --- ID = 5.0A ns --- RG = 15 --- RD = 50,See Fig. 10 --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz, See Fig. 5 --- VGS = 0V, V DS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 400V, = 1.0MHz --- VGS = 0V, VDS = 0V to 400V
Diode Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 5.0 showing the A G integral reverse --- --- 20 S p-n junction diode. --- --- 1.5 V TJ = 25C, IS = 5.0A, VGS = 0V --- 410 620 ns TJ = 25C, I F = 5.0A --- 1.4 2.1 C di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS .
Starting TJ = 25C, L = 11mH
RG = 25, IAS = 5.0A. (See Figure 12)
ISD 5.0A, di/dt 320A/s, VDD V(BR)DSS,
TJ 150C.
2
www.irf.com
IRFR430A/IRFU430A
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
ID , Drain-to-Source Current (A)
10
ID , Drain-to-Source Current (A)
10
1
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1
0.1
4.5V
0.1
4.5V
0.01
20s PULSE WIDTH Tj = 25C
0.001 0.1 1 10 100 0.01 0.1 1
20s PULSE WIDTH Tj = 150C
10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100.00
3.0
I D = 5.0A
ID , Drain-to-Source Current ( )
2.5
10.00
RDS(on) , Drain-to-Source On Resistance
T J = 150C
2.0
1.00
(Normalized)
1.5
0.10
T J = 25C VDS = 100V 20s PULSE WIDTH
4.0 6.0 8.0 10.0 12.0 14.0 16.0
1.0
0.5
0.01
0.0 -60 -40 -20 0 20 40 60 80
V GS = 10V
100 120 140 160
VGS, Gate-to-Source Voltage (V)
TJ , Junction Temperature
( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFR430A/IRFU430A
10000
12
VGS = 0V, f = 1 MHZ Ciss = C + Cgd , C gs ds SHORTED Crss = C gd Coss = C + Cgd ds
VGS , Gate-to-Source Voltage (V)
I D = 5.0A
10
VDS = 400V VDS = 250V VDS = 100V
1000
C, Capacitance(pF)
Ciss
7
100
Coss
5
10
Crss
1 1 10 100 1000
2
0 0 4 8 12 16 20
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100 OPERATION IN THIS AREA LIMITED BY RDS(on)
ID, Drain-to-Source Current (A)
I SD , Reverse Drain Current (A)
10
10
100sec 1 1msec Tc = 25C Tj = 150C Single Pulse 10 100
TJ = 150
C 1
T = 25 C J
0.1 0.2 0.5 0.8
V GS= 0 V
1.1 1.4
10msec 1000 10000
0.1
V SD,Source-to-Drain Voltage (V)
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFR430A/IRFU430A
5.5
VDS
4.4
RD
VGS RG
D.U.T.
+
-VDD
I D , Drain Current (A)
3.3
10V
Pulse Width 1 s Duty Factor 0.1 %
2.2
Fig 10a. Switching Time Test Circuit
1.1
VDS 90%
0.0 25 50 75 100 125 150
TC , Case Temperature
( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
10
(Z thJC )
1 D = 0.50
Thermal Response
0.20 0.10 0.1 0.05 0.02 0.01
SINGLE PULSE (THERMAL RESPONSE) 0.0001 0.001 0.01
0.01 0.00001
Notes: 1. Duty factor D = 2. Peak T
J
P DM t1 t2 +TC
t1/ t 2
= P DM x Z thJC 0.1
1
t 1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFR430A/IRFU430A
250 1 5V
VDS
L
D R IV E R EAS , Single Pulse Avalanche Energy (mJ)
200
ID TOP 2.2A 3.2A 5.0A BOTTOM
RG
20V tp
D .U .T
IA S
+ V - DD
150
A
0 .0 1
100
Fig 12a. Unclamped Inductive Test Circuit
V (B R )D SS tp
50
0 25 50 75 100 125 150
Starting Tj, Junction Temperature
( C)
IAS
Fig 12b. Unclamped Inductive Waveforms
QG
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
10 V
QGS VG QGD
VGS(th) Gate threshold Voltage (V)
5.0
4.5
Charge
4.0
ID = 250A
Fig 13a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
3.5
50K 12V .2F .3F
3.0
D.U.T. VGS
3mA
+ V - DS
2.5 -75 -50 -25 0 25 50 75 100 125 150
T J , Temperature ( C )
IG ID
Current Sampling Resistors
Fig 14. Threshold Voltage Vs. Temperature
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFR430A/IRFU430A
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET Power MOSFETs
www.irf.com
7
IRFR430A/IRFU430A
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
6 .7 3 (.2 6 5 ) 6 .3 5 (.2 5 0 ) -A5 .4 6 (.2 1 5 ) 5 .2 1 (.2 0 5 ) 4 1 .2 7 (.0 5 0 ) 0 .8 8 (.0 3 5 )
2 .3 8 (.0 9 4 ) 2 .1 9 (.0 8 6 )
1 .1 4 (.0 4 5 ) 0 .8 9 (.0 3 5 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 )
6 .4 5 (.2 4 5 ) 5 .6 8 (.2 2 4 ) 6 .2 2 (.2 4 5 ) 5 .9 7 (.2 3 5 ) 1.0 2 (.0 4 0 ) 1.6 4 (.0 2 5 ) 1 2 3 0 .5 1 (.0 2 0 ) M IN . 1 0 .4 2 (.4 1 0 ) 9 .4 0 (.3 7 0 )
L E A D A S S IG N M E N T S 1 - GATE 2 - D R A IN 3 - S OU R CE 4 - D R A IN
-B 1 .5 2 (.0 6 0 ) 1 .1 5 (.0 4 5 ) 3X 2X 1 .1 4 (.0 4 5 ) 0 .7 6 (.0 3 0 ) 2 .2 8 ( .0 9 0 ) 4 .5 7 ( .1 8 0 ) 0 .8 9 (.0 3 5 ) 0 .6 4 (.0 2 5 ) 0 .2 5 ( .0 1 0 ) M AMB N O TE S :
0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 )
1 D IM E N S IO N IN G & T O L E R A N C IN G P E R A N S I Y 1 4 .5 M , 1 9 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP , S O L D E R D IP M A X. + 0 .1 6 (.0 0 6 ) .
D-Pak (TO-252AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFR120 WITH ASSEMBLY LOT CODE 1234 ASSEMBLED ON WW 16, 1999 IN T HE AS SEMBLY LINE "A" PART NUMBER INT ERNAT IONAL RECT IFIER LOGO
IRFU120 916A 12 34
ASSEMBLY LOT CODE
DAT E CODE YEAR 9 = 1999 WEEK 16 LINE A
8
www.irf.com
IRFR430A/IRFU430A
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
6 .7 3 (.26 5 ) 6 .3 5 (.25 0 ) -A 5 .4 6 (.2 1 5 ) 5 .2 1 (.2 0 5 ) 4 1 .2 7 (.0 5 0 ) 0 .8 8 (.0 3 5 )
2 .3 8 (.0 9 4 ) 2 .1 9 (.0 8 6 ) 0 .5 8 (.0 2 3 ) 0 .4 6 (.0 1 8 ) L E A D A S S IG N M E N T S 1 - G A TE 2 - D R A IN 3 - S OUR C E 4 - D R A IN
6 .4 5 (.2 4 5 ) 5 .6 8 (.2 2 4 ) 1 .5 2 (.0 6 0 ) 1 .1 5 (.0 4 5 ) 1 -B 2.2 8 (.0 9 0) 1.9 1 (.0 7 5) 9 .6 5 (.3 8 0 ) 8 .8 9 (.3 5 0 ) 2 3 6 .2 2 (.2 4 5 ) 5 .9 7 (.2 3 5 )
N O TE S : 1 D IM E N S IO N IN G & TO L E R A N C IN G P E R A N S I Y 1 4 .5 M , 19 8 2 . 2 C O N T R O L L IN G D IM E N S IO N : IN C H . 3 C O N F O R M S T O J E D E C O U TL IN E T O -2 5 2 A A . 4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP , S O L D E R D IP M A X . + 0 .1 6 (.0 0 6 ).
3X
1 .1 4 (.0 45 ) 0 .7 6 (.0 30 )
3X
0 .8 9 ( .0 3 5 ) 0 .6 4 ( .0 2 5 ) M AMB
1 .1 4 (.0 4 5 ) 0 .8 9 (.0 3 5 ) 0 .58 (.0 2 3 ) 0 .46 (.0 1 8 )
2 .2 8 (.0 9 0 ) 2X
0 .2 5 (.0 1 0 )
I-Pak (TO-251AA) Part Marking Information
EXAMPLE: T HIS IS AN IRFR120 WIT H ASSEMBLY LOT CODE 5678 ASSEMBLED ON WW 19, 1999 IN T HE ASSEMBLY LINE "A" PART NUMBER INT ERNAT IONAL RECT IFIER LOGO
IRFU120 919A 56 78
DAT E CODE YEAR 9 = 1999 WEEK 19 LINE A
ASSEMBLY LOT CODE
www.irf.com
9
IRFR430A/IRFU430A
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR TRR TR L
16 .3 ( .641 ) 15 .7 ( .619 )
16 .3 ( .64 1 ) 15 .7 ( .61 9 )
12 .1 ( .4 7 6 ) 11 .9 ( .4 6 9 )
F E E D D IR E C T IO N
8.1 ( .3 18 ) 7.9 ( .3 12 )
F E E D D IR E C T IO N
NO TES : 1. C O N T R O LL IN G D IM E N S IO N : M ILL IM E T E R . 2. A LL D IM E N S IO N S A R E S H O W N IN M IL LIM E T E R S ( IN C H E S ). 3. O U T LIN E C O N F O R M S T O E IA -4 81 & E IA -54 1.
1 3 IN C H
16 mm NO TES : 1. O U T L IN E C O N F O R M S T O E IA -48 1.
Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101] market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.02/02
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFR430A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X