Part Number Hot Search : 
BP60340 CP200 20022 030403 T74FCT SM12G48 4FC32AL DS513
Product Description
Full Text Search
 

To Download IRF7331PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95266
IRF7331PBF
HEXFET(R) Power MOSFET
l l l l l
Ultra Low On-Resistance Dual N-Channel MOSFET Surface Mount Available in Tape & Reel Lead-Free
VDSS
20V
RDS(on) max (mW)
30@VGS = 4.5V 45@VGS = 2.5V
ID
7.0A 5.6A
These N-Channel HEXFET(R) power MOSFETs from International Rectifier utilize advanced processing techniques to achieve the extremely low on-resistance per silicon area. This benefit provides the designer with an extremely efficient device for use in battery and load management applications. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infrared, or wave soldering techniques.
Description
S1 G1 S2 G2
1
8 7
D1 D1 D2 D2
2
3
6
4
5
Top View
SO-8
Absolute Maximum Ratings
Parameter
VDS ID @ TA = 25C ID @ TA= 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG Drain- Source Voltage Continuous Drain Current, VGS @ 4.5V Continuous Drain Current, VGS @ 4.5V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
20 7.0 5.5 28 2.0 1.3 16 12 -55 to + 150
Units
V A W mW/C V C
Thermal Resistance
Symbol
RJL RJA
Parameter
Junction-to-Drain Lead Junction-to-Ambient
Typ.
--- ---
Max.
20 62.5
Units
C/W
www.irf.com
1
05/18/04
IRF7331PBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Min. 20 --- --- --- 0.6 14 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.013 --- --- --- --- --- --- --- --- 13 3.7 2.1 7.6 22 110 50 1340 170 120
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 30 VGS = 4.5V, ID = 7.0A m 45 VGS = 2.5V, ID = 5.6A 1.2 V VDS = VGS, ID = 250A --- S VDS = 10V, ID = 7.0A 1.0 VDS = 16V, VGS = 0V A 25 VDS = 16V, VGS = 0V, TJ = 70C 100 VGS = 12V nA -100 VGS = -12V 20 ID = 7.0A --- nC VDS = 10V --- VGS = 4.5V --- VDD = 10V --- ID = 1.0A ns --- RG = 53 --- VGS = 4.5V --- VGS = 0V --- pF VDS = 16V --- = 1.0MHz
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units --- --- --- --- 31 15 2.0 A 28 1.2 47 23 V ns nC
Conditions MOSFET symbol showing the G integral reverse p-n junction diode. TJ = 25C, IS = 2.0A, VGS = 0V TJ = 25C, IF = 2.0A di/dt = 100A/s
D
S
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Surface mounted on 1 in square Cu board
Pulse width 400s; duty cycle 2%.
2
www.irf.com
IRF7331PBF
1000
VGS 7.5V 4.5V 3.5V 3.0V 2.5V 2.0V 1.75V BOTTOM 1.5V TOP
100
I D , Drain-to-Source Current (A)
100
I D , Drain-to-Source Current (A)
VGS 7.5V 4.5V 3.5V 3.0V 2.5V 2.0V 1.75V BOTTOM 1.5V TOP
10
10
1.50V
1
1.50V
20s PULSE WIDTH TJ = 150 C
1 10 100
0.1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 7.0A
I D , Drain-to-Source Current (A)
TJ = 25 C TJ = 150 C
10
1.5
1.0
0.5
1 1.5
V DS = 15V 20s PULSE WIDTH 2.0 2.5 3.0
0.0 -60 -40 -20
VGS = 4.5V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7331PBF
2400
8
2000
Coss = C + C ds gd
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd
ID = 7.0A VDS = 10V
6
C, Capacitance(pF)
1600
Ciss
1200
4
800
2
400
Coss Crss
0 1 10 100
0 0 4 8 12 16 20
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on)
ID, Drain-to-Source Current (A)
10
10 100sec
TJ = 150 C
1msec 1 10msec Tc = 25C Tj = 150C Single Pulse 0.1 1 10 100
1
TJ = 25 C V GS = 0 V
0.4 0.6 0.8 1.0 1.2
0.1 0.2
0.1
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7331PBF
8.0
VDS VGS
RD
I D , Drain Current (A)
6.0
RG VGS
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
-V DD
4.0
2.0
Fig 10a. Switching Time Test Circuit
VDS 90%
0.0 25 50 75 100 125 150
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
100
Thermal Response (Z thJA )
D = 0.50 0.20 10 0.10 0.05 0.02 1 0.01 SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.0001 0.001 0.01 0.1 1 10 PDM
0.1 0.00001
t1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF7331PBF
RDS(on) , Drain-to -Source On Resistance ()
RDS (on) , Drain-to-Source On Resistance ()
0.05
0.12 0.10 0.08 0.06 0.04 VGS = 2.5V
0.04
0.03
ID = 7.0A
0.02
0.02 VGS = 4.5V 0.00 0 5 10 15 20 25 30 ID , Drain Current (A)
0.01 2.0 4.0 6.0 8.0
VGS, Gate -to -Source Voltage (V)
Fig 12. Typical On-Resistance Vs. Gate Voltage
Fig 13. Typical On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
QG
50K 12V .2F .3F
VGS
QGS VG
QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 14a. Basic Gate Charge Waveform
Fig 14b. Gate Charge Test Circuit
6
www.irf.com
IRF7331PBF
1.2
60
VGS(th) Gate threshold Voltage (V)
1.1 1.0
50
40
0.9 0.8 0.7 0.6 0.5 -75 -50 -25 0 25 50
ID = 250A
Power (W)
30
20
10
0
75
100
125
150
0.0001
0.0010
0.0100
0.1000
1.0000 10.0000 100.0000
T J , Temperature ( C )
Time (sec)
Fig 15. Typical Vgs(th) Vs. Junction Temperature
Fig 16. Typical Power Vs. Time
www.irf.com
7
IRF7331PBF
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
D A 5 B
DIM A A1 b INCHES MIN .0532 .0040 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMET ERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
6 E
8
7
6
5 H 0.25 [.010] A
c D E e e1 H K L y
1
2
3
4
.050 BASIC .025 BASIC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BASIC 0.635 BAS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e
e1 A C 0.10 [.004] 8X b 0.25 [.010] A1 CAB y
K x 45
8X L 7
8X c
NOT E S : 1. DIMENS IONING & T OLERANCING PER AS ME Y14.5M-1994. 2. CONT ROLLING DIMENS ION: MILLIMET E R 3. DIMENS IONS ARE S HOWN IN MILLIME T ERS [INCHES ]. 4. OUT LINE CONFORMS T O JEDE C OUT LINE MS -012AA. 5 DIMENS ION DOE S NOT INCLUDE MOLD PROT RUS IONS . MOLD PROT RUS IONS NOT T O E XCEED 0.15 [.006]. 6 DIMENS ION DOE S NOT INCLUDE MOLD PROT RUS IONS . MOLD PROT RUS IONS NOT T O E XCEED 0.25 [.010]. 7 DIMENS ION IS T HE LENGT H OF LEAD FOR S OLDERING T O A S UBS T RAT E. 3X 1.27 [.050]
F OOT PRINT 8X 0.72 [.028]
6.46 [.255]
8X 1.78 [.070]
SO-8 Part Marking
EXAMPLE: T HIS IS AN IRF 7101 (MOS F ET ) DAT E CODE (YWW) P = DE S IGNAT E S LEAD-FRE E PRODUCT (OPT IONAL) Y = LAS T DIGIT OF T HE YEAR WW = WEEK A = AS S EMBLY S IT E CODE LOT CODE PART NUMBER
INT ERNAT IONAL RECT IFIER LOGO
XXXX F7101
8
www.irf.com
IRF7331PBF
SO-8 Tape and Reel
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.05/04
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of IRF7331PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X