Part Number Hot Search : 
4040D 040AS IS25C 1H221 TLC4066 2C508 DDZX9711 154MS
Product Description
Full Text Search
 

To Download IRF140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF140
MECHANICAL DATA Dimensions in mm (inches)
39.95 (1.573) max. 30.40 (1.197) 30.15 (1.187) 17.15 (0.675) 16.64 (0.655)
N-CHANNEL POWER MOSFET
VDSS ID(cont) RDS(on)
FEATURES
* HERMETICALLY SEALED TO-3 METAL PACKAGE
1
20.32 (0.800) 18.80 (0.740) dia. 7.87 (0.310) 6.99 (0.275) 1.78 (0.070) 1.52 (0.060)
11.18 (0.440) 10.67 (0.420)
26.67 (1.050) max.
4.09 (0.161) 3.84 (0.151) dia. 2 plcs.
2
100V 28A 0.077
* SIMPLE DRIVE REQUIREMENTS * SCREENING OPTIONS AVAILABLE
1.09 (0.043) 0.97 (0.038) dia. 2 plcs.
TO-3 Metal Package
Pin 1 - Gate Pin 2 - Source Case - Drain
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VGS ID ID IDM PD EAS IAR EAR dv/dt TJ , Tstg TL Gate - Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1
12.07 (0.475) 11.30 (0.445)
20V (VGS = 0 , Tcase = 25C) (VGS = 0 , Tcase = 100C) 28A 20A 112A 125W 1W/C
2
Power Dissipation @ Tcase = 25C Linear Derating Factor Single Pulse Avalanche Energy Avalanche Current
2
250mJ 28A 12.5mJ 5.5V/ns -55 to +150C 300C
Repetitive Avalanche Energy 2 Peak Diode Recovery 3 Operating and Storage Temperature Range Lead Temperature 1.6mm (0.63") from case for 10 sec.
Notes 1) Pulse Test: Pulse Width 300s, 2% 2) @ VDD = 25V , L 480H , RG = 25 , Peak IL = 28A , Starting TJ = 25C 3) @ ISD 28A , di/dt 170A/s , VDD BVDSS , TJ 150C , Suggested RG = 9.1
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 9/96
IRF140
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Parameter
STATIC ELECTRICAL RATINGS BVDSS Drain - Source Breakdown Voltage BVDSS Temperature Coefficient of TJ Breakdown Voltage Static Drain - Source On-State RDS(on) Resistance 1 VGS(th) Gate Threshold Voltage gfs Forward Transconductance 1 IDSS IGSS IGSS Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf IS ISM VSD trr Qrr ton LD LS Zero Gate Voltage Drain Current Forward Gate - Source Leakage Reverse Gate - Source Leakage DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate - Source Charge Gate - Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
Test Conditions
VGS = 0 ID = 1mA Reference to 25C ID = 1mA VGS = 10V ID = 20A VGS = 10V ID = 28A VDS = VGS ID = 250mA VDS 15V IDS = 20A VGS = 0 VDS = 0.8BVDSS TJ = 125C VGS = 20V VGS = -20V VGS = 0 VDS = 25V f = 1MHz VGS = 10V ID = 28A VDS = 0.5BVDSS VDD = 50V ID = 28A RG = 9.1
Min.
100
Typ.
Max.
Unit
V
0.13 0.077 0.089 4 25 250 100 -100 1660 550 120 30 2.4 12 59 12 30.7 21 145 21 105 28 112 1.5 400 2.9 Negligible 5.0 13 1.67 0.12 30
V / C V S (E) A nA
2 9.1
pF
nC
ns
SOURCE - DRAIN DIODE CHARACTERISTICS Continuous Source Current Pulse Source Current 2 IS = 28A TJ = 25C Diode Forward Voltage 1 VGS = 0 Reverse Recovery Time IF = 28A TJ = 25C Reverse Recovery Charge 1 di / dt 100A/s VDD 50V Forward Turn-On Time PACKAGE CHARACTERISTICS Internal Drain Inductance (measured from 6mm down drain lead to centre of die) Internal Source Inductance (from 6mm down source lead to source bond pad) THERMAL CHARACTERISTICS Thermal Resistance Junction - Case Thermal Resistance Case - Sink Thermal Resistance Junction - Ambient
A V ns C
nH
RJC RCS RJA
C/W
Notes 1) Pulse Test: Pulse Width 300ms, 2% 2) Repetitive Rating - Pulse width limited by maximum junction temperature.
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 9/96


▲Up To Search▲   

 
Price & Availability of IRF140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X