Part Number Hot Search : 
TD6278 33HWUMNR HER108G A3187ELT MAX290 SMCJ90CA NTE5536 2SK2851
Product Description
Full Text Search
 

To Download IN4935 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS
1N4933 THRU 1N4937
FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 600 Volts Forward Current - 1.0Amperes
FEATURES
. Plastic package has Underwrites Laboratory Flammability Classification 94V-0 . Fast switching speed . Construction utilizes void-free molded plastic technique . 1.0A operation at TA=75 with to terminal runaway /10 seconds,
. High temperature soldering guaranteed: 250 0.375"(9.5mm)lead length,5lbs.(2.3kg)tension
MECHANICAL DATA
. Case: JEDEC DO-41 molded plastic body . Terminals: lead solderable per MIL-STD-750,method 2026 . Polarity: Color band denotes cathode end . Mounting Position: Any . Weight: 0.012 ounce, 0.34 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive)
load. For capacitive load,derate current by 20%)
Symbols
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Macimum average forward rectified current 0.375"(9.5mm)lead length at TA=75 Peak forward surge current 8.3ms sing-wave superimposed on rated load (JEDEC method)TA=75 Maximum instantaneous forward voltage at 1.0 A Maximum DC Rreverse Current at rated DC blocking voltage Maximum full load reverse current full cycle average. 0.375"(9.5mm)lead length at TL=55 Maximum reverse recovery time(Note 1) Typical junction Capacitance(Note 2) Trr IR VF IFSM VRRM VRMS VDC I(AV)
1N4933 1N4934
50 35 50 100 70 100
1N4935 1N4936 1N4937
200 140 200 1.0 400 280 400 600 420 600
Units
Volts Volts Volts Amp
30.0
Amps
1.3
Volts
5.0
A 100
200.0 15.0
ns pF
CJ
TJ TSTG
Operating and storage temperature range
-65 to +150
Notes: 1.Test conditions:IF=0.5A,IR=1.0A,Irr=0.25A.
2.Measured at 1MHz and applied reverse voltage of 4.0V Volts
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2
CE
CHENYI ELECTRONICS
1N4933 THRU 1N4937
FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 600 Volts Forward Current - 1.0Amperes
RATINGS AND CHARACTERISTIC CURVES 1N4933 THRU 1N4937
FLG.1-TYPICAL FORWARD CURRENT DERATING CURVE FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
FIG.4-TYPICAL INSTANTANEOUS FORWARD FIG.3-TYPICAL JUNCTION CAPACITANCE CHARACTERISTICS
FIG.5-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISIC
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of IN4935

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X