Part Number Hot Search : 
1392K 10130 04P5X MAX109 SC321 ACT3215 04P5X 34002
Product Description
Full Text Search
 

To Download HMJE13007A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200501 Issued Date : 2005.06.01 Revised Date : 2006.07.04 Page No. : 1/5
HMJE13007A
NPN EPITAXIAL PLANAR TRANSISTOR
Description
* High Voltage, High Speed Power Switch * Switch Regulators * PWM Inverters and Motor Controls * Solenoid and Relay Drivers * Deflection Circuits
TO-220
Absolute Maximum Ratings (TA=25C)
* Maximum Temperatures Storage Temperature ........................................................................................................................... -50 ~ +150 C Junction Temperature ..................................................................................................................... 150 C Maximum * Maximum Power Dissipation Total Power Dissipation (TC=25C) .................................................................................................................... 80 W * Maximum Voltages and Currents (TA=25C) VCBO Collector to Emitter Voltage ...................................................................................................................... 700 V VCEO Collector to Emitter Voltage ...................................................................................................................... 400 V VEBO Emitter to Base Voltage ................................................................................................................................ 9 V IC Collector Current ........................................................................................................................... Continuous 8 A IB Base Current .................................................................................................................................. Continuous 4 A
Electrical Characteristics (TA=25C)
Symbol BVCBO BVCEO IEBO ICEX *VCE(sat)1 *VCE(sat)2 *VCE(sat)3 *VBE(sat) *VBE(sat) *hFE1 *hFE2 *hFE3 Min. 700 400 15 15 13 Typ. Max. 100 100 1 2 3 1.2 1.6 25 Unit V V uA uA V V V V V IC=10mA VEB=9V VCE=700V, VBE(off)=1.5V IC=2A, IB=0.4A IC=5A, IB=1A IC=8A, IB=2A IC=2A, IB=0.4A IC=5A, IB=1A IC=0.5A, VCE=5V IC=2A, VCE=5V IC=4A, VCE=5V
*Pulse Test: Pulse Width 380us, Duty Cycle2%
Test Conditions IC=1mA, VBE(off)=1.5V
HMJE13007A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100
Spec. No. : HE200501 Issued Date : 2005.06.01 Revised Date : 2006.07.04 Page No. : 2/5
Saturation Voltage & Collector Current
10000 VCE(sat) @ IB=5IB
75 C
o
Saturation Voltage (mV)
125 C
o
1000
75 C
o
hFE
25 C 10
o
125 C 100 25 C
o
o
hFE @ VCE=5V
1 1 10 100 1000 10000
10 1 10 100 1000 10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
10000 VCE(sat) @ IC=4IB
10000
Saturation Voltage & Collector Current
VBE(sat) @ IC=5IB
Saturation Voltage (mV)
1000 125 C 25 C 100 75 C
o o o
Saturation Voltage (mV)
75 C 1000 25 C
o
o
125 C
o
10 1 10 100 1000 10000
100 1 10 100 1000 10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Switchange Time & Collector Current
10 VCC=125V, IC=5IB1, IC=2IB2 1000
Collector Output Capacitance
Switching Time (uS).. .
1 Ton
Capacitance (pF)
Tstg
100
Cob
10
Tf 0.1 0.1 1 10 1 0.1 1 10 100
Collector Current-IC (A)
Collector Base Voltage (V)
HMJE13007A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200501 Issued Date : 2005.06.01 Revised Date : 2006.07.04 Page No. : 3/5
Safe Operating Area
10000
Collector Current-IC (mA)
1000 1mS 100mS 100 1S 10
1 1 10 100 1000
Forward Voltage-VCE (V)
HMJE13007A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-220AB Dimension
Marking:
A D B E C F
Pb Free Mark
Pb-Free: " . " (Note) Normal: None H
Spec. No. : HE200501 Issued Date : 2005.06.01 Revised Date : 2006.07.04 Page No. : 4/5
MJ E 13007A Control Code
H I G Tab P L J M 3 2 1 O N K
Date Code
Note: Green label is used for pb-free packing Pin Style: 1.Base 2.Collector 3.Emitter Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
DIM A B C D E F G H I J K L M N O P
Min. 5.58 8.38 4.40 1.15 0.35 2.03 9.66 3.00 0.75 2.54 1.14 12.70 14.48
Max. 7.49 8.90 4.70 1.39 0.60 2.92 10.28 *16.25 *3.83 4.00 0.95 3.42 1.40 *2.54 14.27 15.87
*: Typical, Unit: mm
3-Lead TO-220AB Plastic Package HSMC Package Code: E
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HMJE13007A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Soldering Methods for HSMC's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP Ramp-up TL Tsmax Temperature tL
Spec. No. : HE200501 Issued Date : 2005.06.01 Revised Date : 2006.07.04 Page No. : 5/5
Critical Zone TL to TP
Tsmin tS Preheat
Ramp-down
25 t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3 C/sec 100oC 150oC 60~120 sec <3oC/sec 183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o o
Pb-Free Assembly <3oC/sec 150oC 200oC 60~180 sec <3oC/sec 217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
Peak temperature 245 C 5 C
o o o o
Dipping time 10sec 1sec 10sec 1sec
260 C 5 C
HMJE13007A
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HMJE13007A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X