Part Number Hot Search : 
G4PH30K MUR820 MX98748 TPCF8A01 0VXR56 FM105 AN8037 41051
Product Description
Full Text Search
 

To Download GBU4A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU4A ~ GBU4M
PRV : 50 - 1000 Volts Io : 4.0 Amperes
FEATURES :
* * * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Ideal for printed circuit board Very good heat dissipation Pb / RoHS Free
SILICON BRIDGE RECTIFIERS
0.125(3.2)x45 CHAMFER
0.880 (22.3) 0.860 (21.8)
0.160 (4.1) 0.140 (3.5)
0.140 (3.56) 0.130 (3.30)
0.740(18.8) 0.720(18.3)
+~
~
0.383(9.7) 0.367(9.3)
0.050 (1.27) 0.040 (1.02)
MECHANICAL DATA :
* Case : Reliable low cost construction utilizing molded plastic technique * Terminals : Plated lead solderable per MIL-STD-705, Method 2026 * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 4.0 grams
0.210 (5.33) 0.190 (4.83)
0.022 (0.56) 0.018 (0.46)
Dimensions in inches and (millimeters)
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Tc = 100C Maximum Peak Forward Surge Current ( 50 Hz, Half-cycle, Sinwave, Single Shot ) Maximum Instantaneous Forward Voltage drop per leg at IF = 4.0 A Maximum DC Reverse Current at Rated DC Blocking Voltage Tj = 25 C Tj = 100 C
SYMBOL
VRRM VRMS VR IF(AV) IFSM
GBU GBU GBU GBU GBU GBU GBU UNIT 4A 4B 4D 4G 4J 4K 4M
50 35 50 100 70 100 200 140 200 400 280 400 4.0 80 600 420 600 800 560 800 1000 700 1000 V V V A A
VF IR IR(H) Cj RJC RJA Tj , TSTG 101
1.0 5.0 500 46 2.5 22 - 55 to + 150
0.720 (18.29) 0.680 (17.27)
0.080(2.03) 0.060(1.52)
0.075 (1.9) 0.060 (1.5)
V A A pF C/W C/W C
Typical junction Capacitance per leg (Note 3) Typical Thermal Resistance, Junction to Case (Note 1) Typical Thermal Resistance, Junction to Ambient (Note 2) Operating Junction and Storage Temperature Range
Notes : 1. Unit case mounted on 1.6"x1.6"x0.06" THK (4.0x4.0x0.15cm) Al. Plate. 2. Units mounted on P.C. Board with 0.5"x0.5" (12mmx15mm) copper pads and 0.375"(9.5mm) lead lengths. 3. Measured at 1.0 MHz and applied reverse voltage of 4.0 volts.
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( GBU4A THRU GBU4M )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
5.0
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER BRIDGE ELEMENT
150
4.0
PEAK FORWARD SURGE CURRENT, AMPERES
TJ = 150 C
120
3.0 HEAT-SINK MOUNTING 1.6"X1.6"X0.06" (4.0X4.0X0.15CM)Al. PLATE
90
Single Sine W ave (JEDEC Method)
2.0
60
1.0
30
0 0 25 50 75 100 125 150 175
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
100
Ta = 125 C
FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
10
1.0
1.0
0.1
TJ = 25 C PULSE W IDTH = 300s 2% Duty Cycle
Ta = 25 C
0.1
0.01 0.4
0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of GBU4A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X