Part Number Hot Search : 
MX7501 M6005 40CPQ080 T1215 C111HAF0 MJ3042 075757 TLP734
Product Description
Full Text Search
 

To Download GBU4A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND UC TO R S
GBU4A - GBU4K
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
! ! ! ! !
!
Glass Passivated Die Construction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards E G
A D J C
+ ~ ~ GBU Dim Min Max A 21.80 22.30 B 18.30 18.80 C 7.40 7.90 D 3.50 4.10 E 1.52 2.03 G 2.16 2.54 H 4.83 5.33 J 1.65 2.16 K 1.65 2.03 L 0.76 1.02 M 3.30 3.56 N 17.50 18.00 P 0.46 0.56 All Dimensions in mm
K H M
Mechanical Data
! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 4.0 grams (approx.) Mounting Position: Any Marking: Type Number
B
L N P
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C @TA = 40C
Symbol VRRM VRWM VR VR(RMS) IO
GBU4A
GBU4B
GBU4D
GBU4G
GBU4J
GBU4K
Unit
50 35
100 70
200 140 4.0 3.0 150 93 1.0 5.0 500 19 4.0
400 280
600 420
800 560
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) I2t Rating for Fusing (t < 8.35ms) Forward Voltage (per element) Peak Reverse Current At Rated DC Blocking Voltage @IF = 4.0A @TA = 25C @TC = 100C
IFSM I2t VFM IR RJA RJC Tj, TSTG
A A2s V A K/W K/W C
Typical Thermal Resistance (per leg) (Note 1) Typical Thermal Resistance (per leg) (Note 2) Operating and Storage Temperature Range
-55 to +150
Note: 1. Thermal resistance junction to ambient, mounted on PCB at 9.5mm lead length with 12mm2 copper pads. 2. Thermal resistance junction to case, mounted on 5.0 x 4.0 x 0.8cm thick AL plate.
GBU4A - GBU4K
1 of 3
(c) 2002 Won-Top Electronics
5
Heatsink
IF, INSTANTANEOUS FORWARD CURRENT (A)
6 IO, AVERAGE RECTIFIED CURRENT (A)
100
4
Tj = 25C
10
3
PC Board
2
1.0
1
Resistive or Inductive load
Pulse width = 300s
0 0 25 50 75 100 125 150
0.1 0.0 0.2 0.6 1.0 1.4 1.8
T , TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Fwd Characteristics, per element
IFSM, PEAK FORWARD SURGE CURRENT (A)
Single half-sine-wave (JEDEC method)
100
160
Tj = 25C f = 1.0MHz
120
Cj, JUNCTION CAPACITANCE (pF)
100
Tj = 25C
10
80
40
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Surge Current
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
GBU4A - GBU4K
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
GBU4A GBU4B GBU4D GBU4G GBU4J GBU4K
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
25 Units/Tube 25 Units/Tube 25 Units/Tube 25 Units/Tube 25 Units/Tube 25 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
GBU4A - GBU4K
3 of 3


▲Up To Search▲   

 
Price & Availability of GBU4A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X